Part Number Hot Search : 
MYB33C 2N5551HR 08A50 CFAST MB89181 08A50 ON1427 08A50
Product Description
Full Text Search
 

To Download MAX1573EVKIT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-2894; Rev 0; 6/03
MAX1573 Evaluation Kit
General Description
The MAX1573 evaluation kit (EV kit) is a fully assembled and tested surface-mount circuit board. The EV kit contains the MAX1573, a white LED driver with a high-efficiency charge pump. The EV kit accepts a 2.7V to 5.5V input voltage and drives up to 4 white LEDs with regulated constant current for uniform intensity. The MAX1573 runs at 1MHz fixed frequency, allowing tiny external components. o Proprietary Adaptive 1x/1.5x Modes o High Efficiency (PLEDs / PBATT), Up to 92% o 2% LED Current Matching o 28mA/LED Drive Capability o Eliminates Ballast Resistor o Low 0.1A Shutdown Current o 2.7V to 5.5V Input Voltage Range o Tiny 2.1 x 2.1 x 0.6mm UCSP Package o Surface-Mount Components o Fully Assembled and Tested
Features
Evaluates: MAX1573
Component List
DESIGNATION C1-C4 QTY 4 DESCRIPTION 1F 10%, 6.3V X5R ceramic capacitors (0603) TDK C1608X5R0J105K Surface-mount white LEDs Nichia NSCW215T 3-pin headers Not installed 7.5k 1% resistor (0603) MAX1573EBE Shunts MAX1573EVKIT PC board
D1-D4 JU1, JU2 JU3 R1 U1 None None
4 2 1 1 1 2 1
Ordering Information
PART MAX1573EVKIT TEMP RANGE 0C to +70C IC PACKAGE 14 UCSP 4 x 4
Component Suppliers
SUPPLIER Nichia Panasonic Taiyo Yuden TDK COMPONENT LEDs Resistors Capacitors Capacitors PHONE 717-285-2323 714-373-7366 408-573-4150 888-835-6646 WEBSITE www.nichia.com www.maco.panasonic.co.jp www.t-yuden.com www.component.tdk.com
Note: Please indicate that you are using the MAX1573 when contacting these suppliers.
Quick Start
Recommended Equipment
* Variable-output power supply capable of supplying up to +5.5V at 300mA
Procedure
The MAX1573 EV kit is fully assembled and tested. Perform the following steps to verify board operation. Do not turn on the power supply until all connections are completed: 1) Verify that shunts are across pins 1 and 2 of JU1 (EN1) and JU2 (EN2). 2) Preset the power supply to 2.7V and turn off.
UCSP is a trademark of Maxim Integrated Products, Inc.
3) Connect the positive lead of the power supply to the VIN pad on the EV kit board. Connect the ground lead of the power supply to the GND pad directly below the VIN pad. 4) Turn on the power supply. 5) Verify that all 4 white LEDs are on with uniform intensity. 6) Sweep the power supply to 5.5V. Verify that all 4 LEDs remain on with constant and uniform intensity. 7) Reconfigure JU1 and JU2 to verify the different brightness levels. For instructions on brightness control, see Table 1.
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
MAX1573 Evaluation Kit Evaluates: MAX1573
Table 1. JU1 and JU2 Functions (Dimming Control)
JU1 POSITION 1 and 2 1 and 2 2 and 3 2 and 3 EN1 Connected to VIN Connected to VIN Connected to GND Connected to GND JU2 POSITION 1 and 2 2 and 3 1 and 2 2 and 3 EN2 Connected to VIN Connected to GND Connected to VIN Connected to GND MAX1573 OUTPUT Full brightness 3/10 brightness 1/10 brightness Shutdown
Detailed Description
Jumper Selection
EN1 and EN2 on the MAX1573 provide control for ON/OFF, 1/10, 3/10, and full current. JU1 and JU2 connect these 2 pins to either VIN or GND (see Table 1). An external signal can be used to drive EN1 or EN2 by removing the corresponding shunt completely from the jumper and connecting the external signal to the appropriate connecting pad.
Evaluating Off-Board LEDs
The MAX1573 EV kit allows for easy evaluation of offboard LEDs. To evaluate off-board LEDs, first cut the trace that shorts JU3. Next, connect the pad labeled VOUT on the EV kit to the anodes of the LEDs under evaluation. Last, connect the cathode of each LED to one of the EV kit pads labeled LED1-LED4. If evaluating fewer than 4 off-board LEDs, see the Evaluating Fewer Than 4 LEDs section.
Evaluating Fewer than 4 LEDs
To evaluate fewer than 4 LEDs, remove the desired LED(s) and connect the corresponding LED pad(s) to the input voltage. Do not leave LED pad(s) floating.
Setting LED Current
The default LED current is set to 17mA (with shunts across pins 1 and 2 on JU1 and JU2). To set a different LED current, change R1, where R1 = 215 x 0.6 / ILED(FULL).
C2 1F
C3 1F VOUT
VIN 2.7V TO 5.5V C1 1F EN1/PWM 1 2 3 JU1
D1 C1N C1 IN
A1 B1 C1P C2N
B2 C2P OUT A2 C4 1F
JU3 SHORT D1 D2 D3 D4
U1
A3 EN1
MAX1573
LED1 D4 C4 D3 C3 LED1 LED2 LED3 LED4 GND0
EN2
1 2 3
JU2
LED2 A4 EN2 LED3 B4 SET GND D2 LED4
GND R1 7.5k 1%
Figure 1. MAX1573 EV Kit Schematic 2 _______________________________________________________________________________________
MAX1573 Evaluation Kit Evaluates: MAX1573
Figure 2. MAX1573 EV Kit Component Placement Guide--Top Silkscreen
Figure 4. MAX1573 EV Kit PC Board Layout--Component Side
Figure 3. MAX1573 EV Kit Component Placement Guide-- Bottom Silkscreen
Figure 5. MAX1573 EV Kit PC Board Layout--Solder Side
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 _____________________ 3 (c) 2003 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX1573EVKIT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X