Part Number Hot Search : 
CKM0620 2903069 BAT68 MC341 M627X3 ST163 60030 RH5RH66
Product Description
Full Text Search
 

To Download MAX1088EVKIT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-2251; Rev 0; 12/01
MAX1286 Evaluation Kit and Evaluation System
General Description
The MAX1286 evaluation system (EV system) is a complete 12-bit, 2-channel data-acquisition system, consisting of a MAX1286 evaluation kit (EV kit) and a Maxim 68HC16MODULE-DIP microcontroller (C) module. Order the complete EV system (MAX1286EVC16) for a comprehensive evaluation of the MAX1286 using a personal computer (PC). Order the EV kit (MAX1286EVKIT) separately if the 68HC16MODULE-DIP module has already been purchased with a previous Maxim EV system or for custom use in other C-based systems. The MAX1286 EV kit can also be used to evaluate the MAX1288, MAX1086, and MAX1088. o Proven PC Board Layout o Windows 95/98(R) Evaluation Software o Convenient On-Board Test Points o Fully Assembled and Tested
Features
Evaluate: MAX1286/MAX1288/MAX1086/MAX1088
Ordering Information
PART MAX1286EVKIT MAX1286EVC16 TEMP RANGE 0C to +70C 0C to +70C INTERFACE User Supplied Windows
Note: The MAX1286 software is designed for use with the complete EV system. It includes both a C module and the EV kit. If the Windows software will not be used, the EV kit board can be purchased by itself, without the C module.
Component List
MAX1286EVC16 System
PART MAX1286EVKIT 68HC16MODULE-DIP QTY 1 1 DESCRIPTION MAX1286 EV kit 68HC16 C module
MAX1286EVKIT
DESIGNATION C1, C4 C2, C3 C5 J1 TP1 U1 QTY 2 2 0 1 1 1 DESCRIPTION 0.1F ceramic capacitors (0603) 100pF ceramic capacitors (0603) Open (0603) 2 20 right-angle female connector Samtec SSW-120-02-S-D-RA 5-pin header MAX1286EKA-T (SOT23-8) None 1 DESIGNATION U2 None None QTY 1 1 1 DESCRIPTION MAX6064AEUR-T (SOT23-3) PC board, "MAX1286 Evaluation Kit" 3.5in software disk, "MAX1286 Evaluation Kit" MAX1286 EV kit data sheet (includes 68HC16MODULE-DIP manual) MAX1286 data sheet
None
1
Windows 95/98 is a registered trademark of Microsoft Corp.
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
MAX1286 Evaluation Kit and Evaluation System Evaluate: MAX1286/MAX1288/MAX1086/MAX1088
Quick Start
Recommended Equipment
Before you begin, you will need the following equipment: * Maxim MAX1286EVC16 (MAX1286EVKIT board and 68HC16MODULE-DIP) * A DC power supply (8V - 20V) * An IBM-compatible PC with Windows 95/98 * A free standard serial port, preferably a 9-pin plug * A standard serial cable to connect the PCs standard serial port to the 68HC16MODULE-DIP module 1) Carefully connect the boards by aligning the 40-pin connector of the MAX1286 EV kit with the 40-pin header of the 68HC16MODULE-DIP module. Gently press them together. The two boards should be flush against one another. 2) Ensure that the C module SW1 switch is in the OFF position. 3) Connect the 8V to 20V power supply to the C module terminal block located next to SW1. Observe the polarity marked on the board. 4) Connect a standard serial cable from the computer's serial port to the C module. If the PCs standard serial port has a 9-pin connector, use a straightthrough, 9-pin female-to-male cable. If the PCs only available standard serial port has a 25-pin connector, a standard 25-pin to 9-pin adapter will be required. The EV kit software checks the modem status lines (CTS, DSR, DCD) to confirm that the correct port has been selected. 5) Install the MAX1286 EV kit software on your computer by running the INSTALL.EXE program on the floppy disk. The program files are copied and icons are created for them in the Windows Start Menu. 6) Start the MAX1286 program by opening its icon in the Start Menu. 7) The Windows program will prompt you to connect the C module and turn its power on. Slide SW1 to the ON position. When you click OK, the Windows program will automatically download KIT1286.C16 to the module. 8) Apply an input signal (0V to VREF) between AIN1 and GND. Observe the readout on the running Windows program.
Detailed Description
MAX1286 Standalone EV Kit
The MAX1286EVKIT provides a proven PC board layout to evaluate the MAX1286. It must be interfaced to appropriate timing signals for proper operation. Connect 5V to VDD and connect ground return to GND. Refer to Figure 2, MAX1286 EV Kit Schematic, and the MAX1286 data sheet for timing requirements.
MAX1286 EV System
The MAX1286EVC16 EV system operates from a usersupplied 8V to 20V DC power supply. Windows 95/98 software interfaces to the EV system board through the PC's standard serial port. See the Quick Start section for setup and operating instructions.
Detailed Description of Software
The evaluation software's main window is shown in Figure 1. It controls the serial clock speed and sample rate. It also displays the voltage and output code as well as some statistics of the input signal. A separate graph shows the data changing in real time. The update rate is limited to about 10 samples per second, due to COM port bandwidth limitations.
Part Selection
The part selection area allows the user to evaluate other parts in the MAX1286 family. Use the pulldown menu to select the MAX1286, MAX1288, MAX1086 or MAX1088. The default part is the MAX1286.
Channel Selection
The channel selection area allows the user to select AIN1 only, AIN2 only, or AIN1 and AIN2 by simply checking the corresponding channel checkbox. The current voltage and code is also displayed for each active channel.
ADC to C Sample Rate
The SPITM SCLK frequency area allows the user to modify the ADC to C sample rate. Use the pulldown menu to select the desired SCLK frequency. The first two digits are the divisor for the Cs internal clock. The next floating point number is the corresponding SCLK frequency. The voltage at the ADCs active channels is digitized and stored in the Cs memory. The approximate ADC to C sample rate is displayed on the right side of the main window.
SPI is a trademark of Motorola, Inc.
2
_______________________________________________________________________________________
MAX1286 Evaluation Kit and Evaluation System Evaluate: MAX1286/MAX1288/MAX1086/MAX1088
Figure 1. MAX1286 Evaluation Software Main Window
C to PC Data Rate
The C to PC data rate area allows the user to manually or automatically read the digitized data stored in the C. To manually read the digitized data, press the "Read" button. To configure the software to automatically read, check the Read Every checkbox. The automatic read rate can be changed by selecting the desired amount of milliseconds in the pulldown menu. The program waits the selected amount of milliseconds before reading again. The approximate C to PC data rate is displayed on the right side of the main window.
Reference Voltage
The evaluation software assumes a 4.096V reference voltage, unless otherwise specified. To override the 4.096V reference value, cut JU1 and apply the new reference voltage to the lower connection of JU1. Then type in the new reference voltage, without the volt unit, and press the "Set VREF" button. The EV kit software uses the value typed in the VREF field to translate the digital code to a voltage.
Statistics
The Minimum and Maximum fields in the statistics area show the highest and lowest readings acquired. The Average field shows a running mean. When reading data manually by pressing the Read button, the Average and RMS fields require approximately five samples until they are accurately represented. The Clear Statistics button resets the statistics.
Detailed Description of Hardware
The MAX1286 is a 2-channel, 12-bit serial ADC. When the MAX1286EVKIT board is connected to the 68HC16MODULE-DIP module, power is provided by the module. See Figure 2, MAX1286 EV Kit Schematic. The MAX6064A voltage reference is included on the MAX1286EVKIT board. It is a 4.096V voltage reference with a temperature coefficient of 20ppm/C. If another voltage reference is desired, cut the JU1 trace to disconnect the MAX6064A from the MAX1286.
_______________________________________________________________________________________
3
MAX1286 Evaluation Kit and Evaluation System Evaluate: MAX1286/MAX1288/MAX1086/MAX1088
TP1 VDD 1 VDD 1 C1 0.1F AIN1 C2 100pF AIN2 C3 100pF GND 2 VDD U1 AIN1 8 2 3 4 5 J1-1 J1-2 J1-37 J1-3 7 J1-4 J1-35
SCLK
MAX1286
DOUT
3
CNVST AIN2 REF
6
J1-38
5 C5 OPEN
VDD J1-7 JU1 CUTHERE J1-8
4
GND VDD
C4 0.1F 1 IN U2 OUT 2
MAX6064A
GND 3
Figure 2. MAX1286 EV Kit Schematic
Evaluating Other MAX1286 Family Devices
The MAX1286EVKIT board can also be used to evaluate other parts in the MAX1286 family. The parts that can be evaluated using the MAX1286EVKIT board are: the MAX1286, MAX1288, MAX1086, or MAX1088. The first two digits in the part number represent the resolution of the ADC. For example, the MAX1286 is a 12-bit ADC and the MAX1086 is a 10-bit ADC. The MAX1286 and MAX1086 are two-channel parts, while the MAX1288 and MAX1088 have one differential input.
4
_______________________________________________________________________________________
MAX1286 Evaluation Kit and Evaluation System Evaluate: MAX1286/MAX1288/MAX1086/MAX1088
1.0"
Figure 3. MAX1286 EV Kit Component Placement Guide-- Component Side
1.0"
Figure 4. MAX1286 EV Kit PC Board Layout--Component Side
_______________________________________________________________________________________
5
MAX1286 Evaluation Kit and Evaluation System Evaluate: MAX1286/MAX1288/MAX1086/MAX1088
1.0"
Figure 5. MAX1286 EV Kit PC Board Layout--Solder Side
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
6 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2001 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX1088EVKIT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X