Part Number Hot Search : 
AMIS30 SSW524 AN6480 TEVAL S78L18 RM4190 HD29412 LS120
Product Description
Full Text Search
 

To Download M74HC7266 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M74HC7266
QUAD EXCLUSIVE NOR GATE
s
s
s
s
s
s
s
HIGH SPEED: tPD = 9ns (TYP.) at VCC = 6V LOW POWER DISSIPATION: ICC = 1A(MAX.) at TA=25C HIGH NOISE IMMUNITY: VNIH = V NIL = 28 % VCC (MIN.) SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 4mA (MIN) BALANCED PROPAGATION DELAYS: tPLH tPHL WIDE OPERATING VOLTAGE RANGE: VCC (OPR) = 2V to 6V PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 7266
DIP
SOP
TSSOP
ORDER CODES
PACKAGE DIP SOP TSSOP TUBE M74HC7266B1R M74HC7266M1R T&R M74HC7266RM13TR M74HC7266TTR
DESCRIPTION The M74HC7266 is an high speed CMOS QUAD EXCLUSIVE OR GATE fabricated with silicon gate C2MOS technology The M74HC7266 has an output buffer which is CMOS structure.
Input and Output ensure high noise immunity and stable outputs. All inputs are equipped with protection circuits against static discharge and transient excess voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
July 2001
1/9
M74HC7266
INPUT AND OUTPUT EQUIVALENT CIRCUIT PIN DESCRIPTION
PIN No 1, 5, 8, 12 2, 6, 9, 13 3, 4, 10, 11 7 14 SYMBOL 1A to 4A 1B to 4B 1Y to 4Y GND VCC NAME AND FUNCTION Data Inputs Data Inputs Data Outputs Ground (0V) Positive Supply Voltage
TRUTH TABLE
A L L H H B L H L H Y H L L H
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO PD Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Power Dissipation Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 25 50 500(*) -65 to +150 300 Unit V V V mA mA mA mA mW C C
ICC or IGND DC VCC or Ground Current
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied (*) 500mW at 65 C; derate to 300mW by 10mW/C from 65C to 85C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top tr, tf Supply Voltage Input Voltage Output Voltage Operating Temperature Input Rise and Fall Time VCC = 2.0V VCC = 4.5V VCC = 6.0V Parameter Value 2 to 6 0 to VCC 0 to VCC -55 to 125 0 to 1000 0 to 500 0 to 400 Unit V V V C ns ns ns
2/9
M74HC7266
DC SPECIFICATIONS
Test Condition Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 VOL Low Level Output Voltage 2.0 4.5 6.0 4.5 6.0 II ICC Input Leakage Current Quiescent Supply Current 6.0 6.0 IO=-20 A IO=-20 A IO=-20 A IO=-4.0 mA IO=-5.2 mA IO=20 A IO=20 A IO=20 A IO=4.0 mA IO=5.2 mA VI = VCC or GND VI = VCC or GND TA = 25C Min. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.18 5.68 2.0 4.5 6.0 4.31 5.8 0.0 0.0 0.0 0.17 0.18 0.1 0.1 0.1 0.26 0.26 0.1 1 1.9 4.4 5.9 4.13 5.63 0.1 0.1 0.1 0.33 0.33 1 10 Typ. Max. Value -40 to 85C Min. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.10 5.60 0.1 0.1 0.1 0.40 0.40 1 20 A A V V Max. -55 to 125C Min. 1.5 3.15 4.2 0.5 1.35 1.8 Max. V Unit
VIH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage
VIL
V
VOH
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
Test Condition Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 TA = 25C Min. Typ. 30 8 7 36 11 9 Max. 75 15 13 90 18 15 Value -40 to 85C Min. Max. 95 19 16 115 23 20 -55 to 125C Min. Max. 110 22 19 135 27 23 ns Unit
tTLH tTHL Output Transition Time tPLH tPHL Propagation Delay Time
ns
3/9
M74HC7266
CAPACITIVE CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) 5.0 5.0 TA = 25C Min. Typ. 5 20 Max. 10 Value -40 to 85C Min. Max. 10 -55 to 125C Min. Max. 10 pF pF Unit
CIN CPD
Input Capacitance Power Dissipation Capacitance (note 1)
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/4 (per gate)
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance) RT = ZOUT of pulse generator (typically 50)
4/9
M74HC7266
WAVEFORM 1: PROPAGATION DELAY TIME (f=1MHz; 50% duty cycle)
5/9
M74HC7266
Plastic DIP-14 MECHANICAL DATA
mm. DIM. MIN. a1 B b b1 D E e e3 F I L Z 1.27 3.3 2.54 0.050 8.5 2.54 15.24 7.1 5.1 0.130 0.100 0.51 1.39 0.5 0.25 20 0.335 0.100 0.600 0.280 0.201 1.65 TYP MAX. MIN. 0.020 0.055 0.020 0.010 0.787 0.065 TYP. MAX. inch
P001A
6/9
M74HC7266
SO-14 MECHANICAL DATA
DIM. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 8.55 5.8 1.27 7.62 4.0 5.3 1.27 0.68 8 (max.) 0.149 0.181 0.019 8.75 6.2 0.35 0.19 0.5 45 (typ.) 0.336 0.228 0.050 0.300 0.157 0.208 0.050 0.026 0.344 0.244 0.1 mm. MIN. TYP MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.003 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
PO13G
7/9
M74HC7266
TSSOP14 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.45 0.60 0.05 0.8 0.19 0.09 4.9 6.2 4.3 5 6.4 4.4 0.65 BSC 8 0.75 0 0.018 0.024 1 TYP MAX. 1.2 0.15 1.05 0.30 0.20 5.1 6.6 4.48 0.002 0.031 0.007 0.004 0.193 0.244 0.169 0.197 0.252 0.173 0.0256 BSC 8 0.030 0.004 0.039 MIN. TYP. MAX. 0.047 0.006 0.041 0.012 0.0089 0.201 0.260 0.176 inch
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
0080337D
8/9
M74HC7266
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2001 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom (c) http://www.st.com
9/9


▲Up To Search▲   

 
Price & Availability of M74HC7266

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X