Part Number Hot Search : 
NB100 DTC124E 2940T FRF1030 34063AD D2150 9435A FRM234R
Product Description
Full Text Search
 

To Download M74HC590 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M54HC590 M74HC590
8 BIT BINARY COUNTER REGISTER (3 STATE)
.HI .LOWPOWERDI .HI .OUTPUTDRI .SYMMETRI .BALANCEDPROPAGATI .WI .PI
GH SPEED fMAX = 62 MHz (TYP.) AT VCC = 5 V SSIPATION ICC = 4 A (MAX.) AT TA = 25 C GH NOISE IMMUNITY VNIH = VNIL = 28 % VCC (MIN.) VE CAPABILITY 10 LSTTL LOADS (for RCO) 15 LSTTL LOADS (for QA QH) CAL OUTPUT IMPEDANCE IOH= IOL = 6 mA (MIN.) FOR QA ~ QH OUTPUT IOH= IOL = 4 mA (MIN.) FOR RCO OUTPUT ON DELAYS tPLH = tPHL DE OPERATING VOLTAGE RANGE VCC (OPR) = 2 V TO 6 V N AND FUNCTION COMPATIBLE WITH 54/74LS590
B1R (Plastic Package)
F1R (Ceramic Package)
M1R (Micro Package)
C1R (Chip Carrier)
ORDER CODES : M54HC590F1R M74HC590M1R M74HC590B1R M74HC590C1R
PIN CONNECTIONS (top view)
DESCRIPTION The M54/74HC590 is a high speed CMOS 8-BIT BINARY COUNTER REGISTER (3-STATE) fabri2 cated in silicon gate C MOS technology. It has the same high speed performance of LSTTL combined with true CMOS low power consumption. These devices each contain an 8-bit binary counter that feeds an 8-bit storage register. The storage register has parallel outputs. Separate clocks are provided for both the binary counter and storage register. The binary counter features a direct clear input CCLR and a count enable input CCKEN. For cascading, a ripple carry output RCO is provided. Expansion is easily accomplished by tying RCO of the first stage to CCKEN of the second stage, etc. Both the counter and register clocks are positiveedge triggered. If the user wishes to connect both clocks together, the counter state will always be one count ahead of the register. Internal circuitry prevents clocking from the clock enable. All inputs are equipped with protection circuits against static discharge and transient excess voltage.
March 1993
NC = No Internal Connection
1/14
M54/M74HC590
INPUT AND OUTPUT EQUIVALENT CIRCUIT
TRUTH TABLE
INPUTS G H L X X X X X X X X X X RCK X X CCLR X X X X L H H H CCKEN X X X X X L L H X CCK X X X X X OUTPUT Q OUTPUTS DISABLE Q OUTPUTS ENABLE COUNTER DATA IS STORED INTO REGISTER REGISTER STATE IS NOT CHANGED COUNTER CLEAR ADVANCE ONE COUNT NO COUNT NO COUNT
X: DON'T CARE RCO = QA' * QB' * QC' * QD' * QE' * QF' * QG' * QH' (QA' to QH': INTERNAL OUTPUTS OF THE COUNTER)
LOGIC DIAGRAM
2/14
M54/M74HC590
LOGIC DIAGRAM
3/14
M54/M74HC590
TIMING CHART
4/14
M54/M74HC590
PIN DESCRIPTION
PIN No 1, 2, 3, 4, 5, 6, 7, 15 11 12 13 9 14 10 8 16 SYMBOL QA to QH CCK CCKEN RCK RCO G CCLR GND V CC NAME AND FUNCTION Outputs Counter Clock Input Counter Clock Enable Input Register Clock Input Ripple Carry Output Output Enable Input Counter Clear Input Ground (0V) Positive Supply Voltage
IEC LOGIC SYMBOL
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO ICC or IGND PD Tstg TL Parameter Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Source Sink Current Per Output Pin (RCO) (QA - QH) DC VCC or Ground Current Power Dissipation Storage Temperature Lead Temperature (10 sec) Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 25 35 70 500 (*) -65 to +150 300 Unit V V V mA mA mA mA mW
o o
C C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition isnotimplied. (*) 500 mW: 65 oC derate to 300 mW by 10mW/oC: 65 oC to 85 oC
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top tr, tf Parameter Supply Voltage Input Voltage Output Voltage Operating Temperature: M54HC Series M74HC Series Input Rise and Fall Time Value 2 to 6 0 to VCC 0 to VCC -55 to +125 -40 to +85 0 to 1000 0 to 500 0 to 400 Unit V V V C o C ns
o
VCC = 2 V VCC = 4.5 V VCC = 6 V
5/14
M54/M74HC590
DC SPECIFICATIONS
Test Conditions Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 V OH High Level Output Voltage (for RCO output) 2.0 4.5 6.0 4.5 V OH High Level Output Voltage (for QA to QH outputs) 6.0 2.0 4.5 6.0 4.5 6.0 VOL Low Level Output Voltage (for RCO output) 2.0 4.5 6.0 4.5 6.0 VOL Low Level Output Voltage (for QA to QH outputs) 2.0 4.5 6.0 4.5 6.0 II IOZ ICC Input Leakage Current 3 State Output Off State Current Quiescent Supply Current 6.0 6.0 6.0 VI = IO=-20 A VIH or V IL IO=-4.0 mA IO=-5.2 mA VI = IO=-20 A VIH or V IL IO=-6.0 mA IO=-7.8 mA VI = IO= 20 A VIH or V IL IO= 4.0 mA IO= 5.2 mA VI = IO= 20 A VIH or V IL IO= 6.0 mA IO= 7.8 mA VI = VCC or GND VO = VCC or GND VI = VCC or GND 1.9 4.4 5.9 4.18 5.68 1.9 4.4 5.9 4.18 5.68 2.0 4.5 6.0 4.31 5.8 2.0 4.5 6.0 4.31 5.8 0.0 0.0 0.0 0.17 0.18 0.0 0.0 0.0 0.17 0.18 0.1 0.1 0.1 0.26 0.26 0.1 0.1 0.1 0.26 0.26 0.1 0.5 4 TA = 25 oC 54HC and 74HC Min. Typ. Max. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.13 5.63 1.9 4.4 5.9 4.13 5.63 0.1 0.1 0.1 0.33 0.33 0.1 0.1 0.1 0.33 0.33 1 5 40 Value -40 to 85 oC -55 to 125 oC 74HC 54HC Min. Max. Min. Max. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.10 5.60 1.9 4.4 5.9 4.10 5.60 0.1 0.1 0.1 0.40 0.40 0.1 0.1 0.1 0.40 0.40 1 10 80 A A A V V V V 1.5 3.15 4.2 0.5 1.35 1.8 V V Unit
VIH
High Level Input Voltage Low Level Input Voltage
V IL
6/14
M54/M74HC590
AC ELECTRICAL CHARACTERISTICS (C L = 50 pF, Input t r = tf = 6 ns)
Test Conditions Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 tPZL tPZH Output Enable Time 2.0 4.5 6.0 2.0 4.5 0 tPLZ tPHZ fMAX Output Disable Time Maximum Clock Frequency Minimum Pulse Width (CCK, RCK) Minimum Pulse Width (CCLR) Minimum Set-up Time (CCKEN - CCK) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 150 RL = 1 K CL (pF) TA = 25 oC 54HC and 74HC Min. Typ. 25 7 6 30 8 7 56 19 16 53 21 18 48 17 14 60 21 18 RL = 1 K 39 13 11 51 17 14 28 14 12 6.6 33 39 13 52 61 36 9 8 32 8 7 44 11 9 Max. 60 12 10 75 15 13 165 33 28 175 35 30 145 29 25 185 37 31 105 21 18 135 27 23 105 21 18 5.2 26 31 100 20 17 75 15 13 100 20 17 125 25 21 95 19 16 125 25 21 Value -40 to 85 oC -55 to 125 oC 74HC 54HC Min. Max. 75 15 13 95 19 16 205 41 35 220 44 37 180 36 31 230 46 39 130 26 22 170 34 29 130 26 22 4.4 22 26 145 29 25 110 22 19 150 30 26 ns Min. Max. 90 18 15 115 23 20 250 50 43 265 53 45 220 44 37 280 56 48 160 32 27 205 41 35 160 32 27 ns
Unit
tTLH tTHL tTLH tTHL tPLH tPHL tPLH
Output Transition Time (Qn) Output Transition Time (RCO) Propagation Delay Time (CCK - RCO) Propagation Delay Time (CCLR - RCO) Propagation Delay Time (RCK - Q)
50
ns
50
ns
50
ns
50
ns
tPLH tPHL
50
ns
150
ns
50
ns
50
RL = 1 K
ns
50
ns
tW(L) tW(H) tW(L)
50
50
ns
ts
50
ns
7/14
M54/M74HC590
AC ELECTRICAL CHARACTERISTICS (C L = 50 pF, Input t r = tf = 6 ns)
Test Conditions Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 CL (pF) TA = 25 C 54HC and 74HC Min. Typ. 76 19 16 50 28 7 6 5 40 Max. 175 35 30 0 0 0 75 15 13 10
o
Value -40 to 85 oC -55 to 125 oC 74HC 54HC Min. Max. 220 44 37 0 0 0 95 19 16 10 Min. Max. 255 51 43 0 0 0 110 22 19 10
Unit
ts(H)
Minimum Set-up Time (CCK - RCK) Minimum Hold Time Minimum Hold Time (CCLR) Input Capacitance Power Dissipation Capacitance
50
ns
th
ns
tREM
50
ns pF pF
CIN CPD (*)
(*) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD *VCC *fIN + ICC
TEST WAVEFORM ICC (Opr.)
8/14
M54/M74HC590
SWITCHING CHARACTERISTICS TEST WAVEFORM
GND
VCC
9/14
M54/M74HC590
Plastic DIP16 (0.25) MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 TYP. MAX. MIN. 0.020 0.030 0.020 0.010 0.787 0.065 inch TYP. MAX.
DIM.
P001C
10/14
M54/M74HC590
Ceramic DIP16/1 MECHANICAL DATA
mm MIN. A B D E e3 F G H L M N P Q 7.8 2.29 0.4 1.17 0.22 0.51 0.38 17.78 2.79 0.55 1.52 0.31 1.27 10.3 8.05 5.08 0.307 0.090 0.016 0.046 0.009 0.020 3.3 0.015 0.700 0.110 0.022 0.060 0.012 0.050 0.406 0.317 0.200 TYP. MAX. 20 7 0.130 MIN. inch TYP. MAX. 0.787 0.276
DIM.
P053D
11/14
M54/M74HC590
SO16 (Narrow) MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 8 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.004 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
P013H
12/14
M54/M74HC590
PLCC20 MECHANICAL DATA
mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180
DIM.
P027A
13/14
M54/M74HC590
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
14/14


▲Up To Search▲   

 
Price & Availability of M74HC590

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X