Part Number Hot Search : 
28F800B BFG52 MTP4N80E 51414 JANSR2 C900506 M514260C SKL20240
Product Description
Full Text Search
 

To Download LTC3216 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LTC3216 1A Low Noise High Current LED Charge Pump with Independent Torch/Flash Current Control DESCRIPTIO
The LTC(R)3216 is a low noise, high current charge pump DC/DC converter designed to power high current LEDs. The part includes an accurate programmable current source capable of driving loads up to 1A from a 2.9V to 4.4V input. Low external parts count (two flying capacitors, two programming resistors and two bypass capacitors at VIN and CPO) make the LTC3216 ideally suited for small, battery-powered applications. Built-in soft-start circuitry prevents excessive inrush current during start-up. High switching frequency enables the use of small external capacitors. Independent high and low current settings are programmed by two external resistors. Shutdown mode and current output levels are selected via two logic inputs. An ultralow dropout current source maintains accurate LED current at very low ILED voltages. Automatic mode switching optimizes efficiency by monitoring the voltage across the LED current source and switching modes only when ILED dropout is detected. The LTC3216 is available in a small 3mm x 4mm 12-Lead DFN package.
, LTC and LT are registered trademarks of Linear Technology Corporation. All other trademarks are the property of their respective owners. *Protected by U.S. Patents including 6411531.
FEATURES
s s s s s
s s s s s s s s
s
High Efficiency Operation: 1x, 1.5x or 2x Boost Modes with Automatic Mode Switching Ultralow Dropout ILED Current Control Output Current up to 1A Low Noise Constant Frequency Operation* Independent Low Current/High Current Programming and Enable Pins Wide VIN Range: 2.9V to 4.4V Open/Shorted LED Protection LED Disconnect in Shutdown Low Shutdown Current: 2.5A 4% LED Current Programming Accuracy Automatic Soft-Start Limits Inrush Current No Inductors Tiny Application Circuit (All Components <1mm Profile) 3mm x 4mm 12-Lead DFN Package
APPLICATIO S
s s
LED Torch/Camera Light Supply for Cell Phones, PDAs and Digital Cameras Generic Lighting and/or Flash/Strobe Applications
TYPICAL APPLICATIO
C1 2.2F C2 2.2F C1+ 2.9V TO 4.4V CIN 2.2F VIN LTC3216 C1- C2+ C2- CPO
Torch Mode Efficiency vs VIN
100 90 EFFICIENCY (PLED/PIN) (%) 80 70 60 50 40 30 20 10 0 2.8 3.0 3.2 3.4 3.6 3.8 VIN (V) 4.0 4.2 4.4 PLED/PIN LUMILEDS LXCL-PWF1 VF = 3V TYP AT 200mA ILED = 200mA
CCPO 4.7F LED1
ILED EN1 (TORCH) EN2 (FLASH) EN1 EN2 ISET1 20k 1% ISET2 6.65k 1% EN1 0 1 0 1 EN2 0 0 1 1 ILED 0 (SHUTDOWN) 200mA (TORCH) 600mA 800mA (FLASH)
3216 TA01a
LED1: LUMILEDS LXCL-PWF1 LUXEON FLASH
U
U
U
3216 TA01b
3216fa
1
LTC3216
ABSOLUTE
(Note 1)
AXI U RATI GS
PACKAGE/ORDER I FOR ATIO
TOP VIEW C2
+
VIN to GND ................................................ -0.3V to 5.5V CPO to GND .............................................. -0.3V to 5.5V EN2, EN1 ......................................... -0.3V to VIN + 0.3V ICPO, IILED (Note 2) ........................................... 1500mA CPO Short-Circuit Duration ............................. Indefinite Operating Temperature Range (Note 3) ...-40C to 85C Storage Temperature Range ..................-65C to 125C
1 2 3 4 5 6 13
12 C1
-
ORDER PART NUMBER LTC3216EDE DFN PART MARKING 3216
C1+ CPO ISET1 ILED ISET2
11 GND 10 C2- 9 8 7 VIN EN2 EN1
DE12 PACKAGE 12-LEAD (4mm x 3mm) PLASTIC DFN EXPOSED PAD IS GND (PIN 13) MUST BE SOLDERED TO PCB
TJMAX = 125C, JA = 43C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VIN = 3.6V, CIN = C1 = C2 = 2.2F, CCPO = 4.7F
PARAMETER Input Power Supply VIN Operating Voltage IVIN Operating Current ICPO = 0mA, 1x Mode ICPO = 0mA, 1.5x ICPO = 0mA, 2x Mode EN2 = EN1 = LOW ILED = 200mA to 800mA Mode Switch Threshold, ILED = 200mA EN1 = HIGH, EN2 = LOW EN1 = LOW or HIGH, EN2 = HIGH EN to LED Current On
q q
ELECTRICAL CHARACTERISTICS
CONDITIONS
MIN 2.9
TYP
MAX 4.4
UNITS V A mA mA
300 7 9.2 2.5 3120 3250 120 150 2 130 VIN 4.6 5.1 0.25 1.5 1.7
q
IVIN Shutdown Current LED Current LED Current Ratio (ILED/ISET1/2) ILED Dropout Voltage Mode Switching Delay (LED Warmup Time) LED Current On Time Charge Pump (CPO) 1x Mode Output Voltage 1.5x Mode Output Voltage 2x Mode Output Voltage 1x Mode Output Impedance 1.5x Mode Output Impedance 2x Mode Output Impedance CLK Frequency EN1, EN2 High Level Input Voltage (VIH) Low Level Input Voltage (VIL) Input Current (IIH) Input Current (IIL)
7 3380
mA/mA mV ms ms s V V V
ICPO = 0mA ICPO = 0mA ICPO = 0mA VIN = 3.4V, VCPO < 4.6V, C1 = C2 = 2.2F VIN = 3.2V, VCPO < 5.1V, C1 = C2 = 2.2F 0.6 1.4
0.9
1.2
q q q q
0.4 -1 -1 1 1
3216fa
2
U
A MHz V V A A
W
U
U
WW
W
LTC3216
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. VIN = 3.6V, CIN = C1 = C2 = 2.2F, CCPO = 4.7F
PARAMETER ISET1, ISET2 VISET1, VISET2 IISET1, IISET2 Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: Based on long-term current density limitations. Assumes an operating duty cycle of 10% under absolute maximum conditions for durations less than 10 seconds. Max current for continuous operation is 500mA. ISETX = 50A
q q
ELECTRICAL CHARACTERISTICS
CONDITIONS
MIN 1.195
TYP 1.22
MAX 1.245 321
UNITS V A
Note 3: The LTC3216E is guaranteed to meet performance specifications from 0C to 70C. Specifications over the -40C to 85C operating temperature range are assured by design, characterization and correlation with statistical process controls.
TYPICAL PERFOR A CE CHARACTERISTICS
ILED Dropout Voltage vs LED Current
0.8 0.7 VIN = 3.6V 600 500
ILED PIN CURRENT (mA)
DROPOUT VOLTAGE (V)
0.6 0.5 0.4 0.3 0.2 0.1 0 0 200 400 600 800 LED CURRENT (mA) 1000
3216 G01
300 200 100 0
300mA 200mA 100mA
ILED (mA)
1x Mode Charge Pump Open-Loop Output Resistance vs Temperature
0.31 0.29 ICPO = 200mA VIN = 3.3V VIN = 3.6V VIN = 3.9V 1.8 1.6
0.27 0.25 0.23 0.21 0.19 0.17 0.15 -40
OUTPUT RESISTANCE ()
OUTPUT RESISTANCE ()
SWITCH RESISTANCE ()
-15
35 TEMPERATURE (C)
10
UW
60 85
3216 G07
TA = 25C unless otherwise noted.
ILED Pin Current vs ILED Pin Voltage
1200 ILED = 500mA 1000 400mA 800 600 400 200 0
ILED vs RSET
400
0
0.2
0.4 0.6 0.8 ILED PIN VOLTAGE (V)
1.0
3216 G02
0
5
10
15 20 25 RSET (k)
30
35
40
1573 G06
1.5x Mode Charge Pump Open-Loop Output Resistance (1.5VIN - VCPO)/ICPO vs Temperature
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 60 85
3216 G05
2x Mode Charge Pump Open-Loop Output Resistance (2VIN - VCPO)/ICPO vs Temperature
1.4 1.2 1.0 0.8 0.6 0.4 0.2 VIN = 3V VCPO = 4.2V CIN = C1 = C2 = 2.2F CCPO = 4.7F -15 35 10 TEMPERATURE (C)
0 -40
0 -40
VIN = 3V VCPO = 4.8V CIN = C1 = C2 = 2.2F CCPO = 4.7F -15 35 10 TEMPERATURE (C) 60 85
3216 G06
3216fa
3
LTC3216 TYPICAL PERFOR A CE CHARACTERISTICS
Input Shutdown Current vs Input Voltage
4.0 930 920 TA = 25C TA = -40C TA = 85C
INPUT SHUTDOWN CURRENT (A)
3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 2.9 3.5 3.7 3.9 4.1 INPUT VOLTAGE (V) TA = 85C TA = -40C TA = 25C
EFFICIENCY (PLED/PIN) (%)
FREQUENCY (kHz)
3.1
3.3
ISET/ILED Current Ratio vs ILED Current
3400 3350
CURRENT RATIO
3300 TA = -40C 3250 TA = 85C 3200 3150 3100 VIN = 3.6V ICPO = 200mA 500ns/DIV
3216 G12
0
100 200 300 400 500 600 700 800 900 ILED CURRENT(mA)
3216 G15
2x Mode CPO Output Ripple
VCPO 1V/DIV VCPO 20mV/DIV A/C COUPLED
VIN = 3.6V ICPO = 400mA
4
UW
4.3
3216 G04
TA = 25C unless otherwise noted.
Oscillator Frequency vs Supply Voltage
100 90 80 70 60 50 40 30 20 10 2.9 3.1 3.3 3.5 3.7 3.9 4.1 SUPPLY VOLTAGE (V) 4.3 4.5 0
Efficiency vs VIN
910 900 890 880 870 860 850 840 4.5
200mA 400mA 600mA ILED = 800mA
LED = LXCL-PWF1 LUMILEDS 2.8 3.0 3.2 3.4 3.6 3.8 VIN (V) 4.0 4.2 4.4
3216 G03
3216 G11
1.5x Mode CPO Output Ripple
TA = 25C
VCPO 50mV/DIV A/C COUPLED
Charge Pump Mode Switching and Input Current
IVIN 500mA/DIV
EN2 5V/DIV 500ns/DIV
3216 G13
VIN = 3V
1ms/DIV
3216 G14
3216fa
LTC3216
PI FU CTIO S
C2+, C1+, C2-, C1- (Pins 1, 2, 10, 12): Charge Pump Flying Capacitor Pins. A 2.2F X5R or X7R ceramic capacitor should be connected from C1+ to C1- and from C2+ to C2 -. CPO (Pin 3): Output. CPO is the output of the Charge Pump. This pin may be enabled or disabled using the EN1 and EN2 inputs. A 4.7F X5R or X7R ceramic capacitor is required from CPO to GND. ISET1/ISET2 (Pins 4, 6): LED Current Programming Resistor Pins. The ISET1 and ISET2 pins will servo to 1.22V. Resistors connected between each of these pins and GND are used to set the high and low LED current levels. Connecting a resistor of 2k or less will cause the LTC3216 to enter overcurrent shutdown mode. ILED (Pin 5): Output. ILED is the LED current source output. The LED is connected between CPO (anode) and ILED (cathode). The current into the ILED pin is set via the EN1 and EN2 inputs, and the programming resistors connected from ISET2 and ISET1 to GND. EN1/EN2 (Pins 7, 8): Inputs. The EN1 and EN2 pins are used to select which current level is being supplied to the LED, as well as to put the part into shutdown mode. The truth table for these pins is as follows:
Truth Table
EN1 0 1 0 1 EN2 0 0 1 1 MODE Shutdown Low Current High Current Low + High Current
BLOCK DIAGRA
EN2 8 EN1 7
W
U
U
U
VIN (Pin 9): Power. Supply voltage for the LTC3216. VIN should be bypassed with a 2.2F or greater low impedance ceramic capacitor to GND. GND (Pin 11): Charge Pump Ground. This pin should be connected directly to a low impedance ground plane. EXPOSED PAD (Pin 13): Control Signal Ground. This pad must be soldered to a low impedance ground plane for optimum thermal and electrical performance.
C1+ 2
C1- 12
C2+ 1
C2- 10
3 CPO 1X MODE: CPO = VIN 1.5X MODE: CPO = 4.6V 2X MODE: CPO = 5.1V
OSCILLATOR
- +
MODE CONTROL VIN 9 VREF
DROPOUT DETECTOR
5 ILED
CONTROL LOGIC
CURRENT SOURCE CONTROL 6 ISET2 4 ISET1 13 GND
3216 BD
11 GND
3216fa
5
LTC3216
OPERATIO
The LTC3216 uses a fractional switched capacitor charge pump to power a high current LED with a programmed regulated current. The part starts up into the 1x mode. In this mode, VIN is directly connected to CPO. This mode provides maximum efficiency and minimum noise. The LTC3216 will remain in this mode until the LED current source begins to dropout. When dropout is detected, the LTC3216 will switch to 1.5x mode after a soft-start period. Any subsequent dropout detected will cause the part to enter 2x mode. The part may be reset to 1x mode by bringing the part into shutdown mode and then reenabling the part. A two phase nonoverlapping clock activates the charge pump switches. In the 2x mode, the flying capacitors are charged on alternate clock phases from VIN. While one capacitor is being charged from VIN, the other is stacked on top of VIN and connected to the output. Alternatively, in the 1.5x mode the flying capacitors are charged in series during the first clock phase, and stacked in parallel on top of VIN on the second clock phase. This sequence of charging and discharging the flying capacitors continues at a free running frequency of 900kHz (typ). The current delivered to the LED load is controlled by the internal programmable current source. Three discrete current settings (Low, High and Low + High) are available and may be selected via the EN2 and EN1 pins. The values of these currents may be selected by choosing the appropriate programming resistors. Each resistor is connected between the ISET2 or ISET1 pin and GND. The resistor values needed to attain the desired current levels can be determined by equation 1. RSET1/2 = 3965/ILED (1) A resistor value of 2k or less (i.e. a short-circuit) will cause the LTC3216 to enter overcurrent shutdown mode. This mode will prevent damage to the part by shutting down the high power sections of the chip. Regulation is achieved by sensing the voltage at the CPO pin and modulating the charge pump strength based on the error signal. The CPO regulation voltages are set
6
U
internally, and are dependent on the charge pump mode as shown in Table 1.
Table 1. Charge Pump Output Regulation Voltages
Charge Pump Mode 1.5x 2x VCPO 4.6V 5.1V
In shutdown mode all circuitry is turned off and the LTC3216 draws a very low current from the VIN supply. Furthermore, CPO is weakly connected to VIN. The LTC3216 enters shutdown mode when both the EN1 and EN2 pins are brought low. Since EN1 and EN2 are high impedance CMOS inputs they should never be allowed to float. To ensure that their states are defined they must always be driven with valid logic levels. Thermal Protection The LTC3216 has built-in overtemperature protection. Thermal shutdown circuitry will shutdown the ILED output when the junction temperature exceeds approximately 150C. It will re-enable the ILED output once the junction temperature drops back to approximately 135C. The LTC3216 will cycle in and out of thermal shutdown indefinitely without latch up or damage until the heat source is removed. Soft-Start To prevent excessive inrush current during start-up and mode switching, the LTC3216 employs built-in soft-start circuitry. Soft-start is achieved by increasing the amount of current available to the output charge storage capacitor linearly over a period of approximately 250s. Charge Pump Strength When the LTC3216 operates in either the 1.5x mode or 2x mode, the charge pump can be modeled as a Theveninequivalent circuit to determine the amount of current available from the effective input voltage and effective open-loop output resistance, ROL(Figure 1).
3216fa
LTC3216
OPERATIO U
ROL 1.5VIN OR 2VIN
+
CPO
+ -
-
to 500mA continuously, and up to 1A for pulsed operation with a 10% duty cycle. Pulsed operation may be achieved by toggling the EN1 and EN2 bits. In either continuous or pulsed operation, proper board layout is required for effective heat sinking. Mode Switching The LTC3216 will automatically switch from 1x mode to 1.5x mode, and subsequently from 1.5x mode to 2x mode whenever a dropout condition is detected at the ILED pin. In the LOW current mode, the part will wait approximately 150ms after dropout is detected before switching to the next mode. In the HIGH and LOW + HIGH current modes, the part will wait approximately 2ms before switching to the next mode. These delays allow the LED to warm up and reduce its forward voltage which may remove the dropout condition. In order to reset the part back into 1x mode, the LTC3216 must be brought into shutdown (EN1 = EN2 = LOW). Immediately after the part has been brought to shutdown, it may be set to the desired output current level via the EN1 and EN2 pins. An internal comparator will not allow the main switches to connect VIN and CPO in 1x mode until the voltage at the CPO pin has decayed to less than or equal to the voltage at the VIN pin.
Figure 1. Charge Pump Open-Loop Thevenin-Equivalent Circuit
ROL is dependent on a number of factors including the oscillator frequency, flying capacitor values and switch resistances. From Figure 1, we can see that the output current is proportional to: (1.5VIN - CPO)/ROL or (2VIN - CPO)/ROL in the 1.5x mode or 2x mode respectively. Current Levels The LTC3216 may be programmed to have three discrete current levels. These are the LOW, HIGH and LOW + HIGH current levels. The LOW and HIGH currents are set by the resistors connected between ISET1 and ISET2 pins, respectively, to GND. The LOW + HIGH current mode supplies a current that is equal to sum of the LOW and HIGH currents. Due to the low output impedance of this part, care should be taken in selecting current levels. This part can supply up (2)
3216fa
7
LTC3216
APPLICATIO S I FOR ATIO
VIN, CPO Capacitor Selection
The style and value of capacitors used with the LTC3216 determine several important parameters such as regulator control loop stability, output ripple, charge pump strength and minimum start-up time. To reduce noise and ripple, it is recommended that low equivalent series resistance (ESR) ceramic capacitors be used for both CVIN and CCPO. Tantalum and aluminum capacitors are not recommended because of their high ESR. The value of CCPO directly controls the amount of output ripple for a given load current. Increasing the size of CCPO will reduce the output ripple at the expense of higher start-up current. The peak-to-peak output ripple for 1.5x mode is approximately given by the expression: VRIPPLE(P-P) = IOUT/(3fOSC * CCPO) (3) Where fOSC is the LTC3216's oscillator frequency (typically 900kHz) and CCPO is the output storage capacitor. Both the style and value of the output capacitor can significantly affect the stability of the LTC3216. As shown in the block diagram, the LTC3216 uses a control loop to adjust the strength of the charge pump to match the current required at the output. The error signal of this loop is stored directly on the output charge storage capacitor. The charge storage capacitor also serves as the dominant pole for the control loop. To prevent ringing or instability, it is important for the output capacitor to maintain at least 2.2F of actual capacitance over all conditions. Likewise, excessive ESR on the output capacitor will tend to degrade the loop stability of the LTC3216. The closed loop output resistance of the LTC3216 is designed to be 76m. For a 100mA load current change, the error signal will change by about 7.6mV. If the output capacitor has 76m or more of ESR, the closed-loop frequency response will cease to roll off in a simple one-pole fashion and poor load transient response of instability could result. Multilayer ceramic chip capacitors typically have exceptional ESR performance. MLCCs combined with a tight board layout will yield very good stability. As the value
8
U
of CCPO controls the amount of output ripple, the value of CVIN controls the amount of ripple present at the input pin (VIN). The input current to the LTC3216 will be relatively constant while the charge pump is on either the input charging phase or the output charging phase but will drop to zero during the clock nonoverlap times. Since the nonoverlap time is small (~15ns), these missing "notches" will result in only a small perturbation on the input power supply line. Note that a higher ESR capacitor such as tantalum will have higher input noise due to the input current change times the ESR. Therefore, ceramic capacitors are again recommended for their exceptional ESR performance. Input noise can be further reduced by powering the LTC3216 through a very small series inductor as shown in Figure 2. A 10nH inductor will reject the fast current notches, thereby presenting a nearly constant current load to the input power supply. For economy, the 10nH inductor can be fabricated on the PC board with about 1cm (0.4") of PC board trace.
10nH VIN 0.1F 2.2F GND
3216 F02
W
UU
LTC3216
Figure 2. 10nH Inductor Used for Input Noise Reduction (Approximately 1cm of Wire)
Flying Capacitor Selection Warning: Polarized capacitors such as tantalum or aluminum should never be used for the flying capacitors since their voltage can reverse upon start-up of the LTC3216. Ceramic capacitors should always be used for the flying capacitors. The flying capacitors control the strength of the charge pump. In order to achieve the rated output current it is necessary to have at least 2.2F of actual capacitance for each of the flying capacitors. Capacitors of different materials lose their capacitance with higher temperature and voltage at different rates. For example, a ceramic capacitor made of X7R material will retain most of its capacitance
3216fa
LTC3216
APPLICATIO S I FOR ATIO
from - 40oC to 85oC whereas a Z5U or Y5V style capacitor will lose considerable capacitance over that range. Z5U and Y5V capacitors may also have a very poor voltage coefficient causing them to lose 60% or more of their capacitance when the rated voltage is applied. Therefore, when comparing different capacitors, it is often more appropriate to compare the amount of achievable capacitance for a given case size rather than comparing the specified capacitance value. For example, over rated voltage and temperature conditions, a 1F, 10V, Y5V ceramic capacitor in a 0603 case may not provide any more capacitance than a 0.22F, 10V, X7R available in the same case. The capacitor manufacturer's data sheet should be consulted to determine what value of capacitor is needed to ensure minimum capacitances at all temperatures and voltages. Table 2 shows a list of ceramic capacitor manufacturers and how to contact them.
Table 2. Recommended Capacitor Vendors
AVX Kemet Murata Taiyo Yuden Vishay TDK www.avxcorp.com www.kemet.com www.murata.com www.t-yuden.com www.vishay.com www.tdk.com
Layout Considerations and Noise Due to its high switching frequency and the transient currents produced by the LTC3216, careful board layout is necessary. A true ground plane and short connections to all capacitors will improve performance and ensure proper regulation under all conditions. The flying capacitor pins C1+, C2+, C1- and C2- will have very high edge rate waveforms. The large dv/dt on these pins can couple energy capacitively to adjacent PCB runs. Magnetic fields can also be generated if the flying capacitors are not close to the LTC3216 (i.e., the loop area is large). To decouple capacitive energy transfer, a Faraday shield may be used. This is a grounded PCB trace between the sensitive node and the LTC3216 pins. For a high quality AC ground, it should be returned to a solid ground plane that extends all the way to the LTC3216.
U
Power Efficiency To calculate the power efficiency () of a white LED driver chip, the LED power should be compared to the input power. The difference between these two numbers represents lost power whether it is in the charge pump or the current sources. Stated mathematically, the power efficiency is given by:
PLED PIN
W
UU
(4)
The efficiency of the LTC3216 depends upon the mode in which it is operating. Recall that the LTC3216 operates as a pass switch, connecting VIN to CPO, until dropout is detected at the ILED pin. This feature provides the optimum efficiency available for a given input voltage and LED forward voltage. When it is operating as a switch, the efficiency is approximated by:
PLED VLED * ILED VLED = PIN VIN * IIN VIN
(5)
since the input current will be very close to the LED current. At moderate to high output power, the quiescent current of the LTC3216 is negligible and the expression above is valid. Once dropout is detected at the ILED pin, the LTC3216 enables the charge pump in 1.5x mode. In 1.5x boost mode, the efficiency is similar to that of a linear regulator with an effective input voltage of 1.5 times the actual input voltage. This is because the input current for a 1.5x charge pump is approximately 1.5 times the load current. In an ideal 1.5x charge pump, the power efficiency would be given by:
IDEAL
PLED V *I V = LED LED LED PIN VIN * 1.5ILED 1.5VIN
(6)
3216fa
9
LTC3216
TYPICAL APPLICATIO S
Similarly, in 2x boost mode, the efficiency is similar to that of a linear regulator with an effective input voltage of 2 times the actual input voltage. In an ideal 2x charge pump, the power efficiency would be given by:
IDEAL PLED VLED * ILED V = LED PIN VIN * 2 * ILED 2 * VIN
10
U
Thermal Management For higher input voltages and maximum output current, there can be substantial power dissipation in the LTC3216. If the junction temperature increases above approximately 150C, the thermal shutdown circuitry will automatically deactivate the output. To reduce maximum junction temperature, a good thermal connection to the PC board is recommended. Connecting the Exposed Pad to a ground plane and maintaining a solid ground plane under the device can reduce the thermal resistance of the package and PC board considerably.
(7)
3216fa
LTC3216
PACKAGE DESCRIPTIO U
DE Package 12-Lead Plastic DFN (4mm x 3mm)
(Reference LTC DWG # 05-08-1695)
0.65 0.05 PACKAGE OUTLINE 0.25 0.05 3.30 0.05 (2 SIDES) 0.50 BSC 4.00 0.10 (2 SIDES) R = 0.20 TYP 3.00 0.10 (2 SIDES) 1.70 0.10 (2 SIDES) PIN 1 NOTCH
(UE12/DE12) DFN 0603
3.50 0.05 1.70 0.05 2.20 0.05 (2 SIDES)
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS R = 0.115 TYP 0.38 0.10 12
7
PIN 1 TOP MARK (NOTE 6)
0.200 REF
0.75 0.05
6 0.25 0.05 3.30 0.10 (2 SIDES)
1 0.50 BSC
0.00 - 0.05
BOTTOM VIEW--EXPOSED PAD NOTE: 1. DRAWING PROPOSED TO BE A VARIATION OF VERSION (WGED) IN JEDEC PACKAGE OUTLINE M0-229 2. DRAWING NOT TO SCALE 3. ALL DIMENSIONS ARE IN MILLIMETERS 4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE 5. EXPOSED PAD SHALL BE SOLDER PLATED 6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE TOP AND BOTTOM OF PACKAGE
3216fa
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
11
LTC3216
TYPICAL APPLICATIO
2.9V TO 4.4V CIN 2.2F
EN1 (TORCH) EN2 (FLASH)
RSET1 = 20k 1%
RELATED PARTS
PART NUMBER LT1618 LT1961 LTC3205 LTC3206 LTC3453 LT3467/LT3467A LT3479 DESCRIPTION Constant Current, 1.4MHz, 1.5A Boost Converter 1.5A (ISW), 1.25MHz, High Efficiency Step-Up DC/DC Converter 250mA, 1MHz, Multi-Display LED Controller 400mA, 800kHz, Multi-Display LED Controller 1MHz, 800mA Synchronous Buck-Boost High Power LED Driver 1.1A (ISW), 1.3/2.1MHz, High Efficiency Step-Up DC/DC Converter with Integrated Soft-Start 3A, Full Featured DC/DC Converter with Soft-Start and Inrush Current Protection COMMENTS VIN: 1.6V to 18V, VOUT(MAX) = 36V, IQ = 1.8mA, ISD <1A MS Package VIN: 3V to 25V, VOUT(MAX) = 35V, IQ = 0.9mA, ISD 6A MS8E Package VIN: 2.8V to 4.5V, VOUT(MAX) = 5.5V, IQ = 50uA, ISD <1A DFN Package VIN: 2.8V to 4.5V, VOUT(MAX) = 5.5V, IQ = 50uA, ISD <1A DFN Package VIN(MIN): 2.7V to 5.5V, VIN(MAX): 2.7V to 4.5V, IQ = 2.5mA, ISD <6A QFN Package VIN: 2.4V to 16V, VOUT(MAX) = 40V, IQ = 1.2mA, ISD <1A ThinSOT Package VIN: 2.5V to 24V, VOUT(MAX) = 40V, IQ = 5mA, ISD <1A DFN, TSSOP Packages
12
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900
q
FAX: (408) 434-0507 q www.linear.com
U
High Power Camera Light and Flash
C1 2.2F C2 2.2F C1+ VIN LTC3216 C1- C2+ C2- CPO ILED (TOTAL) = 200mA/400mA CCPO 4.7F ILED EN1 EN2 ISET1 ISET2 RSET2 = 10k 1%
3216 TA02
3216fa LT/LT 0305 REV A * PRINTED IN USA
(c) LINEAR TECHNOLOGY CORPORATION 2004


▲Up To Search▲   

 
Price & Availability of LTC3216

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X