Part Number Hot Search : 
SK7473 HFA3683A B2322BG1 250K15 24D05 250K15 ZB4BD2 XR2212
Product Description
Full Text Search
 

To Download LTC3210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LTC3210 MAIN/CAM LED Controller in 3mm x 3mm QFN DESCRIPTIO
The LTC(R)3210 is a low noise charge pump DC/DC converter designed to drive four MAIN LEDs and one high current CAM LED for camera lighting. The LTC3210 requires only four small ceramic capacitors and two current set resistors to form a complete LED power supply and current controller. Built-in soft-start circuitry prevents excessive inrush current during start-up and mode changes. High switching frequency enables the use of small external capacitors. Independent MAIN and CAM full-scale current settings are programmed by two external resistors. Shutdown mode and current output levels are selected via two logic inputs. The full-scale current through the LEDs is programmed via external resistors. ENM and ENC are toggled to adjust the LED currents via internal counters and DACs. The part is shut down when both ENM and ENC are low for 150s (typ). The charge pump optimizes efficiency based on the voltage across the LED current sources. The part powers up in 1x mode and will automatically switch to boost mode whenever any enabled LED current source begins to enter dropout. The LTC3210 is available in a 3mm x 3mm 16-lead QFN package.
FEATURES



Low Noise Charge Pump Provides High Efficiency with Automatic Mode Switching Multimode Operation: 1x, 1.5x, 2x Individual Full-Scale Current Set Resistors Up to 500mA Total Output Current Single Wire EN/Brightness Control for MAIN and CAM LEDs (8 Brightness Steps) 64:1 Brightness Control Range for MAIN Display Four 25mA Low Dropout MAIN LED Outputs One 400mA Low Dropout CAM LED Output Low Noise Constant Frequency Operation* Low Shutdown Current: 3A Internal Soft-Start Limits Inrush Current During Startup and Mode Switching Open/Short LED Protection No Inductors 3mm x 3mm 16-Lead Plastic QFN Package
APPLICATIO S
Multi-LED Light Supply for Cellphones/DSCs/PDAs
, LTC and LT are registered trademarks of Linear Technology Corporation. All other trademarks are the property of their respective owners. *Protected by U.S. Patents, including 6411531.
TYPICAL APPLICATIO
C2 2.2F C3 2.2F
C1P VBAT C1 2.2F VBAT
C1M
C2P
C2M CPO C4 2.2F MLED1 MLED2 MLED3
MAIN
CAM
EFFICIENCY (PLED/PIN) (%)
LTC3210
ENM ENC
ENM ENC RM 30.1k 1% RC 24.3k 1%
MLED4 CLED GND
3210 TA01
U
U
U
4-LED MAIN Display Efficiency vs VBAT Voltage
100 90 80 70 60 50 40 30 20 4 LEDs AT 9mA/LED 10 (TYP VF AT 9mA = 3V, NICHIA NSCW100) TA = 25C 0 3.0 3.2 3.4 3.6 3.8 4.0 4.2 VBAT (V)
4.4
3210 TA01b
3210f
1
LTC3210 ABSOLUTE
(Note 1)
AXI U RATI GS
PACKAGE/ORDER I FOR ATIO
TOP VIEW VBAT C1M C2M C2P 16 15 14 13 C1P 1 CPO 2 ENM 3 MLED1 4 5 MLED2 6 MLED3 7 MLED4 8 RM 17 12 GND 11 CLED 10 ENC 9 RC
VBAT, CPO to GND ........................................ -0.3V to 6V ENM, ENC ................................... -0.3V to (VBAT + 0.3V) ICPO (Note 2) ........................................................600mA IMLED1-4 .................................................................30mA ICLED (Note 2) ......................................................450mA CPO Short-Circuit Duration .............................. Indefinite Operating Temperature Range (Note 3) ...-40C to 85C Storage Temperature Range...................-65C to 125C
UD PACKAGE 16-LEAD (3mm x 3mm) PLASTIC QFN TJMAX = 125C, JA = 68C/W EXPOSED PAD IS GND (PIN 17) MUST BE SOLDERED TO PCB
ORDER PART NUMBER LTC3210EUD
UD PART MARKING LBXH
Order Options Tape and Reel: Add #TR Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF Lead Free Part Marking: http://www.linear.com/leadfree/ Consult LTC Marketing for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS
PARAMETER VBAT Operating Voltage IVBAT Operating Current
The denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C.VBAT = 3.6V, C1 = C2 = C3 = C4 = 2.2F, RM = 30.1k, RC = 24.3k, ENM = high, unless otherwise noted.
CONDITIONS
MIN 2.9
TYP 0.375 2.5 4.5
MAX 4.5
UNITS V mA mA mA
ICPO = 0, 1x Mode, MLED LSB Setting ICPO = 0, 1.5x Mode ICPO = 0, 2x Mode ENM = ENC = LOW IMLED = Full Scale Mode Switch Threshold, IMLED = Full Scale Any Two Outputs, IMLED = Full Scale 1 ENM Strobe (FS) 2 ENM Strobes 3 ENM Strobes 4 ENM Strobes 5 ENM Strobes 6 ENM Strobes 7 ENM Strobes (FS/64)
VBAT Shutdown Current MLED1, MLED2, MLED3, MLED4 Current LED Current Ratio (IMLED/IRM) LED Dropout Voltage LED Current Matching MLED Current, 3-Bit Exponential DAC
3 463 515 100 1 20 10 5 2.5 1.25 0.625 0.312
6 567
2
U
A A/A mV % mA mA mA mA mA mA mA
3210f
W
U
U
WW
W
LTC3210 ELECTRICAL CHARACTERISTICS
PARAMETER CLED Current LED Current Ratio (ICLED/IRC) LED Dropout Voltage CLED Current, 3-Bit Linear DAC Charge Pump (CPO) 1x Mode Output Voltage 1.5x Mode Output Voltage 2x Mode Output Voltage 1x Mode Output Impedance 1.5x Mode Output Impedance 2x Mode Output Impedance CLOCK Frequency Mode Switching Delay ENC, ENM VIL VIH IIH IIL ENC, ENM Timing tPW tSD tEN RM, RC VRM, VRC IRM, IRC Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may become impaired. Note 2: Based on long-term current density limitations. Assumes an operating duty cycle of 10% under absolute maximum conditions for durations less than 10 seconds. Maximum current for continuous operation is 300mA. Note 3: The LTC3210E is guaranteed to meet performance specifications from 0C to 70C. Specifications over the -40C to 85C ambient

The denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C.VBAT = 3.6V, C1 = C2 = C3 = C4 = 2.2F, RM = 30.1k, RC = 24.3k, ENM = high, unless otherwise noted.
CONDITIONS ICLED = Full Scale Mode Switch Threshold, ICLED = Full Scale 1 ENC Strobe (FS) 7 ENC Strobes (FS/7) ICPO = 0mA ICPO = 0mA ICPO = 0mA VBAT = 3.4V, VCPO = 4.6V (Note 4) VBAT = 3.2V, VCPO = 5.1V (Note 4)
MIN 6750
TYP 7500 500 380 54 VBAT 4.55 5.05 0.5 3.15 3.95 0.8 0.4
MAX 8250
UNITS A/A mV mA mA V V V MHz ms
0.4 1.4 10 -1 60 50 50 1.16 150 150 1.20 250 250 1.24 70 15 20 1
V V A A ns s s V A
ENM = ENC = 3.6V ENM = ENC = 0V Minimum Pulse Width Low Time to Shutdown (ENC and ENM = Low) Current Source Enable Time (ENC or ENM = High) (Note 5)


operating temperature range are assured by design, characterization and correlation with statistical process controls. Note 4: 1.5x mode output impedance is defined as (1.5VBAT - VCPO)/IOUT. 2x mode output impedance is defined as (2VBAT - VCPO)/IOUT. Note 5: If the part has been shut down then the initial enable time is about 100s longer due to the bandgap enable time.
3210f
3
LTC3210 TYPICAL PERFOR A CE CHARACTERISTICS
Dropout Time from Shutdown
2X 1.5X 1X
CPO 1V/DIV EN 2V/DIV
MODE RESET
500s/DIV
2x CPO Ripple
VBAT = 3.6V ICPO = 200mA CCPO = 2.2F SWITCH RESISTANCE () VCPO 20mV/DIV AC COUPLED 0.70 0.65 0.60
OPEN LOOP OUTPUT RESISTANCE ()
500ns/DIV
1.5x Mode CPO Voltage vs Load Current
4.8 4.6 CPO VOLTAGE (V) 4.4 4.2 4.0 3.8 3.6 0 100 C2 = C3 = C4 = 2.2F OPEN LOOP OUTPUT RESISTANCE () VBAT = 3.3V VBAT = 3.4V VBAT = 3.5V VBAT = 3.6V 4.6 4.4 4.2 4.0 3.8 3.6 3.4
CPO VOLTAGE (V)
VBAT = 3.2V VBAT = 3.1V VBAT = 3V 200 300 400 LOAD CURRENT (mA) 500
3210 G07
4
UW
TA = 25C unless otherwise stated.
Dropout Time When Enabled
2X 1.5X 1X ENC 2V/DIV VCPO 50mV/DIV AC COUPLED
1.5x CPO Ripple
VBAT = 3.6V ICPO = 200mA CCPO = 2.2F
CPO 1V/DIV
MODE RESET
ENM = HIGH
3210 G01
250s/DIV
3210 G02
500ns/DIV
3210 G03
1x Mode Switch Resistance vs Temperature
ICPO = 200mA 3.8 3.6 3.4 3.2 3.0 2.8 2.6
1.5x Mode Charge Pump Open-Loop Output Resistance vs Temperature (1.5VBAT - VCPO)/ICPO
VBAT = 3V VCPO = 4.2V C2 = C3 = C4 = 2.2F
VBAT = 3.3V 0.55 0.50 0.45 VBAT = 3.6V
VBAT = 3.9V
3210 G04
0.40 -40
-15
10 35 TEMPERATURE (C)
60
85
3210 G05
2.4 -40
-15
10
35
60
85
3210 G06
TEMPERATURE (C)
2x Mode Charge Pump Open-Loop Output Resistance vs Temperature (2VBAT - VCPO)/ICPO
5.2 VBAT = 3V VCPO = 4.8V C2 = C3 = C4 = 2.2F 5.1 5.0 4.9 4.8 4.7 4.6 4.5 4.4 4.3 4.2 -15 10 35 60 85
3210 G08
2x Mode CPO Voltage vs Load Current
C2 = C3 = C4 = 2.2F
VBAT = 3.6V
VBAT = 3.5V VBAT = 3.4V VBAT = 3.3V VBAT = 3.2V VBAT = 3.1V VBAT = 3V 0 100 300 400 200 LOAD CURRENT (mA) 500
3210 G09
3.2 -40
TEMPERATURE (C)
3210f
LTC3210 TYPICAL PERFOR A CE CHARACTERISTICS
CLED Pin Dropout Voltage vs CLED Pin Current
500 CLED PIN DROPOUT VOLTAGE (mV) VBAT = 3.6V MLED PIN DROPOUT VOLTAGE (mV) 100 90 80 FREQUENCY (kHz) 70 60 50 40 30 20 10 0 0 2 4 6 8 10 12 14 16 18 20 MLED PIN CURRENT (mA)
3210 G11
400
300
200
100
0 50 100 150 200 250 300 350 CLED PIN CURRENT (mA) 400
VBAT Shutdown Current vs VBAT Voltage
5.0 VBAT SHUTDOWN CURRENT (A) 4.5 4.0 3.5 3.0 2.5 2.0 1.5 2.7 TA = -40C TA = 25C VBAT CURRENT (A) 800 780 760 740 720 700 680 660 640 620 600 3.0 3.9 3.6 3.3 VBAT VOLTAGE (V) 4.2 4.5
3210 G13
SUPPLY CURRENT (mA)
TA = 85C
2x Mode Supply Current vs ICPO (IVBAT - 2ICPO)
20 VBAT = 3.6V 400 360 CLED PIN CURRENT (mA) SUPPLY CURRENT (mA) 15 320 280 240 200 160 120 80 40 0 0 100 300 400 200 LOAD CURRENT (mA) 500
3210 G16
10
5
UW
TA = 25C unless otherwise stated. Oscillator Frequency vs VBAT Voltage
850 840 830 820 810 800 790 780 770 760 2.7 3.0 3.3 3.6 3.9 VBAT VOLTAGE (V) 4.2 4.5
3210 G12
MLED Pin Dropout Voltage vs MLED Pin Current
VBAT = 3.6V
TA = 25C
TA = 85C TA = -40C
3210 G10
1x Mode No Load VBAT Current vs VBAT Voltage
20 RM = 33.2k RC = 24.3k 15
1.5x Mode Supply Current vs ICPO (IVBAT - 1.5ICPO)
VBAT = 3.6V
10
5
0 2.7 3.0 3.6 3.9 3.3 VBAT VOLTAGE (V) 4.2 4.5
3210 G14
0
100
300 400 200 LOAD CURRENT (mA)
500
3210 G15
CLED Pin Current vs CLED Pin Voltage
VBAT = 3.6V
0
0
0.2
0.6 0.8 0.4 CLED PIN VOLTAGE (V)
1
3210 G17
3210f
5
LTC3210 TYPICAL PERFOR A CE CHARACTERISTICS
MLED Pin Current vs MLED Pin Voltage
22 20 18 MLED PIN CURRENT (mA) CLED CURRENT (mA) 16 14 12 10 8 6 4 2 0 0.00 0.02 0.04 0.06 0.08 0.10 0.12 0.14 0.16 0.18 0.20 MLED PIN VOLTAGE (V)
3210 G18
VBAT = 3.6V
MLED Current vs ENM Strobe Pulses
20 18 16 MLED CURRENT (mA) 14 12 10 8 6 4 2 0 0 4 5 6 3 2 7 NUMBER OF ENM STROBE PULSES 1
3210 G20
VBAT = 3.6V RM = 33.2k EFFICIENCY (PLED /PIN) (%)
6
UW
TA = 25C unless otherwise stated. CLED Current vs ENC Strobe Pulses
400 350 300 250 200 150 100 50 0 0
VBAT = 3.6V RC = 24.3k
7
6 4 3 2 5 NUMBER OF ENC STROBE PULSES
1
3210 G19
Efficiency vs VBAT Voltage
90 80 70 60 50 40 30 20 10 0 300mA LED CURRENT (TYP VF AT 300mA = 3.1V, AOT-2015HPW TA = 25C 2.9 3.05 3.2 3.35 3.5 3.65 3.8 3.95 4.1 4.25 4.4 VBAT (V)
3210 G21
3210f
LTC3210 PI FU CTIO S
C1P, C2P, C1M, C2M (Pins 1, 16, 14, 13): Charge Pump Flying Capacitor Pins. A 2.2F X7R or X5R ceramic capacitor should be connected from C1P to C1M and C2P to C2M. CPO (Pin 2): Output of the Charge Pump Used to Power All LEDs. This pin is enabled or disabled using the ENM and ENC inputs. A 2.2F X5R or X7R ceramic capacitor should be connected to ground. ENM, ENC (Pins 3, 10): Inputs. The ENM and ENC pins are used to program the LED output currents. Each input is strobed up to 7 times to decrement the internal 3-bit DACs from full-scale to 1LSB. The counter will stop at 1 LSB if the strobing continues. The pin must be held high after the final desired positive strobe edge. The data is transferred after a 150s (typ) delay. Holding the ENM or ENC pin low will set the LED current to 0 and will reset the counter after 150s (typ). If both inputs are held low for longer than 150s (typ) the part will go into shutdown. The charge pump mode is reset to 1x whenever ENC goes low or when the part is in shutdown mode. MLED1, MLED2, MLED3, MLED4 (Pins 4, 5, 6, 7): Outputs. MLED1 to MLED4 are the MAIN current source outputs. The LEDs are connected between CPO (anodes) and MLED1-4 (cathodes). The current to each LED output is set via the ENM input, and the programming resistor connected between RM and GND. Each of the four LED outputs can be disabled by connecting the output directly to CPO. A 10A current will flow through each directly connected LED output. RM, RC (Pins 8, 9): LED Current Programming Resistor Pins. The RM and RC pins will servo to 1.2V. Resistors connected between each of these pins and GND are used to set the CLED and MLED current levels. Connecting a resistor 12k or less will cause the LTC3210 to enter overcurrent shutdown. CLED (Pin 11): Output. CLED is the CAM current source output. The LED is connected between CPO (anode) and CLED (cathode). The current to the LED output is set via the ENC input, and the programming resistor connected between RC and GND. GND (Pin 12): Ground. This pin should be connected to a low impedance ground plane. VBAT (Pin 15): Supply voltage. This pin should be bypassed with a 2.2F, or greater low ESR ceramic capacitor. Exposed Pad (Pin 17): This pad should be connected directly to a low impedance ground plane for optimal thermal and electrical performance.
U
U
U
3210f
7
LTC3210 BLOCK DIAGRA W
C1P 1 C1M 14 C2P 16 C2M 13 800kHz OSCILLATOR 12 GND VBAT 15 CHARGE PUMP 2 CPO
- +
ENABLE CP
+ -
500 RM ENM 8 3 250k
1.215V
TIMER 3-BIT DOWN COUNTER
ENABLE MAIN 3-BIT EXPONENTIAL DAC MLED CURRENT SOURCES 4
4 5 6 7
MLED1 MLED2
MLED3 MLED4
+ -
500 RC 9 ENC 10 250k
1.215V TIMER SHUTDOWN
TIMER 3-BIT DOWN COUNTER
ENABLE CAM 3-BIT LINEAR DAC CLED CURRENT SOURCE
11 CLED
3210 BD
3210f
8
LTC3210 OPERATIO
Power Management The LTC3210 uses a switched capacitor charge pump to boost CPO to as much as 2 times the input voltage up to 5.1V. The part starts up in 1x mode. In this mode, VBAT is connected directly to CPO. This mode provides maximum efficiency and minimum noise. The LTC3210 will remain in 1x mode until an LED current source drops out. Dropout occurs when a current source voltage becomes too low for the programmed current to be supplied. When dropout is detected, the LTC3210 will switch into 1.5x mode. The CPO voltage will then start to increase and will attempt to reach 1.5x VBAT up to 4.6V. Any subsequent dropout will cause the part to enter the 2x mode. The CPO voltage will attempt to reach 2x VBAT up to 5.1V. The part will be reset to 1x mode whenever the part is shut down or when ENC goes low. A two phase nonoverlapping clock activates the charge pump switches. In the 2x mode the flying capacitors are charged on alternate clock phases from VBAT to minimize input current ripple and CPO voltage ripple. In 1.5x mode the flying capacitors are charged in series during the first clock phase and stacked in parallel on VBAT during the second phase. This sequence of charging and discharging the flying capacitors continues at a constant frequency of 800kHz. LED Current Control The MLED currents are delivered by the four programmable current sources. Eight current settings (0mA to 20mA, RM = 30.1k) are available by strobing the ENM pin. Each positive strobe edge decrements a 3-bit down counter which controls an exponential DAC. When the desired
tPW 60ns ENM OR ENC PROGRAMMED CURRENT LED CURRENT
SHUTDOWN
U
current is achieved ENM is stopped high. The output current then changes to the programmed value after 150s (typ). The counter will stop when the LSB is reached. The output current is set to 0 when ENM is toggled low after the output has been enabled. If strobing is started within 150s (typ), after ENM has been set low, the counter will continue to count down. After 150s (typ) the counter is reset. The CLED current is delivered by a programmable current source. Eight linear current settings (0mA to 380mA, RC = 24.3k) are available by strobing the ENC pin. Each positive strobe edge decrements a 3-bit down counter which controls a 3-bit linear DAC. When the desired current is reached, ENC is stopped high. The output current then changes to the programmed value after 150s (typ). The counter will stop when the LSB is reached. The output current is set to 0 when ENC is toggled low after the output has been enabled. If strobing is started within 150s (typ) after ENC has been set low, the counter will continue to count down. After 150s (typ) the counter is reset. The full-scale output current is calculated as follows: MLED full-scale output current = (1.215V/(RM + 500)) * 515 CLED full-scale output current = (1.215V/(RC + 500)) * 7500 When both ENM and ENC are held low for 150s (typ) the part will go into shutdown. See Figure 1 for timing information. ENC resets the mode to 1x on a falling edge.
tSD 150s (TYP) tEN 150s (TYP) ENM = ENC = LOW
3210 F01
Figure 1. Current Programming and Shutdown Timing Diagram
3210f
9
LTC3210 OPERATIO
Soft-Start Initially, when the part is in shutdown, a weak switch connects VBAT to CPO. This allows VBAT to slowly charge the CPO output capacitor to prevent large charging currents. The LTC3210 also employs a soft-start feature on its charge pump to prevent excessive inrush current and supply droop when switching into the step-up modes. The current available to the CPO pin is increased linearly over a typical period of 150s. Soft-start occurs at the start of both 1.5x and 2x mode changes. Charge Pump Strength and Regulation Regulation is achieved by sensing the voltage at the CPO pin and modulating the charge pump strength based on the error signal. The CPO regulation voltages are set internally, and are dependent on the charge pump modes as shown in Table 1.
Table 1. Charge Pump Output Regulation Voltages
Charge Pump Mode 1.5x 2x Regulated VCPO 4.55V 5.05V
When the LTC3210 operates in either 1.5x mode or 2x mode, the charge pump can be modeled as a Thevenin-equivalent circuit to determine the amount of current available from the effective input voltage and effective open-loop output resistance, ROL (Figure 2). ROL is dependent on a number of factors including the switching term, 1/(2fOSC * CFLY), internal switch resistances and the nonoverlap period of the switching circuit.
ROL
10
U
However, for a given ROL, the amount of current available will be directly proportional to the advantage voltage of 1.5VBAT - CPO for 1.5x mode and 2VBAT - CPO for 2x mode. Consider the example of driving white LEDs from a 3.1V supply. If the LED forward voltage is 3.8V and the current sources require 100mV, the advantage voltage for 1.5x mode is 3.1V * 1.5 - 3.8V - 0.1V or 750mV. Notice that if the input voltage is raised to 3.2V, the advantage voltage jumps to 900mV-- a 20% improvement in available strength. From Figure 2, for 1.5x mode the available current is given by: IOUT = (1.5VBAT - VCPO ) ROL For 2x mode, the available current is given by: (2V - VCPO ) IOUT = BAT ROL Notice that the advantage voltage in this case is 3.1V * 2 - 3.8V - 0.1V = 2.3V. ROL is higher in 2x mode but a significant overall increase in available current is achieved. Typical values of ROL as a function of temperature are shown in Figure 3 and Figure 4. Shutdown Current In shutdown mode all the circuitry is turned off and the LTC3210 draws a very low current from the VBAT supply. Furthermore, CPO is weakly connected to VBAT. The LTC3210 enters shutdown mode when both the ENM and ENC pins are brought low for 150s (typ). ENM and ENC have 250k internal pull down resistors to define the shutdown state when the drivers are in a high impedance state.
+
CPO
+ -
1.5VBAT OR 2VBAT
-
Figure 2. Charge Pump Thevenin-Equivalent Circuit
3210f
LTC3210 OPERATIO
Thermal Protection The LTC3210 has built-in overtemperature protection. At internal die temperatures of around 150C thermal shutdown will occur. This will disable all of the current sources and charge pump until the die has cooled by about 15C. This thermal cycling will continue until the fault has been corrected. Mode Switching The LTC3210 will automatically switch from 1x mode to 1.5x mode and subsequently to 2x mode whenever
3.8 OPEN LOOP OUTPUT RESISTANCE ()
OPEN LOOP OUTPUT RESISTANCE ()
VBAT = 3V VCPO = 4.2V 3.6 C2 = C3 = C4 = 2.2F 3.4
3.2 3.0 2.8 2.6 2.4 -40
Figure 3. Typical 1.5x ROL vs Temperature
U
a dropout condition is detected at an LED pin. Dropout occurs when a current source voltage becomes too low for the programmed current to be supplied. The time from drop-out detection to mode switching is typically 0.4ms. The part is reset back to 1x mode when the part is shut down (ENM = ENC = Low) or on the falling edge of ENC. An internal comparator will not allow the main switches to connect VBAT and CPO in 1x mode until the voltage at the CPO pin has decayed to less than or equal to the voltage at the VBAT pin.
4.6 4.4 4.2 4.0 3.8 3.6 3.4 3.2 -40 VBAT = 3V VCPO = 4.8V C2 = C3 = C4 = 2.2F -15 10 35 60 85
3210 F03
-15
10
35
60
85
3210 F04
TEMPERATURE (C)
TEMPERATURE (C)
Figure 4. Typical 2x ROL vs Temperature
3210f
11
LTC3210 APPLICATIO S I FOR ATIO
VBAT, CPO Capacitor Selection The style and value of the capacitors used with the LTC3210 determine several important parameters such as regulator control loop stability, output ripple, charge pump strength and minimum start-up time. To reduce noise and ripple, it is recommended that low equivalent series resistance (ESR) ceramic capacitors are used for both CVBAT and CCPO. Tantalum and aluminum capacitors are not recommended due to high ESR. The value of CCPO directly controls the amount of output ripple for a given load current. Increasing the size of CCPO will reduce output ripple at the expense of higher start-up current. The peak-to-peak output ripple of the 1.5x mode is approximately given by the expression: VRIPPLE(P -P) = IOUT (3 f0SC * C CPO ) (3)
Where fOSC is the LTC3210 oscillator frequency or typically 800kHz and CCPO is the output storage capacitor. The output ripple in 2x mode is very small due to the fact that load current is supplied on both cycles of the clock. Both style and value of the output capacitor can significantly affect the stability of the LTC3210. As shown in the Block Diagram, the LTC3210 uses a control loop to adjust the strength of the charge pump to match the required output current. The error signal of the loop is stored directly on the output capacitor. The output capacitor also serves as the dominant pole for the control loop. To prevent ringing or instability, it is important for the output capacitor to maintain at least 1.3F of capacitance over all conditions.
12
U
In addition, excessive output capacitor ESR >100m will tend to degrade the loop stability. Multilayer ceramic chip capacitors typically have exceptional ESR performance and when combined with a tight board layout will result in very good stability. As the value of CCPO controls the amount of output ripple, the value of CVBAT controls the amount of ripple present at the input pin(VBAT). The LTC3210's input current will be relatively constant while the charge pump is either in the input charging phase or the output charging phase but will drop to zero during the clock nonoverlap times. Since the nonoverlap time is small (~35ns), these missing "notches" will result in only a small perturbation on the input power supply line. Note that a higher ESR capacitor such as tantalum will have higher input noise due to the higher ESR. Therefore, ceramic capacitors are recommended for low ESR. Input noise can be further reduced by powering the LTC3210 through a very small series inductor as shown in Figure 5. A 10nH inductor will reject the fast current notches, thereby presenting a nearly constant current load to the input power supply. For economy, the 10nH inductor can be fabricated on the PC board with about 1cm (0.4") of PC board trace.
VBAT LTC3210 GND
3210 F05
W
U
U
Figure 5. 10nH Inductor Used for Input Noise Reduction (Approximately 1cm of Board Trace)
3210f
LTC3210 APPLICATIO S I FOR ATIO
Flying Capacitor Selection Warning: Polarized capacitors such as tantalum or aluminum should never be used for the flying capacitors since their voltage can reverse upon start-up of the LTC3210. Ceramic capacitors should always be used for the flying capacitors. The flying capacitors control the strength of the charge pump. In order to achieve the rated output current it is necessary to have at least 1.6F of capacitance for each of the flying capacitors. Capacitors of different materials lose their capacitance with higher temperature and voltage at different rates. For example, a ceramic capacitor made of X7R material will retain most of its capacitance from -40C to 85C whereas a Z5U or Y5V style capacitor will lose considerable capacitance over that range. Capacitors may also have a very poor voltage coefficient causing them to lose 60% or more of their capacitance when the rated voltage is applied. Therefore, when comparing different capacitors, it is often more appropriate to compare the amount of achievable capacitance for a given case size rather than comparing the specified capacitance value. For example, over rated voltage and temperature conditions, a 1F, 10V, Y5V ceramic capacitor in a 0603 case may not provide any more capacitance than a 0.22F, 10V, X7R available in the same case. The capacitor manufacturer's data sheet should be consulted to determine what value of capacitor is needed to ensure minimum capacitances at all temperatures and voltages. Table 2 shows a list of ceramic capacitor manufacturers and how to contact them:
Table 2. Recommended Capacitor Vendors
AVX Kemet Murata Taiyo Yuden Vishay www.avxcorp.com www.kemet.com www.murata.com www.t-yuden.com www.vishay.com
U
Layout Considerations and Noise Due to the high switching frequency and the transient currents produced by the LTC3210, careful board layout is necessary. A true ground plane and short connections to all capacitors will improve performance and ensure proper regulation under all conditions. The flying capacitor pins C1P, C2P, C1M and C2M will have high edge rate waveforms. The large dv/dt on these pins can couple energy capacitively to adjacent PCB runs. Magnetic fields can also be generated if the flying capacitors are not close to the LTC3210 (i.e., the loop area is large). To decouple capacitive energy transfer, a Faraday shield may be used. This is a grounded PCB trace between the sensitive node and the LTC3210 pins. For a high quality AC ground, it should be returned to a solid ground plane that extends all the way to the LTC3210. The following guidelines should be followed when designing a PCB layout for the LTC3210: * The exposed pad should be soldered to a large copper plane that is connected to a solid, low impedance ground plane using plated through-hole vias for proper heat sinking and noise protection. * Input and output capacitors must be placed close to the part. * The flying capacitors must be placed close to the part. The traces from the pins to the capacitor pad should be as wide as possible. * VBAT, CPO traces must be wide to minimize inductance and handle high currents. * LED pads must be large and connected to other layers of metal to ensure proper heat sinking. * RM and RC pins are sensitive to noise and capacitance. The resistors should be placed near the part with minimum line width.
3210f
W
U
U
13
LTC3210 APPLICATIO S I FOR ATIO
Power Efficiency To calculate the power efficiency () of a white LED driver chip, the LED power should be compared to the input power. The difference between these two numbers represents lost power whether it is in the charge pump or the current sources. Stated mathematically, the power efficiency is given by: = P LED PIN
The efficiency of the LTC3210 depends upon the mode in which it is operating. Recall that the LTC3210 operates as a pass switch, connecting VBAT to CPO, until dropout is detected at the LED pin. This feature provides the optimum efficiency available for a given input voltage and LED forward voltage. When it is operating as a switch, the efficiency is approximated by: = PLED PIN = (VLED * ILED ) VLED = (VBAT * IBAT ) VBAT
since the input current will be very close to the sum of the LED currents. At moderate to high output power, the quiescent current of the LTC3210 is negligible and the expression above is valid. Once dropout is detected at any LED pin, the LTC3210 enables the charge pump in 1.5x mode.
14
U
In 1.5x boost mode, the efficiency is similar to that of a linear regulator with an effective input voltage of 1.5 times the actual input voltage. This is because the input current for a 1.5x charge pump is approximately 1.5 times the load current. In an ideal 1.5x charge pump, the power efficiency would be given by: PLED (VLED * ILED ) VLED IDEAL = = = PIN (VBAT * (1.5)* ILED ) (1.5 * VBAT ) Similarly, in 2x boost mode, the efficiency is similar to that of a linear regulator with an effective input voltage of 2 times the actual input voltage. In an ideal 2x charge pump, the power efficiency would be given by: IDEAL = PLED PIN = (VLED * ILED ) VLED = (VBAT * (2)* ILED ) (2 * VBAT ) Thermal Management For higher input voltages and maximum output current, there can be substantial power dissipation in the LTC3210. If the junction temperature increases above approximately 150C the thermal shut down circuitry will automatically deactivate the output current sources and charge pump. To reduce maximum junction temperature, a good thermal connection to the PC board is recommended. Connecting the Exposed Pad to a ground plane and maintaining a solid ground plane under the device will reduce the thermal resistance of the package and PC board considerably.
3210f
W
U
U
LTC3210 PACKAGE DESCRIPTIO U
UD Package 16-Lead Plastic QFN (3mm x 3mm)
(Reference LTC DWG # 05-08-1691)
0.70 0.05 PACKAGE OUTLINE 0.25 0.05 0.50 BSC RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS 0.75 0.05 BOTTOM VIEW--EXPOSED PAD R = 0.115 TYP 15 16 0.40 0.10 1 1.45 0.10 (4-SIDES) 2 PIN 1 NOTCH R = 0.20 TYP OR 0.25 x 45 CHAMFER
(UD16) QFN 0904
3.50 0.05 1.45 0.05 2.10 0.05 (4 SIDES)
3.00 0.10 (4 SIDES) PIN 1 TOP MARK (NOTE 6)
0.200 REF 0.00 - 0.05 NOTE: 1. DRAWING CONFORMS TO JEDEC PACKAGE OUTLINE MO-220 VARIATION (WEED-2) 2. DRAWING NOT TO SCALE 3. ALL DIMENSIONS ARE IN MILLIMETERS 4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE 5. EXPOSED PAD SHALL BE SOLDER PLATED 6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE TOP AND BOTTOM OF PACKAGE
0.25 0.05 0.50 BSC
3210f
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
15
LTC3210 TYPICAL APPLICATIO U
3-LED MAIN, One LED Camera
C2 2.2F C3 2.2F C1M C2P C2M CPO LTC3210 MLED1 MLED2 MLED3 ENM ENC ENM ENC RM 30.1k 1% RC 24.3k 1% MLED4 CLED GND MLED4 DISABLED
3210 TA02
C1P VBAT C1 2.2F VBAT
MAIN C4 2.2F
CAM
RELATED PARTS
PART NUMBER LT1618 LTC3205 LTC3206 LTC3208 LTC3209-1/ LTC3209-2 LTC3210-1 LTC3214 LTC3215 LTC3216 LTC3217 LTC3440/LTC3441 LTC3443 LTC3453 LT3467/LT3467A LT3479 DESCRIPTION Constant Current, 1.4MHz, 1.5A Boost Converter 250mA, 1MHz, Multi-Display LED Controller 400mA, 800kHz, Multi-Display LED Controller High Current Software Configurable Multi-Display LED Controller 600mA Main/Camera/AUX LED Controller MAIN/CAM LED Controller with 64-Step Brightness Control 500mA Camera LED Charge Pump 700mA Low Noise High Current LED Charge Pump 1A Low Noise High Current LED Charge Pump with Independent Flash/Torch Current Control 600mA Low Noise Multi-LED Camera Light 600mA/1.2A IOUT, 2MHz/1MHz, Synchronous Buck-Boost DC/DC Converter 600mA/1.2A IOUT, 600kHz, Synchronous Buck-Boost DC/DC Converter 1MHz, 800mA Synchronous Buck-Boost High Power LED Driver 1.1A (ISW), 1.3/2.1MHz, High Efficiency Step-Up DC/DC Converters with Integrated Soft-Start 3A, 42V, 3.5MHz Boost Converter COMMENTS VIN: 1.6V to 18V, VOUT(MAX) = 36V, IQ = 1.8mA, ISD < 1A, MS Package VIN: 2.8V to 4.5V, VOUT(MAX) = 5.5V, IQ = 50A, ISD < 1A, QFN Package VIN: 2.8V to 4.5V, VOUT(MAX) = 5.5V, IQ = 50A, ISD < 1A, QFN Package VIN: 2.9V to 4.5V, VOUT = 5.1V, IQ = 250A, ISD < 1A, 17 Current Sources (MAIN, SUB, RGB, CAM, AUX), 5 x 5 QFN Package VIN: 2.9V to 4.5V, IQ = 400A, Up to 94% Efficiency, 4mm x 4mm QFN-20 Package VIN: 2.9V to 4.5V, IQ = 400A, 3-Bit DAC Brightness Control for MAIN and CAM LEDs, 3mm x 3mm QFN Package VIN: 2.9V to 4.5V, Single Output, 3 x 3 DFN Package VIN: 2.9V to 4.4V, VOUT(MAX) = 5.5V, IQ = 300A, ISD < 2.5A, DFN Package VIN: 2.9V to 4.4V, VOUT(MAX) = 5.5V, IQ = 300A, ISD < 2.5A, DFN Package VIN: 2.9V to 4.4V, IQ = 400A, Four 100mA Outputs, QFN Package VIN: 2.4V to 5.5V, VOUT(MAX) = 5.25V, IQ = 25A/50A, ISD <1A, MS/DFN Packages VIN: 2.4V to 5.5V, VOUT(MAX) = 5.25V, IQ = 28A, ISD <1A, DFN Package VIN(MIN): 2.7V to 5.5V, VIN(MAX): 2.7V to 4.5V, IQ = 2.5mA, ISD < 6A, QFN Package VIN: 2.4V to 16V, VOUT(MAX) = 40V, IQ = 1.2mA, ISD < 1A, ThinSOT Package VIN: 2.5V to 24V, VOUT(MAX) = 40V, IQ = 2A, ISD < 1A DFN, TSSOP Packages
3210f
16 Linear Technology Corporation
(408) 432-1900
LT 0106 * PRINTED IN USA
1630 McCarthy Blvd., Milpitas, CA 95035-7417
FAX: (408) 434-0507 www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 2006


▲Up To Search▲   

 
Price & Availability of LTC3210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X