Part Number Hot Search : 
HCF4050 74ACT1 PE45036 MXG2320 ON1410 HMC294 FRS14 M63001FP
Product Description
Full Text Search
 

To Download LTC1406 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Final Electrical Specifications
LTC1406 Low Power, 8-Bit, 20Msps, Sampling A/D Converter
FEATURES
s s s s s s s s s s s
DESCRIPTION
March 1998
Low Power, 8-Bit, 20Msps ADC 250MHz Internal Sample-and-Hold 7 Effective Bits at 70MHz Input Frequency 1LSB DNL and INL Max Single 5V Supply and 150mW Dissipation Power Down to 1A True Differential Inputs Reject Common Mode Noise Accepts Single-Ended or Differential Input Signals 1V Differential or 2V Single-Ended Input Span Analog Inputs Common Mode to VDD and GND 24-Pin Narrow SSOP Package
The LTC (R)1406 is a 20Msps, 8-bit, sampling A/D converter which draws only 150mW from a single 5V supply. This easy-to-use device includes a high dynamic range sampleand-hold with a 250MHz bandwidth. The LTC1406's full-scale input range is 1V. The inputs can be driven differentially or one input can be tied to a fixed voltage and the other input driven with a 1V bipolar input. Maximum DC specifications include 1LSB DNL and INL over temperature. Outstanding AC performance includes 48.5dB S/(N + D) and 62dB THD with a 1MHz input; 47.5dB S/(N + D) and 59dB THD at the Nyquist input frequency of 10MHz. The unique differential input sample-and-hold can acquire single-ended or differential input signals up to its 250MHz bandwidth. The 60dB common mode rejection allows users to eliminate ground loops and common mode noise by measuring signals differentially from the source. The ADC has an 8-bit parallel output port with separate power supply and ground allowing easy interface to 3V digital systems. The pipelined architecture has five clock cycles of data latency.
, LTC and LT are registered trademarks of Linear Technology Corporation.
APPLICATIONS
s s s s s s s s s
Telecommunications Wireless Communications Digital Cellular Telephones CCDs and Image Scanners Video Digitizing and Digital Television Digital Color Copiers High Speed Undersampling Personal Computer Video High Speed Data Acquisition
TYPICAL APPLICATION
Low Power, 20MHz, 8-Bit Sampling ADC
LTC1406 5V 1 2 10F 2.5V REFERENCE 3 4 5 10F 6 7 ANALOG INPUTS 8 9 10F 10 11 12 OGND OVDD SHDN VBIAS VREF AGND AIN+ AIN - AVDD AGND DGND DVDD CLK OF/UF D7 D6 D5 D4 D3 D2 D1 D0 NC NC 24 23 22 CLOCK INPUT OVERFLOW/UNDERFLOW OUTPUT
Effective Bits and Signal-to-Noise + Distortion vs Input Frequency
8 7 6 50 44 38
EFFECTIVE BITS
21 20 19 18 17 16 15 14 13 NC NC 8-BIT PARALLEL BUS
5 4 3 2 1 0 100k 1M 10M INPUT FREQUENCY (Hz)
1406 TA01
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
U
U
U
S/(N + D) (dB)
32
100M
1406 TA02
1
LTC1406
ABSOLUTE MAXIMUM RATINGS
AVDD = OVDD = DVDD = VDD (Notes 1, 2)
PACKAGE/ORDER INFORMATION
TOP VIEW OGND OVDD SHDN VBIAS VREF AGND AIN+ AIN- AVDD 1 2 3 4 5 6 7 8 9 24 CLK 23 OF/UF 22 D7 21 D6 20 D5 19 D4 18 D3 17 D2 16 D1 15 D0 14 NC 13 NC
Supply Voltage (VDD) ................................................. 6V Analog Input Voltage (Note 3) .... - 0.3V to (VDD + 0.3V) Digital Input Voltage (Note 4) .................. - 0.3V to 10V Digital Output Voltage ................. - 0.3V to (VDD + 0.3V) Power Dissipation.............................................. 500mW Operation Temperature Range LTC1406C................................................ 0C to 70C LTC1406I............................................ - 40C to 85C Storage Temperature Range ................. - 65C to 150C Lead Temperature (Soldering, 10 sec).................. 300C
ORDER PART NUMBER LTC1406CGN LTC1406IGN
AGND 10 DGND 11 DVDD 12
GN PACKAGE 24-LEAD PLASTIC SSOP
TJMAX = 110C, JA = 95C/ W
Consult factory for Military grade parts.
CO VERTER CHARACTERISTICS
PARAMETER Resolution (No Missing Codes) Integral Linearity Error Differential Linearity Error Offset Error Gain Error
(Notes 5, 6)
MIN
q
CONDITIONS (Note 7) (Note 8) With External 2.5V Reference
q q q
TYP 0.5 0.25 1 1
MAX 1 1 8 5
UNITS Bits LSB LSB LSB LSB
8
A ALOG I PUT
SYMBOL PARAMETER VIN IIN CIN
(Note 5)
CONDITIONS 4.75V VDD 5.25V Voltage On Either AIN+ or AIN- CLK = 0 CLK = 1 CLK = 0
q q q
MIN 0
TYP 1
MAX VDD 5
UNITS V V A pF pF MHz ns psRMS dB V
Analog Input Span [(AIN+) - (AIN-)] (Note 9) Input (AIN+ or AIN-) Range Analog Input Leakage Current Analog Input Capacitance Input Bandwidth
4 2 250 3 5
tAP tjitter CMRR VBIAS
Sample-and-Hold Aperture Delay Time Sample-and-Hold Aperture Delay Time Jitter Analog Input Common Mode Rejection Ratio Internal Bias Voltage - 2.5V < (AIN- = AIN+) < 2.5V No Load
60 2.2
2
U
W
U
U
WW
W
U
U
U
LTC1406
DY A IC ACCURACY
SYMBOL PARAMETER S/(N + D) Signal-to-Noise Plus Distortion Ratio THD SFDR IMD Total Harmonic Distortion Spurious Free Dynamic Range Intermodulation Distortion
DIGITAL I PUTS AND OUTPUTS
SYMBOL PARAMETER VIH VIL IIN CIN VOH VOL ISOURCE ISINK High Level Input Voltage Low Level Input Voltage Digital Input Current Digital Input Capacitance High Level Output Voltage Low Level Output Voltage Output Source Current Output Sink Current VDD = 5.25V VDD = 4.75V
POWER REQUIRE E TS
SYMBOL PARAMETER AVDD DVDD OVDD VBIAS VREF OGND IDD PD Analog Positive Supply Voltage Digital Positive Supply Voltage Output Positive Supply Voltage Internal Bias Voltage Reference Voltage Output Ground Positive Supply Current Power Dissipation Power Down Positive Supply Current Power Down Power Dissipation
TI I G CHARACTERISTICS
SYMBOL fSMPL(MAX) t1 t2 t3 t4 t5 PARAMETER Maximum Sampling Frequency Clock Period Pulse Width High Pulse Width Low Output Delay Pipeline Delay
UW
U
U
WU
(Note 5)
CONDITIONS 1MHz Input Signal 10MHz Input Signal 1MHz Input Signal, First 5 Harmonics 10MHz Input Signal, First 5 Harmonics 1MHz Input Signal 10MHz Input Signal fIN1 = 3.4MHz, fIN2 = 3.5MHz MIN TYP 48.5 47.5 - 62 - 59 63 60 60 MAX UNITS dB dB dB dB dB dB dB
(Note 5)
MIN
q q q
CONDITIONS
TYP
MAX 0.8 5
UNITS V V A pF V V
2.4
VIN = 0V to VDD VDD = 4.75V, IO = - 10A VDD = 4.75V, IO = - 200A VDD = 4.75V, IO = 160A VDD = 4.75V, IO = 1.6mA VOUT = 0V VOUT = VDD
5 4.5
q q
4.0 0.05 0.10 - 20 30 0.4
V V mA mA
(Note 5)
CONDITIONS (Note 10) (Note 10) (Note 10) When Externally Driven (Note 10) (Note 10) (Note 10) AVDD = DVDD = OVDD = 5V, fSMPL = 20MHz SHDN = 0V, CLK = VDD or 0 SHDN = 0V, CLK = VDD or 0
q q
MIN 4.75 4.75 2.7 1.9 2 0
TYP
MAX 5.25 5.25 5.25
UNITS V V V V V V mA mW A W
2.2 2.5 30 150 1 5
2.5 3 2 40 200 10 50
UW
(Note 5)
MIN
q
CONDITIONS (Notes 11, 12) (Notes 11, 12) (Notes 11, 12) CL = 15pF
q q q
TYP
MAX
UNITS MHz ns ns ns
20 50 25 25 15 5 25
ns Cycles
3
LTC1406
TI I G CHARACTERISTICS
SYMBOL t6 PARAMETER Aperture Delay Aperture Jitter The q denotes specifications which apply over the full operating temperature range; all other limits and typicals TA = 25C. Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: All voltage values are with respect to ground with DGND, OGND and AGND wired together (unless otherwise noted). Note 3: When these pin voltages are taken below ground or above VDD, they will be clamped by internal diodes. This product can handle input currents greater than 100mA below ground or above VDD without latchup. Note 4: When these pin voltages are taken below ground they will be clamped by internal diodes. This product can handle input currents greater than 100mA below ground without latchup. These pins are not clamped to VDD. Note 5: VDD = 5V, fSMPL = 20MHz and tr = tf = 2ns unless otherwise specified.
TI I G DIAGRA
ANALOG SIGNAL
N-1
CLOCK t2 DATA OUT N-6 N-5 N-4 N-3 t5 N-2 N-1 t4 N
1406 TD
4
W
UW
UW
(Note 5)
MIN TYP 3 5 MAX UNITS ns psRMS
CONDITIONS
Note 6: Linearity, offset and full-scale specifications apply for a singleended AIN+ input with AIN- tied to VREF = 2.5V. Note 7: Integral nonlinearity is defined as the deviation of a code from a straight line passing through the actual endpoints of the transfer curve. The deviation is measured from the center of the quantization band. Note 8: Bipolar offset is the offset voltage measured from - 0.5LSB when the output code flickers between 0111 1111 and 1000 0000. Note 9: Guaranteed by design, not subject to test. Note 10: Recommended operating conditions. Note 11: The falling CLK edge starts a conversion. Note 12: At the maximum conversion rate, deviation from a 50% duty cycle results in interstage settling times < 25ns and performance may be affected.
t6 N N+1 N+2 N+3 N+4 t3 t1 N+5 N+6
LTC1406
PIN FUNCTIONS
OGND (Pin 1): Digital Data Output Ground. Tie to analog ground plane. May be tied to logic ground if desired. OVDD (Pin 2): Digital Data Output Supply. Normally tied to 5V, can be used to interface with 3V digital logic. Bypass to OGND with 10F tantalum in parallel with 0.1F or 10F ceramic. SHDN (Pin 3): Power Shutdown Input. Logic low selects shutdown. VBIAS (Pin 4): Internal Bias Voltage. Internally set to 2.2V. Bypass to analog ground plane with 10F tantalum in parallel with 0.1F or 10F ceramic. VREF (Pin 5): External 2.5V Reference Input. Bypass to analog ground plane with 10F tantalum in parallel with 0.1F or 10F ceramic. AGND2 (Pin 6): Analog Ground. Tie to analog ground plane. AIN+ (Pin 7): 1V Input. The maximum output code occurs when [(AIN+) - (AIN-)] = 1V. The minimum output code occurs when [(AIN+) - (AIN-)] = - 1V. AIN- (Pin 8): 1V Input. The maximum output code occurs when [(AIN+) - (AIN-)] = 1V. The minimum output code occurs when [(AIN+) - (AIN-)] = - 1V. For singleended operation, tie AIN- to a DC voltage (e.g., VREF). AVDD (Pin 9): Analog 5V Positive Supply. Bypass to analog ground plane with 10F tantalum in parallel with 0.1F or 10F ceramic. AGND (Pin 10): Analog Ground. Tie to analog ground plane. DGND (Pin 11): Digital Ground for Internal Logic. Tie to analog ground plane. DVDD (Pin 12): Digital 5V Positive Supply. Bypass to DGND with 10F tantalum in parallel with 0.1F or 10F ceramic. NC (Pins 13, 14): No Internal Connection. D7 to D0 (Pins 15 to 22): Digital Data Outputs. The outputs swing between OVDD and OGND. OF/UF (Pin 23): Overflow/Underflow Bit. OF/UF high with D7 to D0 all high indicates an overrange, OF/UF high with D7 to D0 all low indicates an underrange condition. OF/UF low indicates a conversion within the normal input range. The outputs swing between OVDD and OGND. CLK (Pin 24): Clock Input. Internal sample-and-hold tracks the input signal when CLK is high and samples the input signal on the falling edge.
FUNCTIONAL BLOCK DIAGRA
CLK
CLOCK CIRCUITRY OF/UF D7 D6 D5 OUTPUT DRIVERS D4 D3 D2 2.2V 2.5k 1.95k D1 D0
1406 BD
AIN+ AIN- TRACK-ANDHOLD AMP
AVDD
VBIAS
AGND
W
U
U
U
U
U
DVDD
DGND
OVDD
8-BIT PIPELINE ADC
DIGITAL DATA
SHDN
VREF
AGND
OGND
5
LTC1406
APPLICATIONS INFORMATION
Conversion Details The LTC1406 uses an internal sample-and-hold circuit and a pipeline quantizing architecture to convert an analog signal to an 8-bit parallel output. With CLK high the input switches are closed and the analog input will be acquired on the input sampling capacitors CS (see Figure 1). On the falling edge of CLK the input switches open, capturing the input signal. The sampling capacitors are then shorted together and the charge is transferred to the hold capacitors CH resulting in a differential DC voltage on the output of the track-and-hold amplifier that is proportional to the input signal. This differential voltage is fed into a comparator that determines the most significant bit and subtracts the result. The residue is then amplified by two and passed to the next stage via a similar sample-and-hold circuit. This continues down the eight pipeline stages. The comparator outputs are then combined in a digital error correction circuit. The 8-bit word is available at the output, five clock cycles after the sampling edge.
CLK
CH CS
EFFECTIVE BITS
AIN+
CLK CLK
+
CS CLK TO NEXT STAGE
AIN-
CLK
-
CH
1406 F01
CLK
Figure 1. Input Sample-and-Hold Amplifier
Dynamic Performance The LTC1406 has excellent wideband sampling capability. The sample-and-hold amplifier has a small-signal input bandwidth of 250MHz allowing the ADC to undersample input signals with frequencies well beyond the converter's Nyquist frequency. FFT (Fast Fourier Transform) test techniques are used to test the ADC's frequency response, distortion and noise at the rated throughput. By applying
6
U
W
U
U
a low distortion sine wave and analyzing the digital output using an FFT algorithm, the ADC's spectral content can be examined for frequencies outside the fundamental. Signal-to-Noise Ratio The signal-to-noise plus distortion ratio [S/(N + D)] is the ratio between the RMS amplitude of the fundamental input frequency and the RMS amplitude of all other frequency components at the ADC output. The output is band limited to frequencies above DC to below half the sampling frequency. The effective number of bits (ENOBs) is a measurement of the resolution of an ADC and is directly related to the S/(N + D) by the equation: ENOB = [S/(N + D) - 1.76]/6.02 where ENOB is the effective number of bits and S/(N + D) is expressed in dB. At the maximum sampling rate of 20MHz the LTC1406 maintains near ideal ENOBs up to and beyond the Nyquist input frequency of 10MHz (see Figure 2).
8 7 6 5 4 3 2 1 0 100k 1M 10M INPUT FREQUENCY (Hz) 100M
1406 TA02
50 44 38
S/(N + D) (dB)
32
Figure 2. Effective Bits and Signal-to-(Noise + Distortion) vs Input Frequency
Total Harmonic Distortion Total harmonic distortion is the ratio of the RMS sum of all harmonics of the input signal to the fundamental itself. The out-of-band harmonics alias into the frequency band between DC and half the sampling frequency. THD is expressed as:
LTC1406
APPLICATIONS INFORMATION
THD = 20 log
2 2 2 2 V2 + V3 + V4 + . . .Vn
V1
where V1 is the RMS amplitude of the fundamental frequency and V2 through Vn are the amplitudes of the second through nth harmonics. The LTC1406 has good distortion performance up to the Nyquist frequency and beyond. Intermodulation Distortion If the ADC input signal consists of more than one spectral component, the ADC transfer function nonlinearity can produce intermodulation distortion (IMD) in addition to THD. IMD is the change in one sinusoidal input caused by the presence of another sinusoidal input at a different frequency. If two pure sine waves of frequencies fa and fb are applied to the ADC input, nonlinearities in the ADC transfer function can create distortion products at the sum and difference frequencies of mfa nfb, where m and n = 0, 1, 2, 3, etc. For example, the 2nd order IMD terms include (fa + fb). If the two input sine waves are equal in magnitude, the value (in decibels) of the 2nd order IMD products can be expressed by the following formula:
IMD f a + fb = 20 log
(
)
Amplitude at fa + fb Amplitude at f a
(
)
Peak Harmonic or Spurious Noise The peak harmonic or spurious noise is the largest spectral component excluding the input signal and DC. This value is expressed in decibel relative to the RMS value of a full-scale input signal. Input Bandwidth The input bandwidth is that input frequency at which the amplitude of the reconstructed fundamental is reduced by 3dB for a full-scale input signal. The LTC1406 has been designed for wide input bandwidth (250MHz), allowing the ADC to undersample input signals with frequencies
U
W
U
U
above the converter's Nyquist frequency. The noise floor stays very low at high frequencies; S/(N + D) becomes dominated by distortion at frequencies far beyond Nyquist. Analog Inputs The LTC1406 has a unique differential sample-and-hold circuit that allows rail-to-rail inputs. The AIN+ and AIN- inputs are sampled at the same time and the ADC will always convert the difference of [(AIN+) - (AIN-)] independent of the common mode voltage. Any unwanted signal that is common to both inputs will be rejected by the common mode rejection of the sample-and-hold circuit. The common mode rejection holds up to extremely high frequencies The inputs can be driven differentially or single-ended. In differential mode, both inputs are driven 0.5V out of phase with each other. In single-ended mode, the negative input is tied to a fixed voltage and AIN+ is used as the single input providing a 1V bipolar input range centered around AIN-. Likewise, AIN+ can be tied to a fixed voltage and AIN- used as the single input. In any configuration the maximum output code (1111 1111) occurs when [(AIN+) - (AIN-)] = 1V and the minimum output code (0000 0000) occurs when [(AIN+) - (AIN-)] = - 1V. Each analog input can swing from ground to VDD but not beyond. Therefore, the input common mode voltage can range from 0.5V to 4.5V in differential mode and from 1V to 4V in single-ended mode. As an example, with AIN- connected to the VREF pin (2.5V) the input range will be 1.5V to 3.5V (see Figure 3a). To achieve other ranges the input may be capacitively coupled to achieve a 2V span with virtually any common mode voltage (see Figure 3b).
ANALOG INPUT 1.5V TO 3.5V AIN+ LTC1406 AIN- ANALOG INPUT 2V SPAN AIN+ LTC1406 AIN-
2.5V
VREF
1406 F03a
2.5V
VREF
1406 F03b
Figure 3a. DC Coupled
Figure 3b. AC Coupled
7
LTC1406
APPLICATIONS INFORMATION
To achieve other input spans, the reference voltage (VREF) can vary between 2V to 3V. The VREF pin can also be driven with a DAC or other means. This is useful in applications where the peak input signal amplitude may vary. The input span of the ADC can then be adjusted to match the peak input signal, maximizing the signal-to-noise ratio. The analog inputs of the LTC1406 are easy to drive. The inputs draw only one small current spike while charging the sample-and-hold capacitors following a rising CLK edge. While CLK is low the analog inputs draw only a small leakage current. If the source impedance of the driving circuit is low, then the LTC1406 inputs can be driven directly. As source impedance increases, so will acquisition time. For minimum acquisition time with high source impedance, a buffer amplifier should be used. The only requirement is that the amplifier driving the analog input(s) must settle after the small current spike before the next conversion starts (settling time must be 25ns for full throughput rate). Choosing an Input Amplifier Choosing an input amplifier is easy if a few requirements are taken into consideration. First, to limit the magnitude of the voltage spike seen by the amplifier from charging the sampling capacitor, choose an amplifier that has a low output impedance (< 50) at the closed-loop bandwidth frequency. For example, if an amplifier is used in a gain of 1 and has a unity-gain bandwidth of 50MHz, then the output impedance at 50MHz must be less than 50. The second requirement is that the closed-loop bandwidth must be greater than 70MHz to ensure adequate small-signal settling for full throughput rate. The following list is a summary of the op amps that are suitable for driving the LTC1406. More detailed information is available in the Linear Technology Databooks and on the LinearViewTM CD-ROM. LT(R)1223: 100MHz Video Current Feedback Amplifier. 6mA supply current. 5V to 15V supplies. Low distortion at frequencies above 400kHz. Low noise. Good for AC applications.
LinearView is a trademark of Linear Technology Corporation.
OUTPUT CODE
8
U
W
U
U
LT1227: 140MHz Video Current Feedback Amplifier. 10mA supply current. 5V to 15V supplies. Lowest distortion at frequencies above 400kHz. Low noise. Best for AC applications. LT1229: Dual and Quad 100MHz Current Feedback Amplifiers. 2V to 15V supplies. Low noise. Good AC specifications, 6mA supply current each amplifier. Input/Output Characteristics Figure 4 shows the ideal input/output characteristics for the LTC1406. The code transitions occur midway between successive integer LSB values (i.e., - FS + 0.5LSB, - FS + 1.5LSB, - FS + 2.5LSB...FS - 1.5LSB, FS - 0.5LSB). The output is straight binary with 1LSB = FS - (- FS)/256 = 2V/ 256 = 7.8125mV. The OF/UF bit indicates that the input has exceeded full scale and can be used to detect an overrange or underrange condition. A logic high output on the OF/UF pin with an output code of 0000 0000 indicates the input is less than the negative full scale. A logic high output on the OF/UF pin with an output code of 1111 1111 indicates that the input is greater than the positive full scale. A logic low output on the OF/UF pin indicates the input is within the full-scale range of the converter.
OF/UF BIT 1111 1111 1111 1110 1111 1101 1000 0001 1000 0000 0111 1111 0111 1110 0000 0010 0000 0001 0000 0000 -FS -1 0 1 LSB LSB INPUT VOLTAGE (V) FS - 1LSB
1406 F04
Figure 4. LTC1406 Transfer Characteristics
LTC1406
APPLICATIONS INFORMATION
In applications where absolute accuracy is important, offset and full-scale errors can be adjusted to zero. Offset error must be adjusted before full-scale error. Zero offset is achieved by adjusting the offset applied to the AIN- input. For zero offset error, apply a voltage equal to the input common mode voltage minus 3.90625mV (i.e., - 0.5LSB) and adjust the offset at the AIN- input until the output code flickers between 0111 1111 and 1000 0000. For full-scale adjustment, an input voltage equal to the input common mode voltage plus 988.28125mV (i.e., FS - 1.5LSBs) is applied to AIN+ and the VREF input is adjusted until the output code flickers between 1111 1110 and 1111 1111. Clock The LTC1406 requires a 50% duty cycle clock. The duty cycle should be timed from the nominal threshold of the CLK input which is 1.9V. At conversion speeds below the maximum conversion rate of 20MHz, the duty cycle can deviate from 50% with no degradation in performance as long as each clock phase is at least 25ns long. At the maximum conversion rate, deviation from a 50% duty cycle clock results in interstage settling times of < 25ns and performance may be affected. With the CLK pin high, the ADC will track the difference of the two analog inputs. On the falling edge of CLK the input is sampled and the conversion begins. At the end of five clock cycles (on the fifth falling CLK edge following the start of conversion) the data from the conversion will be available at the digital outputs until the next falling CLK edge. Each falling edge of CLK starts a new conversion so successive conversion results are available on successive falling CLK edges. While the falling edge starts the conversion, both rising and falling edges are used internally during the conversion. It is therefore important to provide a clock signal that has low jitter and fast rise and fall times (< 2ns). Much of the internal circuitry operates dynamically limiting the minimum conversion rate to 10kHz. To ensure proper operation after power is first applied, or the clock stops for more than 100s, a minimum of 20 clock cycles must be performed to a sample rate above 10kHz before the output data will be valid. Power Shutdown The quiescent power of the LTC1406 can be further reduced between conversions by taking the SHDN pin low. This powers down all of the internal amplifiers and bias circuitry and the part draws only a small quiescent current of 1A from the 5V supply. During shutdown the clock input should be stopped to eliminate unnecessary internal digital switching current. There is a nominally 4k internal resistor between VREF and AGND2 that will continue to draw current during shutdown as long as VREF is driven. To resume normal operation, the SHDN pin must be brought high and typically 20 clock cycles must be performed at a sample rate above 10kHz before the output data will be valid. Board Layout and Bypassing Wire wrap boards are not recommended for high resolution or high speed A/D converters. To obtain the best performance from the LTC1406, a printed circuit board with ground plane is required. Layout for the printed circuit board should ensure that digital and analog signal lines are separated as much as possible. In particular, care should be taken not to run any digital track alongside an analog signal track or underneath the ADC. An analog ground plane separate from the logic system ground should be established under and around the ADC. Pin 1 (OGND), Pin 6 (AGND), Pin 10 (AGND) and Pin 11 (ADC's DGND) and all other analog grounds should be connected to this single analog ground point. The VCM, VREF, DVDD and OVDD bypass capacitors should also be connected to this analog ground plane. No other digital grounds should be connected to this analog ground plane. In some applications it may be desirable to connect the OVDD to the logic system supply and OGND to the logic system ground. In these cases OVDD should be bypassed to OGND instead of the analog ground plane. Low impedance analog and digital power supply common returns are essential to low noise operation of the ADC and the foil width for these tracks should be as wide as possible. In applications where the ADC data outputs and control signals are connected to a continuously active
U
W
U
U
9
LTC1406
APPLICATIONS INFORMATION
microprocessor bus, it is possible to get errors in the conversion results. These errors are due to feedthrough from the microprocessor to the comparators. The problem can be eliminated by forcing the microprocessor into a wait state during conversion or by using three-state buffers to isolate the ADC data bus. The LTC1406 has differential inputs to minimize noise coupling. Common mode noise on the AIN+ and AIN- leads will be rejected by the input CMRR. The LTC1406 will hold and convert the difference voltage between AIN+ and AIN-. The leads to AIN+ (Pin 7) and AIN- (Pin 8) should be kept as short as possible. In applications where this is not possible, the AIN+ and AIN- traces should be run side by side to equalize coupling. Supply Bypassing High quality, low series resistance ceramic, 10F bypass capacitors should be used at the VDD, VCM and VREF pins as shown in the Typical Application on the first page of this data sheet. Surface mount ceramic capacitors such as Murata GRM235Y5V106Z016 provide excellent bypassing in a small board space. Alternatively, 10F tantalum capacitors in parallel with 0.1F ceramic capacitors can be used. Bypass capacitors must be located as close to the pins as possible. The traces connecting the pins and the bypass capacitors must be kept short and should be made as wide as possible.
10
U
W
U
U
LTC1406
PACKAGE DESCRIPTION
0.007 - 0.0098 (0.178 - 0.249) 0.016 - 0.050 (0.406 - 1.270)
0 - 8 TYP
* DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE ** DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
U
Dimensions in inches (millimeters) unless otherwise noted.
GN Package 24-Lead Plastic SSOP (Narrow 0.150)
(LTC DWG # 05-08-1641)
0.337 - 0.344* (8.560 - 8.738) 24 23 22 21 20 19 18 17 16 15 14 13
0.229 - 0.244 (5.817 - 6.198)
0.150 - 0.157** (3.810 - 3.988)
1
23
4
56
7
8
9 10 11 12
0.015 0.004 x 45 (0.38 0.10)
0.053 - 0.068 (1.351 - 1.727)
0.004 - 0.0098 (0.102 - 0.249)
0.008 - 0.012 (0.203 - 0.305)
0.025 (0.635) BSC
GN24 (SSOP) 1197
11
LTC1406
RELATED PARTS
PART NUMBER ADCs LTC1196/LTC1198 LTC1197/LTC1199 LTC1410 LTC1415 LTC1419 LTC1604 LTC1605 DACs LTC1446/LTC1446L LTC1448 LTC1458/LTC1458L Dual 12-Bit VOUT DACs in SO-8 Package Dual 12-Bit Rail-to-Rail Output DAC in SO-8 Package Quad 12-Bit Rail-to-Rail Output DACs LTC1446: VCC = 4.5V to 5.5V, VOUT = 0V to 4.095V LTC1446L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V VCC = 2.7V to 5.5V, Output Swings from GND to REF, REF Input Can Be Tied to VCC LTC1458: VCC = 4.5V to 5.5V, VOUT 0V to 4.095V LTC1458L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V Single Supply, 8-Bit, 1Msps/750ksps ADCs Single Supply, 10-Bit, 500ksps ADCs 12-Bit, 1.25Msps Sampling ADC with Shutdown Single 5V, 12-Bit, 1.25Msps ADC 14-Bit, 800ksps Sampling ADC with Shutdown 16-Bit, 333ksps ADC Single 5V, 16-Bit, 100ksps ADC Single 3V or 5V Supply, Low Power, Serial Interface, SO-8 Package Single 3V or 5V Supply, Low Power, Serial Interface, SO-8 Package Best Dynamic Performance, THD = 84dB and SINAD = 71dB at Nyquist Single Supply 55mW Dissipation 81.5dB SINAD, 150mW from 5V Supplies 90dB SINAD, 100dB THD, 250mW Dissipation Low Power, 10V Inputs DESCRIPTION COMMENTS
12
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417 q (408) 432-1900 FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
1406i LT/TP 0398 4K * PRINTED IN USA
(c) LINEAR TECHNOLOGY CORPORATION 1998


▲Up To Search▲   

 
Price & Availability of LTC1406

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X