Part Number Hot Search : 
PSRL9827 D2SB10 KBP151 5233B ER1601 2N1099 LM4041 CA3306M
Product Description
Full Text Search
 

To Download LC87F72C8A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENN*6712
CMOS IC
LC87F72C8A
8-Bit Single Chip Microcontroller with 128 KB Flash Memory and 2048-Byte RAM On Chip
Preliminary Overview
The LC87F72C8A is an 8 bit single chip microcontroller with the following on-chip functional blocks : - CPU: operable at a minimum bus cycle time of 100 ns - 128K bytes flash ROM (on-board rewritable) - On-chip RAM: 2048 bytes - LCD controller / driver - 16 bit timer / counter (can be divided into two 8 bit timers) - 16 bit timer / PWM (can be divided into two 8 bit timers) - Timer for use as date / time clock - Synchronous serial I/O port (with automatic block transmit / receive function) - Asynchronous / synchronous serial I/O port - 12-channel x 8-bit AD converter - Small signal detector - 14-source 10-vectored interrupt system All of the above functions are fabricated on a single chip.
Features
(1) Flash ROM -Single 5V power supply, on-board writable -Block erase in 128 byte units -131072 x bits (LC87F72C8A) (2) Random Access Memory (RAM): 2048 x 9 bits (LC87F72C8A)
Ver.1.04 61899
91400 RM (IM) SK No.6712-1/24
LC87F72C8A (3) Minimum Bus Cycle Time: 100 ns (10 MHz) Note: The bus cycle time indicates ROM read time. (4) Minimum Instruction Cycle Time: 300 ns (10MHz) (5) Ports - Input/output ports Data direction programmable for each bit individually : 26 (P1n, P30-P35, P70-P73, P8n) Data direction programmable in nibble units : 8 (P0n) (When N-channel open drain output is selected, data can be input in bit units.) - Input ports : 2 (XT1,XT2) - LCD ports Segment output : 48 (S00-S47) Common output : 4 (COM0-COM3) Bias terminals for LCD driver 3 (V1-V3) Other functions Input/output ports : 48(PAn,PBn,PCn,PDn,PEn,PFn) Input ports : 7 (PLn) - Oscillator pins : 2 (CF1,CF2) - Reset pin : 1 (RES) - Power supply : 6 (VSS1-3,VDD1-3) (6) LCD controller - Seven display modes are available (static, 1/2, 1/3, 1/4 duty x 1/2, 1/3 bias) - Segment output and common output can be switched to general purpose input/output ports. (7) Small signal detection (MIC signals etc) - Counts pulses with the level which is greater than a preset value - 2 bit counter (8) Timers - Timer 0: 16 bit timer / counter with capture register Mode 0: 2 channel 8-bit timer with programmable 8 bit prescaler and 8 bit capture register Mode 1: 8 bit timer with 8 bit programmable prescaler and 8 bit capture register + 8 bit Counter with 8-bit capture register Mode 2: 16 bit timer with 8 bit programmable prescaler and 16 bit capture register Mode 3: 16 bit counter with 16 bit capture register - Timer 1: PWM / 16 bit timer with toggle output function Mode 0: 2 channel 8 bit timer (with toggle output) Mode 1: 2 channel 8 bit PWM Mode 2: 16 bit timer (with toggle output) Toggle output from lower 8 bits is also possible. Mode 3: 16 bit timer (with toggle output) Lower order 8 bits can be used as PWM. - Base Timer 1) The clock signal can be selected from any of the following : Sub-clock (32.768kHz crystal oscillator), system clock, and prescaler output from timer 0 2) Interrupts of five different time intervals are possible.
No.6712-2/24
LC87F72C8A (9) Serial-interface - SIO 0: 8 bit synchronous serial interface 1) LSB first / MSB first is selectable 2) Internal 8 bit baud-rate generator (fastest clock period 4 / 3 Tcyc) 3) Consecutive automatic data communication (1-256 bits) - SIO 1: 8 bit asynchronous / synchronous serial interface Mode 0: Synchronous 8 bit serial IO (2-wire or 3-wire, transmit clock 2-512 Tcyc) Mode 1: Asynchronous serial IO (half duplex, 8 data bits, 1 stop bit, baud rate 8-2048Tcyc) Mode 2: Bus mode 1 (start bit, 8 data bits, transmit clock 2-512 Tcyc) Mode 3: Bus mode 2 (start detection, 8 data bits, stop detection) (10) AD converter -8 bits x 12 channels (11) Remote control receiver circuit (connected to P73 / INT3 / T0IN terminal) -Noise rejection function (noise rejection filter's time constant can be selected from 1 / 32 / 128 Tcyc) (12) Watchdog timer - The watching time period is determined by an external RC. - Watchdog timer can produce interrupt or system reset (13) Interrupts: 14 sources, 10 vectors 1) Three priority (low, high and highest) multiple interrupts are supported. During interrupt handling, an equal or lower priority interrupt request is postponed. 2) If interrupt requests to two or more vector addresses occur at once, the higher priority interrupt takes precedence. In the case of equal priority levels, the vector with the lowest address takes precedence.
No. Vector Selectable Level Interrupt signal 1 00003H X or L INT0 2 0000BH X or L INT1 3 00013H H or L INT2/T0L 4 0001BH H or L INT3/Base timer 5 00023H H or L T0H 6 0002BH H or L T1L/T1H 7 00033H H or L SIO0 8 0003BH H or L SIO1 9 00043H H or L ADC/MIC 10 0004BH H or L Port 0 * Priority Level: X>H>L * For equal priority levels, vector with lowest address takes precedence.
(14) Subroutine stack levels: 1024 levels max. (15) Multiplication and division - 16 bit x 8 bit (executed in 5 cycles) - 24 bit x 16 bit (12 cycles) - 16 bit / 8 bit ( 8 cycles) - 24 bit / 16 bit (12 cycles)
Stack is located in RAM.
(16) Oscillation circuits - On-chip RC oscillation for system clock use. - CF oscillation for system clock use. (Rf built in, Rd external) - Crystal oscillation low speed system clock use. (Rf built in, Rd external)
No.6712-3/24
LC87F72C8A (17) Standby function - HALT mode HALT mode is used to reduce power consumption. During the HALT mode, program execution is stopped but peripheral circuits keep operating (some parts of serial transfer operation stop.) 1) Oscillation circuits are not stopped automatically. 2) Released by the system reset or interrupts. -HOLD mode HOLD mode is used to reduce power consumption. Program execution and peripheral circuits are stopped. 1) CF, RC and crystal oscillation circuits stop automatically. 2) Released by any of the following conditions. 1. Low level input to the reset pin 2. Specified level input to one of INT0, INT1, INT2 3. Port 0 interrupt -X'tal HOLD made X'tal HOLD mode is used to reduce power consumption. Program execution is stopped. All peripheral circuits except the base timer are stopped. 1) CF and RC oscillation circuits stop automatically. 2) Crystal oscillator operation is kept in its state at HOLD mode inception. 3) Released by any of the following conditions 1. Low level input to the reset pin 2. Specified level input to one of INT0, INT1, INT2 3. Port 0 interrupt 4. Base-timer interrupt (18) Package - QIP100E - SQFP100 (19) Development tools - Evaluation chip: LC876096 - Emulator: EVA62S + ECB876500 (Evaluation chip board) + SUB877200 + POD100QFP or POD100SQFP (Type B) (20) Same package and pin assignment as mask ROM version. 1) LC877200 series options can be set using flash ROM data. Thus the board used for mass production can be used for debugging and evaluation without modifications. 2) If the program for the mask ROM version is used, the usable ROM/RAM capacity is the same as the mask ROM version.
No.6712-4/24
3151
V2/PL5 V1/PL4 COM0/PL0 COM1/PL1 COM2/PL2 COM3/PL3 P30 P31 VSS3 VDD3 P32 P33 P34 P35 P00 P01 P02 P03 P04 P05 P06 P07 P10/SO0 P11/SI0/SB0 P12/SCK0 P13/SO1 P14/SI1/SB1 P15/SCK1 P16/T1PWML P17/T1PWMH/BUZ RES XT1/AN10 XT2/AN11 VSS1 CF1 CF2 VDD1 P80/AN0 P81/AN1 P82/AN2 P83/AN3 P84/AN4 P85/AN5 P86/AN6 P87/AN7/MICIN P70/INT0/T0LCP/AN8 P71/INT1/T0HCP/AN9 P72/INT2/T0IN P73/INT3/T0IN S0/PA0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 V3/PL6 S47/PF7 S46/PF6 S45/PF5 S44/PF4 S43/PF3 S42/PF2 S41/PF1 S40/PF0 S39/PE7 S38/PE6 S37/PE5 S36/PE4 S35/PE3 S34/PE2 S33/PE1 S32/PE0 S31/PD7 S30/PD6 S29/PD5 S28/PD4 S27/PD3 S26/PD2 S25/PD1 S24/PD0 VSS2 VDD2 S23/PC7 S22/PC6 S21/PC5 S20/PC4 S19/PC3 S18/PC2 S17/PC1 S16/PC0 S15/PB7 S14/PB6 S13/PB5 S12/PB4 S11/PB3 S10/PB2 S9/PB1 S8/PB0 S7/PA7 S6/PA6 S5/PA5 S4/PA4 S3/PA3 S2/PA2 S1PA1
Pin Assignment
Package Dimension (unit : mm)
LC87F72C8A
SANYO : QIP100-E
SANYO : QIP100-E
No.6712-5/24
LC87F72C8A
Pin Assignment
S46/PF6 S45/PF5 S44/PF4 S43/PF3 S42/PF2 S41/PF1 S40/PF0 S39/PE7 S38/PE6 S37/PE5 S36/PE4 S35/PE3 S34/PE2 S33/PE1 S32/PE0 S31/PD7 S30/PD6 S29/PD5 S28/PD4 S27/PD3 S26/PD2 S25/PD1 S24/PD0 VSS2 VDD2 S47/PF7 V3/PL6 V2/PL5 V1/PL4 COM0/PL0 COM1/PL1 COM2/PL2 COM3/PL3 P30 P31 VSS3 VDD3 P32 P33 P34 P35 P00 P01 P02 P03 P04 P05 P06 P07 P10/SO0 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26
S23/PC7 S22/PC6 S21/PC5 S20/PC4 S19/PC3 S18/PC2 S17/PC1 S16/PC0 S15/PB7 S14/PB6 S13/PB5 S12/PB4 S11/PB3 S10/PB2 S9/PB1 S8/PB0 S7/PA7 S6/PA6 S5/PA5 S4/PA4 S3/PA3 S2/PA2 S1PA1 S0/PA0 P73/INT3/T0IN
P11/SI0/SB0 P12/SCK0 P13/SO1 P14/SI1/SB1 P15/SCK1 P16/T1PWML P17/T1PWMH/BUZ RES XT1/AN10 XT2/AN11 VSS1 CF1 CF2 VDD1 P80/AN0 P81/AN1 P82/AN2 P83/AN3 P84/AN4 P85/AN5 P86/AN6 P87/AN7/MICIN P70/INT0/T0LCP/AN8 P71/INT1/T0HCP/AN9 P72/INT2/T0IN
SANYO : SQFP-100
Package Dimension (unit : mm)
3181B
SANYO : SQFP-100
No.6712-6/24
LC87F72C8A
System Block Diagram
Interrupt Control
IR
PLA
Stand-by Control
Flash ROM
RC X'tal
Clock Generator
CF
PC
Bus Interface
ACC
SIO0
Port 0
B Register
SIO1
Port 1
C Register
Timer 0
Port 3 ALU
Timer 1
Port 7
Base Timer
Port 8
PSW
LCD Controller
ADC
RAR
INT0 to 3 Noise Rejection Filter
Weak Signa Detector
RAM
Stack Pointer
Watch Dog Timer
No.6712-7/24
LC87F72C8A
Pin Assignment
Pin name VSS1 VSS2 VSS3 VDD1 VDD2 VDD3 PORT0 P00 to P07 I/O * Power supply (-) Function Option No
-
* Power supply (+)
No
I/O
* 8bit input/output port * Data direction programmable in nibble units * Use of pull-up resistor can be specified in nibble units * Input for HOLD release * Input for port 0 interrupt * 8bit input/output port * Data direction programmable for each bit * Use of pull-up resistor can be specified for each bit individually * Other pin functions P10 SIO0 data output P11 SIO0 data input or bus input/output P12 SIO0 clock input/output P13 SIO1 data output P14 SIO1 data input or bus input/output P15 SIO1 clock input/output P16: Timer 1 PWML output P17: Timer 1 PWMH output/Buzzer output * 6bit Input/output port * Data direction can be specified for each bit * Use of pull-up resistor can be specified for each bit individually * 4bit Input/output port * Data direction can be specified for each bit * Use of pull-up resistor can be specified for each bit individually * Other functions P70: INT0 input/HOLD release input/Timer0L capture input/output for watchdog timer P71: INT1 input/HOLD release input/Timer0H capture input P72: INT2 input/HOLD release input/timer 0 event input/Timer0L capture input P73: INT3 input(noise rejection filter attached)/timer 0 event input/Timer0H capture input AD input port: AN8(P70), AN9(P71) * Interrupt detection selection Rising Falling Rising and falling H level L level INT0 INT1 INT2 INT3 Yes Yes Yes Yes Yes Yes Yes Yes No No Yes Yes Yes Yes No No Yes Yes No No
Yes
PORT1 P10 to P17
I/O
Yes
PORT3 P30 to P35 PORT7 P70 to P73
I/O
Yes
I/O
No
No.6712-8/24
LC87F72C8A
Pin name PORT8 P80 to P87
I/O I/O
Function description * 8bit Input/output port * Input/output can be specified for each bit individually * Other functions: AD input port: AN0 to AN7 Small signal detector input port: MICIN(P87) * Segment output for LCD * Can be used as general purpose input/output port (PA) * Segment output for LCD * Can be used as general purpose input/output port (PB) * Segment output for LCD * Can be used as general purpose input/output port (PC) * Segment output for LCD * Can be used as general purpose input/output port (PD) * Segment output for LCD * Can be used as general purpose input/output port (PE) * Segment output for LCD * Can be used as general purpose input/output port (PF) * Common output for LCD * Can be used as general purpose input port (PL) * LCD output bias power supply * Can be used as general purpose input port (PL) Reset terminal * Input for 32.768kHz crystal oscillation * Other functions: General purpose input port AD input port: AN10 * When not in use, connect to VDD1 * Output for 32.768kHz crystal oscillation * Other functions: General purpose input port AD input port: AN11 * When not in use, set to oscillation mode and leave open Input terminal for ceramic oscillator Output terminal for ceramic oscillator
Option No
S0/PA0 to S7/PA7 S8/PB0 to S15/PB7 S16/PC0 to S23/PC7 S24 /PD0to S31/PD7 S32/PE0 to S39/PE7 S40/PF0 to S47/PF7 COM0/PL0 to COM3/PL3 V1/PL4 to V3/PL6
RES
I/O I/O I/O I/O I/O I/O I/O
No No No No No No No
I/O I I
No No No
XT1
XT2
I/O
No
CF1 CF2
I O
No No
No.6712-9/24
LC87F72C8A
Port Configuration
Port form and pull-up resistor options are shown in the following table. Port status can be read even when port is set to output mode.
Terminal P00 to P07 Option applies to: each bit Options 1 2 P10 to P17 each bit 1 2 P30 to P35 each bit 1 2 P70 P71 to P73 P80 to P87 S0/PA0 to S47/PF7 COM0/PL0 to COM3/PL3 V1/PL4 to V3/PL6 XT1 XT2 - - - - None None None None CMOS Nch-open drain CMOS Nch-open drain CMOS Nch-open drain Nch-open drain CMOS Nch-open drain CMOS Output Form Pull-up resistor Programmable (Note 1) None Programmable Programmable Programmable None Programmable Programmable None Programmable
- - - -
None None None None
Input only Input only Input only Output for 32.768kHz crystal oscillation
None None None None
Note 1Attachment of Port0 programmable pull-up resistors is controllable in nibble units (P00-03, P04-07). * Note 1: Connect as follows to reduce noise on VDD. VSS1, VSS2 and VSS3 must be connected together and grounded. *Note 2 : The power supply for the internal memory is VDD1 but it uses the VDD2 as the power supply for ports. When the VDD2 is not backed up, the port level does not become "H" even if the port latch is in the "H" level. Therefore, when the VDD2 is not backed up and the port latch is "H" level, the port level is unstable in the HOLD mode, and the back up time becomes shorter because the through current runs from VDD to GND in the input buffer. If VDD2 is not backed up, output "L" by the program or pull the port to "L" by the external circuit in the HOLD mode so that the port level becomes "L" level and unnecessary current consumption is prevented.
LSI VDD1 Power Back-up capacitors *2
VDD2 VDD3
VSS1 VSS2 VSS3
No.6712-10/24
LC87F72C8A 1. Absolute Maximum Ratings at Ta=25C and VSS1=VSS2=VSS3=0V
Ratings VDD[V] min. -0.3 -0.3 -0.3 -0.3 * CMOS output selected * Current at each pin Current at each pin Current at each pin Total of all pins Total of all pins Total of all pins Total of all pins Current at each pin Current at each pin Current at each pin Current at each pin Total of all pins Total of all pins Total of all pins Total of all pins Ta = -20 to +70C -20 -10 typ. max. +6.5 VDD VDD+0.3 VDD+0.3 mA
Parameter Supply voltage Supply voltage for LCD Input voltage Input/Output voltage High level output current Peak output current
Symbol
Pins
Conditions VDD1=VDD2 =VDD3 VDD1=VDD2 =VDD3
unit V
VDDMAX VDD1,VDD2,VDD3 VLCD VI VI0(1) IOPH(1) V1/PL4, V2/PL5, V3/PL6 Port L XT1,XT2,CF1, RES * Port0, 1, 3, 7, 8 * Port A, B, C, D, E, F Port 0, 1, 3
IOPH(2) IOPH(3) Total output current IOAH(1) IOAH(2) IOAH(3) IOAH(4) IOAH(5)
Port 71,72,73 Port A, B, C, D, E, F Port 30, 31 Port 7 Port A, B, C Port D, E, F Port 0, 1, 32-35 Port 30, 31 Port 7,8 Port A, B,C, D, E, F Port 30, 31 Port 7,8 Port A,B,C Port D, E, F QIP100E SQFP100
-3 -5 -40 -10 -5 -25 -25 20 30 5 15 60 60 20 40 40 500 400 70 C mW
Port 0, 1, 32, 33, 34, 35 Total of all pins
Low Peak level output output current current Total output current
IOPL(1) IOPL(2) IOPL(3) IOPL(4) IOAL(1) IOAL(2) IOAL(3) IOAL(4) IOAL(5)
Port 0, 1, 32, 33, 34, 35 Total of all pins
Maximum power Pdmax consumption Operating temperature range Storage temperature range Topg
Tstg
-55
125
No.6712-11/24
LC87F72C8A 2. Recommended Operating Range at Ta=-20C to +70C, VSS1=VSS2=VSS3=0V
Ratings VDD[V] min. 4.5 3.0 2.0 typ. max. 5.5 5.5 5.5
Parameter
Symbol
Pins VDD1=VDD2=VDD3
Conditions 0.294s tCYC 200s 0.735s tCYC 200s
unit V
Operating VDD(1) supply voltage range VDD(2) Supply voltage range in Hold mode Input high voltage VHD
VDD1
Keep RAM and register data in HOLD mode. Output disable 3.0-5.5 3.0-5.5
VIH(1) VIH(2)
* Port 0, 3, 8 * Port A,B,C,D,E,F,L
0.3VDD +0.7 0.3VDD +0.7
VDD VDD
Output disable * Port 1 * Port 71,72,73 * P70 port input/interrupt P87 small signal input Port 70 Watchdog timer XT1, XT2, CF1, RES * Port 0, 3, 8 * Port A,B,C,D,E,F,L Output disable Output disable Output disable
VIH(3) VIH(4) VIH(5) Input low voltage VIL(1) VIL(2)
3.0-5.5 0.75VDD 3.0-5.5 0.9VDD
VDD VDD VDD 0.15VDD +0.4 0.1VDD +0.4 0.25VDD 0.8VDD -1.0 0.25VDD 200 200 10
MHz
3.0-5.5 0.75VDD 3.0-5.5 3.0-5.5 VSS VSS
Output disable * Port 1 * Port 71,72,73 * P70 port input/interrupt Port 87 small signal input Output disable Port 70 Watchdog timer XT1,XT2,CF1, RES Output disable
VIL(3) VIL(4) VIL(5) Operation cycle time tCYC
3.0-5.5 3.0-5.5 3.0-5.5 4.5-5.5 3.0-5.5
VSS VSS VSS 0.294 0.735 0.1
s
External system FEXCF(1) CF1 clock frequency
* CF2 open * system clock divider :1/1 * external clock DUTY = 50 5% * CF2 open * system clock divider :1/2
4.5-5.5
3.0-5.5
0.1
4
4.5-5.5 3.0-5.5
0.2 0.2
20 8
Continued/
No.6712-12/24
LC87F72C8A
Ratings VDD[V] 4.5-5.5 min. typ. 10 max.
Parameter Oscillation frequency range (Note 1)
Symbol FmCF(1)
Pins CF1, CF2
Conditions 10MHz ceramic resonator oscillation
Refer to figure 1
unit MHz
FmCF(2)
CF1, CF2
4MHz ceramic resonator oscillation
Refer to figure 1
3.0-5.5
4
FmRC
RC oscillation
3.0-5.5
0.3
1.0
2.0
FsX'tal
XT1, XT2
32.768kHz crystal resonator oscillation
Refer to figure 2
3.0-5.5
32.768
kHz
(Note 1) The parts value of oscillation circuit is shown in table 1 and table 2.
No.6712-13/24
LC87F72C8A 3. Electrical Characteristics at Ta=-20C to +70C, VSS1=VSS2=VSS3=0V
Ratings VDD[V] 3.0-5.5 min. typ. max. 1
Parameter High level input current
Symbol IIH(1)
Pins
Conditions
unit A
* Port 0,1,3,7,8 * Output disabled * Port A,B,C,D,E,F,L * Pull-up resister OFF. * VIN=VDD (including OFF state leak current of the output Tr.)
RES
IIH(2) IIH(3)
VIN=VDD
3.0-5.5
1 1
XT1,XT2
When configured as an input 3.0-5.5 port VIN=VDD VIN=VDD VIN=VBIS+0.5V (VBIS : Bias voltage) 3.0-5.5 3.0-5.5 3.0-5.5 4.2 -1 8.5
IIH(4) IIH(5) Low level input current IIL(1)
CF1 P87/AN7/MICIN small signal input
15 15
* Port 0,1,3,7,8 * Output disabled * Port A,B,C,D,E,F,L * Pull-up resister OFF. * VIN=VSS (including OFF state leak current of the output Tr.)
RES
IIL(2) IIL(3)
VIN=VSS
3.0-5.5
-1 -1
XT1,XT2
When configured as an input 3.0-5.5 port VIN=VSS VIN=VSS VIN=VBIS-0.5V (VBIS : Bias voltage) IOH=-1.0mA IOH=-0.1mA IOH=-0.4mA IOH=-1.0mA IOH=-0.1mA IOL=10mA IOL=1.6mA IOL=30mA IOL=1mA IOL=0.5mA IOL=8mA IOL=1.4mA I0=0mA VLCD, 2/3VLCD, 1/3VLCD level output Refer to figure 8 3.0-5.5 3.0-5.5 4.5-5.5 3.0-5.5 4.5-5.5 4.5-5.5 3.0-5.5 4.5-5.5 4.5-5.5 3.0-5.5 4.5-5.5 3.0-5.5 3.0-5.5
IIL(4) IIL(5) High level output voltage VOH(1) VOH(2) VOH(3) VOH(4) VOH(5) Low level output voltage VOL(1) VOL(2) VOL(3) VOL(4) VOL(5) VOL(6) VOL(7) LCD output voltage regulation VODLS
CF1 P87/AN7/MICIN small signal input Port 0,1,3: CMOS output option Port 7 Port A,B,C,D,E,F Port 0,1,3 Port 30,31 Port 7,8 Port A,B,C,D,E,F S0-S47
-15 -15 VDD-1 VDD-1 VDD-1 1.5 0.4 1.5 0.4 0.4 1.5 0.4 0 0.2 -8.5 -4.2 V
3.0-5.5 VDD-0.5
3.0-5.5 VDD-0.5
VODLC
COM0-COM3
3.0-5.5 I0=0mA VLCD, 2/3VLCD, 1/2VLCD 1/3VLCD level output Refer to figure 8
0
0.2
Continued/
No.6712-14/24
LC87F72C8A
Parameter LCD bias resistor
Symbol
Pins
Conditions Refer to figure 8 Refer to figure 8
Ratings
VDD[V] 3.0-5.5 3.0-5.5 min. typ. 60 30 max.
unit k
RLCD(1) Resistance per one bias resistor RLCD(2) * Resistance per one bias resistor * 1/2R mode Resistance of Rpu * Port 0,1,3,7 pull-up * Port A,B,C,D,E,F MOS Tr. Hysterisis voltage VHIS(1) VHIS(2) Pin capacitance CP
VOH=0.9VDD
4.5-5.5 3.0-5.5 3.0-5.5 3.0-5.5
15 25
40 70
0.1VDD 0.1VDD
70 150
k
* Port 1,7 * RES
Port 87 small signal input All pins
V
* All Other Terminals
Connected To VSS. * F=1MHz * Ta=25C
3.0-5.5
10
pF
Input sensitivity
Vsen
Port 87 small signal input
3.0-5.5 0.12VDD
Vpp
No.6712-15/24
LC87F72C8A 4. Serial Input/Output Characteristics at Ta=-20C to +70C, VSS1=VSS2=VSS3=0V
Parameter Cycle time Low level pulse width Symbol tSCK(1) tSCKL(1) tSCKLA(1) Input clock High level pulse width tSCKH(1) tSCKHA(1) Cycle time Low level pulse width High level pulse width Cycle time Low level pulse width tSCK(2) tSCKL(2) tSCKH(2) tSCK(3) tSCKL(3) tSCKLA(2) Output clock High level pulse width tSCKH(3) tSCKHA(2) Cycle time Low level pulse width High level pulse width Serial input Data set-up time Data hold time tSCK(4) tSCKL(4) tSCKH(4) tsDI thDI SI0(P10), SI1(P13), SB0(P11), SB1(P14) SO0(P12), SO1(P15), SB0(011), SB1(P14) SCK1(P15) SCK0(P12) SCK1(P15) Refer to figure 6 3.0-5.5 Pins SCK0(P12) Conditions Refer to figure 6
Ratings
VDD[V] 3.0-5.5 min. 4/3 2/3 2/3 2/3 3 2 1 1 typ. max.
unit tCYC
Serial clock
* CMOS output * Refer to figure 6
3.0-5.5
4/3 1/2 3/4 1/2 2 tSCK
* CMOS output * Refer to figure 6
3.0-5.5
2 1/2 1/2
tCYC tSCK
* Measured with respect
to SI0CLK leading edge. * Refer to figure 6
4.5-5.5 3.0-5.5 4.5-5.5 3.0-5.5 4.5-5.5
0.03 0.1 0.03 0.1 1/3 tCYC +0.05 1/3 tCYC +0.25
s
Output delay time tdDO Serial output
* When Port is open
drain: Time delay form SIOCLK trailing edge to the SO data change * Refer to figure 6
3.0-5.5
No.6712-16/24
LC87F72C8A 5. Pulse Input Conditions at Ta=-20C to +70C, VSS1=VSS2=VSS3=0V
Ratings min. 1 typ. max.
Parameter
Symbol
Pins INT0(P70), INT1(P71), INT2(P72)
High/low level tPIH(1) pulse width tPIL(1)
tPIH(2) tPIL(2)
INT3(P73) (Noise rejection ratio is 1/1.)
tPIH(3) tPIL(3)
INT3(P73) (Noise rejection ratio is 1/32.)
tPIH(4) tPIL(4)
INT3(P73) (Noise rejection ratio is 1/128.)
tPIL(5) tPIL(5) tPIL(6)
MICIN(P87)
RES
VDD[V] * Condition that interrupt 3.0-5.5 is accepted * Condition that event input to timer 0 is accepted * Condition that interrupt 3.0-5.5 is accepted * Condition that event input to timer 0 is accepted * Condition that interrupt 3.0-5.5 is accepted * Condition that event input to timer 0 is accepted * Condition that interrupt 3.0-5.5 is accepted * Condition that event input to timer 0 is accepted * Condition that signal is 3.0-5.5 accepted to small signal detection counter. * Condition that reset is 3.0-5.5 accepted
Conditions
unit tCYC
2
64
256
1
200
s
6. AD converter Characteristics at Ta=-20C to +70C, VSS1=VSS2=VSS3=0V
Parameter Resolution Absolute precision Conversion time Symbol N ET *CAD Pins AN0(P80) -AN7(P87) AN8(P70) AN9(P71) AN10(XT1) AN11(XT2) Conditions Ratings VDD[V] 3.0-5.5 3.0-5.5 4.0-5.5 min. typ. 8 1.5 97.92 (tCYC= 3.06s) 97.92 (tCYC= 3.06s) 97.92 (tCYC= 1.53s) 97.92 (tCYC= 1.53s) VDD 1 -1 max. unit bit LSB s
(Note2) AD conversion time = 32 x tCYC (ADCR2=0) (Note 3)
AD conversion time = 64 x tCYC (ADCR2=1) (Note 3)
Analog input voltage range Analog port input current
VAIN IAINH IAINL VAIN=VDD VAIN=VSS
15.62 (tCYC= 0.488s) 3.0-5.5 23.52 (tCYC= 0.735s) 4.5-5.5 18.82 (tCYC= 0.294s) 3.0-5.5 47.04 (tCYC= 0.735s) 3.0-5.5 VSS 3.0-5.5 3.0-5.5
V A
(Note 2) Absolute precision does not include quantizing error (1/2 LSB). (Note 3) Conversion time means time from executing AD conversion instruction to loading complete digital value to register.
No.6712-17/24
LC87F72C8A 7. Current Consumption Characteristics at Ta=-20C to +70C, VSS1=VSS2=VSS3=0V
Ratings VDD[V] 4.5-5.5 min. typ. 18 max 35
Parameter
Symbol
Pins
Conditions
unit mA
Current consumption IDDOP(1) during normal operation (Note 4)
VDD1= * FmCF=10MHz VDD2= Ceramic resonator VDD3 oscillation * FsX'tal=32.768kHz crystal oscillation * System clock: CF 10MHz oscillation * Internal RC oscillation stopped. * Divider : 1/1 * CF1=20MHz external clock * FsX'tal=32.768kHz crystal oscillation * System clock: CF1 oscillation * Internal RC oscillation stopped. * Divider :1/2 * FmCF=4MHz Ceramic resonator oscillation * FsX'tal=32.768kHz crystal oscillation * System clock: CF 4MHz oscillation * Internal RC oscillation stopped. * Divider :1/1 * FmCF=0Hz (No oscillation) * FsX'tal=32.768kHz crystal oscillation * System clock: RC oscillation * Divider :1/2 * FmCF=0Hz (No oscillation) * FsX'tal=32.768kHz crystal oscillation * System clock: 32.768kHz * Internal RC oscillation stopped. * Divider :1/2
IDDOP(2)
4.5-5.5
19
36
IDDOP(3)
4.5-5.5
10
22
IDDOP(4)
3.0-4.5
5.5
14
IDDOP(5)
4.5-5.5
6
15
IDDOP(6)
3.0-4.5
3
12
IDDOP(7)
4.5-5.5
4.5
14
IDDOP(8)
3.0-4.5
2
9
Continued/
No.6712-18/24
LC87F72C8A
Parameter Current consumption during HALT mode (Note 4)
Symbol IDDHALT(1)
Pins
Conditions
Ratings VDD[V] min. typ. 6 max. 12
unit mA
4.5-5.5 VDD1= HALT mode VDD2= * FmCF=10MHz Ceramic VDD3 resonator oscillation * FsX'tal=32.768kHz crystal oscillation * System clock : CF 10MHz oscillation * Internal RC oscillation stopped. * Divider: 1/1 HALT mode * CF1=20MHz external clock * FsX'tal=32.768kHz crystal oscillation * System clock : CF1 oscillation * Internal RC oscillation stopped. * Divider :1/2 4.5-5.5
IDDHALT(2)
7
13
IDDHALT(3)
IDDHALT(4)
HALT mode 4.5-5.5 * FmCF=4MHz Ceramic resonator oscillation * FsX'tal=32.768kHz crystal oscillation * System clock : 3.0-4.5 CF 4MHz oscillation * Internal RC oscillation stopped. * Divider: 1/1 4.5-5.5 HALT mode * FmCF=0Hz (Oscillation stop) * FsX'tal=32.768kHz crystal oscillation 3.0-4.5 * System clock : RC oscillation * Divider: 1/2 HALT mode 4.5-5.5 * FmCF=0Hz (Oscillation stop) * FsX'tal=32.768kHz crystal oscillation * System clock : 32.768kHz 3.0-4.5 * Internal RC oscillation stopped. * Divider: 1/2
2.5
6
1.5
5
IDDHALT(5)
600
1600
A
IDDHALT(6)
300
1300
IDDHALT(7)
25
100
IDDHALT(8)
12
60
Continued/
No.6712-19/24
LC87F72C8A
Parameter
Symbol
Pins VDD1
Conditions HOLD mode * CF1=VDD or open (when using external clock) Date/time clock HOLD mode * CF1=VDD or open (when using external clock) * FmX'tal=32.768kHz crystal oscillation
Ratings VDD[V] 4.5-5.5 3.0-4.5 4.5-5.5 min. typ. 0.015 0.015 20 max. 25 20 100
unit A
Current consumption IDDHOLD(1) during HOLD mode IDDHOLD(2) Current consumption IDDHOLD(3) during Date/time clock HOLD mode IDDHOLD(4)
VDD1
3.0-4.5
8
55
(Note 4) The currents through the output transistors and the pull-up MOS transistors are ignored.
8. F-ROM Write Characteristics at Ta=+10 to +55C, VSSI=VSS2=VSS3=0V
Ratings VDD[V] 4.5-5.5 min. typ. 30 max. 65
Parameter On board write current
Symbol IDDF(1)
Pins VDD1
Conditions * 128-byte write * Including erase current
unit mA
Write cycle time
tFW(1)
* 128-byte write * Including erase current * Not including time to prepare 128-byte data
4.5-5.5
6.3
9
mS
No.6712-20/24
LC87F72C8A Main system clock oscillation circuit characteristics The characteristics in the table bellow is based on the following conditions: 1. Use the standard evaluation board SANYO has provided. 2. Use the peripheral parts with indicated value externally. 3. The peripheral parts value is a recommended value of oscillator manufacturer Table 1. Main system clock oscillation circuit characteristics using ceramic resonator
Frequency 10MHz Manufacturer Murata Oscillator CSA10.0MTZ CST10.0MTW CSA4.00MG CST4.00MGW Circuit parameters C1 C2 Operating supply voltage range Rd1 4.5 - 5.5V 4.5 - 5.5V 3.0 - 5.5V 3.0 - 5.5V Oscillation stabilizing time typ 0.09ms 0.09ms 0.07ms 0.07ms max 0.4ms 0.4ms 0.2ms 0.2ms Built in C1,C2 Notes
33pF 33pF 470 (30pF) (30pF) 470 33pF 33pF 680 (30pF) (30pF) 680
4MHz
Murata
Built in C1,C2
The oscillation stabilizing time is a period until the oscillation becomes stable after VDD becomes higher than minimum operating voltage. (Refer to Figure4)
Subsystem clock oscillation circuit characteristics The characteristics in the table bellow is based on the following conditions: 1. Use the standard evaluation board SANYO has provided. 2. Use the peripheral parts with indicated value externally. 3. The peripheral parts value is a recommended value of oscillator manufacturer Table 2. Subsystem clock oscillation circuit characteristics using crystal oscillator
Frequency 32.768MHz Manufacturer Seiko EPSON Oscillator C3 C-002RX MC-306 18pF Circuit parameters C4 Rf Rd2 Operating supply voltage range 3.0 - 5.5V Oscillation stabilizing time typ 1.0s max 3.0s Notes
18pF OPEN 390k
The oscillation stabilizing time is a period until the oscillation becomes stable after executing the instruction which starts the sub-clock oscillation or after releasing the HOLD mode. (Refer to Figure4) (Notes) * Since the circuit pattern affects the oscillation frequency, place the oscillation-related parts as close to the oscillation pins as possible with the shortest possible pattern length.
CF1
CF2 Rd1
XT1
XT2
Rf Rd2
C1
CF
C2
C3 X'tal
C4
Figure 1
Ceramic oscillation circuit
Figure 2
Crystal oscillation circuit
No.6712-21/24
LC87F72C8A
0.5VDD
Figure 3
AC timing measurement point
VDD Power Supply VDD limit 0V Reset time RES
Internal RC Resonator oscillation tmsCF
CF1,CF2 tmsXtal XT1,XT2
Operation mode
Unfixed
Reset
Instruction execution mode
Reset time and oscillation stable time
HOLD release signal
Without HOLD Release signal
HOLD release signal VALID
Internal RC Resonator oscillation tmsCF CF1,CF2 tmsXtal XT1,XT2
Operation mode
HOLD
HALT
HOLD release signal and oscillation stable time
Figure 4
Oscillation stabilizing time
No.6712-22/24
LC87F72C8A
VDD
RRES
RES CRES
(Note) Select CRES and RRES value to assure that at least 200s reset time is generated after the VDD becomes higher than the minimum operating voltage.
Figure 5
Reset circuit
SIOCLK
DATAIN
DI0
DI1
DI2
DI3
DI4
DI5
DI6
DI7
DI8
DATAOUT
DO0
DO1
DO2
DO3
DO4
DO5
DO6
DO7 Data RAM transmission period (only SIO0)
DO8
tSCK tSCKL SIOCLK tsDI DATAIN tdDO DATAOUT thDI tSCKH
tSCKLA SIOCLK tsDI DATAIN tdDO DATAOUT thDI
tSCKHA
Data RAM transmission period (only SIO0)
Figure 6
Serial input / output wave form
No.6712-23/24
LC87F72C8A
tPIL
tPIH
Figure 7
Pulse input timing
VDD SW : ON/OFF(programmable)
4R
SW : ON(VLCD=VDD) VLCD
2R 2/3VLCD R 1/2VLCD R 1/3VLCD 2R
GND
Figure 8
LCD bias resistor
PS No.6712-24/24


▲Up To Search▲   

 
Price & Availability of LC87F72C8A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X