Part Number Hot Search : 
1N626 ML601J24 2SC3007 MAX10 13U01 TIC22 TIC22 STD5KA70
Product Description
Full Text Search
 

To Download LC72121V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : EN5815B
CMOS IC
LC72121, 72121M, 72121V
PLL Frequency Synthesizers for Electronic Tuning
Overview
The LC72121 and the LC72121M and the LC72121V are high input sensitivity (20 mVrms at 130 MHz) PLL frequency synthesizers for 3 V systems. These ICs are serial data (CCB) compatible with the LC72131, and feature the improved input sensitivity and lower spurious radiation (provided by a redesigned ground system) required in high-performance AM/FM tuners.
Functions
* High-speed programmable divider -- FMIN: 10 to 160 MHz ... Pulse swallower technique (With built-in divide-by-2 prescaler) -- AMIN: 2 to 40 MHz ... Pulse swallower technique 0.5 to 10 MHz ... Direct division technique * IF counter -- IFIN: 0.4 to 15 MHz ... For AM and FM IF counting * Reference frequency -- One of 12 reference frequencies can be selected (using a 4.5 or 7.2 MHz crystal element) 1, 3, 5, 9, 10, 3.125, 6.25, 12.5, 15, 25, 50, or 100 kHz * Phase comparator -- Supports dead zone control. -- Built-in unlocked state detection circuit -- Built-in deadlock clear circuit * An MOS transistor for an active low-pass filter is built in.
* I/O ports -- Output-only ports: 4 pins -- I/O ports: 2 pins -- Supports the output of a clock time base signal. * Operating ranges -- Supply voltage: 2.7 to 3.6 V -- Operating temperature: - 40 to 85C * Package -- DIP22S, MFP24S, SSOP24 * Comparison with the LC72131/M -- Serial data compatible (CCB) -- Identical pin functions -- Two VSS pins were added. -- The DIP version is pin compatible (VSS pins were inserted as the DIP22S NC pins.) -- The MFP product provides a modified pin assignment (The MFP20 package was replaced by an MFP24 package, and extra VSS pins were added.) -- The SSOP24 is a newly developed package that has the same pin assignment as the MFP24S product.
* CCB is a trademark of SANYO ELECTRIC CO., LTD. * CCB is SANYO's original bus format and all the bus addresses are controlled by SANYO.
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
10803AS (OT) /D3098HA (OT) /70398RM (OT) No. 5815-1/23
LC72121, 72121M, 72121V
Package Dimensions
unit: mm 3059-DIP22S
[LC72121]
22 12
unit: mm 3112-MFP24S
[LC72121M]
24
7.62 6.4
13
0.25
1 21.2
11
0.51min 3.25
3.9max
12.6
3.3
0.15
0.95
0.48
1.78
1.7
SANYO: DIP22S
0.35
1.0 0.8
0.1
1.5
SANYO: MFP24S
unit: mm 3175A-SSOP24
1.0 1.6max 0.15 0.5 1 8.0 0.1 12 0.22 0.65 0.43
[LC72121V]
24 13
5.6
SANYO: SSOP24
Pin Assignments
7.6
0.625
1
12
1.8max
6.35 7.6
5.4
Top view
No. 5815-2/23
LC72121, 72121M, 72121V Block Diagram
No. 5815-3/23
LC72121, 72121M, 72121V
Specifications
Absolute Maximum Ratings at Ta = 25C, VSSd = VSSa = VSSX = 0 V
Parameter Maximum supply voltage Symbol VDD max VIN1 max Maximum input voltage VIN2 max VIN3 max VO1 max Maximum output voltage VO2 max VO3 max Maximum output current IO1 max IO2 max Pd max VDD CE, DI, CL, AIN XIN, FMIN, AMIN, IFIN IO1, IO2 DO XOUT, PD BO1 to BO4, IO1, IO2, AOUT DO, AOUT BO1 to BO4, IO1, IO2 DIP22S: Allowable power dissipation (Ta 85C) MFP24S: SSOP24: Operating temperature Storage temperature Topr Tstg Conditions Ratings -0.3 to +7.0 -0.3 to +7.0 -0.3 to VDD +0.3 -0.3 to +15 -0.3 to +7.0 -0.3 to VDD +0.3 -0.3 to +15 0 to +6.0 0 to +10.0 350 200 150 -40 to +85 -55 to +125 Unit V V V V V V V mA mA mW mW mW C C
Allowable Operating Ranges at Ta = - 40 to +85C, VSSd = VSSa = VSSX = 0 V
Parameter Supply voltage Input high-level voltage Input low-level voltage Output voltage Symbol VDD VIH1 VIH2 VIL VO1 VO2 fIN1 fIN2 Input frequency fIN3 fIN4 fIN5 VIN1 VIN2-1 VIN2-2 Input amplitude VIN3 VIN4 VIN5-1 VIN5-2 Guaranteed crystal oscillator frequency Xtal VDD CE, DI, CL IO1, IO2 CE, DI, CL, IO1, IO2 DO BO1 to BO4, IO1, IO2, AOUT XIN: VIN1 FMIN: VIN2 AMIN (SNS = 1): VIN3 AMIN (SNS = 0): VIN4 IFIN: VIN5 XIN: fIN1 FMIN: f = 10 to 130 MHz FMIN: f = 130 to 160 MHz AMIN (SNS = 1): fIN3 AMIN (SNS = 0): fIN4 IFIN: fIN5, IFS = 1 IFIN: fIN5, IFS = 0 XIN, XOUT: * Conditions Ratings min 2.7 0.7 VDD 0.7 VDD 0 0 0 1 10 2 0.5 0.4 200 20 40 40 40 40 70 4 typ max 3.6 6.5 13 0.3 VDD 6.5 13 8 160 40 10 15 800 800 800 800 800 800 800 8 Unit V V V V V V MHz MHz MHz MHz MHz mVrms mVrms mVrms mVrms mVrms mVrms mVrms MHz
Note: Recommended value for CI for the crystal oscillator element: CI 120 (4.5MHz), CI 70 (7.2MHz)
Electrical Characteristics in the Allowable Operating Ranges
Parameter Symbol Rf1 Internal feedback resistance Rf2 Rf3 Rf4 Internal pull-down resistance Hysteresis Output high-level voltage Rpd1 Rpd2 VHIS VOH1 XIN FMIN AMIN IFIN FMIN AMIN CE, DI, CL PD: IO = -1 mA VDD - 1.0 100 100 Conditions Ratings min typ 1 500 500 250 200 200 0.1 VDD 400 400 max Unit M k k k k k V V
Continued on next page.
No. 5815-4/23
LC72121, 72121M, 72121V
Continued from preceding page.
Parameter Symbol VOL1 Output low-level voltage VOL2 VOL3 VOL4 IIH1 IIH2 Input high-level current IIH3 IIH4 IIH5 IIH6 IIL1 IIL2 Input low-level current IIL3 IIL4 IIL5 IIL6 Output off leakage current High-level 3-state off leakage current Low-level 3-state off leakage current Input capacitance IOFF1 IOFF2 IOFFH IOFFL CIN IDD1 Supply current IDD2 PD: IO = 1 mA BO1 to BO4, IO1, IO2: IO = 1 mA BO1 to BO4, IO1, IO2: IO = 8 mA DO: IO = 1 mA DO: IO = 5 mA AOUT: IO = 1 mA, AIN = 1.3 V CE, DI, CL: VI = 6.5 V IO1, IO2: VI = 13 V XIN: VI = VDD FMIN, AMIN: VI = VDD IFIN: VI = VDD AIN: VI = 6.5 V CE, DI, CL: VI = 0 V IO1, IO2: VI = 0 V XIN: VI = 0 V FMIN, AMIN: VI = 0 V IFIN: VI = 0 V AIN: VI = 0 V BO1 to BO4, IO1, IO2, AOUT: VO = 13 V DO: VO = 6.5 V PD: VO = VDD PD: VO = 0 V FMIN VDD: Xtal = 7.2 MHz, fIN2 = 130 MHz, VIN2 = 20 mVrms VDD: PLL block stopped (PLL inhibit mode) Crystal oscillator operating (crystal frequency: 7.2 MHz) VDD: PLL block stopped, crystal oscillator stopped 0.01 0.01 6 2.5 6 1.3 2.5 5.0 1.3 2.5 5.0 Conditions Ratings min typ max 1.0 0.2 1.6 0.2 1.0 0.5 5.0 5.0 8 15 30 200 5.0 5.0 8 15 30 200 5.0 5.0 200 200 Unit V V V V V V A A A A A nA A A A A A nA A A nA nA pF mA
0.3
mA
IDD3
10
A
Pin Descriptions
Pin name Pin No. LC72121 1 22
LC72121M LC72121V
Type
Function
Equivalent circuit
XIN XOUT
1 24
Xtal
* Crystal oscillator element connections (4.5 or 7.2 MHz)
* FMIN is selected when DVS in the serial data is set to 1. * Input frequency: 10 to 160 MHz FMIN 16 17 Local oscillator signal input * The signal is passed through an internal divide-by-two prescaler and then input to the swallow counter. * The divisor can be set to a value in the range 272 to 65535. Since the internal divide-by-two prescaler is used, the actual divisor will be twice the set value. * AMIN is selected when DVS in the serial data is set to 0. * When SNS in the serial data is set to 1: * Input frequency: 2 to 40 MHz * The signal is input to the swallow counter directly. AMIN 15 16 Local oscillator signal input * The divisor can be set to a value in the range 272 to 65535. The set value becomes the actual divisor. * When SNS in the serial data is set to 0: * Input frequency: 0.5 to 10 MHz * The signal is input to a 12-bit programmable divider directly. * The divisor can be set to a value in the range 4 to 4095. The set value becomes the actual divisor.
Continued on next page. No. 5815-5/23
LC72121, 72121M, 72121V
Continued from preceding page.
Pin name Pin No. LC72121 3
LC72121M LC72121V
Type
Function * This pin must be set high to enable serial data input (DI) or serial data output (DO).
Equivalent circuit
CE
3
Chip enable
DI
4
4
Input data
* Input for serial data transferred from the controller
CL
5
5
Clock
* Clock used for data synchronization for serial data input (DI) and serial data output (DO).
DO
6
6
Output data
* Output for serial data transmitted to the controller. The content of the data transmitted is determined by DOC0 through DOC2. * LC72121 power supply (VDD 2.7 to 3.6 V) * The power on reset circuit operates when power is first applied. * Ground for the crystal oscillator circuit * Ground for the low-pass filter MOS transistor * Ground for the LC72121 digital systems other than those that use VSSa or VSSX. * Shared function I/O ports * The pin function is determined by IOC1 and IOC2 in the serial data. When the data value 0: Input port When the data value 1: Output port * When specified to function as an input port: The input pin state is reported to the controller through the DO pin. When the input state is low: The data will be 0: When the input state is high: The data will be 1: * When specified to function as an output port: The output state is determined by IO1 and IO2 in the serial data. When the data value is 0: The output state will be the open circuit state. When the data value is 1: The output state will be a low level. * These pins are set to input mode after a power on reset. * Output-only ports * The output state is determined by BO1 through BO4 in the serial data. When the data value is 0: The output state will be the open circuit state. When the data value is 1: The output state will be a low level. * A time base signal (8 Hz) is output from BO1 when TBC in the serial data is set to 1.
VDD VSSX VSSa VSSd
17 2 21 14
18 2 22 15
Power supply Ground Ground Ground
---- ---- ---- ----
IO1 IO2
11 13
11 14
I/O port
BO1 BO2 BO3 BO4
7 8 9 10
7 8 9 10 Output port
PD
18
19
Charge pump output
* PLL charge pump output A high level is output when the frequency of the local oscillator signal divided by N is higher than the reference frequency, and a low level is output when that frequency is lower. This pin goes to the highimpedance state when the frequencies match.
AIN AOUT
19 20
20 21
Low-pass filter * Connections for the MOS transistor used for the PLL active low-pass amplifier filter. transistor
IFIN
12
13
IF counter
* The input frequency range is 0.4 to 12 MHz * The signal is passed directly to the IF counter. * The result is output, MSB first, through the DO pin. * Four measurement periods are supported: 4, 8, 32, and 64 ms.
NC
--
12 23
NC pin
* No connection
----
No. 5815-6/23
LC72121, 72121M, 72121V Procedures for Input and Output of Serial Data This product uses the CCB (Computer Control Bus), which is Sanyo's audio product serial bus format, for data input and output. This product adopts an 8-bit address CCB format.
I/O mode Address B0 B1 B2 B3 A0 A1 A2 A3 Function * Control data input (serial data input) mode * 24 bits of data are input. * See the "DI Control Data (serial data input)" section for details on the content of the input data. * Control data input (serial data input) mode * 24 bits of data are input. * See the "DI Control Data (serial data input)" section for details on the content of the input data. * Data output (serial data output) mode * The number of bits output is equal to the number of clock cycles. * See the "DO output Data (serial data output)" section for details on the content of the output data.
1
IN1 (82)
0
0
0
1
0
1
0
0
2
IN2 (92)
1
0
0
1
0
1
0
0
3
OUT (A2)
0
1
0
1
0
1
0
0
I/O mode determined
Normally high Normally low
No. 5815-7/23
LC72121, 72121M, 72121V Structure of the DI Control Data (serial data input) * IN1 mode
* IN2 mode
No. 5815-8/23
LC72121, 72121M, 72121V DI Control Data
No. Control block/data Function * Specifies the divisor for the programmable divider. This is a binary value in which P15 is the MSB. The LSB changes depending on DVS and SNS. (* : don't care) DVS 1 0 0 Programmable divider data 1 P0 to P15 DVS, SNS * These pins select the signal input to the programmable divider (FMIN or AMIN) and switch the input frequency range. (* : don't care) DVS 1 0 0 SNS * 1 0 Input pin FMIN AMIN AMIN Frequency range accepted by the input pin 10 to 160 MHz 2 to 40 MHz 0.5 to 10 MHz SNS * 1 0 LSB P0 P0 P4 Set divisor (N) 272 to 65535 272 to 65535 4 to 4095 Actual divisor Twice the set value The set value The set value Related data
* LSB: When P4 is the LSB, P0 to P3 are ignored.
* See the "Structure of the Programmable Divider" section for details. * Reference frequency selection R3 0 0 0 0 0 0 0 0 1 Reference divider data 2 R0 to R3 XS 1 1 1 1 1 1 1 R2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 R1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 R0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Reference frequency 100 50 25 25 12.5 6.25 3.125 3.125 10 9 5 1 3 15 PLL INHIBIT + Xtal OSC STOP PLL INHIBIT kHz
* PLL INHIBIT mode In this mode, the programmable divider and the IF counter block are stopped, the FMIN, AMIN, and IFIN pins are pulled down to ground, and the charge pump output goes to the high-impedance state. * Crystal oscillator element selection data XS = 0: 4.5 MHz XS = 1: 7.2 MHz Note that 7.2 MHz is selected after a power on reset. * IF counter measurement start command data CTE = 1: Starts the counter CTE = 0: Resets the counter IF counter control data 3 CTE GT0, GT1 * Determines the IF counter measurement time. GT1 0 0 1 1 GT0 0 1 0 1 Measurement time 4 ms 8 32 64 Wait time 3 to 4 ms 3 to 4 7 to 8 7 to 8 IFS
* See the "Structure of the IF Counter" section for details.
Continued on next page. No. 5815-9/23
LC72121, 72121M, 72121V
Continued from preceding page.
No. 4 Control block/data I/O port setup data IOC1,IOC2 Function * Specifies input or output for the shared function I/O pins (IO1 and IO2). Data = 0: Input port Data = 1: Output port * Determines the output state of the BO1 through BO4, IO1, and IO2 output ports. Data = 0: Open Data = 1: Low level * The data is reset to 0, setting the pins to the open state, after a power on reset. * Determines the DO pin output. DOC2 0 0 0 0 1 1 1 1 DOC1 0 0 1 1 0 0 1 1 DOC0 0 1 0 1 0 1 0 1 DO pin state Open Low when the PLL is unlocked end-UC *1 Open Open The IO1 pin state *2 The IO2 pin state *2 Open UL0, UL1 CTE IOC1 IOC2 Related data
5
Output port data BO1 to BO4 IO1,IO2
6
The open state is selected after a power on reset. DO pin control data *1. end-UC: IF counter measurement end check DOC0 DOC1 DOC2
IOC1 IOC2
(1)When end-UC is selected and an IF count is started (by switching CTE from 0 to 1), the DO pin automatically goes to the open state. (2)When the IF counter measurement period completes, the DO pin goes to the low level, allowing applications to test for the completion of the count period. (3)The DO pin is set to the open state by performing a serial data input or output operation (when the CE pin is set high). *2. The DO pin will go to the open state if the corresponding IO pin is set up to be an output port. Note: During the data input period (the period that CE is high in IN1 or IN2 mode), the DO pin goes to the open state regardless of the DO pin control data (DOC0 to DOC2). During the data output period (the period that CE is high in OUT mode) the DO pin state reflects the internal DO serial data in synchronization with the CL clock, regardless of the DO pin control data (DOC0 to DOC2). * Selects the width of the phase error (oE) detected for PLL lock state discrimination. The state is taken to be unlocked if a phase error in excess of the detection width occurs. UL1 7 Unlocked state detection data UL0, UL1 0 0 1 1 UL0 0 1 0 1 oE detection width Stopped 0 0.55 s 1.11 s Detection output Open oE is output directly oE is extended by 1 to 2 ms oE is extended by 1 to 2 ms DOC0 DOC1 DOC2
* When the PLL is unlocked, the DO pin goes low and UL in the serial data output is set to 0. * Controls the phase comparator dead zone DZ1 8 Phase comparator control data DZ0, DZ1 0 0 1 1 DZ 0 1 0 1 Dead zone mode DZA DZB DZC DZD
Dead zone width: DZA < DZB < DZC < DZD
Continued on next page.
No. 5815-10/23
LC72121, 72121M, 72121V
Continued from preceding page.
No. 9 Control block/data Clock time base TBC Function * Setting the TBC bit to 1 causes an 8-Hz clock time base signal with a 40% duty to be output from the BO1 pin. (The BO1 data will be ignored.) * Forcibly controls the charge pump output. DLC Charge pump control data DLC 0 1 Charge pump output Normal operation Forced to low Related data BO1
10
* If the circuit deadlocks due to the VCO control voltage (Vtune) being 0 and the VCO being stopped, applications can get out of the deadlocked state by setting the charge pump output to low and setting Vtune to VCC. (Deadlock clear circuit) * This data is normally set to 1. Setting this data to 0 sets the circuit to reduced input sensitivity mode, in which the sensitivity is reduced by about 10 to 30 mV rms. * See the "IF Counter Operation" section for details. * Test data TEST0 TEST1 All these bits must be set to 0. TEST2 All these bits are set to 0 after a power on reset. * This bit must be set to 0.
11
IF counter control data IFS
12
Test data TEST0 to 2
13
DNC
Structure of the DO Output Data (serial data output) * OUT mode
DO Output Data
No. Control block/data Function * Data latched from the I/O port IO1 or IO2 pin states. * These bits reflect the pin states regardless of the I/O port mode (input or output). The data is latched at the point the circuit enters data output mode (OUT mode). H:1 I1 The IO1 pin state I2 The IO2 pin state L:0 * Indicates the state of the unlocked state detection circuit. UL 0: When the PLL is unlocked. UL 1: When the PLL is locked or in the detection disabled mode. * Indicates the value of the IF counter (20-bit binary counter). C19 MSB of the binary counter C0 LSB of the binary counter Related data
1
I/O port data 12, I1
IOC1 IOC2
2
PLL unlocked state data UL
UL0 UL1 CTE GT0 GT1
3
IF counter binary data C19 to C0
No. 5815-11/23
LC72121, 72121M, 72121V Serial Data Input (IN1/IN2) tSU, tHD, tEL, tES, tEH 0.75 s tLC < 0.75 s * CL: Normally high
* CL: Normally low
Serial Data Output (Out) tSU, tHD, tEL, tES, tEH 0.75 s tDC, tDH < 0.35 s * CL: Normally high
* CL: Normally low
Note:
The data conversion times (tDC and tDH) depend on the value of the pull-up resistor and the printed circuit board capacitance since the DO pin is an n-channel open-drain circuit.
No. 5815-12/23
LC72121, 72121M, 72121V Serial Data Timing
When CL is Stopped at the Low Level
When CL is Stopped at the High Level
Parameter Data setup time Data hold time Clock low level time Clock high level time CE wait time CE setup time CE hold time Data latch change time Data output time
Symbol tSU tHD tCL tCH tEL tES tEH tLC tDC tDH DO, CL DO, CE DI, CL DI, CL CL CL CE, CL CE, CL CE, CL
Conditions
Ratings min 0.75 0.75 0.75 0.75 0.75 0.75 0.75 0.75 typ max
Unit s s s s s s s s s s
These values differ depending on the value of the pull-up resistor used and the printed circuit board capacitance.
0.35 0.35
No. 5815-13/23
LC72121, 72121M, 72121V Structure of the Programmable Divider
DVS A B C 1 0 0
SNS * 1 0
Input pin FMIN AMIN AMIN
Set divisor 272 to 65535 272 to 65535 4 to 4095
Actual divisor Twice the set value The set value The set value
Input frequency range 10 to 160 MHz 2 to 40 MHz 0.5 to 10 MHz
*: Don't care
Sample Programmable Divider Divisor Calculations * For FM with a step size of 50 kHz (DVS = 1, SNS = *: FMIN selected) FM RF = 90.0 MHz (IF +10.7 MHz) FM VCO = 100.7 MHz PLL fref = 25 kHz (R0 = 0, R1 = 1, R2 = 0, R3 = 0) 100.7 MHz (FM VCO) / 25 kHz (fref) / 2 (for the FMIN 1/2 prescaler) 2014 07DE (hexadecimal)
* For SW with a step size of 5 kHz (DVS = 0, SNS = 1: AMIN high-speed operation selected) SW RF = 21.75 MHz (IF +450 kHz) SW VCO = 22.20 MHz PLL fref = 5 kHz (R0 = 0, R1 = 1, R2 = 0, R3 = 1) 22.2 MHz (SW VCO) / 5 kHz (fref) = 4440 1158 (hexadecimal)
* For MW with a step size of 9 kHz (DVS = 0, SNS = 0: AMIN low-speed operation selected) MW RF = 1008 kHz (IF +450 kHz) WM VCO = 1458 kHz PLL fref =9 kHz (R0 = 1, R1 = 0, R2 = 0, R3 = 1) 1458 (MW VCO) / 9 kHz (fref) = 162 0A2 (hexadecimal)
No. 5815-14/23
LC72121, 72121M, 72121V Structure of the IF Counter The LC72121 IF counter is a 20-bit binary counter, and takes the IF signal from the IFIN pin as its input. The result of the count can be read out serially, MSB first, from the DO pin.
GT1 0 0 1 1
GT0 0 1 0 1
Measurement time Measurement time (GT) 4 ms 8 32 64 Wait time (tWU) 3 to 4 ms 3 to 4 ms 7 to 8 ms 7 to 8 ms
The IF frequency (Fc) is measured by determining how many pulses were input to the IF counter in the stipulated measurement time, GT. C Fc =---- (C = Fc x GT) GT C: Counted value (the number of pulses)
IF Counter Frequency Measurement Examples * When the measurement time (GT) is 32 ms and the counted value (C) is 53980 (hexadecimal) or 342,400 (decimal). IF frequency (FC) = 342400 / 32 ms = 10.7 MHz
* When the measurement time (GT) is 8 ms and the counted value (C) is E10 (hexadecimal) or 3600 (decimal). IF frequency (FC) = 3600 / 8 ms = 450 kHz
No. 5815-15/23
LC72121, 72121M, 72121V IF Counter Operation
Applications must first, before starting an IF count operation reset the IF counter by setting CTE in the serial data to 0. The IF counter operation is started setting CTE in the serial data from 0 to 1. Although the serial data is latched by dropping the CE pin from high to low, the IF signal input to the IFIN pin must be provided within the wait time from the point CE goes low. Next, the readout of the IF counter after measurement is complete must be performed while CTE is still 1, since the counter will be reset if CTE is set to 0. Note: If IF counting is used, applications must determine whether or not the IF IC SD (station detect) signal is present in the microcontroller software, and perform the IF count only if that signal is asserted. This is because auto-search techniques that use IF counting only are subject to incorrect stopping at points where there is no station due to IF buffer leakage. Note that the LC72121 input sensitivity can be controlled with the IFS bit in the serial data. Reduced sensitivity mode (IFS = 0) must be selected when this IC is used in conjunction with an IF IC that does not provide an SD output and auto-search is implemented using only IF counting. IFIN Minimum Sensitivity Standard
Input frequency : f [MHz] IFS data 1(Normal mode) 0 (Degraded sensitivity mode) 0.4 f < 0.5 40 mVrms (0.1 to 3 mVrms) 70 mVrms (5 to 10 mVrms) 0.5 f < 8 40 mVrms 70 mVrms 8 f 15 40 mVrms (1 to 15 mVrms) 70 Vrms (30 to 40 mVrms)
Note: Values in parentheses are actual performance values that are provided for reference purposes.
No. 5815-16/23
LC72121, 72121M, 72121V Unlocked State Detection Timing * Unlocked state detection timing Unlocked state detection is performed during the reference frequency (fref) period (interval). This means that a period at least as long as the period of the reference frequency is required to recognize the locked/unlocked state. However, applications must wait at least twice the period of the reference frequency immediately after changing the divisor (N) before checking the locked/unlocked state.
Figure 1 Unlocked State Detection Timing For example, if fref is 1 kHz (a period of 1 ms) applications must wait at least 2 ms after the divisor N is changed before performing a locked/unlocked check.
Figure 2 Circuit Structure
No. 5815-17/23
LC72121, 72121M, 72121V
Figure 3 Combining with Software * Outputting the unlocked state data in the serial data At the point of data output 1 in figure 3, the unlocked state data will indicate the unlocked state, since the VCO frequency is not stable (locked) yet. In cases such as this, the application should wait at least one whole period and then check again whether or not the frequency has stabilized with the data output 2 operation in the figure. Applications can implement even more reliable recognition of the locked state by performing several more checks of the state and requiring that the locked state be detected sequentially.
Divisor N changed (data input) Wait at least 2 reference frequency periods. Data output (1) Valid output data is acquired by using an interval of at least one reference frequency period. Data output (2) *: Even more reliable recognition of the locked state can be achieved by performing several checks of the state and requiring that the locked state be detected sequentially. Locked state check * YES
A10180
NO
* Directly outputting the unlocked state to the DO pin Since the unlocked state (high level when locked, low when unlocked) is output from the DO pin, applications can check for the locked state by waiting at least two reference frequency periods after changing the divisor N. However, in this case also, even more reliable recognition of the locked state can be achieved by performing several checks of the state and requiring that the locked state be detected sequentially.
No. 5815-18/23
LC72121, 72121M, 72121V Clock Time Base Usage Notes When using the clock time base output function, the output pin (BO1) pull-up resistor must have a value of over 100 k. The use of a Schmitt input in the microcontroller that accepts this signal is recommended to reduce chattering. This is to prevent degradation of the VCO C/N characteristics when combining with a loop filter that uses the internal transistor provided to form a low-pass filter. Although the ground for the clock time base output pin (VSSd) and the ground for the transistor (VSSa) are isolated internally on the chip, applications must take care to avoid ground loops and minimize current fluctuations in the time base pin to prevent degradation of the low-pass filter characteristics.
Pin States after a Power on Reset
No. 5815-19/23
LC72121, 72121M, 72121V Sample Application Circuit (Using the DIP22S package)
Since this is a high-impedance circuit, it is susceptible to noise. Therefore, lines in the printed circuit board pattern should be made as short as possible and it should be surrounded by the ground pattern.
No. 5815-20/23
LC72121, 72121M, 72121V Other Items * Notes on the phase comparator dead zone
DZ1 0 0 1 1 DZ0 0 1 0 1 Dead zone mode DZA DZB DZC DZD Charge pump ON/ON ON/ON OFF/OFF OFF/OFF Dead zone - -0s -0s +0s + +0s
When the charge pump is used with one of the ON/ON modes, correction pulses are generated from the charge pump even if the PLL is locked. As a result, it is easy for the loop to become unstable, and special care is required in application design. The following problems can occur if an ON/ON mode is used. -- Sidebands may be created by reference frequency leakage. -- Sidebands may be created by low-frequency leakage due to the correction pulse envelope. Although the loop is more stable when a dead zone is present (i.e. when an OFF/OFF mode is used), a dead zone makes it more difficult to achieve excellent C/N characteristics. On the other hand, while it is easy to achieve good C/N characteristics when there is no dead zone, achieving good loop stability is difficult. Accordingly, the DZA and DZB settings, in which there is no dead zone, can be effective in situations where a signal-to-noise ratio of 90 to 100 dB or higher is required in FM reception, or where it is desirable to increase the pilot margin in AM stereo reception. However, if such a high signal-to-noise ratio is not required for FM reception, if an adequate pilot margin can be acquired in AM stereo reception, or if AM stereo is not required, then either DZC or DZD, in which there is a dead zone, should be chosen.
Dead Zone As shown in figure 1, the phase comparator compares a reference frequency (fr) with fp. As shown in figure 2, the phase comparator's characteristics consist of an output voltage (V) that is proportional to the phase difference o. However, due to internal circuit delay and other factors, an actual circuit has a region (the dead zone, B) where the circuit cannot actually compare the phases. To implement a receiver with a high S/N ratio, it is desirable that this region be as small as possible. However, it is often desirable to have the dead zone be slightly wider in popularly-priced models. This is because in certain cases, such as when there is a strong RF input, popularly-priced models can suffer from mixer to VCO RF leakage that modulates the VCO. When the dead zone is small, the circuit outputs signals to correct this modulation and this output further modulates the VCO. This further modulation may then generate beats and the RF signal.
Figure 1
Figure 2
* Notes on the FMIN, AMIN, and IFIN pins Coupling capacitors should be placed as close to their pin as possible. A capacitance of about 100 pF is desirable for these capacitors. In particular, if the IFIN pin coupling capacitor is not held under 1000 pF, the time to reach the bias level may become excessive and incorrect counts may result due to the relationship with the wait time. * Notes on IF counting Use the SD signal in conjunction with IF counting When counting the IF frequency, the microcontroller must determine the presence or absence of the IF IC SD (station detect) signal and turn on the IF counter buffer output and execute the IF count only if there is an SD signal. Autosearch techniques that only use the IF counter are subject to incorrect stopping at points where there is no station due to IF buffer leakage.
No. 5815-21/23
LC72121, 72121M, 72121V * DO pin usage The DO pin can be used for IF counter count completion checking and as an unlock detection output in addition to its use in data output mode. It is also possible to have the DO pin reflect the state of an input pin to input that state to the microcontroller. * Power supply pins Capacitors must be inserted between the power supply VDD and VSS pins for noise exclusion. These capacitors must be placed as close as possible to the VDD and VSS pins. * VCO setup Applications must be designed so that the VCO (local oscillator) does not stop, even if the control voltage (Vtune) goes to 0 V. If it is possible for the oscillator to stop, the application must use the control data (DLC) to temporarily force Vtune to VCC to prevent deadlock from occurring. (Deadlock clear circuit) * Front end connection example Since this product (and the LC72131 as well) is designed with the relatively high resistance of 200 k for the pulldown (on) resistors built in to the FMIN and AMIN pins, a common AM/FM local oscillator buffer can be used as shown in the following circuit.
* PD pin Note that the charge pump output voltage is reduced when this IC, which is a 3-V system, is used to replace the LC72131, which is a 5-V system. This means that since the loop gain is reduced, the loop filter constants, the lock time (SD wait time), and other related parameters must be reevaluated in the end product design.
No. 5815-22/23
LC72121, 72121M, 72121V
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products (including technical data, services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of January, 2003. Specifications and information herein are subject to change without notice. PS No. 5815-23/23


▲Up To Search▲   

 
Price & Availability of LC72121V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X