Part Number Hot Search : 
2N684 30KPA84A PI5V331 ISL6126 MB3776A MX7820BQ TB6516 MJ160
Product Description
Full Text Search
 

To Download L1025 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A
150+/-15 6.35 +/- 1.5 6.35 +0 -.12 21.5 +/-1.25 3.6+/-1.0
B
150+/-15 6.35 +/- 1.5 6.35 +0 -.12 21.5 +/-1.25 3.6+/-1.0
4.8 max
4.8 max 2.5+/-.25
C
300 6.35 +/- 1.5 6.35 18.6 M.O.L. 15.0
TINNED
4.8 max
Focused Lens-End Lamps
Line No. Part No. Volts Amps Lux* 1,550 1,550 2,000 2,100 1,600 3,800 3,800 12,000 16,000 880 1,200 Color Temp. Degrees Kelvin 2,200 2,200 2,250 2,250 2,230 2,490 2,490 2,850 2,950 2,300 2,450 Life Hours 25,000 25,000 10,000 15,000 30,000 4,500 4,500 100 150 12,500 10,000 Vacuum Or Gas V V V V G G G Krypton Halogen V V Filament Type C-6 C-6 C-2R C-6 C-6 C-6 C-6 C-6 C-6 C-2R C-2R Base Type Brass Brass Brass Brass Brass Brass Brass Brass Brass Brass Brass Drawing A C C A A A C A A B B 1 L1005 2.5 0.350 2 L1005A 2.5 0.350 3 L1026A 2.5 0.350 4 L1023 2.5 0.350 5 L1006 3.5 0.450 6 L1024 3.5 0.560 7 L1024A 3.5 0.560 8 L1021 3.5 0.600 9 L1030 3.5 1.200 10 L1007 5.0 0.160 11 L1025 5.0 0.240 * Lux at 50mm. Light Distribution page 7, figure 1.
Telephone: 781-935-4442 Fax: 781-938-5867 8
sales@gilway.com www.gilway.com Engineering Catalog 169
C
4+/-.15 0.5 7.3 +.0 -.1
5+/-.5
D
16.0 5.5 4.8 max
5+/-.5 7.3 +.0 -.1 0.5 1.0+/-.03
16.0
8.5
4+/-.15
1.0+/-.03
Cartridge Lens-End Lamps
Line No. 7 8 Part No. L4038 L4040 Volts 2.50 2.50 2.75 3.00 3.25 3.50 5.00 Amps 0.350 0.300 0.310 0.325 0.340 0.370 0.170 Life Hours 10,000 30,000 20,000 10,000 3,500 1,000 12,500 Base Type Cartridge Cartridge Drawing C D
9
L4075
Cartridge
C
E
7.24 +/-.13
12
6.22+/-.13
4.8 MAX 2.2+/-.5 16.7 MAX
Midget Flanged Base Lens-End Lamps
Line No. 10 11 12 13 14 * Lux at 50mm Part No. 169-14 180-14 173-14 179-14 174-14 Volts 2.5 2.5 3.5 3.5 5.0 Amps 0.340 0.350 0.600 0.750 0.170 Lux* 1,000 2,100 12,000 13,000 880 Color Temp. Degrees Kelvin 2,170 2,250 2,850 3,030 2,300 Life Hours 30,000 15,000 100 35 12,500 Vacuum Or Gas V V G G V Filament Type C-6 C-6 C-6 C-6 C-2R Drawing E E E E E
Telephone: 781-935-4442 Fax: 781-938-5867
sales@gilway.com www.gilway.com Engineering Catalog 169 9
A
Midget Grooved Base Lens-End Lamps
Line No. 1 2 * Lux at 50mm Part No. L4044 L4076 Volts 2.5 5.0 Amps 0.350 0.240 Lux* 1,600 Color Temp. Degrees Kelvin 2,250 2,450 Life Hours 10,000 10,000 Vacuum Or Gas V V Filament Type C-6 C-2R Drawing A A
B
0.8 11 +/-0.1 5.6
33+/-1.5 26+/-1.5 12.7+/-0.1 1.2
C
0.6 11 5.9+/-0.3 +/-0.1
35+/-1.5 26+/-1.5 12.7+/-0.1 1.2
0.8 14.5 2.8 19 to 23 22 to 28
3.2
0.6 14.5 1.7
Focused Lens-End Lamps
Line No. Part No. Volts Amps Lux* 26 lumens 7,000 8,000 3,000 38,000 Color Temp. Degrees Kelvin 2,420 2,420 2,490 2,140 2,900 Life Hours 10,000 10,000 10,000 20,000 150 Vacuum Or Gas G G G V G Filament Type C-6 C-6 C-6 C-6 C-6 Base Type 1/2-20 UNF-2A 1/2-20 UNF-2A 1/2-20 UNF-2A 1/2-20 UNF-2A 1/2-20 UNF-2A Drawing B C B C B 3 L8006 5.0 0.770 4 L8035 5.0 0.770 5 L8008 5.0 0.750 6 L8050 5.0 0.810 7 L8017 6.0 1.600 * Lux at 50mm. Light Distribution page 7, Figure 2.
Telephone: 781-935-4442 Fax: 781-938-5867 10
sales@gilway.com www.gilway.com Engineering Catalog 169


▲Up To Search▲   

 
Price & Availability of L1025

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X