Part Number Hot Search : 
C1330HA MPIL60 TND308TD OM1055 15KP150 P2N60 2SD428 SFF1606G
Product Description
Full Text Search
 

To Download KTC9018 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
HIGH FREQUENCY LOW NOISE AMPLIFIER APPLICATION. VHF BAND AMPLIFIER APPLICATION.
B
KTC9018
EPITAXIAL PLANAR NPN TRANSISTOR
C
FEATURES Small Reverse Transfer Capacitance : Cre=0.65pF(Typ.). Low Noise Figure : NF=2.2dB(Typ.) at f=100MHz. High Transition Frequency : fT=800MHz(Typ.).
A
N K D E G
MAXIMUM RATING (Ta=25
CHARACTERISTIC Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Emitter Current Collector Power Dissipation Junction Temperature Storage Temperature Range
)
SYMBOL VCBO VCEO VEBO IC IE PC Tj Tstg RATING 40 30 4 20 -20 625 150 -55 150 UNIT V
L
F
H
F
1
2
3
V V mA mA mW
M
C
DIM A B C D E F G H J K L M N
MILLIMETERS 4.70 MAX 4.80 MAX 3.70 MAX 0.45 1.00 1.27 0.85 0.45 _ 14.00 + 0.50 0.55 MAX 2.30 0.45 MAX 1.00
J
1. EMITTER 2. BASE 3. COLLECTOR
TO-92
ELECTRICAL CHARACTERISTICS (Ta=25
CHARACTERISTIC Collector Cut-off Current Emitter Cut-off Current DC Current Gain Reverse Transfer Capacitance Transition Frequency Collector-Base Time Constant Noise Figure Power Gain Note : hFE Classification E:40 59, F:54 80, ICBO IEBO
)
TEST CONDITION VCB=40V, IE=0 VEB=4V, IC=0 VCE=5V, IC=1mA VCE=6V, f=1MHz, IE=0 VCE=10V, IC=8mA, f=100MHz VCE=6V, IE=-1mA, f=30MHz VCE=6V, IE=-1mA, f=100MHz 108, H:97 146, I:130 198 MIN. 40 500 15 TYP. 800 MAX. 0.1 0.1 198 1.0 30 4.0 pF MHz pS dB UNIT A A
SYMBOL
hFE (Note) Cre fT CC rbb' NF Gpe G:72
1994. 5. 11
Revision No : 0
1/1


▲Up To Search▲   

 
Price & Availability of KTC9018

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X