|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
K4S641632D CMOS SDRAM 64Mbit SDRAM 1M x 16Bit x 4 Banks Synchronous DRAM LVTTL Revision 0.3 June 2000 * Samsung Electronics reserves the right to change products or specification without notice. Rev. 0.3 June 2000 K4S641632D Revision History Revision 0.1 (May 2000) * Changed tOH of K4S280432C-TC75/TL75 from 2.7ns to 3.0ns. CMOS SDRAM Revision 0.2 (May 2000) * Added -70 (7.0ns) Speed. Revision 0.3 (June 2000) * Added -60 (6.0ns) and -55(5.5ns) Speed. Rev. 0.3 June 2000 K4S641632D 1M x 16Bit x 4 Banks Synchronous DRAM FEATURES * * * * JEDEC standard 3.3V power supply LVTTL compatible with multiplexed address Four banks operation MRS cycle with address key programs -. CAS latency (2 & 3) -. Burst length (1, 2, 4, 8 & Full page) -. Burst type (Sequential & Interleave) All inputs are sampled at the positive going edge of the system clock Burst read single-bit write operation DQM for masking Auto & self refresh 64ms refresh period (4K cycle) CMOS SDRAM GENERAL DESCRIPTION The K4S641632D is 67,108,864 bits synchronous high data rate Dynamic RAM organized as 4 x 1,048,576 words by 16 bits, fabricated with SAMSUNGs high performance CMOS technology. Synchronous design allows precise cycle control with the use of system clock I/O transactions are possible on every clock cycle. Range of operating frequencies, programmable burst length and programmable latencies allow the same device to be useful for a variety of high bandwidth, high performance memory system applications. * * * * * ORDERING INFORMATION Part No. K4S641632D-TC/L55 K4S641632D-TC/L60 K4S641632D-TC/L70 K4S641632D-TC/L75 K4S641632D-TC/L80 K4S641632D-TC/L1H K4S641632D-TC/L1L Max Freq. 183MHz(CL=3) 166MHz(CL=3) 143MHz(CL=3) 133MHz(CL=3) 125MHz(CL=3) 100MHz(CL=2) 100MHz(CL=3) LVTTL 54 TSOP(II) Interface Package FUNCTIONAL BLOCK DIAGRAM I/O Control LWE Data Input Register LDQM Bank Select 1M x 16 Sense AMP 1M x 16 1M x 16 1M x 16 Refresh Counter Output Buffer Row Decoder Row Buffer DQi Address Register CLK ADD Column Decoder Col. Buffer Latency & Burst Length LRAS LCBR LCKE LRAS LCBR LWE LCAS Programming Register LWCBR LDQM Timing Register CLK CKE CS RAS CAS WE L(U)DQM * Samsung Electronics reserves the right to change products or specification without notice. Rev. 0.3 June 2000 K4S641632D PIN CONFIGURATION (Top view) VDD DQ0 VDDQ DQ1 DQ2 VSSQ DQ3 DQ4 VDDQ DQ5 DQ6 VSSQ DQ7 VDD LDQM WE CAS RAS CS BA0 BA1 A10/AP A0 A1 A2 A3 VDD 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 VSS DQ15 VSSQ DQ14 DQ13 VDDQ DQ12 DQ11 VSSQ DQ10 DQ9 VDDQ DQ8 VSS N.C/RFU UDQM CLK CKE N.C A11 A9 A8 A7 A6 A5 A4 VSS CMOS SDRAM 54Pin TSOP (II) (400mil x 875mil) (0.8 mm Pin pitch) PIN FUNCTION DESCRIPTION Pin CLK CS Name System clock Chip select Input Function Active on the positive going edge to sample all inputs. Disables or enables device operation by masking or enabling all inputs except CLK, CKE and L(U)DQM Masks system clock to freeze operation from the next clock cycle. CKE should be enabled at least one cycle prior to new command. Disable input buffers for power down in standby. Row/column addresses are multiplexed on the same pins. Row address : RA0 ~ RA11, Column address : CA0 ~ CA7 Selects bank to be activated during row address latch time. Selects bank for read/write during column address latch time. Latches row addresses on the positive going edge of the CLK with RAS low. Enables row access & precharge. Latches column addresses on the positive going edge of the CLK with CAS low. Enables column access. Enables write operation and row precharge. Latches data in starting from CAS, WE active. Makes data output Hi-Z, tSHZ after the clock and masks the output. Blocks data input when L(U)DQM active. Data inputs/outputs are multiplexed on the same pins. Power and ground for the input buffers and the core logic. Isolated power supply and ground for the output buffers to provide improved noise immunity. This pin is recommended to be left No Connection on the device. CKE Clock enable A0 ~ A11 BA0 ~ BA1 RAS CAS WE L(U)DQM DQ0 ~ 15 VDD/VSS VDDQ/VSSQ N.C/RFU Address Bank select address Row address strobe Column address strobe Write enable Data input/output mask Data input/output Power supply/ground Data output power/ground No connection /reserved for future use Rev. 0.3 June 2000 K4S641632D ABSOLUTE MAXIMUM RATINGS Parameter Voltage on any pin relative to Vss Voltage on VDD supply relative to Vss Storage temperature Power dissipation Short circuit current Symbol VIN, VOUT VDD, VDDQ TSTG PD IOS Value -1.0 ~ 4.6 -1.0 ~ 4.6 -55 ~ +150 1 50 CMOS SDRAM Unit V V C W mA Note : Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded. Functional operation should be restricted to recommended operating condition. Exposure to higher than recommended voltage for extended periods of time could affect device reliability. DC OPERATING CONDITIONS Recommended operating conditions (Voltage referenced to VSS = 0V, TA = 0 to 70C) Parameter Supply voltage Input logic high voltage Input logic low voltage Output logic high voltage Output logic low voltage Input leakage current Symbol VDD, VDDQ VIH VIL VOH VOL ILI Min 3.0 2.0 -0.3 2.4 -10 Typ 3.3 3.0 0 Max 3.6 VDD+0.3 0.8 0.4 10 Unit V V V V V uA 1 2 IOH = -2mA IOL = 2mA 3 Note Notes : 1. VIH (max) = 5.6V AC. The overshoot voltage duration is 3ns. 2. VIL (min) = -2.0V AC. The undershoot voltage duration is 3ns. 3. Any input 0V VIN VDDQ. Input leakage currents include Hi-Z output leakage for all bi-directional buffers with Tri-State outputs. 4. The VDD condition of K4S641632D-55/60 is 3.135V~3.6V. CAPACITANCE Clock (VDD = 3.3V, TA = 23C, f = 1MHz, VREF =1.4V 200 mV) Pin Symbol CCLK CIN CADD COUT Min 2.5 2.5 2.5 4.0 Max 4.0 5.0 5.0 6.5 Unit pF pF pF pF Note 1 2 2 3 RAS, CAS, WE, CS, CKE, DQM Address DQ0 ~ DQ15 Notes : 1. -75 only specify a maximum value of 3.5pF 2. -75 only specify a maximum value of 3.8pF 3. -75 only specify a maximum value of 6.0pF Rev. 0.3 June 2000 K4S641632D DC CHARACTERISTICS (Recommended operating condition unless otherwise noted, TA = 0 to 70C) Parameter Symbol Test Condition Burst length = 1 tRC tRC(min) IO = 0 mA CKE VIL(max), tCC = 10ns CMOS SDRAM Version - 55 -60 - 70 - 75 - 80 -1H -1L Unit Note Operating current (One bank active) Precharge standby current in power-down mode ICC1 ICC2P 150 140 115 110 110 100 100 mA 1 1 15 mA 6 3 3 25 mA 15 mA 1 ICC2PS CKE & CLK VIL(max), tCC = ICC2N CKE VIH(min), CS VIH(min), tCC = 10ns Input signals are changed one time during 20ns Precharge standby current in non power-down mode CKE VIH(min), CLK VIL(max), tCC = ICC2NS Input signals are stable ICC3P CKE VIL(max), tCC = 10ns Active standby current in power-down mode ICC3PS CKE & CLK VIL(max), tCC = ICC3N CKE VIH(min), CS VIH(min), tCC = 10ns Input signals are changed one time during 20ns mA Active standby current in non power-down mode (One bank active) CKE VIH(min), CLK VIL(max), tCC = ICC3NS Input signals are stable IO = 0 mA Page burst 4Banks Activated tCCD = 2CLKs tRC tRC(min) CKE 0.2V C L Operating current (Burst mode) Refresh current Self refresh current ICC4 170 160 140 135 130 110 110 mA 1 ICC5 ICC6 170 160 140 135 130 125 125 mA 1 400 mA uA 2 3 4 Notes : 1. Measured with outputs open. 2. Refresh period is 64ms. 3. K4S641632D-TC** 4. K4S641632D-TL** 5. Unless otherwise noted, input swing IeveI is CMOS(VIH/VIL=VDDQ/VSSQ) Rev. 0.3 June 2000 K4S641632D AC OPERATING TEST CONDITIONS (VDD = 3.3V 0.3V, TA = 0 to 70C) Parameter AC input levels (Vih/Vil) Input timing measurement reference level Input rise and fall time Output timing measurement reference level Output load condition Value 2.4/0.4 1.4 tr/tf = 1/1 1.4 See Fig. 2 CMOS SDRAM Unit V V ns V 3.3V Vtt = 1.4V 1200 VOH (DC) = 2.4V, IOH = -2mA 50 VOL (DC) = 0.4V, IOL = 2mA Output 870 50pF Output Z0 = 50 50pF (Fig. 1) DC output load circuit Notes : 1. The DC/AC Test Output Load of K4S641632D-55/60 is 30pF. 2. The VDD condition of K4S641632D-55/60 is 3.135V~3.6V. (Fig. 2) AC output load circuit OPERATING AC PARAMETER (AC operating conditions unless otherwise noted) Parameter Row active to row active delay RAS to CAS delay Row precharge time Row active time Row cycle time Last data in to row precharge Last data in to active delay Last data in to new col. address Delay Last data in to burst stop Col. address to col. address delay Number of valid output data Symbol -55 tRRD(min) tRCD(min) tRP(min) tRAS(min) tRAS(max) tRC(min) tRDL(min) tDAL(min) tCDL(min) tBDL(min) tCCD(min) 55 60 68 11 16.5 16.5 38.5 -60 12 18 18 42 -70 14 20 20 49 Version -75 15 20 20 45 100 65 2 2CLK + 20ns 1 1 1 2 1 68 70 70 -80 16 20 20 48 -1H 20 20 20 50 -1L 20 20 20 50 ns ns ns ns us ns CLK CLK CLK CLK ea 1 2,5 5 2 2 3 4 1 1 1 1 Unit Note CAS latency=3 CAS latency=2 Notes : 1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time and then rounding off to the next higher integer. 2. Minimum delay is required to complete write. 3. All parts allow every cycle column address change. 4. In case of row precharge interrupt, auto precharge and read burst stop. 5. For -55/60/70/80/1H/1L, tRDL=1CLK and tDAL=1CLK+20ns is also supported . SAMSUNG recommends tRDL=2CLK and tDAL=2CLK + 20ns. Rev. 0.3 June 2000 K4S641632D AC CHARACTERISTICS (AC operating conditions unless otherwise noted) Parameter CLK cycle time CLK to valid output delay Output data hold time CAS latency=3 CAS latency=2 CAS latency=3 CAS latency=2 CAS latency=3 CAS latency=2 tCH tCL tSS tSH tSLZ tSHZ tOH tSAC Symbol - 55 - 60 - 70 - 75 - 80 CMOS SDRAM - 1H - 1L Unit Note Min Max Min Max Min Max Min Max Min Max Min Max Min Max tCC 5.5 2 2 2 1.5 1 1 5 5 2.5 2.5 2.5 1.5 1 1 5.5 1000 6 5.5 3 3 3 2 1 1 6 1000 7 6 3 2.5 2.5 1.5 0.8 1 5.4 1000 7.5 5.4 3 3 3 2 1 1 6 1000 8 6 3 3 3 3 2 1 1 6 6 1000 10 10 6 6 3 3 3 3 2 1 1 6 7 ns ns ns ns ns ns 3 3 3 3 2 1000 10 12 6 7 ns 2 ns 1,2 1000 ns 1 CLK high pulse width CLK low pulse width Input setup time Input hold time CLK to output in Low-Z CLK to output CAS latency=3 in Hi-Z CAS latency=2 Notes : 1. Parameters depend on programmed CAS latency. 2. If clock rising time is longer than 1ns, (tr/2-0.5)ns should be added to the parameter. 3. Assumed input rise and fall time (tr & tf) = 1ns. If tr & tf is longer than 1ns, transient time compensation should be considered, i.e., [(tr + tf)/2-1]ns should be added to the parameter. DQ BUFFER OUTPUT DRIVE CHARACTERISTICS Parameter Output rise time Output fall time Output rise time Output fall time Symbol trh tfh trh tfh Condition Measure in linear region : 1.2V ~ 1.8V Measure in linear region : 1.2V ~ 1.8V Measure in linear region : 1.2V ~ 1.8V Measure in linear region : 1.2V ~ 1.8V Min 1.37 1.30 2.8 2.0 3.9 2.9 Typ Max 4.37 3.8 5.6 5.0 Unit Volts/ns Volts/ns Volts/ns Volts/ns Notes 3 3 1,2 1,2 Notes : 1. Rise time specification based on 0pF + 50 to VSS, use these values to design to. 2. Fall time specification based on 0pF + 50 to VDD, use these values to design to. 3. Measured into 50pF only, use these values to characterize to. 4. All measurements done with respect to VSS. Rev. 0.3 June 2000 K4S641632D IBIS SPECIFICATION IOH Characteristics (Pull-up) Voltage (V) 3.45 3.3 3.0 2.6 2.4 2.0 1.8 1.65 1.5 1.4 1.0 0.0 100MHz 133MHz Min I (mA) 100MHz 133MHz Max I (mA) -2.4 -27.3 -74.1 -129.2 -153.3 -197.0 -226.2 -248.0 -269.7 -284.3 -344.5 -502.4 66MHz Min I (mA) -200 -0.7 -7.5 -13.3 -27.5 -35.5 -41.1 -47.9 -52.4 -72.5 -93.0 mA -300 -400 -500 -600 Voltage 0 0 -100 0.5 1 1.5 2 CMOS SDRAM 66MHz and 100MHz/133MHz Pull-up 2.5 3 3.5 0.0 -21.1 -34.1 -58.7 -67.3 -73.0 -77.9 -80.8 -88.6 -93.0 IOH Min (100MHz/133MHz) IOH Min (66MHz) IOH Max (66 and 100MHz/133MHz) 66MHz and 100MHz/133MHz Pull-down IOL Characteristics (Pull-down) Voltage (V) 0.0 0.4 0.65 0.85 1.0 1.4 1.5 1.65 1.8 1.95 3.0 3.45 100MHz 133MHz Min I (mA) 0.0 27.5 41.8 51.6 58.0 70.7 72.9 75.4 77.0 77.6 80.3 81.4 100MHz 133MHz Max I (mA) 0.0 70.2 107.5 133.8 151.2 187.7 194.4 202.5 208.6 212.0 219.6 222.6 66MHz Min I (mA) 0.0 17.7 26.9 33.3 37.6 46.6 48.0 49.5 50.7 51.5 54.2 54.9 250 200 150 mA 100 50 0 0 0.5 1 1.5 2 2.5 3 3.5 Voltage IOL Min (100MHz/133MHz) IOL Min (66MHz) IOL Max (100MHz/133MHz) Rev. 0.3 June 2000 K4S641632D CMOS SDRAM Minimum VDD clamp current (Referenced to VDD) 20 VDD Clamp @ CLK, CKE, CS, DQM & DQ VDD (V) 0.0 0.2 0.4 0.6 0.7 0.8 0.9 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 I (mA) 0.0 0.0 0.0 0.0 0.0 0.0 0.0 0.23 1.34 3.02 5.06 7.35 9.83 12.48 15.30 18.31 15 mA 10 5 0 0 1 Voltage I (mA) 2 3 Minimum VSS clamp current VSS Clamp @ CLK, CKE, CS, DQM & DQ VSS (V) -2.6 -2.4 -2.2 -2.0 -1.8 -1.6 -1.4 -1.2 -1.0 -0.9 -0.8 -0.7 -0.6 -0.4 -0.2 0.0 I (mA) -57.23 -45.77 -38.26 -31.22 -24.58 -18.37 -12.56 -7.57 -3.37 -1.75 -0.58 -0.05 0.0 0.0 0.0 0.0 0 -10 -20 mA -30 -40 -50 -60 -3 -2 -1 0 Voltage I (mA) Rev. 0.3 June 2000 K4S641632D SIMPLIFIED TRUTH TABLE Command Register Mode register set Auto refresh Refresh Entry Self refresh Exit L H H CKEn-1 CKEn CS RAS CAS WE DQM BA0,1 CMOS SDRAM A10/AP A11, A9 ~ A0 Note H H X H L H X X L L L H L L H X L H L L H X H L L H H X H H X X OP code X 1,2 3 3 X X X V V X Row address L H Column address (A0 ~ A7) Column address (A0 ~ A7) 3 3 Bank active & row addr. Read & column address Write & column address Burst stop Precharge Bank selection All banks Clock suspend or active power down Entry Exit Entry Precharge power down mode Exit DQM No operation command Auto precharge disable Auto precharge enable Auto precharge disable Auto precharge enable L L 4 4,5 4 4,5 6 H H H X X X L L L H L H H L X V X X H X V X L H H X V X X H X V L L L X V X X H X V X X X V L H X V X L H X H L H L H L X X X X X X V X X 7 X H L L H H H H L X H L X H X H X H X (V=Valid, X=Dont care, H=Logic high, L=Logic low) Notes : 1. OP Code : Operand code A0 ~ A11 & BA0 ~ BA1 : Program keys. (@ MRS) 2. MRS can be issued only at all banks precharge state. A new command can be issued after 2 CLK cycles of MRS. 3. Auto refresh functions are as same as CBR refresh of DRAM. The automatical precharge without row precharge command is meant by "Auto". Auto/self refresh can be issued only at all banks precharge state. 4. BA0 ~ BA1 : Bank select addresses. If both BA0 and BA1 are "Low" at read, write, row active and precharge, bank A is selected. If both BA0 is "Low" and BA1 is "High" at read, write, row active and precharge, bank B is selected. If both BA0 is "High" and BA1 is "Low" at read, write, row active and precharge, bank C is selected. If both BA0 and BA1 are "High" at read, write, row active and precharge, bank D is selected. If A10/AP is "High" at row precharge, BA0 and BA1 is ignored and all banks are selected. 5. During burst read or write with auto precharge, new read/write command can not be issued. Another bank read/write command can be issued after the end of burst. New row active of the associated bank can be issued at tRP after the end of burst. 6. Burst stop command is valid at every burst length. 7. DQM sampled at positive going edge of a CLK and masks the data-in at the very CLK (Write DQM latency is 0), but makes Hi-Z state the data-out of 2 CLK cycles after. (Read DQM latency is 2) Rev. 0.3 June 2000 |
Price & Availability of K4S641632D |