Part Number Hot Search : 
BA540605 21A155M 74107 ASCF2 A2012 XC6215B A2012 00145
Product Description
Full Text Search
 

To Download IP2003NBSP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD- 96922A
iP2003
Synchronous Buck Multiphase Optimized LGA Power Block
Features:
Integrated Power Semiconductors, Drivers & Passives

Full function multiphase building block Output current 40A continuous with no derating up to TPCB = 100C and TCASE = 100C Operating frequency up to 1.0 MHz Efficient dual sided cooling Small footprint low profile (11mm x 11mm x 2.2mm) package Optimized for very low power losses LGA interface Ease of design Proprietary packaging enables ultra low Rthj-case top iP2003 Power Block
Description The iP2003 is a fully optimized solution for high current synchronous buck multiphase applications. Board space and design time are greatly reduced because most of the components required for each phase of a typical discrete-based multiphase circuit are integrated into a single 11mm x 11mm x 2.2mm power block. The only additional components required for a complete multiphase converter are a PWM IC, the external inductors, and the input and output capacitors. iPOWIR technology offers designers an innovative board space saving solution for applications requiring high power densities. iPOWIR technology eases design for applications where component integration offers benefits in performance and functionality. iPOWIR technology solutions are also optimized internally for layout, heat transfer and component selection.
iP2003 Internal Block Diagram
Pin #
1
Pin Name Pin Function VDD Supply voltage for the internal circuitry.
When set to logic level high, internal circuitry of the device is enabled. When set to logic level low, the PRDY pin is forced low, the Control and Sychronous switches are turned off, and the supply current is less than 10A. TTL-level input signal to MOSFET drivers. Power Ready - This pin indicates the status of ENABLE or VDD. This output will be driven low when ENABLE is logic low or when VDD is less than 4.4V (typ.). When ENABLE is logic high and VDD is greater than 4.4V (typ.), this output is driven high. This output has a 10mA source and 1mA sink capability. Power Ground - connection to the ground of bulk and filter capacitors. Switching Node - connection to the output inductor. Input voltage for the DC-DC converter.
VIN PRDY ENABLE PWM VDD SGND MOSFET Driver with dead time control
2
ENABLE
VSW
3
PWM
PGND
4
PRDY
5, 7 6 8
PGND VSW VIN
www.irf.com
11/18/04
1
iP2003
All specifications @25C (unless otherwise specified)
Min -0.3 -0.3 -40 Typ Conditions Max Units 16 V 6.0 V Not to exceed 6.0V VDD +0.3 V Not to exceed 6.0V VDD +0.3 V Measured at VSW 40 A Capable of start up over full 125 C temperature range
Absolute Maximum Ratings: Symbol Parameter VIN VIN to PGND VDD VDD to PGND PWM to PGND Enable to PGND Output RMS Current Block Temperature PWM ENABLE IOUT TBLK
Recommended Operating Conditions: Parameter Min Symbol
Supply Voltage Input Voltage Output Voltage Output Current Operating Frequency Operating Duty Cycle VDD VIN VOUT IOUT fsw D 4.6 3.0 0.8 300 -
Typ
5.0 -
Max
5.5 13.2 3.3 40 1000 85
Units
V V V A kHz %
Conditions
Electrical Specifications @ VDD = 5V (unless otherwise specified): Symbol Parameter Min Typ Max Units PLOSS 9.4 11.7 W Block Power Loss c td(on) Turn On Delay d 63 ns td(off) Turn Off Delay d 26 VIN Quiescent Current IQ-VIN 1.0 mA VDD Quiescent Current IQ-VDD 10 A UVLO Under-Voltage Lockout VSTART Start Threshold 4.2 4.4 4.5 V VHvs-UVLO 150 mV Hysteresis Enable ENABLE VIH Input Voltage High 2.0 V VIL 0.8 Input Voltage Low Power Ready PRDY VOH Logic Level High 4.5 4.6 V VOL Logic Level Low 0.1 0.2 PWM Input PWM VOH Logic Level High 2.0 V VOL 0.8 Logic Level Low
Fig. 8).
Conditions
VIN=12V, VOUT=1.3V IOUT=40A, fSW=1MHz L = 0.3H Enable = 0V, VIN=12V Enable = 0V, VDD=5V
VDD=4.6V, ILoad=10mA VDD Measurement were made using four 10uF (TDK C3225X5R1C106KT or equiv.) capacitors across the input (see Not associated with the rise and fall times. Does not affect Power Loss (see Fig. 9). 2 www.irf.com
iP2003
16 14 12
Power Loss (W)
VIN = 12V VOUT = 1.3V f sw L = 1MHz = 0.30H T BLK = 125C
10 8 6 4 2 0 0 5 10 15 20 Output Current (A)
Maximum Typical
25
30
35
40
Fig. 1: Power Loss vs. Current
Case Temperature (C)
0
40 36 32
Output Current (A)
10
20
30
40
50
60
70
80
90
100
110
120
130
28 24 20 16 12 8 4 0 0 10 20 30 VIN = 12V VOUT = 1.3V f sw L = 1MHz = 0.30H
Safe Operating Area
Tx
40
50
60
70
80
90
100
110
120
130
PCB Temperature (C)
Fig. 2: Safe Operating Area (SOA) vs. TPCB & TCASE www.irf.com 3
iP2003
Typical Performance Curves
1.28 1.24
Power Loss (Normalized)
Power Loss (Normalized)
VOUT = 1.3V I OUT = 40A f sw = 1MHz L = 0.3H T BLK = 125C
7 6 5 4 3 2 1 0 -1
SOA Temp Adjustment (C)
1.16 1.12 1.08 1.04 1.00 0.96 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 Output Voltage (V) VIN = 12V I OUT = 40A f sw = 1MHz L = 0.30H T BLK = 125C
4.0
SOA Temp Adjustment (C)
1.20 1.16 1.12 1.08 1.04 1.00 0.96 3 4 5 6 7 8 9
3.0
2.0
1.0
0.0
-1.0
10
11
12
13
Input Voltage (V)
Fig. 3: Normalized Power Loss vs. VIN
1.05
Power Loss (Normalized)
Fig. 4: Normalized Power Loss vs. VOUT
1.0
Power Loss (Normalized)
1.06
SOA Temp Adjustment (C)
1.00 0.95 0.90 0.85 0.80 0.75 0.70 0.65 200
VIN = 12V VOUT = 1.3V I OUT = 40A L = 0.30H T BLK = 125C
0.0 -1.0 -2.0 -3.0 -4.0 -5.0 -6.0 -7.0
1.04
VIN = 12V VOUT = 1.3V I OUT = 40A f sw = 1MHz T BLK = 125C
1.5
SOA Temp Adjustment (C)
1.0
1.02
0.5
1.00
0.0
0.98 0.1 0.3 0.5 0.7 0.9 Output Inductance (H)
-0.5
300
400
500
600
700
800
900 1000
Swiching Frequency (kHz)
Fig. 5: Normalized Power Loss vs. Frequency
80 70 Average IDD ( mA) 60 50 40 30 20 250 500
Fig. 6: Normalized Power Loss vs. Inductance
Does not include PRDY current T BLK = 25C 750 1000
Switching Frequency (kHz)
4
Fig. 7: IDD (VDD current) vs. Frequency
www.irf.com
iP2003
Applying the Safe Operating Area (SOA) Curve
The SOA graph incorporates power loss and thermal resistance information in a way that allows one to solve for maximum current capability in a simplified graphical manner. It incorporates the ability to solve thermal problems where heat is drawn out through the printed circuit board and the top of the case.
Procedure
1) Draw a line from Case Temp axis at TCASE to the PCB Temp axis at TPCB. 2) Draw a vertical line from the TX axis intercept to the SOA curve. 3) Draw a horizontal line from the intersection of the vertical line with the SOA curve to the Y-axis. The point at which the horizontal line meets the Y-axis is the SOA current.
Output Current (A)
Case Temperature (C)
0 10 20 30 40 50 60 70 80 90 100 110 120
42 40 38 36 34 32 30 28 26 24 22 20 18 16 14 12 10 8 6 4 2 0 0 10 20 30 40 50 60 70 80 90 100 110 120
TX
Safe Operating Area
VIN = 12V VOUT = 1.3V fSW = 1MHz L=0.3uH
PCB Temperature (C)
Calculating Power Loss and SOA for Different Operating Conditions
To calculate power loss for a given set of operating conditions, the following procedure should be followed: Determine the maximum current for each iP2003 and obtain the maximum power loss from Fig 1. Use the curves in Figs. 3, 4, 5 and 6 to obtain normalized power loss values that match the operating conditions in the application. The maximum power loss under the operating conditions is then the product of the power loss from Fig. 1 and the normalized values. To calculate the SOA for a given set of operating conditions, the following procedure should be followed: Determine the maximum PCB temperature and Case temperature at the maximum operating current of each iP2003. Obtain the SOA temperature adjustments that match the operating conditions in the application from Figs. 3, 4, 5 and 6. Then, add the sum of the SOA temperature adjustments to the Tx axis intercept in Fig 2. The example below explains how to calculate maximum power loss and SOA. Example: Operating Conditions Output Current = 40A Sw Freq= 900kHz Calculating Maximum Power Loss: (Fig. 1) (Fig. 3) (Fig. 4) (Fig. 5) (Fig. 6) Maximum power loss = 15W Normalized power loss for input voltage 0.98 Normalized power loss for output voltage 1.14 Normalized power loss for frequency 0.94 Normalized power loss for inductor value 1.013 Input Voltage = 10V Inductor = 0.2H Output Voltage = 3.3V TPCB = 100C, TCASE = 110C
Calculated Maximum Power Loss for given conditions = 15W x 0.98 x 1.14 x 0.94 x 1.013 15.96W
www.irf.com
5
iP2003
Calculating SOA Temperature: (Fig. (Fig. (Fig. (Fig. 3) 4) 5) 6) SOA Temperature Adjustment SOA Temperature Adjustment SOA Temperature Adjustment SOA Temperature Adjustment for for for for input voltage -0.5C output voltage 3.3C frequency -1.2C inductor value 0.25C
TX axis intercept temp adjustment = - 0.5C + 3.3C - 1.2C + 0.25C 1.85C Assuming TCASE = 110C & TPCB = 100C: The following example shows how the SOA current is adjusted for a TX increase of 1.85C.
Case Temperature (C)
0 42 40 38 36 34 32 30 28 26 24 22 20 18 16 14 12 10 8 6 4 2 0 0 10 20 30 40 50 60 70 80 90 100 110 120
Output Current (A)
TX Safe Operating Area
VIN = 12V VOUT = 1.3V fSW = 1MHz L=0.3uH
10 20 30 40 50
60
70
80
90
100
110
120
PCB Temperature (C)
PIN = VIN Average x IIN Average PDD = VDD Average x IDD Average POUT = VOUT Average x IOUT Average PLOSS = (PIN + PDD) - POUT
Average Input Current (IIN) A
DC
90%
V
Average Input Voltage (VIN )
PWM
10%
Average VDD Current (IDD) A V
DC
PRDY ENABLE PWM VDD
VIN
Average Output Current (IOUT) A
VSW
90%
Average VDD Voltage (VDD)
PGND
iP2003
VSW
Averaging Circuit V Average Output Voltage (VOUT)
10%
td(on)
td(off)
Fig. 8: Power Loss Test Circuit 6
Fig. 9: Timing Diagram www.irf.com
iP2003
PCB Layout Guidelines
The PCB layout and bypassing issues have been addressed with the internal design of the iP2003. One of the most critical elements of proper PCB layout with iP2003 is the placement of the external input bypass capacitors and the routing of the connecting power tracks. The iPOWIR Block will function normally without any additional external input bypass capacitors. However, the addition of the external capacitors will improve the long term reliable operation of the block. It is recommended that the designer uses the following guidelines: 1. The diagram below suggests the addition of the input bypass capacitors either on the top side of the PCB (capacitors C1-C4) or top and bottom side (C5, C6), if placement on the bottom side is feasible. Although there is a certain degree of bypassing inside the iP2003, these external capacitors must be placed as close to the iPOWIR device as possible. In the diagram below, observe the routing of the power tracks that connect the external bypass capacitors. Provide a mid-layer solid ground plane with connections to the top through vias. Refer to IR application note AN-1029 to determine the size of the vias and the copper weight and thickness when designing the PCB.
2. 3. 4.
www.irf.com
7
iP2003
4.8 [0.19] 2.0 [0.08]
iP2003 0408
Fig 10: Maximum TCASE measurement location
0.15 [.006] C 2X 6
11.00 [.433]
B
A
NOT ES : 1. 2. 3. 4. 5 6 DIMENS IONING & T OLERANCING PER AS ME Y14.5M-1994. DIMENS IONS ARE S HOWN IN MILLIMET ERS [INCHES ]. CONT ROLLING DIMENS ION: MILLIMET ER LAND DES IGNAT ION PER JES D MO 222, S PP-010. PRIMARY DAT UM C IS S EAT ING PLANE. BILAT ERAL T OLERANCE ZONE IS APPLIED T O EACH S IDE OF T HE PACKAGE BODY.
ORIENT AT ION CORNER ID 11.00 [.433]
LAYOUT NOT ES : 1. LAND PAT T ERN ON US ER' PCB S HOULD BE AN IDENT ICAL MIRROR S IMAGE OF T HE PAT T ERN S HOWN IN T HE BOT T OM VIEW. 2. LANDS S HOULD BE S OLDER MAS K DEFINED.
T OP VIEW 2.31 [.0909] 2.13 [.0839] S IDE VIEW C
0.15 [.006] C 2X 6
5
(1) (2),(3) (4) (5)
X Y X Y X Y X Y X Y X Y X Y
1.1430 2.1016 1.1430 1.1016 1.1430 1.2827 1.778 5.334 5.715 2.921 5.588 3.048 5.588 2.032
e e1 e2
2.4384 3.8610 2.0193 3.023 BS C 5.945 BSC 7.1167 BSC 7.289 BSC 1.4732 BSC 1.348 BSC 0.3556 0.345 0.332
L1
F1
L2
PRDY VSW PWM PGND
E2
D1 D2 E1 E2 F1 F2 L1 L2 L3
E1
ENABLE
PGND
(6) (7) (8)
D2
V DD VIN
L3
D1
F2
BOT T OM VIEW
Fig 11: Mechanical Drawing
8 www.irf.com
iP2003
Refer to the following application notes for detailed guidelines and suggestions when implementing iPOWIR Technology products:
AN-1030: Applying iPOWIR Products in Your Thermal Environment This paper explains how to use the Power Loss and SOA curves in the data sheet to validate if the operating conditions and thermal environment are within the Safe Operating Area of the iPOWIR product. AN-1047: Graphical solution for two branch heatsinking Safe Operating Area Detailed explanation of the dual axis SOA graph and how it is derived. AN-1028: Recommended Design, Integration and Rework Guidelines for International Rectifiers iPowIR Technology BGA and LGA Packages This paper discusses optimization of the layout design for mounting iPowIR BGA and LGA packages on printed circuit boards, accounting for thermal and electrical performance and assembly considerations . Topics discussed includes PCB layout placement, routing, and via interconnect suggestions, as well as soldering, pick and place, reflow, cleaning and reworking recommendations. IRDCiP2003 : Reference design for iP2003
Data and specifications subject to change without notice. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.11/04 www.irf.com 9


▲Up To Search▲   

 
Price & Availability of IP2003NBSP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X