Part Number Hot Search : 
STZ8160C TDA1574 4740A MT1210 120N1T CF601M 30N45T ML4869
Product Description
Full Text Search
 

To Download IDT74LVCH16260A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDT74LVCH16260A 3.3V CMOS 12-BIT TRI-PORT BUS EXCHANGER WITH 5V TOLERANT I/O
INDUSTRIAL TEMPERATURE RANGE
3.3V CMOS 12-BIT TRI-PORT BUS EXCHANGER WITH 5 VOLT TOLERANT I/O AND BUS-HOLD
* Typical tSK(o) (Output Skew) < 250ps * ESD > 2000V per MIL-STD-883, Method 3015; > 200V using machine model (C = 200pF, R = 0) * VCC = 3.3V 0.3V, Normal Range * VCC = 2.7V to 3.6V, Extended Range * CMOS power levels (0.4 W typ. static) * All inputs, outputs, and I/O are 5V tolerant * Supports hot insertion * Available in SSOP, TSSOP, and TVSOP packages
IDT74LVCH16260A
FEATURES:
DESCRIPTION:
DRIVE FEATURES: APPLICATIONS:
* High Output Drivers: 24mA * Reduced system switching noise
* 5V and 3.3V mixed voltage systems * Data communication and telecommunication systems
The LVCH16260A tri-port bus exchanger is built using advanced dual metal CMOS technology. The LVCH16260A is a high-speed 12-bit latched bus multiplexer/transceiver for use in high-speed microprocessor applications. This bus exchanger supports memory interleaving with latched outputs on the B ports and address multiplexing with latched inputs on the B ports. The LVCH16260A tri-port bus exchanger has three 12-bit ports. Data may be transferred between the A port and either/both of the B ports. The latch enable (LE1B, LE2B, LEA1B and LEA2B) inputs control data storage. When a latch-enable input is high, the latch is transparent. When a latchenable input is low, the data at the input is latched and remains latched until the latch enable input is returned high. Independent output enables (OE1B and OE2B) allow reading from one port while writing to the other port. All pins of the 12-bit Bus Exchanger can be driven from either 3.3V or 5V devices. This feature allows the use of the device as a translator in a mixed 3.3V/5V supply system. The LVCH16260A has been designed with a 24mA output driver. The driver is capable of driving a moderate to heavy load while maintaining speed performance. The LVCH16260A has "bus-hold" which retains the inputs' last state whenever the input goes to a high impedance. This prevents floating inputs and eliminates the need for pull-up/down resistors.
FUNCTIONAL BLOCK DIAGRAM
OE1B
29 30
LEA1B
A -1B LATC H
12
1B1:12
LE1B
2
12
28 1
1B -A LATC H
12
12
SE L OEA
A1:12
12
M U X
1
0
12
27
12
LE2B
2B -A LATC H
12
55
LEA2B
56
A-2B LATC H
2B1:12
12
OE2B
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
INDUSTRIAL TEMPERATURE RANGE
1
(c) 1999 Integrated Device Technology, Inc.
OCTOBER 1999
DSC-4229/2
IDT74LVCH16260A 3.3V CMOS 12-BIT TRI-PORT BUS EXCHANGER WITH 5V TOLERANT I/O
INDUSTRIAL TEMPERATURE RANGE
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Description Max VTERM Terminal Voltage with Respect to GND Storage Temperature DC Output Current Continuous Clamp Current, VI < 0 or VO < 0 Continuous Current through each VCC or GND -0.5 to +6.5 -65 to +150 -50 to +50 -50 100 TSTG
Unit V C mA mA mA
OEA LE1B 2B3 GND 2B2 2B1 VCC A1 A2 A3 GND A4 A5 A6 A7 A8 A9 GND A10 A11 A12 VCC 1B1 1B2 GND 1B3 LE2B SEL
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29
OE2B LEA2B 2B4 GND 2B5 2B6 VCC 2B7 2B8 2B9 GND 2B10 2B11 2B12 1B12 1B11 1B10 GND 1B9 1B8 1B7 VCC 1B6 1B5 GND 1B4 LEA1B OE1B
IOUT IIK IOK ICC ISS
NOTE: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
CAPACITANCE (TA = +25C, F = 1.0MHz)
Symbol CIN COUT CI/O Parameter(1) Input Capacitance Output Capacitance I/O Port Capacitance Conditions VIN = 0V VOUT = 0V VIN = 0V Typ. 4.5 6.5 6.5 Max. 6 8 8 Unit pF pF pF
NOTE: 1. As applicable to the device type.
SSOP/ TSSOP/ TVSOP TOP VIEW
2
IDT74LVCH16260A 3.3V CMOS 12-BIT TRI-PORT BUS EXCHANGER WITH 5V TOLERANT I/O
INDUSTRIAL TEMPERATURE RANGE
PIN DESCRIPTION
Signal A(1:12) 1B(1:12) 2B(1:12) LEA1B LEA2B LE1B LE2B SEL OEA OE1B OE2B I/O I/O I/O I/O I I I I I I I I Description Bidirectional Data Port A. Usually connected to the CPU's Address/Data bus.(1) Bidirectional Data Port 1B. Connected to the even path or even bank of memory.(1) Bidirectional Data Port 2B. Connected to the odd path or odd bank of memory.(1) Latch Enable Input for A-1B Latch. The Latch is open when LEA1B is HIGH. Data from the A-port is latched on the HIGH to LOW transition of LEA1B. Latch Enable Input for A-2B Latch. The Latch is open when LEA2B is HIGH. Data from the A-port is latched on the HIGH to LOW transition of LEA2B. Latch Enable Input for 1B-A Latch. The Latch is open when LE1B is HIGH. Data from the 1B port is latched on the HIGH to LOW transition of LE1B. Latch Enable Input for 2B-A Latch. The Latch is open when LE2B is HIGH. Data from the 2B port is latched on the HIGH to LOW transition of LE2B. 1B or 2B Path Selection. When HIGH, SEL enables data transfer from 1B Port to A Port. When LOW, SEL enables data transfer from 2B Port to A Port. Output Enable for A Port (Active LOW). Output Enable for 1B Port (Active LOW). Output Enable for 2B Port (Active LOW).
NOTE: 1. These pins have "Bus-hold". All other pins are standard inputs, outputs, or I/Os.
FUNCTION TABLES(1)
Inputs 1Bx H L X X X X X 2Bx X X X H L X X SEL H H H L L L X LE1B H H L X X X X LE2B X X X H H L X OEA L L L L L L H Outputs Ax H L A
(2)
Inputs Ax H L H L H L X X X X X LEA1B H H H H L L L X X X X LEA2B H H L L H H L X X X X OE1B OE2B L L L L L L L H L H L L L L L L L L H H L L 1Bx H L H L B B
(2) (2)
Outputs 2Bx H L B(2) B(2) H L B(2) Z Z Active Active
H L A
(2)
Z
B(2) Z Active Z Active
NOTES: 1. H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care Z = High-Impedance 2. A, B = Output level before the indicated steady-state input conditions were established.
3
IDT74LVCH16260A 3.3V CMOS 12-BIT TRI-PORT BUS EXCHANGER WITH 5V TOLERANT I/O
INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Operating Condition: TA = -40C to +85C
Symbol VIH VIL IIH IIL IOZH IOZL IOFF VIK VH ICCL ICCH ICCZ ICC High Impedance Output Current (3-State Output pins) Input/Output Power Off Leakage Clamp Diode Voltage Input Hysteresis Quiescent Power Supply Current VCC = 0V, VIN or VO 5.5V VCC = 2.3V, IIN = -18mA VCC = 3.3V VCC = 3.6V VIN = GND or VCC -- -- -- -- -- -- -- -0.7 100 -- -- -- 50 -1.2 -- 10 10 500 A V mV A VCC = 3.6V VO = 0 to 5.5V -- -- 10 A Parameter Input HIGH Voltage Level Input LOW Voltage Level Input Leakage Current VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V VCC = 3.6V VI = 0 to 5.5V Test Conditions Min. 1.7 2 -- -- -- Typ.(1) -- -- -- -- -- Max. -- -- 0.7 0.8 5 A V Unit V
Quiescent Power Supply Current Variation
3.6 VIN 5.5V(2) One input at VCC - 0.6V, other inputs at VCC or GND
A
NOTES: 1. Typical values are at VCC = 3.3V, +25C ambient. 2. This applies in the disabled state only.
BUS-HOLD CHARACTERISTICS
Symbol IBHH IBHL IBHH IBHL IBHHO IBHLO
NOTES: 1. Pins with Bus-Hold are identified in the pin description. 2. Typical values are at VCC = 3.3V, +25C ambient.
Parameter(1) Bus-Hold Input Sustain Current Bus-Hold Input Sustain Current Bus-Hold Input Overdrive Current VCC = 3V VCC = 2.3V VCC = 3.6V
Test Conditions VI = 2V VI = 0.8V VI = 1.7V VI = 0.7V VI = 0 to 3.6V
Min. - 75 75 -- -- --
Typ.(2) -- -- -- -- --
Max. -- -- -- -- 500
Unit A A A
4
IDT74LVCH16260A 3.3V CMOS 12-BIT TRI-PORT BUS EXCHANGER WITH 5V TOLERANT I/O
INDUSTRIAL TEMPERATURE RANGE
OUTPUT DRIVE CHARACTERISTICS
Symbol VOH Parameter Output HIGH Voltage VCC = 2.3V VCC = 2.3V VCC = 2.7V VCC = 3V VCC = 3V VOL Output LOW Voltage VCC = 2.3V to 3.6V VCC = 2.3V VCC = 2.7V VCC = 3V IOH = - 24mA IOL = 0.1mA IOL = 6mA IOL = 12mA IOL = 12mA IOL = 24mA Test Conditions(1) VCC = 2.3V to 3.6V IOH = - 0.1mA IOH = - 6mA IOH = - 12mA Min. VCC - 0.2 2 1.7 2.2 2.4 2.2 -- -- -- -- -- Max. -- -- -- -- -- -- 0.2 0.4 0.7 0.4 0.55 V Unit V
NOTE: 1. VIH and VIL must be within the min. or max. range shown in the DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE table for the appropriate VCC range. TA = - 40C to + 85C.
OPERATING CHARACTERISTICS, VCC = 3.3V 0.3V, TA = 25C
Symbol CPD CPD Parameter Power Dissipation Capacitance per Bus Exchanger Outputs enabled Power Dissipation Capacitance per Bus Exchanger Outputs disabled Test Conditions CL = 0pF, f = 10Mhz Typical Unit pF
SWITCHING CHARACTERISTICS(1)
VCC = 2.7V Symbol tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL tPZH tPZL tPHZ tPLZ tSU tH tW tSK(o) Parameter Propagation Delay Ax to 1Bx or Ax to 2Bx Propagation Delay 1Bx to Ax or 2Bx to Ax Propagation Delay LExB to Ax Propagation Delay LEA1B to 1Bx or LEA2B to 2Bx Propagation Delay SEL to Ax Output Enable Time OEA to Ax, OE1B to 1Bx, OE2B to 2Bx Output Disable Time OEA to Ax, OE1B to 1Bx, OE2B to 2Bx Set-Up Time, HIGH or LOW Data to Latch Hold Time, Latch to Data Pulse Width, Latch HIGH Output Skew(2) 1 1.2 3 -- -- -- 1 1 3 -- -- -- 500 ns ns ns ps 1.5 5.9 1.5 5.2 ns 1.5 6.7 1.5 5.5 ns 1.5 6.3 1.5 5.2 ns 1.5 6.1 1.5 5 ns 1.5 6.1 1.5 5.2 ns 1.5 6.1 1.5 5.2 ns Min. 1.5 Max. 5.7 VCC = 3.3V 0.3V Min. 1.5 Max. 5 Unit ns
--
--
--
NOTES: 1. See TEST CIRCUITS AND WAVEFORMS. TA = - 40C to + 85C. 2. Skew between any two outputs of the same package and switching in the same direction.
5
IDT74LVCH16260A 3.3V CMOS 12-BIT TRI-PORT BUS EXCHANGER WITH 5V TOLERANT I/O
INDUSTRIAL TEMPERATURE RANGE
TEST CIRCUITS AND WAVEFORMS TEST CONDITIONS
Symbol VLOAD VIH VT VLZ VHZ CL VCC(1)= 3.3V0.3V VCC(1)= 2.7V 6 2.7 1.5 300 300 50
VCC 500 Pulse (1, 2) Generator VIN D.U.T. RT 500 CL
LVC Link
VCC(2)= 2.5V0.2V 2 x Vcc Vcc Vcc / 2 150 150 30
Unit V V V mV mV pF
VLOAD Open GND
6 2.7 1.5 300 300 50
SAME PHASE INPUT TRANSITION tPLH OUTPUT tPLH OPPOSITE PHASE INPUT TRANSITION tPHL tPHL
VIH VT 0V VOH VT VOL VIH VT 0V
LVC Link
Propagation Delay
ENABLE CONTROL INPUT tPZL OUTPUT SWITCH NORMALLY CLOSED LOW tPZH OUTPUT SWITCH NORMALLY OPEN HIGH VLOAD/2 VT tPHZ VT 0V tPLZ DISABLE VIH VT 0V VLOAD/2 VOL+VLZ VOL VOH VOH-VHZ 0V
LVC Link
VOUT
Test Circuit for All Outputs
DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator. NOTES: 1. Pulse Generator for All Pulses: Rate 10MHz; tF 2.5ns; tR 2.5ns. 2. Pulse Generator for All Pulses: Rate 10MHz; tF 2ns; tR 2ns.
NOTE: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH.
Enable and Disable Times
SWITCH POSITION
Test Open Drain Disable Low Enable Low Disable High Enable High All Other Tests Switch VLOAD GND Open
VIH VT 0V VOH VT VOL VOH VT VOL tPLH2 tPHL2
LVC Link
DATA INPUT TIMING INPUT ASYNCHRONOUS CONTROL SYNCHRONOUS CONTROL
tSU
tH
tREM
tSU
tH
VIH VT 0V VIH VT 0V VIH VT 0V VIH VT 0V
LVC Link
INPUT
Set-up, Hold, and Release Times
LOW-HIGH-LOW PULSE tW HIGH-LOW-HIGH PULSE VT
LVC Link
tPLH1
tPHL1
OUTPUT 1
VT
tSK (x)
tSK (x)
OUTPUT 2
tSK(x) = tPLH2 - tPLH1 or tPHL2 - tPHL1
Pulse Width
Output Skew - tSK(X)
NOTES: 1. For tSK(o) OUTPUT1 and OUTPUT2 are any two outputs. 2. For tSK(b) OUTPUT1 and OUTPUT2 are in the same bank.
6
IDT74LVCH16260A 3.3V CMOS 12-BIT TRI-PORT BUS EXCHANGER WITH 5V TOLERANT I/O
INDUSTRIAL TEMPERATURE RANGE
ORDERING INFORMATION
IDT LVC X XX Bus-Hold Temp. Range XX Family XX XXXX Device Type Package
PV PA PF
Shrink Small Outline Package Thin Shrink Small Outline Package Thin Very Small Outline Package
260A 12-Bit Tri-Port Bus Exchanger 16 H 74 Double-Density, 24mA Bus-hold -40C to +85C
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
7


▲Up To Search▲   

 
Price & Availability of IDT74LVCH16260A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X