Part Number Hot Search : 
AN77L00 SA180 UMH14NTR A6393 TEA6320 54HC139 TSC80C31 60116
Product Description
Full Text Search
 

To Download ICS85310I-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Integrated Circuit Systems, Inc.
ICS85310I-01
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
FEATURES
* 10 differential 2.5V/3.3V LVPECL / ECL outputs * 2 selectable differential input pairs * CLKx, nCLKx pairs can accept the following differential input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL * Maximum output frequency: 700MHz * Translates any single ended input signal to 3.3V LVPECL levels with resistor bias on nCLK input * Output skew: 30ps (typical) * Part-to-part skew: 140ps (typical) * Propagation delay: 2ns (typical) * Additive phase jitter, RMS: <0.13ps (typical) * LVPECL mode operating voltage supply range: VCC = 2.375V to 3.8V, VEE = 0V * ECL mode operating voltage supply range: VCC = 0V, VEE = -2.375V to -3.8V * -40C to 85C ambient operating temperature * Lead-Free package fully RoHS compliant
GENERAL DESCRIPTION
The ICS85310I-01 is a low skew, high performance 1-to-10 Differential-to-2.5V/3.3V ECL/ HiPerClockSTM LVPECL Fanout Buffer and a member of the HiPerClock STM family of High Perfor mance Clock Solutions from ICS. The CLKx, nCLKx pairs can accept most standard differential input levels. The ICS85310I-01 is characterized to operate from either a 2.5V or a 3.3V power supply. Guaranteed output and partto-part skew characteristics make the ICS85310I-01 ideal for those clock distribution applications demanding well defined performance and repeatability.
ICS
BLOCK DIAGRAM
CLK0 nCLK0 CLK1 nCLK1 0 1 Q0 nQ0
PIN ASSIGNMENT
VCCO
VCCO
nQ0
nQ1
nQ2
Q1 nQ1 Q2 nQ2
32 31 30 29 28 27 26 25 VCC CLK_SEL CLK0 nCLK0 nc CLK1 nCLK1 VEE 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
VCCO nQ9 Q9 nQ8 Q8 nQ7 Q7 VCCO
Q0
Q1
Q2
24 23 22
Q3 nQ3 Q4 nQ4 Q5 nQ5 Q6 nQ6
CLK_SEL
Q3 nQ3 Q4 nQ4 Q5 nQ5 Q6 nQ6 Q7 nQ7 Q8 nQ8 Q9 nQ9
ICS85310I-01
21 20 19 18 17
32-Lead LQFP 7mm x 7mm x 1.4mm package body Y Package Top View
85310AYI-01
www.icst.com/products/hiperclocks.html
1
REV. F JUNE 22, 2005
Integrated Circuit Systems, Inc.
ICS85310I-01
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
Type Description
TABLE 1. PIN DESCRIPTIONS
Number 1 2 3 4 5 6 7 8 9, 16, 25, 32 10, 11 12, 13 14, 15 17, 18 19, 20 21, 22 23, 24 26, 27 28, 29 30, 31 Name VCC CLK_SEL CLK0 nCLK0 nc CLK1 nCLK1 VEE VCCO nQ9, Q9 nQ8, Q8 nQ7, Q7 nQ6, Q6 nQ5, Q5 nQ4, Q4 nQ3, Q3 nQ2, Q2 nQ1, Q1 nQ0, Q0 Power Input Input Input Unused Input Input Power Power Output Output Output Output Output Output Output Output Output Output Pullup Core supply pin. Clock select input. When HIGH, selects CLK1, nCLK1 inputs. When LOW, Pulldown selects CLK0, nCLK0 inputs. LVCMOS / LVTTL interface levels. Pulldown Non-inver ting differential clock input. Pullup Inver ting differential clock input. No connect. Pulldown Non-inver ting differential clock input. Inver ting differential clock input. Negative supply pin. Output supply pins. Differential output pair. LVPECL interface levels. Differential output pair. LVPECL interface levels. Differential output pair. LVPECL interface levels. Differential output pair. LVPECL interface levels. Differential output pair. LVPECL interface levels. Differential output pair. LVPECL interface levels. Differential output pair. LVPECL interface levels. Differential output pair. LVPECL interface levels. Differential output pair. LVPECL interface levels. Differential output pair. LVPECL interface levels.
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
TABLE 2. PIN CHARACTERISTICS
Symbol CIN RPULLUP RPULLDOWN Parameter Input Capacitance Input Pullup Resistor Input Pulldown Resistor Test Conditions Minimum Typical 4 51 51 Maximum Units pF k k
85310AYI-01
www.icst.com/products/hiperclocks.html
2
REV. F JUNE 22, 2005
Integrated Circuit Systems, Inc.
ICS85310I-01
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC Inputs, VI Outputs, IO Continuous Current Surge Current Package Thermal Impedance, JA Storage Temperature, TSTG 4.6V -0.5V to VCC + 0.5V 50mA 100mA 47.9C/W (0 lfpm) -65C to 150C NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond those listed in the DC Characteristics or AC Character-
istics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
TABLE 3A. POWER SUPPLY DC CHARACTERISTICS, VCC = VCCO = 2.375V TO 3.8V, TA = -40C TO 85C
Symbol VCC VCCO IEE Parameter Core Supply Voltage Output Supply Voltage Power Supply Current Test Conditions Minimum 2.375 2.375 Typical 3.3 3.3 Maximum 3.8 3.8 120 Units V V mA
Table 3B. LVCMOS/LVTTL DC Characteristics, VCC = VCCO = 2.375V to 3.8V, TA = -40C to 85C
Symbol VIH VIL IIH IIL Parameter Input High Voltage Input Low Voltage Input High Current Input Low Current CLK_SEL CLK_SEL CLK_SEL CLK_SEL VCC = VIN = 3.8V VCC = 3.8V, VIN = 0V Test Conditions Minimum 2 -0.3 -5 150 Typical Maximum VCC + 0.3 0.8 Units V V A A
TABLE 3C. DIFFERENTIAL DC CHARACTERISTICS, VCC = VCCO = 2.375V TO 3.8V, TA = -40C TO 85C
Symbol IIH IIL VPP Parameter Input High Current Input Low Current CLK0, CLK1 nCLK0, nCLK1 CLK0, CLK1 nCLK0, nCLK1 Test Conditions VCC = VIN = 3.8V VCC = VIN = 3.8V VCC = 3.8V, VIN = 0V VCC = 3.8V, VIN = 0V -5 -150 0.15 1.3 Minimum Typical Maximum 150 5 Units A A A A V V
Peak-to-Peak Input Voltage
VCMR Common Mode Input Voltage; NOTE 1, 2 VEE + 0.5 VCC - 0.85 NOTE 1: Common mode voltage is defined as VIH. NOTE 2: For single ended applications, the maximum input voltage for CLK0, nCLK0 and CLK1, nCLK1 is VCC + 0.3V.
85310AYI-01
www.icst.com/products/hiperclocks.html
3
REV. F JUNE 22, 2005
Integrated Circuit Systems, Inc.
ICS85310I-01
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
Test Conditions Minimum VCCO - 1.4 VCCO - 2.0 0.6 Typical Maximum VCCO - 1.0 VCCO - 1.7 0.85 Units V V V
TABLE 3D. LVPECL DC CHARACTERISTICS, VCC, VCCO = 2.375V TO 3.8V, TA = -40C TO 85C
Symbol Parameter VOH VOL VSWING Output High Voltage; NOTE 1 Output Low Voltage; NOTE 1 Peak-to-Peak Output Voltage Swing
NOTE 1: Outputs terminated with 50 to VCCO - 2V.
TABLE 4. AC CHARACTERISTICS, VCC = VCCO = 2.375V TO 3.8V, TA = -40C TO 85C
Symbol fMAX Parameter Output Frequency Propagation Delay; NOTE 1 Output Skew; NOTE 2, 4 Par t-to-Par t Skew; NOTE 3, 4 Buffer Additive Phase Jitter, RMS; refer to Additive Phase Jitter Section Output Rise Time Output Fall Time 500MHz 2 30 140 <0.13 20% to 80% 20% to 80% 200 20 0 700 700 53 Test Conditions Minimum Typical Maximum 700 2. 5 55 340 Units MH z ns ps ps ps ps ps %
tPD tsk(o) tsk(pp) tjit
tR tF
odc Output Duty Cycle 47 All parameters measured at 500MHz unless noted otherwise. NOTE 1: Measured from the differential input crossing point to the differential output crossing point. NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at the output differential cross points. NOTE 3: Defined as skew between outputs on different devices operating at the same supply voltages and with equal load conditions. Using the same type of inputs on each device, the outputs are measured at the differential cross points. NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.
85310AYI-01
www.icst.com/products/hiperclocks.html
4
REV. F JUNE 22, 2005
Integrated Circuit Systems, Inc.
ICS85310I-01
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
ADDITIVE PHASE JITTER
The spectral purity in a band at a specific offset from the fundamental compared to the power of the fundamental is called the dBc Phase Noise. This value is normally expressed using a Phase noise plot and is most often the specified plot in many applications. Phase noise is defined as the ratio of the noise power present in a 1Hz band at a specified offset from the fundamental frequency to the power value of the fundamental. This ratio is expressed in decibels (dBm) or a ratio of the power in
0 -10 -20 -30 -40 -50 -60
the 1Hz band to the power in the fundamental. When the required offset is specified, the phase noise is called a dBc value, which simply means dBm at a specified offset from the fundamental. By investigating jitter in the frequency domain, we get a better understanding of its effects on the desired application over the entire time record of the signal. It is mathematically possible to calculate an expected bit error rate given a phase noise plot.
Additive Phase Jitter, RMS
@ 155.52MHz = <0.13ps typical
SSB PHASE NOISE dBc/HZ
-70 -80 -90 -100 -110 -120 -130 -140 -150 -160 -170 -180 -190 100 1k 10k 100k 1M 10M 100M
OFFSET FROM CARRIER FREQUENCY (HZ)
As with most timing specifications, phase noise measurements have issues. The primary issue relates to the limitations of the equipment. Often the noise floor of the equipment is higher than the noise floor of the device. This is illustrated above. The de-
vice meets the noise floor of what is shown, but can actually be lower. The phase noise is dependant on the input source and measurement equipment.
85310AYI-01
www.icst.com/products/hiperclocks.html
5
REV. F JUNE 22, 2005
Integrated Circuit Systems, Inc.
ICS85310I-01
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
PARAMETER MEASUREMENT INFORMATION
2V
VCC, VCCO
Qx
SCOPE
VCC
nCLK0, nCLK1
LVPECL
nQx CLK0, CLK1
V
PP
Cross Points
V
CMR
VEE
V EE
-0.375V to -1.8V
3.3V OUTPUT LOAD AC TEST CIRCUIT
DIFFERENTIAL INPUT LEVEL
nQx PART 1 Qx nQy PART 2 Qy
nQx Qx nQy Qy
tsk(pp)
tsk(o)
PART-TO-PART SKEW
OUTPUT SKEW
nCLK0, nCLK1
80% Clock Outputs
80% VSW I N G
CLK0, CLK1 nQ0:nQ9 Q0:Q9
tPD
20% tR tF
20%
OUTPUT RISE/FALL TIME
nQ0:nQ9 Q0:Q9
PROPAGATION DELAY
t PW
t
PERIOD
odc =
t PW t PERIOD
x 100%
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
85310AYI-01
www.icst.com/products/hiperclocks.html
6
REV. F JUNE 22, 2005
Integrated Circuit Systems, Inc.
ICS85310I-01
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER APPLICATION INFORMATION
WIRING THE DIFFERENTIAL INPUT TO ACCEPT SINGLE ENDED LEVELS
Figure 1 shows how the differential input can be wired to accept single ended levels. The reference voltage V_REF ~ VCC/2 is generated by the bias resistors R1, R2 and C1. This bias circuit should be located as close as possible to the input pin. The ratio
of R1 and R2 might need to be adjusted to position the V_REF in the center of the input voltage swing. For example, if the input clock swing is only 2.5V and VCC = 3.3V, V_REF should be 1.25V and R2/R1 = 0.609.
VCC
R1 1K Single Ended Clock Input
CLKx
V_REF
nCLKx
C1 0.1u
R2 1K
FIGURE 1. SINGLE ENDED SIGNAL DRIVING DIFFERENTIAL INPUT
TERMINATION FOR LVPECL OUTPUTS
The clock layout topology shown below is a typical termination for LVPECL outputs. The two different layouts mentioned are recommended only as guidelines. FOUT and nFOUT are low impedance follower outputs that generate ECL/LVPECL compatible outputs. Therefore, terminating resistors (DC current path to ground) or current sources must be used for functionality. These outputs are designed to drive 50 transmission lines. Matched impedance techniques should be used to maximize operating frequency and minimize signal distortion. Figures 2A and 2B show two different layouts which are recommended only as guidelines. Other suitable clock layouts may exist and it would be recommended that the board designers simulate to guarantee compatibility across all printed circuit and clock component process variations.
3.3V
Zo = 50
125 125
FOUT
FIN
Zo = 50 FOUT FIN
Zo = 50 50 1 RTT = Z ((VOH + VOL) / (VCC - 2)) - 2 o 50 VCC - 2V RTT
Zo = 50 84 84
FIGURE 2A. LVPECL OUTPUT TERMINATION
85310AYI-01
FIGURE 2B. LVPECL OUTPUT TERMINATION
REV. F JUNE 22, 2005
www.icst.com/products/hiperclocks.html
7
Integrated Circuit Systems, Inc.
ICS85310I-01
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
here are examples only. Please consult with the vendor of the driver component to confirm the driver termination requirements. For example in Figure 3A, the input termination applies for ICS HiPerClockS LVHSTL drivers. If you are using an LVHSTL driver from another vendor, use their termination recommendation.
DIFFERENTIAL CLOCK INPUT INTERFACE
The CLK /nCLK accepts LVDS, LVPECL, LVHSTL, SSTL, HCSL and other differential signals. Both VSWING and VOH must meet the VPP and VCMR input requirements. Figures 3A to 3E show interface examples for the HiPerClockS CLK/nCLK input driven by the most common driver types. The input interfaces suggested
3.3V 3.3V 3.3V 1.8V Zo = 50 Ohm Zo = 50 Ohm CLK Zo = 50 Ohm nCLK LVHSTL ICS HiPerClockS LVHSTL Driver R1 50 R2 50 R3 50 LVPECL HiPerClockS Input R1 50 R2 50 Zo = 50 Ohm nCLK HiPerClockS Input CLK
FIGURE 3A. HIPERCLOCKS CLK/nCLK INPUT DRIVEN BY ICS HIPERCLOCKS LVHSTL DRIVER
FIGURE 3B. HIPERCLOCKS CLK/nCLK INPUT DRIVEN BY 3.3V LVPECL DRIVER
3.3V 3.3V 3.3V R3 125 Zo = 50 Ohm CLK Zo = 50 Ohm nCLK LVPECL R1 84 R2 84 HiPerClockS Input R4 125
3.3V 3.3V LVDS_Driv er R1 100 Zo = 50 Ohm Zo = 50 Ohm
CLK
nCLK
Receiv er
FIGURE 3C. HIPERCLOCKS CLK/nCLK INPUT DRIVEN BY 3.3V LVPECL DRIVER
FIGURE 3D. HIPERCLOCKS CLK/nCLK INPUT DRIVEN BY 3.3V LVDS DRIVER
3.3V 3.3V 3.3V LVPECL Zo = 50 Ohm C1 R3 125 R4 125 CLK Zo = 50 Ohm C2 nCLK HiPerClockS Input
R5 100 - 200
R6 100 - 200
R1 84
R2 84
R5,R6 locate near the driver pin.
FIGURE 3E. HIPERCLOCKS CLK/NCLK INPUT DRIVEN BY 3.3V LVPECL DRIVER WITH AC COUPLE
85310AYI-01
www.icst.com/products/hiperclocks.html
8
REV. F JUNE 22, 2005
Integrated Circuit Systems, Inc.
ICS85310I-01
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the ICS85310I-01. Equations and example calculations are also provided.
1. Power Dissipation. The total power dissipation for the ICS85310I-01 is the sum of the core power plus the power dissipated in the load(s). The following is the power dissipation for VCC = 3.8V, which gives worst case results. NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
* *
Power (core)MAX = VCC_MAX * IEE_MAX = 3.8V * 120mA = 456mW Power (outputs)MAX = 30.2mW/Loaded Output pair If all outputs are loaded, the total power is 10 * 30.2mW = 302mW
Total Power_MAX (3.8V, with all outputs switching) = 456mW + 302mW = 758mW
2. Junction Temperature. Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the device. The maximum recommended junction temperature for HiPerClockSTM devices is 125C.
The equation for Tj is as follows: Tj = JA * Pd_total + TA Tj = Junction Temperature JA = Junction-to-Ambient Thermal Resistance Pd_total = Total Device Power Dissipation (example calculation is in section 1 above) TA = Ambient Temperature In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance JA must be used. Assuming a moderate air flow of 200 linear feet per minute and a multi-layer board, the appropriate value is 42.1C/W per Table 5 below. Therefore, Tj for an ambient temperature of 85C with all outputs switching is: 85C + 0.758W * 42.1C/W = 117C. This is below the limit of 125C. This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow, and the type of board (single layer or multi-layer).
TABLE 5. THERMAL RESISTANCE JA FOR 32-PIN LQFP, FORCED CONVECTION
by Velocity (Linear Feet per Minute)
0 200
55.9C/W 42.1C/W
JA
500
50.1C/W 39.4C/W
Single-Layer PCB, JEDEC Standard Test Boards Multi-Layer PCB, JEDEC Standard Test Boards
67.8C/W 47.9C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
85310AYI-01
www.icst.com/products/hiperclocks.html
9
REV. F JUNE 22, 2005
Integrated Circuit Systems, Inc.
3. Calculations and Equations.
ICS85310I-01
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
LVPECL output driver circuit and termination are shown in Figure 4.
VCCO
Q1
VOUT RL 50 VCCO - 2V
Figure 4. LVPECL Driver Circuit and Termination
To calculate worst case power dissipation into the load, use the following equations which assume a 50 load, and a termination voltage of V - 2V.
CCO
*
For logic high, VOUT = V (V
CCO_MAX
OH_MAX
=V
CCO_MAX
- 1.0V
-V
OH_MAX
) = 1.0V =V - 1.7V
*
For logic low, VOUT = V (V
CCO_MAX
OL_MAX
CCO_MAX
-V
OL_MAX
) = 1.7V
Pd_H is power dissipation when the output drives high. Pd_L is the power dissipation when the output drives low. Pd_H = [(V - (V - 2V))/R ] * (V
L
OH_MAX
CCO_MAX
CCO_MAX
-V
OH_MAX
) = [(2V - (V
CCO _MAX
-V
OH_MAX
))/R ] * (V
L
CCO _MAX
-V
OH_MAX
)=
[(2V - 1V)/50] * 1V = 20.0mW
Pd_L = [(V
OL_MAX
- (V
CCO_MAX
- 2V))/R ] * (V
L
CCO_MAX
-V
OL_MAX
) = [(2V - (V
CCO_MAX
-V
OL_MAX
))/R ] * (V
L
CCO_MAX
-V
OL_MAX
)=
[(2V - 1.7V)/50] * 1.7V = 10.2mW Total Power Dissipation per output pair = Pd_H + Pd_L = 30.2mW
85310AYI-01
www.icst.com/products/hiperclocks.html
10
REV. F JUNE 22, 2005
Integrated Circuit Systems, Inc.
ICS85310I-01
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER RELIABILITY INFORMATION
TABLE 6. JAVS. AIR FLOW TABLE FOR 32 LEAD LQFP
by Velocity (Linear Feet per Minute)
JA
0
Single-Layer PCB, JEDEC Standard Test Boards Multi-Layer PCB, JEDEC Standard Test Boards 67.8C/W 47.9C/W
200
55.9C/W 42.1C/W
500
50.1C/W 39.4C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
TRANSISTOR COUNT
The transistor count for ICS85310I-01 is: 1034 Pin compatible with MC100LVEP111
85310AYI-01
www.icst.com/products/hiperclocks.html
11
REV. F JUNE 22, 2005
Integrated Circuit Systems, Inc.
ICS85310I-01
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
PACKAGE OUTLINE - Y SUFFIX FOR 32 LEAD LQFP
TABLE 7. PACKAGE DIMENSIONS
JEDEC VARIATION ALL DIMENSIONS IN MILLIMETERS BBA SYMBOL N A A1 A2 b c D D1 D2 E E1 E2 e L ccc 0.45 0 --0.05 1.35 0.30 0.09 MINIMUM NOMINAL 32 --1.40 0.37 -9.00 BASIC 7.00 BASIC 5.60 Ref. 9.00 BASIC 7.00 BASIC 5.60 Ref. 0.80 BASIC 0.60 --0.75 7 0.10 1.60 0.15 1.45 0.45 0.20 MAXIMUM
Reference Document: JEDEC Publication 95, MS-026
85310AYI-01
www.icst.com/products/hiperclocks.html
12
REV. F JUNE 22, 2005
Integrated Circuit Systems, Inc.
ICS85310I-01
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
Package 32 lead LQFP 32 lead LQFP 32 lead (Lead Free/Annealed) LQFP 32 lead (Lead Free/Annealed) LQFP Shipping Packaging tray 1000 tape & reel tray 1000 tape & reel Temperature -40C to 85C -40C to 85C -40C to 85C -40C to 85C
TABLE 8. ORDERING INFORMATION
Part/Order Number ICS85310AYI-01 ICS85310AYI-01T ICS85310AYI-01LN ICS85310AYI-01LNT Marking ICS85310AYI01 ICS85310AYI01 ICS5310AI01N ICS5310AI01N
NOTE: Par ts that are ordered with an "LN" suffix to the par t number are the Pb-Free configuration and are RoHS compliant.
The aforementioned trademark, HiPerClockS is a trademark of Integrated Circuit Systems, Inc. or its subsidiaries in the United States and/or other countries. While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its use or for infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial and industrial applications. Any other applications such as those requiring high reliability, or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments. 85310AYI-01
www.icst.com/products/hiperclocks.html
13
REV. F JUNE 22, 2005
Integrated Circuit Systems, Inc.
ICS85310I-01
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REVISION HISTORY SHEET Description of Change AC Characterisitics table - tPD row, revised value from 2.25ns Max. to 2.5ns Max. Added Termination for LVPECL Outputs. Added LVPECL DC Characterisitics table. Changed par t number from ICS85310-01 to ICS85310I-01 in title and all subsequent areas throughout the datasheet. Power Supply table - increased max. value for IEE to 120mA from 30mA max. Power Considerations have re-adjusted to the increased IEE value. Pin Characteristics - changed CIN 4pF max. to 4pF typical. Absolute Maximum Ratings - updated Outputs. Updated Single Ended Signal Driving Differential Input Drawing and LVPECL Output Termination Drawings. Added Differential Clock Input Interface section. Added Lead Free/Annealed par t number. Features Section - added Additive Phase Jitter bullet. Added Additive Phase Jitter Section. Ordering Information Table - added Lead-Free Note. Date 4/29/02 5/29/02 7/26/02 10/22/02
Rev B B
Table T4
Page 4 8 4
T3D C D T 3A T2
3 7 2 3 6 7 12 1 5 13
E
6/14/04
F T8
6/22/05
85310AYI-01
www.icst.com/products/hiperclocks.html
14
REV. F JUNE 22, 2005


▲Up To Search▲   

 
Price & Availability of ICS85310I-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X