Part Number Hot Search : 
A5801027 MC10195 UGSA08J CKDIAAAA GM3842 110CA S20SC9MT E004868
Product Description
Full Text Search
 

To Download ICS8430-111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY
Integrated Circuit Systems, Inc.
ICS8430-111
700MHZ, LOW JITTER DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
FEATURES
* Dual differential 3.3V LVPECL output * Selectable 14MHz to 27MHz differential CLK, nCLK or TEST_CLK input * CLK, nCLK accepts any differential input signal: LVPECL, LVHSTL, LVDS, SSTL, HCSL * TEST_CLK accepts the following input types: LVCMOS, LVTTL * Output frequency range up to 700MHz * VCO range: 200MHz to 700MHz * Parallel or serial interface for programming counter and output dividers * Cycle-to-cycle jitter: 25ps (maximum) * 3.3V supply voltage * 0C to 70C ambient operating temperature * Industrial termperature information available upon request
GENERAL DESCRIPTION
The ICS8430-111 is a general purpose, dual outICS put high frequency synthesizer and a member of HiPerClockSTM the HiPerClockSTM family of High Performance Clock Solutions from ICS. The CLK, nCLK pair can accept most standard differential input levels. The single ended TEST_CLK input accepts LVCMOS or LVTTL input levels and translates them to 3.3V LVPECL levels. The VCO operates at a frequency range of 200MHz to 700MHz. With the output configured to divide the VCO frequency by 2, output frequency steps as small as 2MHz can be achieved using a 16MHz differential or single ended reference clock. Output frequencies up to 700MHz can be programmed using the serial or parallel interfaces to the configuration logic. The low jitter and frequency range of the ICS8430-111 makes it an ideal clock generator for most clock tree applications.
BLOCK DIAGRAM
VCO_SEL CLK_SEL TEST_CLK CLK nCLK 0 1 / 16
PIN ASSIGNMENT
VCO_SEL nP_LOAD nCLK M4 M3 M2 M1 M0
32 31 30 29 28 27 26 25 M5 M6 M7 M8 N0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
TEST VCC FOUT1 nFOUT1 VCCO FOUT0 nFOUT0 VEE
24 23 22
CLK TEST_CLK CLK_SEL VCCA S_LOAD S_DATA S_CLOCK MR
ICS8430-111
21 20 19 18 17
PLL
PHASE DETECTOR MR VCO /M /2 S_LOAD S_DATA S_CLOCK nP_LOAD M0:M8 N0:N2 CONFIGURATION INTERFACE LOGIC 0 /N 1 FOUT0 nFOUT0 FOUT1 nFOUT1
N1 N2 VEE
TEST
32-Lead LQFP 7mm x 7mm x 1.4mm package body Y Package Top View
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.
8430DY-111
www.icst.com/products/hiperclocks.html
1
REV. F JUNE 1, 2005
PRELIMINARY
Integrated Circuit Systems, Inc.
ICS8430-111
700MHZ, LOW JITTER DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
the parallel input mode. The relationship between the VCO frequency, the input frequency and the M divider is defined as follows: fVCO = fIN x M The M value and the required values of M0 through M8 are shown in Table 3B, Programmable VCO Frequency Function Table. Valid M values for which the PLL will achieve lock for a 16MHz reference are defined as 100 M 350. The frequency out is defined as follows: fOUT = fVCO = fIN x M N N Serial operation occurs when nP_LOAD is HIGH and S_LOAD is LOW. The shift register is loaded by sampling the S_DATA bits with the rising edge of S_CLOCK. The contents of the shift register are loaded into the M divider and N output divider when S_LOAD transitions from LOW-to-HIGH. The M divide and N output divide values are latched on the HIGH-to-LOW transition of S_LOAD. If S_LOAD is held HIGH, data at the S_DATA input is passed directly to the M divider and N output divider on each rising edge of S_CLOCK. The serial mode can be used to program the M and N bits and test bits T1 and T0. The internal registers T0 and T1 determine the state of the T1 0 0 1 1 T0 0 1 0 1 TEST Output LOW S_Data, Shift Register Input Output of M divider CMOS Fout
FUNCTIONAL DESCRIPTION
The ICS8430-111 features a fully integrated PLL and therefore requires no external components for setting the loop bandwidth. A differential clock input is used as the input to the on-chip oscillator. The output of the oscillator is divided by 16 prior to the phase detector. A16MHz clock input provides a 1MHz reference frequency. The VCO of the PLL operates over a range of 200 to 700MHz. The output of the M divider is also applied to the phase detector. The phase detector and the M divider force the VCO output frequency to be 2M times the reference frequency by adjusting the VCO control voltage. Note that for some values of M (either too high or too low), the PLL will not achieve lock. The output of the VCO is scaled by a divider prior to being sent to each of the LVPECL output buffers. The divider provides a 50% output duty cycle. The programmable features of the ICS8430-111 support two input modes to program the M divider and N output divider. The two input operational modes are parallel and serial. Figure 1 shows the timing diagram for each mode. In parallel mode the nP_LOAD input is initially LOW. The data on inputs M0 through M8 and N0 through N2 is passed directly to the M divider and N output divider. On the LOW-to-HIGH transition of the nP_LOAD input, the data is latched and the M divider remains loaded until the next LOW transition on nP_LOAD or until a serial event occurs. As a result, the M and N bits can be hardwired to set the M divider and N output divider to a specific default state that will automatically occur during power-up. The TEST output is LOW when operating in
SERIAL LOADING
S_CLOCK
S_DATA
t
S_LOAD
S
t
H
nP_LOAD
t
S
PARALLEL LOADING
M0:M8, N0:N1 nP_LOAD
M, N
t
S_LOAD
S
t
H
Time
FIGURE 1. PARALLEL & SERIAL LOAD OPERATIONS
*NOTE:
8430DY-111
The NULL timing slot must be observed.
www.icst.com/products/hiperclocks.html
2
REV. F JUNE 1, 2005
PRELIMINARY
Integrated Circuit Systems, Inc.
ICS8430-111
700MHZ, LOW JITTER DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
Type Input Input Input Input Power Output Power Output Power Output Description
TABLE 1. PIN DESCRIPTIONS
Number 1, 2, 3, 28, 29, 30 31, 32 4 5, 6 7 8, 16 9 10 11, 12 13 14, 15 Name M5, M6, M7, M0, M1, M2, M3, M4 M8 N0, N1 N2 VEE TEST VCC FOUT1, nFOUT1 VCCO FOUT0, nFOUT0
Pulldown M divider inputs. Data latched on LOW-to-HIGH transition of nP_LOAD input. LVCMOS/LVTTL interface levels. Pullup Pulldown Determines output divider value as defined in Table 3C Function Table. LVCMOS/LVTTL interface levels. Pullup Negative supply pins. Test output which is ACTIVE in the serial mode of operation. Output driven LOW in parallel mode. LVCMOS/LVTTL interface levels. Core supply pin. Differential output for the synthesizer. 3.3V LVPECL interface levels. Output supply pin. Differential output for the synthesizer. 3.3V LVPECL interface levels.
Active High Master Reset. When logic HIGH, the internal dividers are reset causing the true outputs FOUTx to go low and the inver ted 17 MR Input Pulldown outputs nFOUTx to go high. When logic LOW, the internal dividers and the outputs are enabled. Asser tion of MR does not affect loaded M, N, and T values. LVCMOS / LVTTL interface levels. Clocks in serial data present at S_DATA input into the shift register 18 S_CLOCK Input Pulldown on the rising edge of S_CLOCK. LVCMOS/LVTTL interface levels. Shift register serial input. Data sampled on the rising edge of 19 S_DATA Input Pulldown S_CLOCK. LVCMOS/LVTTL interface levels. Controls transition of data from shift register into the dividers. 20 S_LOAD Input Pulldown LVCMOS/LVTTL interface levels. Power Analog supply pin. 21 VCCA Selects between differential clock or test inputs as the PLL reference source. Selects CLK, nCLK inputs when HIGH. Selects TEST_CLK 22 Input Pullup CLK_SEL when LOW. LVCMOS/LVTTL interface levels. Pulldown Test clock input. LVCMOS/LVTTL interface levels. 23 TEST_CLK Input 24 CLK Input Pulldown Non-inver ting differential clock input. nCLK Input Pullup Inver ting differential clock input. 25 Parallel load input. Determines when data present at M8:M0 is 26 nP_LOAD Input Pulldown loaded into the M divider, and when data present at N2:N0 sets the N output divider value. LVCMOS/LVTTL interface levels. Determines whether synthesizer is in PLL or bypass mode. 27 VCO_SEL Input Pullup LVCMOS/LVTTL interface levels. NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
TABLE 2. PIN CHARACTERISTICS
Symbol CIN RPULLUP RPULLDOWN Parameter Input Capacitance Input Pullup Resistor Input Pulldown Resistor Test Conditions Minimum Typical 51 51 Maximum 4 Units pF k k
8430DY-111
www.icst.com/products/hiperclocks.html
3
REV. F JUNE 1, 2005
PRELIMINARY
Integrated Circuit Systems, Inc.
ICS8430-111
700MHZ, LOW JITTER DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
TABLE 3A. PARALLEL
AND
SERIAL MODE FUNCTION TABLE
Inputs Conditions S_CLOCK X X X L L X S_DATA X X X Data Data Data X Data Reset. Forces outputs LOW. Data on M and N inputs passed directly to the M divider and N output divider. TEST output forced LOW. Data is latched into input registers and remains loaded until next LOW transition or until a serial event occurs. Serial input mode. Shift register is loaded with data on S_DATA on each rising edge of S_CLOCK. Contents of the shift register are passed to the M divider and N output divider. M divider and N output divider values are latched. Parallel or serial input do not affect shift registers. S_DATA passed directly to M divider as it is clocked. X X L L L H
MR H L L L L L L
nP_LOAD X L H H H H
M X Data Data X X X X
N X Data Data X X X X
S_LOAD
L H X X NOTE: L = LOW H = HIGH X = Don't care = Rising edge transition = Falling edge transition
TABLE 3B. PROGRAMMABLE VCO FREQUENCY FUNCTION TABLE (NOTE 1)
VCO Frequency (MHz) 200 202 204 206 M Divide 100 101 102 103 256 M8 0 0 0 0 128 M7 0 0 0 0 64 M6 1 1 1 1 32 M5 1 1 1 1 16 M4 0 0 0 0 8 M3 0 0 0 0 4 M2 1 1 1 1 2 M1 0 0 1 1 * * 0 0 1 1 M0 0 1 0 1 * * 0 1 0
* * * * * * * * * * * * * * * * * * 696 34 8 1 0 1 0 1 1 1 698 349 1 0 1 0 1 1 1 700 35 0 1 0 1 0 1 1 1 NOTE 1: These M divide values and the resulting frequencies correspond to an input frequency of 16MHz.
TABLE 3C. PROGRAMMABLE OUTPUT DIVIDER FUNCTION TABLE
N2 0 0 0 0 1 1 1 1
8430DY-111
Input N1 0 0 1 1 0 0 1 1
N0 0 1 0 1 0 1 0 1
N Divider Value 2 4 8 16 1 2 4 8
Output Frequency (MHz) Minimum Maximum 100 350 50 25 12.5 200 100 50 25 175 87.5 43.75 700 350 175 87.5
REV. F JUNE 1, 2005
www.icst.com/products/hiperclocks.html
4
PRELIMINARY
Integrated Circuit Systems, Inc.
ICS8430-111
700MHZ, LOW JITTER DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
4.6V -0.5V to VCC + 0.5 V -0.5V to VCCO + 0.5V 47.9C/W (0 lfpm) -65C to 150C NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC Inputs, VI Outputs, VO Package Thermal Impedance, JA Storage Temperature, TSTG
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, VCC = VCCA = VCCO = 3.3V5%, TA = 0C TO 70C
Symbol VCC VCCA VCCO IEE ICCA Parameter Core Supply Analog Voltage Ouput Voltage Power Supply Current Analog Supply Current Test Conditions Minimum 3.135 3.135 3.135 Typical 3.3 3.3 3.3 120 10 Maximum 3.465 3.465 3.465 Units V V V mA mA
TABLE 4B. LVCMOS/LVTTL DC CHARACTERISTICS, VCC = VCCA = VCCO = 3.3V5%, TA = 0C TO 70C
Symbol VIH VIL IIH Parameter Input High Voltage Input Low Voltage M0-M7, N0, N1, MR, S_CLOCK, S_DATA, S_LOAD, Input High Current TEST_CLK, nP_LOAD M8, N2, CLK_SEL, VCO_SEL M0-M7, N0, N1, MR, S_CLOCK, S_DATA, S_LOAD, Input TEST_CLK, nP_LOAD Low Current M8, N2, CLK_SEL, VCO_SEL Test Conditions Minimum 2 -0.3 VCC = VIN = 3.465V VCC = VIN = 3.465V VCC = 3.465V, VIN = 0V VCC = 3.465V, VIN = 0V -5 -150 2.6 0.5 Typical Maximum VCC + 0.3 0.8 150 5 Units V V A A A A V V
IIL
Output TEST; NOTE 1 High Voltage Output VOL TEST; NOTE 1 Low Voltage NOTE 1: Outputs terminated with 50 to VCCO/2. VOH
8430DY-111
www.icst.com/products/hiperclocks.html
5
REV. F JUNE 1, 2005
PRELIMINARY
Integrated Circuit Systems, Inc.
ICS8430-111
700MHZ, LOW JITTER DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
Test Conditions nCLK CLK nCLK CLK VIN = VCC = 3.465V VIN = VCC = 3.465V VIN = 0V, VCC = 3.465V VIN = 0V, VCC = 3.465V -150 -5 1.3 VCC - 0.85 Minimum Typical Maximum 5 150 Units A A A A V V
TABLE 4C. DIFFERENTIAL DC CHARACTERISTICS, VCC = VCCA = VCCO = 3.3V5%, TA = 0C TO 70C
Symbol IIH IIL VPP Parameter Input High Current Input Low Current
Peak-to-Peak Input Voltage 0.15 Common Mode Input Voltage; VEE + 0.5 VCMR NOTE 1, 2 NOTE 1: For single ended applications, the maximum input voltage for CLK, nCLK is VCC + 0.3V. NOTE 2: Common mode voltage is defined as VIH.
TABLE 4D. LVPECL DC CHARACTERISTICS, VCC = VCCA = VCCO = 3.3V5%, TA = 0C TO 70C
Symbol VOH VOL VSWING Parameter Output High Voltage; NOTE 1 Output Low Voltage; NOTE 1 Peak-to-Peak Output Voltage Swing Test Conditions Minimum VCCO - 1.4 VCCO - 2.0 0.6 Typical Maximum VCCO - 0.9 VCCO - 1.7 1.0 Units V V V
NOTE 1: Outputs terminated with 50 to VCCO - 2V. See 3.3V Output Load Test Circuit figure in the Parameter Measurement Information section.
TABLE 5. INPUT FREQUENCY CHARACTERISTICS, VCC = VCCA = VCCO = 3.3V5%, TA = 0C TO 70C
Symbol Parameter TEST_CLK; NOTE 1 fIN Input Frequency CLK, nCLK; NOTE 1 Test Conditions Minimum 14 14 Typical Maximum 27 27 Units MHz MHz
S_CLOCK 50 MHz NOTE1: For the differential input and reference frequency range, the M value must be set for the VCO to operate within the 200MHz to 700MHz range. Using the minimum input frequency of 14MHz, valid values of M are 115 M 400. Using the maximum frequency of 27MHz, valid values of M are 60 M 208.
8430DY-111
www.icst.com/products/hiperclocks.html
6
REV. F JUNE 1, 2005
PRELIMINARY
Integrated Circuit Systems, Inc.
ICS8430-111
700MHZ, LOW JITTER DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
Test Conditions fOUT > 87.5MHz fOUT < 87.5MHz Minimum Typical Maximum 700 25 40 9.5 15 20% to 80% 200 5 5 5 5 5 5 N1 N=1 48 45 52 55 1 700 Units MHz ps ps ps ps ps ns ns ns ns ns ns % % ms
TABLE 6. AC CHARACTERISTICS, VCC = VCCA = VCCO = 3.3V5%, TA = 0C TO 70C
Symbol FMAX Parameter Output Frequency Cycle-to-Cycle Jitter ; NOTE 1 Period Jitter, RMS Output Skew; NOTE 1, 2 Output Rise/Fall Time M, N to nP_LOAD tS Setup Time S_DATA to S_CLOCK S_CLOCK to S_LOAD M, N to nP_LOAD tH Hold Time S_DATA to S_CLOCK S_CLOCK to S_LOAD odc Output Duty Cycle
tjit(cc) tjit(per) tsk(o)
tR / tF
PLL Lock Time tLOCK See Parameter Measurement Information section. NOTE 1:This parameter is defined in accordance with JEDEC Standard 65. NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at the output differential cross points.
8430DY-111
www.icst.com/products/hiperclocks.html
7
REV. F JUNE 1, 2005
PRELIMINARY
Integrated Circuit Systems, Inc.
ICS8430-111
700MHZ, LOW JITTER DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
PARAMETER MEASUREMENT INFORMATION
VCC, VCCA , VCCO = 2V VCC
Qx
SCOPE
nCLK V Cross Points V
LVPECL
nQx
PP
CMR
CLK
VEE = -1.3V 0.165V
VEE
3.3V OUTPUT LOAD AC TEST CIRCUIT
DIFFERENTIAL INPUT LEVEL
nFOUTx 80% FOUTx nFOUTy FOUTy
tsk(o)
80% VSW I N G
Clock Outputs
20% tR tF
20%
OUTPUT SKEW
OUTPUT RISE/FALL TIME
VOH
nFOUTx FOUTx
VREF VOL
tcycle
n
tcycle n+1
tjit(cc) = tcycle n -tcycle n+1
1000 Cycles
1 contains 68.26% of all measurements 2 contains 95.4% of all measurements 3 contains 99.73% of all measurements 4 contains 99.99366% of all measurements 6 contains (100-1.973x10-7)% of all measurements
CYCLE-TO-CYCLE JITTER
nFOUTx FOUTx
t PW
t
PERIOD
odc =
t PW t PERIOD
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
8430DY-111
Reference Point
(Trigger Edge)
Histogram
Mean Period
(First edge after trigger)
PERIOD JITTER
x 100%
www.icst.com/products/hiperclocks.html
8
REV. F JUNE 1, 2005
PRELIMINARY
Integrated Circuit Systems, Inc.
ICS8430-111
700MHZ, LOW JITTER DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER APPLICATION INFORMATION
POWER SUPPLY FILTERING TECHNIQUES
As in any high speed analog circuitry, the power supply pins are vulnerable to random noise. The ICS8430-111 provides separate power supplies to isolate any high switching noise from the outputs to the internal PLL. VCC, VCCA, and VCCO should be individually connected to the power supply plane through vias, and bypass capacitors should be used for each pin. To achieve optimum jitter performance, power supply isolation is required. Figure 2 illustrates how a 10 resistor along with a 10F and a .01F bypass capacitor should be connected to each VCCA pin.
3.3V VCC .01F V CCA .01F 10 F 10
FIGURE 2. POWER SUPPLY FILTERING
TERMINATION
FOR
LVPECL OUTPUTS
drive 50 transmission lines. Matched impedance techniques should be used to maximize operating frequency and minimize signal distortion. There are a few simple termination schemes. Figures 3A and 3B show two different layouts which are recommended only as guidelines. Other suitable clock layouts may exist and it would be recommended that the board designers simulate to guarantee compatibility across all printed circuit and clock component process variations.
The clock layout topology shown below is a typical termination for LVPECL outputs. The two different layouts mentioned are recommended only as guidelines. FOUT and nFOUT are low impedance follower outputs that generate ECL/LVPECL compatible outputs. Therefore, terminating resistors (DC current path to ground) or current sources must be used for functionality. These outputs are designed to
3.3V
Zo = 50 FOUT FIN
125 Zo = 50 FOUT
50 50
125
Zo = 50
FIN
1 RTT = Z ((VOH + VOL) / (VCC - 2)) - 2 o
VCC - 2V VCC - 2V
RTT
Zo = 50 84 84
FIGURE 3A. LVPECL OUTPUT TERMINATION
8430DY-111
FIGURE 3B. LVPECL OUTPUT TERMINATION
REV. F JUNE 1, 2005
www.icst.com/products/hiperclocks.html
9
PRELIMINARY
Integrated Circuit Systems, Inc.
ICS8430-111
700MHZ, LOW JITTER DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
of R1 and R2 might need to be adjusted to position the V_REF in the center of the input voltage swing. For example, if the input clock swing is only 2.5V and VCC = 3.3V, V_REF should be 1.25V and R2/R1 = 0.609.
VCC
WIRING THE DIFFERENTIAL INPUT TO ACCEPT SINGLE ENDED LEVELS
Figure 4 shows how the differential input can be wired to accept single ended levels. The reference voltage V_REF = VCC/2 is generated by the bias resistors R1, R2 and C1. This bias circuit should be located as close as possible to the input pin. The ratio
R1 1K Single Ended Clock Input CLK V_REF nCLK C1 0.1u
R2 1K
FIGURE 4. SINGLE ENDED SIGNAL DRIVING DIFFERENTIAL INPUT
8430DY-111
www.icst.com/products/hiperclocks.html
10
REV. F JUNE 1, 2005
PRELIMINARY
Integrated Circuit Systems, Inc.
ICS8430-111
700MHZ, LOW JITTER DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
here are examples only. Please consult with the vendor of the driver component to confirm the driver termination requirements. For example in Figure 5A, the input termination applies for ICS HiPerClockS LVHSTL drivers. If you are using an LVHSTL driver from another vendor, use their termination recommendation.
DIFFERENTIAL CLOCK INPUT INTERFACE
The CLK /nCLK accepts LVDS, LVPECL, LVHSTL, SSTL, HCSL and other differential signals. Both VSWING and VOH must meet the VPP and VCMR input requirements. Figures 5A to 5E show interface examples for the HiPerClockS CLK/nCLK input driven by the most common driver types. The input interfaces suggested
3.3V 3.3V
3.3V 1.8V
Zo = 50 Ohm
Zo = 50 Ohm CLK Zo = 50 Ohm nCLK LVHSTL ICS HiPerClockS LVHSTL Driver R1 50 R2 50
R3 50 LVPECL Zo = 50 Ohm
CLK
nCLK
HiPerClockS Input
HiPerClockS Input
R1 50
R2 50
FIGURE 5A. HIPERCLOCKS CLK/NCLK INPUT DRIVEN ICS HIPERCLOCKS LVHSTL DRIVER
BY
FIGURE 5B. HIPERCLOCKS CLK/NCLK INPUT DRIVEN 3.3V LVPECL DRIVER
BY
3.3V 3.3V 3.3V R3 125 Zo = 50 Ohm CLK Zo = 50 Ohm nCLK LVPECL R1 84 R2 84 HiPerClockS Input R4 125
3.3V 3.3V LVDS_Driv er R1 100 Zo = 50 Ohm Zo = 50 Ohm
CLK
nCLK
Receiv er
FIGURE 5C. HIPERCLOCKS CLK/NCLK INPUT DRIVEN 3.3V LVPECL DRIVER
BY
FIGURE 5D. HIPERCLOCKS CLK/NCLK INPUT DRIVEN 3.3V LVDS DRIVER
BY
3.3V 3.3V 3.3V LVPECL Zo = 50 Ohm C1 R3 125 R4 125 CLK Zo = 50 Ohm C2 nCLK HiPerClockS Input
R5 100 - 200
R6 100 - 200
R1 84
R2 84
R5,R6 locate near the driver pin.
FIGURE 5E. HIPERCLOCKS CLK/NCLK INPUT DRIVEN 3.3V LVPECL DRIVER WITH AC COUPLE
8430DY-111
BY
www.icst.com/products/hiperclocks.html
11
REV. F JUNE 1, 2005
PRELIMINARY
Integrated Circuit Systems, Inc.
ICS8430-111
700MHZ, LOW JITTER DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the ICS8430-111. Equations and example calculations are also provided.
1. Power Dissipation. The total power dissipation for the ICS8430-111 is the sum of the core power plus the power dissipated in the load(s). The following is the power dissipation for VCC = 3.3V + 5% = 3.465V, which gives worst case results. NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
* *
Power (core)MAX = VCC_MAX * IEE_MAX = 3.465V * 120mA = 415.8mW Power (outputs)MAX = 30mW/Loaded Output pair If all outputs are loaded, the total power is 2 * 30mW = 60mW
Total Power_MAX (3.465V, with all outputs switching) = 415.8mW + 60mW = 475.8mW
2. Junction Temperature. Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the device. The maximum recommended junction temperature for HiPerClockSTM devices is 125C.
The equation for Tj is as follows: Tj = JA * Pd_total + TA Tj = Junction Temperature JA = Junction-to-Ambient Thermal Resistance Pd_total = Total Device Power Dissipation (example calculation is in section 1 above) TA = Ambient Temperature In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance JA must be used. Assuming a moderate air flow of 200 linear feet per minute and a multi-layer board, the appropriate value is 42.1C/W per Table 7 below. Therefore, Tj for an ambient temperature of 70C with all outputs switching is: 70C + 0.476W * 42.1C/W = 90C. This is well below the limit of 125C. This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow, and the type of board (single layer or multi-layer).
TABLE 7. THERMAL RESISTANCE JA
FOR
32-PIN LQFP, FORCED CONVECTION
JA by Velocity (Linear Feet per Minute)
0
Single-Layer PCB, JEDEC Standard Test Boards Multi-Layer PCB, JEDEC Standard Test Boards 67.8C/W 47.9C/W
200
55.9C/W 42.1C/W
500
50.1C/W 39.4C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
8430DY-111
www.icst.com/products/hiperclocks.html
12
REV. F JUNE 1, 2005
PRELIMINARY
Integrated Circuit Systems, Inc.
3. Calculations and Equations.
The purpose of this section is to derive the power dissipated into the load. LVPECL output driver circuit and termination are shown in Figure 6.
ICS8430-111
700MHZ, LOW JITTER DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
VCCO
Q1
VOUT RL 50 VCCO - 2V
FIGURE 6. LVPECL DRIVER CIRCUIT
AND
TERMINATION
To calculate worst case power dissipation into the load, use the following equations which assume a 50 load, and a termination voltage of V - 2V.
CCO
*
For logic high, VOUT = V (V
CCO_MAX
OH_MAX
=V
CCO_MAX
- 0.9V
-V
OH_MAX
) = 0.9V =V - 1.7V
*
For logic low, VOUT = V (V
CCO_MAX
OL_MAX
CCO_MAX
-V
OL_MAX
) = 1.7V
Pd_H is power dissipation when the output drives high. Pd_L is the power dissipation when the output drives low. Pd_H = [(V - (V - 2V))/R ] * (V
L
OH_MAX
CCO_MAX
CCO_MAX
-V
OH_MAX
) = [(2V - (V
CCO_MAX
-V
OH_MAX
))/R ] * (V
L
CCO_MAX
-V
OH_MAX
)=
[(2V - 0.9V)/50) * 0.9V = 19.8mW
Pd_L = [(V
OL_MAX
- (V
CCO_MAX
- 2V))/R ] * (V
L
CCO_MAX
-V
OL_MAX
) = [(2V - (V
CCO_MAX
-V
OL_MAX
))/R ] * (V
L
CCO_MAX
-V
OL_MAX
)=
[(2V - 1.7V)/50) * 1.7V = 10.2mW Total Power Dissipation per output pair = Pd_H + Pd_L = 30mW
8430DY-111
www.icst.com/products/hiperclocks.html
13
REV. F JUNE 1, 2005
PRELIMINARY
Integrated Circuit Systems, Inc.
ICS8430-111
700MHZ, LOW JITTER DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER RELIABILITY INFORMATION
TABLE 8. JAVS. AIR FLOW TABLE
FOR
32 LEAD LQFP
JA by Velocity (Linear Feet per Minute)
0
Single-Layer PCB, JEDEC Standard Test Boards Multi-Layer PCB, JEDEC Standard Test Boards 67.8C/W 47.9C/W
200
55.9C/W 42.1C/W
500
50.1C/W 39.4C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
TRANSISTOR COUNT
The transistor count for ICS8430-111 is: 3960
8430DY-111
www.icst.com/products/hiperclocks.html
14
REV. F JUNE 1, 2005
PRELIMINARY
Integrated Circuit Systems, Inc.
ICS8430-111
700MHZ, LOW JITTER DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
32 LEAD LQFP
PACKAGE OUTLINE - Y SUFFIX
FOR
TABLE 9. PACKAGE DIMENSIONS
JEDEC VARIATION ALL DIMENSIONS IN MILLIMETERS BBA SYMBOL N A A1 A2 b c D D1 D2 E E1 E2 e L q ccc Reference Document: JEDEC Publication 95, MS-026
8430DY-111
MINIMUM
NOMINAL 32
MAXIMUM
1.60 0.05 1.35 0.30 0.09 9.00 BASIC 7.00 BASIC 5.60 9.00 BASIC 7.00 BASIC 5.60 0.80 BASIC 0.45 0 0.60 0.75 7 0.10 1.40 0.37 0.15 1.45 0.45 0.20
www.icst.com/products/hiperclocks.html
15
REV. F JUNE 1, 2005
PRELIMINARY
Integrated Circuit Systems, Inc.
ICS8430-111
700MHZ, LOW JITTER DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
Marking ICS8430DY-111 ICS8430DY-111 Package 32 Lead LQFP 32 Lead LQFP Shipping Packaging tray 1000 tape & reel Temperature 0C to 70C 0C to 70C
TABLE 10. ORDERING INFORMATION
Part/Order Number ICS8430DY-111 ICS8430DY-111T
The aforementioned trademark, HiPerClockSTM is a trademark of Integrated Circuit Systems, Inc. or its subsidiaries in the United States and/or other countries. While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its use or for infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments. 8430DY-111
www.icst.com/products/hiperclocks.html
16
REV. F JUNE 1, 2005


▲Up To Search▲   

 
Price & Availability of ICS8430-111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X