Part Number Hot Search : 
W0603 QY4CPE MAXQ614 FLGB1ZH KJ06ETR 27C21 C122F1 1210C
Product Description
Full Text Search
 

To Download HN58V1001SERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HN58V1001 Series
131072-word x 8-bit Electrically Erasable and Programmable CMOS ROM
ADE-203-314F (Z) Rev. 6.0 Apr. 30, 1997 Description The Hitachi HN58V1001 is a electrically erasable and programmable ROM organized as 131072-word x 8-bit. It has realized high speed, low power consumption and high reliability by employing advanced MNOS memory technology and CMOS process and circuitry technology. It also has a 128-byte page programming function to make the write operations faster. Features * Single 3 V supply: 2.7 V to 5.5 V * Access time: 250 ns (max) * Power dissipation Active: 20 mW/MHz, (typ) Standby: 110 W (max) * On-chip latches: address, data, CE, OE, WE * Automatic byte write: 15 ms (max) * Automatic page write (128 bytes): 15 ms (max) * Data polling and RDY/Busy * Data protection circuit on power on/off * Conforms to JEDEC byte-wide standard * Reliable CMOS with MNOS cell technology * 104 erase/write cycles (in page mode) * 10 years data retention * Software data protection * Write protection by RES pin
HN58V1001 Series
Ordering Information
Type No. HN58V1001P-25 HN58V1001FP-25 HN58V1001T-25 Access time 250 ns 250 ns 250 ns Package 600 mil 32-pin plastic DIP (DP-32) 525 mil 32-pin plastic SOP (FP-32D) 8 x 14 mm 32-pin plastic TSOP (TFP-32DA)
Pin Arrangement
HN58V1001P/FP Series RDY/Busy A16 A14 A12 A7 A6 A5 A4 A3 A2 A1 A0 I/O0 I/O1 I/O2 VSS 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 (Top view) 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 VCC A15 RES WE A13 A8 A9 A11 OE A10 CE I/O7 I/O6 I/O5 I/O4 I/O3 HN58V1001T Series
A3 A2 A1 A0 I/O0 I/O1 I/O2 VSS I/O3 I/O4 I/O5 I/O6 I/O7 CE A10 OE 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 A4 A5 A6 A7 A12 A14 A16 RDY/Busy VCC A15 RES WE A13 A8 A9 A11
(Top view)
Pin Description
Pin name A0 to A16 I/O0 to I/O7 OE CE WE VCC VSS RDY/Busy RES Function Address input Data input/output Output enable Chip enable Write enable Power supply Ground Ready busy Reset
2
HN58V1001 Series
Block Diagram
VCC VSS RES OE CE WE RES A0
to
I/O0 High voltage generator
to
I/O7
RDY/Busy
I/O buffer and input latch Control logic and timing
Y decoder
Y gating
A6 Address buffer and latch A7
to
X decoder
Memory array
A16
Data latch
Operation Table
Operation Read Standby Write Deselect Write Inhibit Data Polling Program reset CE VIL VIH VIL VIL x x VIL x OE VIL x*
2
WE VIH x VIL VIH VIH x VIH x
RES VH * x VH VH x x VH VIL
1
RDY/Busy High-Z High-Z High-Z to V OL High-Z -- -- VOL High-Z
I/O Dout High-Z Din High-Z -- -- Dout (I/O7) High-Z
VIH VIH x VIL VIL x
Notes: 1. Refer to the recommended DC operating conditions. 2. x : Don't care
3
HN58V1001 Series
Absolute Maximum Ratings
Parameter Supply voltage relative to VSS Input voltage relative to V SS Operating temperature range* Storage temperature range
2
Symbol VCC Vin Topr Tstg
Value -0.6 to +7.0 -0.5* to +7.0 0 to +70 -55 to +125
1
Unit V V C C
Notes: 1. Vin min = -3.0 V for pulse width 50 ns 2. Including electrical characteristics and data retention
Recommended DC Operating Conditions
Parameter Supply voltage Symbol VCC VSS Input voltage VIL VIH VH Operating temperature Topr Notes: 1. VIL (min): -1.0 V for pulse width 50 ns 2. VIH (min): 2.2 V for VCC = 3.6 to 5.5 V Min 2.7 0 -0.3* 1.9*
2 1
Typ 3.0 0 -- -- -- --
Max 5.5 0 0.8 VCC + 0.3 VCC + 1.0 70
Unit V V V V V C
Vcc - 0.5 0
DC Characteristics (Ta = 0 to +70 C, VCC = 2.7 V to 5.5 V)
Parameter Input leakage current Output leakage current Standby V CC current Symbol I LI I LO I CC1 I CC2 Operating VCC current I CC3 Min -- -- -- -- -- -- Output low voltage Output high voltage VOL VOH -- VCC x 0.8 Typ -- -- -- -- -- -- -- -- Max 2* 2 20 1 6 15 0.4 --
1
Unit A A A mA mA mA V V
Test conditions VCC = 3.6 V, Vin =3.6 V VCC = 3.6 V, Vout = 3.6/0.4 V CE = VCC CE = VIH Iout = 0 mA, Duty = 100%, Cycle = 1 s at VCC = 3.3 V Iout = 0 mA, Duty = 100%, Cycle = 250 ns at VCC = 3.3 V I OL = 2.1 mA I OH = -400 A
Notes: 1. I LI on RES: 100 A (max)
4
HN58V1001 Series
Capacitance (Ta = 25C, f = 1 MHz)
Parameter Input capacitance*
1 1
Symbol Cin Cout
Min -- --
Typ -- --
Max 6 12
Unit pF pF
Test conditions Vin = 0 V Vout = 0 V
Output capacitance* Note:
1. This parameter is periodically sampled and not 100% tested.
AC Characteristics (Ta = 0 to +70 C, VCC = 2.7 V to 5.5 V) * Input pulse levels: 0.4 V to 2.4 V 0 V to VCC (RES pin) * Input rise and fall time: 20 ns * Output load: 1TTL Gate +100 pF * Reference levels for measuring timing: 0.8 V, 1.8 V
Read Cycle
HN58V1001-25 Parameter Address to output delay CE to output delay OE to output delay Address to output hold OE (CE) high to output float* RES low to output float RES to output delay
*1 1
Test Conditions
Symbol t ACC t CE t OE t OH t DF t DFR t RR
Min -- -- 10 0 0 0 0
Max 250 250 120 -- 50 350 600
Unit ns ns ns ns ns ns ns
Test conditions CE = OE = VIL, WE = VIH OE = VIL, WE = VIH CE = VIL, WE = VIH CE = OE = VIL, WE = VIH CE = VIL, WE = VIH CE = OE = VIL, WE = VIH CE = OE = VIL, WE = VIH
5
HN58V1001 Series
Write Cycle
Parameter Address setup time Address hold time CE to write setup time (WE controlled) CE hold time (WE controlled) WE to write setup time (CE controlled) WE hold time (CE controlled) OE to write setup time OE hold time Data setup time Data hold time WE pulse width (WE controlled) CE pulse width (CE controlled) Data latch time Byte load cycle Byte load window Write cycle time Time to device busy Write start time Reset protect time Reset high time*
5
Symbol t AS t AH t CS t CH t WS t WH t OES t OEH t DS t DH t WP t CW t DL t BLC t BL t WC t DB t DW t RP t RES
Min*2 0 150 0 0 0 0 0 0 100 10 250 250 750 1.0 100 -- 120 250* 100 1
4
Typ -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- --
Max -- -- -- -- -- -- -- -- -- -- -- -- -- 30 -- 15* -- -- -- --
3
Unit ns ns ns ns ns ns ns ns ns ns ns ns ns s s ms ns ns s s
Test conditions
Notes: 1. t DF and t DFR are defined as the time at which the outputs achieve the open circuit conditions and are no longer driven. 2. Use this device in longer cycle than this value. 3. t WC must be longer than this value unless polling techniques or RDY/Busy are used. This device automatically completes the internal write operation within this value. 4. Next read or write operation can be initiated after t DW if polling techniques or RDY/Busy are used. 5. This parameter is sampled and not 100% tested. 6. A7 to A16 are page addresses and must be same within the page write operation. 7. See AC read characteristics.
6
HN58V1001 Series
Timing Waveforms
Read Timing Waveform
Address tACC CE tCE OE tOE WE High-Z tDF tOH
Data Out tRR
Data out valid tDFR
RES
7
HN58V1001 Series
Byte Write Timing Waveform (1) (WE Controlled)
tWC Address tCS CE tAS WE tOES OE tDS Din tDW RDY/Busy High-Z tRP tDB High-Z tDH tOEH tBL tAH tCH
tWP
tRES RES VCC
8
HN58V1001 Series
Byte Write Timing Waveform (2) (CE Controlled)
Address tWS CE tAS WE tOES OE tDS Din tDW High-Z tRP tRES RES tDB High-Z tDH tOEH tAH tCW tWH tBL tWC
RDY/Busy
VCC
9
HN58V1001 Series
Page Write Timing Waveform (1) (WE Controlled)
Address A0 to A16
*6
tAS WE tCS CE tOES OE
tAH tWP tDL tCH tBLC
tBL
tWC
tOEH tDH
tDS
Din tDB tDW High-Z
RDY/Busy
High-Z
tRP
RES
tRES
VCC
10
HN58V1001 Series
Page Write Timing Waveform (2) (CE Controlled)
Address A0 to A16 CE tWS WE tOEH tOES OE tDH tDS
*6
tAS
tAH tCW tDL tWH tBLC
tBL
tWC
Din tDB tDW High-Z
RDY/Busy
High-Z
tRP
RES
tRES
VCC
11
HN58V1001 Series
Data Polling Timing Waveform
Address An An
CE
WE
tOEH
tCE *7
tOES
OE tOE*7 I/O7 Din X Dout X Dout X tWC tDW
12
HN58V1001 Series
Toggle bit
This device provide another function to determine the internal programming cycle. If the EEPROM is set to read mode during the internal programming cycle, I/O6 will charge from "1" to "0" (toggling) for each read. When the internal programming cycle is finished, toggling of I/O6 will stop and the device can be accessible for next read or program. Notes: 1. I/O6 beginning state is "1". 2. I/O6 ending state will vary. 3. See AC read characteristics. 4. Any location can be used, but the address must be fixed.
Toggle bit Waveform
Next mode
*4
Address tCE *3
CE
WE tOE OE tOEH
*1 *2 *2
*3
tOES
I/O6
Din
Dout
Dout tWC
Dout
Dout tDW
13
HN58V1001 Series
Software Data Protection Timing Waveform (1) (in protection mode)
VCC
CE
WE tBLC Address Data 5555 AA AAAA or 2AAA 55 5555 A0 Write address Write data tWC
Software Data Protection Timing Waveform (2) (in non-protection mode)
VCC
tWC
Normal active mode
CE
WE
Address
5555
AAAA or 2AAA 55
5555
5555
AAAA or 2AAA 55
5555
Data
AA
80
AA
20
14
HN58V1001 Series
Functional Description
Automatic Page Write
Page-mode write feature allows 1 to 128 bytes of data to be written into the EEPROM in a single write cycle. Following the initial byte cycle, an additional 1 to 128 bytes can be written in the same manner. Each additional byte load cycle must be started within 30 s from the preceding falling edge of WE or CE. When CE or WE is kept high for 100 s after data input, the EEPROM enters write mode automatically and the input data are written into the EEPROM.
Data Polling
Data polling allows the status of the EEPROM to be determined. If EEPROM is set to read mode during a write cycle, an inversion of the last byte of data to be loaded outputs from I/O7 to indicate that the EEPROM is performing a write operation.
RDY/Busy Signal
RDY/Busy signal also allows status of the EEPROM to be determined. The RDY/Busy signal has high impedance except in write cycle and is lowered to V OL after the first write signal. At the end of write cycle, the RDY/Busy signal changes state to high impedance.
RES Signal
When RES is low, the EEPROM cannot be read or programmed. Therefore, data can be protected by keeping RES low when VCC is switched. RES should be high during read and programming because it doesn't provide a latch function.
VCC
Read inhibit
Read inhibit
RES
Program inhibit
Program inhibit
WE, CE Pin Operation
During a write cycle, addresses are latched by the falling edge of WE or CE, and data is latched by the rising edge of WE or CE.
15
HN58V1001 Series
Write/Erase Endurance and Data Retention Time
The endurance is 104 cycles in case of the page programming and 103 cycles in case of the byte programming (1% cumulative failure rate). The data retention time is more than 10 years when a device is page-programmed less than 10 4 cycles.
Data Protection
1. Data Protection against Noise on Control Pins (CE, OE, WE) during Operation During readout or standby, noise on the control pins may act as a trigger and turn the EEPROM to programming mode by mistake. To prevent this phenomenon, this device has a noise cancellation function that cuts noise if its width is 20 ns or less in program mode. Be careful not to allow noise of a width of more than 20 ns on the control pins.
WE CE VIH 0V
OE
VIH 0V
20 ns max
16
HN58V1001 Series
2. Data Protection at VCC On/Off When VCC is turned on or off, noise on the control pins generated by external circuits (CPU, etc) may act as a trigger and turn the EEPROM to program mode by mistake. To prevent this unintentional programming, the EEPROM must be kept in an unprogrammable state while the CPU is in an unstable state. Note: The EEPROM should be kept in unprogrammable state during VCC on/off by using CPU RESET signal.
VCC CPU RESET * Unprogrammable
* Unprogrammable
(1)Protection by RES The unprogrammable state can be realized by that the CPU's reset signal inputs directly to the EEPROM's RES pin. RES should be kept VSS level during VCC on/off. The EEPROM brakes off programming operation when RES becomes low, programming operation doesn't finish correctly in case that RES falls low during programming operation. RES should be kept high for 15 ms after the last data input.
VCC
RES Program inhibit WE or CE Program inhibit
1 s min 100 s min
15 ms min
17
HN58V1001 Series
3. Software data protection To prevent unintentional programming, this device has the software data protection (SDP) mode. The SDP is enabled by inputting the following 3 bytes code and write data. SDP is not enabled if only the 3 bytes code is input. To program data in the SDP enable mode, 3 bytes code must be input before write data.
Address Data
5555 AA AAAA or 2AAA 55 5555 A0 Write address Write data } Normal data input
The SDP mode is disabled by inputting the following 6 bytes code. Note that, if data is input in the SDP disable cycle, data can not be written.
Address 5555 AAAA or 2AAA 5555 5555 AAAA or 2AAA 5555 Data AA 55 80 AA 55 20
The software data protection is not enabled at the shipment. Note: There are some differences between Hitachi's and other company's for enable/disable sequence of software data protection. If there are any questions , please contact with Hitachi sales offices.
18
HN58V1001 Series
Package Dimensions
HN58V1001P Series (DP-32)
Unit: mm
32
41.90 42.50 Max
17 13.4 13.7 Max
1
5.08 Max
1.20 2.30 Max
1.20
16 15.24
0.51 Min 2.54 Min
2.54 0.25
0.48 0.10
0.25 - 0.05 0 - 15
+ 0.11
Hitachi Code JEDEC Code EIAJ Code Weight
DP-32 -- SC-613 5.1 g
19
HN58V1001 Series
Package Dimensions (cont.)
HN58V1001FP Series (FP-32D)
Unit: mm
20.45 20.95 Max 32 17
1 1.00 Max
16 3.00 Max 0.22 0.05 0.20 0.04 14.14 0.30 1.42
11.30
1.27 0.40 0.08 0.38 0.06
0.10 0.15 M
0.12 0.15 + 0.10 -
0 - 8 0.80 0.20
Hitachi Code JEDEC Code EIAJ Code Weight
FP-32D -- -- 1.3 g
20
HN58V1001 Series
Package Dimensions (cont.)
HN58V1001T Series (TFP-32DA)
Unit: mm
8.00 8.20 Max 32 17 12.40 1 16 0.50 0.22 0.08 0.20 0.06 0.08 M 14.00 0.20 0 - 5 0.50 0.10 0.80 0.45 Max 0.17 0.05 0.125 0.04 1.20 Max
0.10
0.13 0.05
Hitachi Code JEDEC Code EIAJ Code Weight
TFP-32DA MO-142BA SC-663 0.26 g
21
HN58V1001 Series
When using this document, keep the following in mind: 1. This document may, wholly or partially, be subject to change without notice. 2. All rights are reserved: No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without Hitachi's permission. 3. Hitachi will not be held responsible for any damage to the user that may result from accidents or any other reasons during operation of the user's unit according to this document. 4. Circuitry and other examples described herein are meant merely to indicate the characteristics and performance of Hitachi's semiconductor products. Hitachi assumes no responsibility for any intellectual property claims or other problems that may result from applications based on the examples described herein. 5. No license is granted by implication or otherwise under any patents or other rights of any third party or Hitachi, Ltd. 6. MEDICAL APPLICATIONS: Hitachi's products are not authorized for use in MEDICAL APPLICATIONS without the written consent of the appropriate officer of Hitachi's sales company. Such use includes, but is not limited to, use in life support systems. Buyers of Hitachi's products are requested to notify the relevant Hitachi sales offices when planning to use the products in MEDICAL APPLICATIONS.
Hitachi, Ltd.
Semiconductor & IC Div. Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100, Japan Tel: Tokyo (03) 3270-2111 Fax: (03) 3270-5109 For further information write to: Hitachi America, Ltd. Semiconductor & IC Div. 2000 Sierra Point Parkway Brisbane, CA. 94005-1835 USA Tel: 415-589-8300 Fax: 415-583-4207
Hitachi Europe GmbH Electronic Components Group Continental Europe Dornacher Strae 3 D-85622 Feldkirchen Munchen Tel: 089-9 91 80-0 Fax: 089-9 29 30 00
Hitachi Europe Ltd. Electronic Components Div. Northern Europe Headquarters Whitebrook Park Lower Cookham Road Maidenhead Berkshire SL6 8YA United Kingdom Tel: 0628-585000 Fax: 0628-778322
Hitachi Asia Pte. Ltd. 16 Collyer Quay #20-00 Hitachi Tower Singapore 0104 Tel: 535-2100 Fax: 535-1533 Hitachi Asia (Hong Kong) Ltd. Unit 706, North Tower, World Finance Centre, Harbour City, Canton Road Tsim Sha Tsui, Kowloon Hong Kong Tel: 27359218 Fax: 27306071
22
HN58V1001 Series
Revision Record
Rev. 0.0 1.0 Date Jul. 11, 1991 Contents of Modification Initial issue Drawn by K. Furusawa K. Furusawa Approved by T. Wada T. Wada
Jan. 30, 1992 HN58V1001P/FP/T/R-20 to HN58V1001P/FP/T/R-25 Low power dissipation 100 W max (standby) to 110 W max (standby) Pin Description VCC power: +5 V to +3V Recommended DC Operating Conditions VIH min: 1.9 V to 2.0 V VIH max: V CC+1 V to VCC+0.3 V VH min: VCC-1 V to VCC-0.5 V DC Characteristics I CC3 max: 10 mA to 6 mA 25 mA to 15 mA I CC3 test conditions: cycle = 1 s/200 ns to cycle = 1 s/250 ns at VCC = 3.3 V AC Characteristics t ACC /tCE max: 200 ns to 250 ns t OE max: 90 ns to 120 ns t DF max: 70 ns to 50 ns t WC min: 10 ms to 15 ms t CS/tCH to tWS/tWH (CE Controlled) t DL min: 300 ns to 750 ns t BLC min: 0.55 s to 1.0 s t DW min: 150 ns to 250 ns Functional Description Deletion of Write Protection(2) Change of Data Protection 2 Software data protection Address: AAAA to AAAA or 2AAA Change of Read Timing Waveform
2.0
K. Furusawa Feb. 20, 1993 Mode Selection I/O (11-13, 15-19) to I/O (13-15, 17-21) DC Characteristics VIH min: 2.0 V to 1.9 V AC Characteristics t RR max: 450 ns to 600 ns t DH min: 0 ns to 10 ns Deletion of Mode Description Addition of Reset function Change of erase/write cycles in page mode: 10 5 to104 Change of erase/write cycles in byte mode: 10 4 to103 Functional Description 10 ms to 15 ms Apr. 23, 1993 Addition of Toggle Bit M. Terasawa
K. Furusawa
3.0
K. Furusawa
23
HN58V1001 Series
Revision Record (cont.)
Rev. 4.0 Date Contents of Modification Drawn by M. Terasawa Approved by T. Muto Nov.25, 1994 Capacitance Addition of note: 1 AC Characteristics Write cycle: Addition of note 2,3 Addition of t DW min: 250 ns Page write timing waveform Addition of note: 1 May. 23, 1995 Deletion of HN58V1001R series (TFP-32DAR) Apr. 30, 1997 Change of format AC Characteristics Addition of note.7 Timing Waveforms Toggle bit Addition of note.3, 4 Functional Description Addition of CPU Reset timing waveform Data protection 3: Addition of note Package Dimensions Change of FP-32D, TFP-32DA
5.0 6.0
M. Terasawa
T. Muto
24


▲Up To Search▲   

 
Price & Availability of HN58V1001SERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X