Part Number Hot Search : 
SR315M50 D66ES620 XT5005 PTM10 D15XB60 C1555C SR315M50 IC16F
Product Description
Full Text Search
 

To Download HN58C256ASERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HN58C256A Series HN58C257A Series
32768-word x 8-bit Electrically Erasable and Programmable CMOS ROM
ADE-203-410C (Z) Rev. 3.0 May. 20, 1997 Description
The Hitachi HN58C256A and HN58C257A are electrically erasable and programmable ROMs organized as 32768-word x 8-bit. They have realized high speed low power consumption and high reliability by employing advanced MNOS memory technology and CMOS process and circuitry technology. They also have a 64-byte page programming function to make their write operations faster.
Features
* Single 5 V supply: 5 V 10% * Access time: 85 ns/100 ns (max) * Power dissipation Active: 20 mW/MHz, (typ) Standby: 110 W (max) * On-chip latches: address, data, CE, OE, WE * Automatic byte write: 10 ms max * Automatic page write (64 bytes): 10 ms max * Ready/Busy (only the HN58C257A series) * Data polling and Toggle bit * Data protection circuit on power on/off * Conforms to JEDEC byte-wide standard * Reliable CMOS with MNOS cell technology * 105 erase/write cycles (in page mode) * 10 years data retention * Software data protection * Write protection by RES pin (only the HN58C257A series) * Industrial versions (Temperatur range: - 20 to 85C and - 40 to 85C) are also available.
HN58C256A Series, HN58C257A Series
Ordering Information
Type No. HN58C256AP-85 HN58C256AP-10 HN58C256AFP-85 HN58C256AFP-10 HN58C256AT-85 HN58C256AT-10 HN58C257AT-85 HN58C257AT-10 Access time 85 ns 100 ns 85 ns 100 ns 85 ns 100 ns 85 ns 100 ns Package 600 mil 28-pin plastic DIP (DP-28) 400 mil 28-pin plastic SOP (FP-28D) 28-pin plastic TSOP (TFP-28DB) 8 x 14 mm 32-pin plastic TSOP (TFP-32DA)
Pin Arrangement
HN58C256AP/AFP Series A14 A12 A7 A6 A5 A4 A3 A2 A1 A0 I/O0 I/O1 I/O2 VSS 1 2 3 4 5 6 7 8 9 10 11 12 13 14 (Top view) 28 27 26 25 24 23 22 21 20 19 18 17 16 15 VCC WE A13 A8 A9 A11 OE A10 CE I/O7 I/O6 I/O5 I/O4 I/O3 A2 A1 A0 I/O0 I/O1 I/O2 VSS I/O3 I/O4 I/O5 I/O6 I/O7 CE A10 15 16 17 18 19 20 21 22 23 24 25 26 27 28 (Top view) HN58C257AT Series A2 A1 A0 NC I/O0 I/O1 I/O2 VSS I/O3 I/O4 I/O5 I/O6 I/O7 NC CE A10 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 (Top view) 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 A3 A4 A5 A6 A7 A12 A14 RDY/Busy VCC RES WE A13 A8 A9 A11 OE HN58C256AT Series 14 13 12 11 10 9 8 7 6 5 4 3 2 1 A3 A4 A5 A6 A7 A12 A14 VCC WE A13 A8 A9 A11 OE
2
HN58C256A Series, HN58C257A Series
Pin Description
Pin name A0 to A14 I/O0 to I/O7 OE CE WE VCC VSS RDY/Busy* RES* NC Note:
1 1
Function Address input Data input/output Output enable Chip enable Write enable Power supply Ground Ready busy Reset No connection
1. This function is supported by only the HN58C257A series.
Block Diagram
Note: This function is supported by only the HN58C257A series.
I/O0 High voltage generator
to
VCC VSS RES *1 OE CE WE RES *1 A0
to
I/O7
RDY/Busy *1
I/O buffer and input latch Control logic and timing
Y decoder
Y gating
A5 Address buffer and latch A6
to
X decoder
Memory array
A14
Data latch
3
HN58C256A Series, HN58C257A Series
Operation Table
Operation Read Standby Write Deselect Write inhibit CE VIL VIH VIL VIL x x Data polling Program reset VIL x OE VIL x*
2
WE VIH x VIL VIH VIH x VIH x
RES* 3 VH * x VH VH x x VH VIL
1
RDY/Busy* 3 High-Z High-Z High-Z to V OL High-Z -- -- VOL High-Z
I/O Dout High-Z Din High-Z -- -- Dout (I/O7) High-Z
VIH VIH x VIL VIL x
Notes: 1. Refer to the recommended DC operating condition. 2. x : Don't care 3. This function is supported by only the HN58C257A series.
Absolute Maximum Ratings
Parameter Power supply voltage rerative to V SS Input voltage rerative to V SS Operationg temperature range* Storage temperature range
2
Symbol VCC Vin Topr Tstg
Value -0.6 to +7.0 -0.5* to +7.0* 0 to +70 -55 to +125
1 3
Unit V V C C
Notes: 1. Vin min = -3.0 V for pulse width 50 ns 2. Including electrical characteristics and data retention 3. Should not exceed VCC + 1 V.
4
HN58C256A Series, HN58C257A Series
Recommended DC Operating Conditions
Parameter Supply voltage Symbol VCC VSS Input voltage VIL VIH VH * Operating temperature
3
Min 4.5 0 -0.3* 2.2 VCC - 0.5 0
1
Typ 5.0 0 -- -- -- --
Max 5.5 0 0.8
2
Unit V V V
VCC + 0.3* V VCC + 1.0 70 V C
Topr
Notes: 1. VIL min: -1.0 V for pulse width 50 ns. 2. VIH max: VCC + 1.0 V for pulse width 50 ns. 3. This function is supported by only the HN58C257A series.
DC Characteristics (Ta = 0 to +70C, VCC = 5.0 V10%)
Parameter Input leakage current Output leakage current Standby V CC current Symbol I LI I LO I CC1 I CC2 Operating VCC current I CC3 Min -- -- -- -- -- -- Output low voltage Output high voltage Note: VOL VOH -- 2.4 Typ -- -- -- -- -- -- -- -- Max 2* 2 20 1 12 30 0.4 --
1
Unit A A A mA mA mA V V
Test conditions VCC = 5.5 V, Vin = 5.5 V VCC = 5.5 V, Vout = 5.5/0.4 V CE = VCC CE = VIH Iout = 0 mA, Duty = 100%, Cycle = 1 s at VCC = 5.5 V Iout = 0 mA, Duty = 100%, Cycle = 85 ns at VCC = 5.5 V I OL = 2.1 mA I OH = -400 A
1. I LI on RES = 100 A max (only the HN58C257A series)
Capacitance (Ta = +25C, f = 1 MHz)
Parameter Input capacitance*
1 1
Symbol Cin Cout
Min -- --
Typ -- --
Max 6 12
Unit pF pF
Test conditions Vin = 0 V Vout = 0 V
Output capacitance* Note:
1. This parameter is periodically sampled and not 100% tested.
5
HN58C256A Series, HN58C257A Series
AC Characteristics (Ta = 0 to +70C, VCC = 5 V10%)
Test Conditions * Input pulse levels: 0.4 V to 3.0 V 0 V to VCC (RES pin*2) * Input rise and fall time: 20 ns * Input timing reference levels: 0.8, 2.0 V * Output load: 1TTL Gate +100 pF * Output reference levels: 1.5 V, 1.5 V Read Cycle
HN58C256A/HN58C257A -85 Parameter Address to output delay CE to output delay OE to output delay Address to output hold OE (CE) high to output float*1 RES low to output float* RES to output delay*2
1, 2
-10 Max 85 85 40 -- 40 350 450 Min -- -- 10 0 0 0 0 Max 100 100 50 -- 40 350 450 Unit ns ns ns ns ns ns ns Test conditions CE = OE = VIL, WE = VIH OE = VIL, WE = VIH CE = VIL, WE = VIH CE = OE = VIL, WE = VIH CE = VIL, WE = VIH CE = OE = VIL, WE = VIH CE = OE = VIL, WE = VIH
Symbol Min t ACC t CE t OE t OH t DF t DFR t RR -- -- 10 0 0 0 0
6
HN58C256A Series, HN58C257A Series
Write Cycle
Parameter Address setup time Address hold time CE to write setup time (WE controlled) CE hold time (WE controlled) WE to write setup time (CE controlled) WE hold time (CE controlled) OE to write setup time OE hold time Data setup time Data hold time WE pulse width (WE controlled) CE pulse width (CE controlled) Data latch time Byte load cycle Byte load window Write cycle time Time to device busy Write start time Reset protect time* Reset high time*
2, 6 2
Symbol t AS t AH t CS t CH t WS t WH t OES t OEH t DS t DH t WP t CW t DL t BLC t BL t WC t DB t DW t RP t RES
Min*3 0 50 0 0 0 0 0 0 50 0 100 100 50 0.2 100 -- 120 0*
5
Typ -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- --
Max -- -- -- -- -- -- -- -- -- -- -- -- -- 30 -- 10* -- -- -- --
4
Unit ns ns ns ns ns ns ns ns ns ns ns ns ns s s ms ns ns s s
Test conditions
100 1
Notes: 1. t DF and t DFR are defined as the time at which the outputs achieve the open circuit conditions and are no longer driven. 2. This function is supported by only the HN58C257A series. 3. Use this device in longer cycle than this value. 4. t WC must be longer than this value unless polling techniques or RDY/Busy (only the HN58C257A series) are used. This device automatically completes the internal write operation within this value. 5. Next read or write operation can be initiated after t DW if polling techniques or RDY/Busy (only the HN58C257A series) are used. 6. This parameter is sampled and not 100% tested. 7. A6 through A14 are page address and these addresses are latched at the first falling edge of WE. 8. A6 through A14 are page address and these addresses are latched at the first falling edge of CE. 9. See AC read characteristics.
7
HN58C256A Series, HN58C257A Series
Read Timing Waveform
Address tACC CE tCE OE tOE WE High-Z tDF tOH
Data Out tRR
Data out valid tDFR
RES *2
8
HN58C256A Series, HN58C257A Series
Byte Write Timing Waveform (1) (WE Controlled)
tWC Address tCS CE tAS WE tOES OE tDS Din tDW RDY/Busy *2 High-Z tRP tDB High-Z tDH tOEH tBL tAH tCH
tWP
tRES RES *2 VCC
9
HN58C256A Series, HN58C257A Series
Byte Write Timing Waveform (2) (CE Controlled)
Address tWS CE tAS WE tOES OE tDS Din tDW RDY/Busy *2 High-Z tRP tRES RES *2 tDB High-Z tDH tOEH tAH tCW tWH tBL tWC
VCC
10
HN58C256A Series, HN58C257A Series
Page Write Timing Waveform (1) (WE Controlled)
*7
Address A0 to A14
tAS WE tCS CE tOES OE
tAH tWP tDL tCH tBLC
tBL
tWC
tOEH tDH
tDS
Din tDB tDW High-Z
RDY/Busy *2
High-Z
tRP
RES *2
tRES
VCC
11
HN58C256A Series, HN58C257A Series
Page Write Timing Waveform (2) (CE Controlled)
*8
Address A0 to A14 CE
tAS
tAH tCW tDL tBLC
tBL
tWS WE
tWH
tWC
tOEH tOES OE tDH tDS
Din tDB tDW High-Z
RDY/Busy *2
High-Z
tRP
RES *2
tRES
VCC
12
HN58C256A Series, HN58C257A Series
Data Polling Timing Waveform
Address
An
An
An
CE
WE
tOEH
tCE *9
tOES
OE tOE*9 I/O7 Din X Dout X Dout X tWC tDW
13
HN58C256A Series, HN58C257A Series
Toggle bit This device provide another function to determine the internal programming cycle. If the EEPROM is set to read mode during the internal programming cycle, I/O6 will charge from "1" to "0" (toggling) for each read. When the internal programming cycle is finished, toggling of I/O6 will stop and the device can be accessible for next read or program. Toggle bit Waveform Notes: 1. 2. 3. 4. I/O6 beginning state is "1". I/O6 ending state will vary. See AC read characteristics. Any address location can be used, but the address must be fixed.
Next mode
*4
Address tCE *3 CE
WE tOE OE tOEH
*1 *2 *2
*3
tOES
I/O6
Din
Dout
Dout tWC
Dout
Dout tDW
14
HN58C256A Series, HN58C257A Series
Software Data Protection Timing Waveform (1) (in protection mode)
VCC
CE
WE tBLC Address Data 5555 AA 2AAA 55 5555 A0 Write address Write data tWC
Software Data Protection Timing Waveform (2) (in non-protection mode)
VCC
tWC
Normal active mode
CE
WE
Address Data
5555 2AAA 5555 5555 2AAA 5555 AA 55 80 AA 55 20
15
HN58C256A Series, HN58C257A Series
Functional Description
Automatic Page Write Page-mode write feature allows 1 to 64 bytes of data to be written into the EEPROM in a single write cycle. Following the initial byte cycle, an additional 1 to 63 bytes can be written in the same manner. Each additional byte load cycle must be started within 30 s from the preceding falling edge of WE or CE. When CE or WE is high for 100 s after data input, the EEPROM enters write mode automatically and the input data are written into the EEPROM. Data Polling Data polling indicates the status that the EEPROM is in a write cycle or not. If EEPROM is set to read mode during a write cycle, an inversion of the last byte of data outputs from I/O7 to indicate that the EEPROM is performing a write operation. RDY/Busy Signal (only the HN58C257A series) RDY/Busy signal also allows status of the EEPROM to be determined. The RDY/Busy signal has high impedance except in write cycle and is lowered to V OL after the first write signal. At the end of a write cycle, the RDY/Busy signal changes state to high impedance. RES Signal (only the HN58C257A series) When RES is low, the EEPROM cannot be read or programmed. Therefore, data can be protected by keeping RES low when VCC is switched. RES should be high during read and programming because it doesn't provide a latch function.
VCC
Read inhibit
Read inhibit
RES
Program inhibit
Program inhibit
16
HN58C256A Series, HN58C257A Series
WE, CE Pin Operation During a write cycle, addresses are latched by the falling edge of WE or CE, and data is latched by the rising edge of WE or CE. Write/Erase Endurance and Data Retention Time The endurance is 10 5 cycles in case of the page programming and 104 cycles in case of the byte programming (1% cumulative failure rate). The data retention time is more than 10 years when a device is pageprogrammed less than 104 cycles. Data Protection 1. Data Protection against Noise on Control Pins (CE, OE, WE) during Operation During readout or standby, noise on the control pins may act as a trigger and turn the EEPROM to programming mode by mistake. To prevent this phenomenon, this device has a noise cancelation function that cuts noise if its width is 20 ns or less. Be careful not to allow noise of a width of more than 20 ns on the control pins.
WE CE
VIH 0V
OE
VIH 0V
20 ns max
17
HN58C256A Series, HN58C257A Series
2. Data Protection at VCC On/Off When VCC is turned on or off, noise on the control pins generated by external circuits (CPU, etc) may act as a trigger and turn the EEPROM to program mode by mistake. To prevent this unintentional programming, the EEPROM must be kept in an unprogrammable state while the CPU is in an unstable state. Note: The EEPROM shoud be kept in unprogrammable state during V CC on/off by using CPU RESET signal.
VCC CPU RESET * Unprogrammable
* Unprogrammable
(1) Protection by CE, OE, WE To realize the unprogrammable state, the input level of control pins must be held as shown in the table below.
CE OE WE VCC x x x VSS x x x VCC
x: Don't care. VCC: Pull-up to VCC level. VSS : Pull-down to V SS level.
18
HN58C256A Series, HN58C257A Series
(2) Protection by RES (only the HN58C257A series) The unprogrammable state can be realized by that the CPU's reset signal inputs directly to the EEPROM's RES pin. RES should be kept VSS level during VCC on/off. The EEPROM breaks off programming operation when RES becomes low, programming operation doesn't finish correctly in case that RES falls low during programming operation. RES should be kept high for 10 ms after the last data input.
VCC
RES Program inhibit WE or CE Program inhibit
1 s min 100 s min
10 ms min
19
HN58C256A Series, HN58C257A Series
3. Software data protection To prevent unintentional programming, this device has the software data protection (SDP) mode. The SDP is enabled by inputting the following 3 bytes code and write data. SDP is not enabled if only the 3 bytes code is input. To program data in the SDP enable mode, 3 bytes code must be input before write data.
Address Data
5555 AA 2AAA 55 5555 A0 Write address Write data } Normal data input
The SDP mode is disabled by inputting the following 6 bytes code. Note that, if data is input in the SDP disable cycle, data can not be written.
Address 5555 2AAA 5555 5555 2AAA 5555 Data AA 55 80 AA 55 20
The software data protection is not enabled at the shipment. Note: There are some differences between Hitachi's and other company's for enable/disable sequence of software data protection. If there are any questions , please contact with Hitachi sales offices.
20
HN58C256A Series, HN58C257A Series
Package Dimensions
HN58C256AP Series (DP-28)
Unit: mm
28
35.6 36.5 Max
15
1
1.2 1.9 Max
14 2.54 Min 5.70 Max 15.24
0.51 Min
13.4 14.6 Max
0.25 - 0.05 0 - 15
+ 0.11
2.54 0.25
0.48 0.10
Hitachi Code JEDEC Code EIAJ Code Weight
DP-28 -- SC-510-28E 4.6 g
21
HN58C256A Series, HN58C257A Series
HN58C256AFP Series (FP-28D)
Unit: mm
18.3 18.8 Max 28 15 8.4 1 1.12 Max 14 2.50 Max
0.17 0.05 0.15 0.04
11.8 0.3 1.7 0 - 10
1.27
0.15 0.40 0.08 0.38 0.06 0.20 M
0.20 0.10
1.0 0.2
Hitachi Code JEDEC Code EIAJ Code Weight
FP-28D MO-059-AC -- 0.7 g
22
HN58C256A Series, HN58C257A Series
HN58C256AT Series (TFP-28DB)
Unit: mm
8.00 8.20 Max 28 15
1
14 0.55
0.22 0.08 0.08 M 0.20 0.06 0.45 Max
11.80
13.40 0.30 0 - 5 0.17 0.05 0.15 0.04
0.80
1.20 Max
0.10
0.13 -0.08
+0.07
0.50 0.10
Hitachi Code JEDEC Code EIAJ Code Weight
TFP-28DB -- -- 0.23 g
23
HN58C256A Series, HN58C257A Series
HN58C257AT Series (TFP-32DA)
Unit: mm
8.00 8.20 Max 32 17 12.40 1 16 0.50 0.22 0.08 0.20 0.06 0.08 M 14.00 0.20 0 - 5 0.50 0.10 0.80 0.45 Max 0.17 0.05 0.125 0.04 1.20 Max
0.10
0.13 0.05
Hitachi Code JEDEC Code EIAJ Code Weight
TFP-32DA MO-142BA SC-663 0.26 g
24
HN58C256A Series, HN58C257A Series
When using this document, keep the following in mind: 1. This document may, wholly or partially, be subject to change without notice. 2. All rights are reserved: No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without Hitachi's permission. 3. Hitachi will not be held responsible for any damage to the user that may result from accidents or any other reasons during operation of the user's unit according to this document. 4. Circuitry and other examples described herein are meant merely to indicate the characteristics and performance of Hitachi's semiconductor products. Hitachi assumes no responsibility for any intellectual property claims or other problems that may result from applications based on the examples described herein. 5. No license is granted by implication or otherwise under any patents or other rights of any third party or Hitachi, Ltd. 6. MEDICAL APPLICATIONS: Hitachi's products are not authorized for use in MEDICAL APPLICATIONS without the written consent of the appropriate officer of Hitachi's sales company. Such use includes, but is not limited to, use in life support systems. Buyers of Hitachi's products are requested to notify the relevant Hitachi sales offices when planning to use the products in MEDICAL APPLICATIONS.
Hitachi, Ltd.
Semiconductor & IC Div. Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100, Japan Tel: Tokyo (03) 3270-2111 Fax: (03) 3270-5109 For further information write to: Hitachi America, Ltd. Semiconductor & IC Div. 2000 Sierra Point Parkway Brisbane, CA. 94005-1835 USA Tel: 415-589-8300 Fax: 415-583-4207
Hitachi Europe GmbH Electronic Components Group Continental Europe Dornacher Strae 3 D-85622 Feldkirchen Munchen Tel: 089-9 91 80-0 Fax: 089-9 29 30 00
Hitachi Europe Ltd. Electronic Components Div. Northern Europe Headquarters Whitebrook Park Lower Cookham Road Maidenhead Berkshire SL6 8YA United Kingdom Tel: 0628-585000 Fax: 0628-778322
Hitachi Asia Pte. Ltd. 16 Collyer Quay #20-00 Hitachi Tower Singapore 0104 Tel: 535-2100 Fax: 535-1533 Hitachi Asia (Hong Kong) Ltd. Unit 706, North Tower, World Finance Centre, Harbour City, Canton Road Tsim Sha Tsui, Kowloon Hong Kong Tel: 27359218 Fax: 27306071
Copyright (c) Hitachi, Ltd., 1997. All rights reserved. Printed in Japan.
25
HN58C256A Series, HN58C257A Series
Revision Record
Rev. 0.0 1.0 Date Jun. 19, 1995 May. 17, 1996 Contents of Modification Initial issue Drawn by Y. Nagai Approved by T. Muto T. Wada
Y. Nagai Change of format Absolute Maximun Ratings Addition of note 4 Recommended DC Operating Conditions VIH (min): 3.0 V to 2.2 V AC Characteristics VOH (min): VCC x 0.8 V to 2.4 V AC Characteristics Input pulse levels: 0 V to 3.0 V to 0.4 V to 3.0 V Data Polling Timing Waveform Addition of note 1 Toggle bit Waveform Addition of note 4 Recommended DC Operating Conditions VIL (max): 0.6 V to 0.8 V Functional Description Data Protection 3: Addition of note Functional Description Data Protection 3: Change of Description Y. Nagai
2.0
Feb. 27, 1997
K. Furusawa
3.0
May. 20, 1997
26


▲Up To Search▲   

 
Price & Availability of HN58C256ASERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X