Part Number Hot Search : 
BAS170 UZ6722 P6548T DTC124EA SBR30 BFG17A GM2120 5261B
Product Description
Full Text Search
 

To Download HJ44H11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6005-B Issued Date : 1994.11.09 Revised Date : 2000.11.01 Page No. : 1/3
HJ44H11
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HJ44H11 is designed for various specific and general purpose applications, such as: output and driver stages of amplifiers operating at frequencies from DC to greater than 1MHz;series, shunt and switching regulators; low and high frequency inverters/converters; and many others.
Absolute Maximum Ratings (Ta=25C)
* Maximum Temperatures Storage Temperature ............................................................................................ -55 ~ +150 C Junction Temperature .................................................................................................... +150 C * Maximum Power Dissipation Total Power Dissipation (Tc=25C) .................................................................................... 20 W * Maximum Voltages and Currents BVCEO Collector to Base Voltage ...................................................................................... 80 V BVCES Collector to Emitter Voltage ................................................................................... 80 V BVEBO Emitter to Base Voltage ........................................................................................... 5 V IC Collector Current ............................................................................................................. 8 A IB Base Current .................................................................................................................... 5 A
Characteristics (Ta=25C)
Symbol BVCEO BVCES BVEBO ICES IEBO *VCE(sat) *VBE(sat) *hFE1 *hFE2 Cob fT Min. 80 80 5 60 40 Typ. 130 50 Max. 10 50 1 1.5 Unit V V V uA uA V V Test Conditions IC=30mA, IB=0 IC=1mA, IB=0 IE=1mA, IC=0 VCB=80V, VEB=0 VEB=5V, IC=0 IC=8A, IB=0.4A IC=8A, IB=0.8A VCE=1V, IC=2A VCE=1V, IC=4A VCB=10V, VCE=10V, IC=500mA, f=20MHz
*Pulse Test : Pulse Width 380us, Duty Cycle2%
pF MHz
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
1000 1000
Spec. No. : HE6005-B Issued Date : 1994.11.09 Revised Date : 2000.11.01 Page No. : 2/3
Saturation Voltage & Collector Current
100 VCE=1V
Saturation Voltage (mV)
hFE
100 VCE(sat) @ IC=20IB
10 100
10 1000 10000 10 100 1000 10000
Collector Current (mA)
Collector Current (mA)
Saturation Voltage & Collector Current
10000 1000
Capacitance & Reverse-Biased Voltage
Saturation Voltage (mV)
Capacitance (Pf)
1000 VBE(sat) @ IC=10IB
100
Cob
100 100
10 1000 10000 1 10 100
Collector Current (mA)
Reverse Biased Voltage (V)
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-252 Dimension
A C
Spec. No. : HE6005-B Issued Date : 1994.11.09 Revised Date : 2000.11.01 Page No. : 3/3
Marking :
HSMC Logo Part Number Date Code Product Series Rank
B
D
L
F
G
Ink Mark
Style : Pin 1.Base 2.Collector 3.Emitter
3 H E K 2 I 1 J
3-Lead TO-252 Plastic Surface Mount Package HSMC Package Code : J *:Typical
DIM A B C D E F
Inches Min. Max. 0.0177 0.0217 0.0650 0.0768 0.0354 0.0591 0.0177 0.0236 0.2520 0.2677 0.2125 0.2283
Millimeters Min. Max. 0.45 0.55 1.65 1.95 0.90 1.50 0.45 0.60 6.40 6.80 5.40 5.80
DIM G H I J K L
Inches Min. Max. 0.0866 0.1102 *0.0906 0.0354 0.0315 0.2047 0.2165 0.0551 0.0630
Millimeters Min. Max. 2.20 2.80 *2.30 0.90 0.80 5.20 5.50 1.40 1.60
Notes : 1.Dimension and tolerance based on our Spec. dated May. 05,1996.
2.Controlling dimension : millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material :
* Lead : 42 Alloy ; solder plating * Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory :
* Head Office (Hi-Sincerity Microelectronics Corp.) : 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel : 886-2-25212056 Fax : 886-2-25632712, 25368454 * Factory 1 : No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5983621~5 Fax : 886-3-5982931 * Factory 2 : No. 17-1, Ta-Tung Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5977061 Fax : 886-3-5979220
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HJ44H11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X