Part Number Hot Search : 
TA1811DN E005671 6M4028E FBM11PT ASI10 681KD20 OPV330 SF36G
Product Description
Full Text Search
 

To Download GL3276A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GL3276A
GL3276A
Description
The GL3276A is a bipolar analog ICs specifically developed for use in infrared remote control system receiving preamplifiers. Capable of accepting a photodiode directly, these ICs house a high gain initial amplifier, a limiter, a band-pass filter, a detection circuit and a waveform shaping circuit assembled on a single chip.
Pin configuration
(SOP)
* Less changes of malfunction associated with a high-frequency lighting fluorscent lamp internal trap circuit. * The central frequency can be varied with an external resistance: fo=30 to 80KHz fo rimming reduce central frequency variance. * Few external parts. Internal pull-up resistance and power filter resistance. Lower-capacitance external capacitor * Open collector output Open collector output with a pull-up resistance.
Features
VCC1 Out VCC2 fo
1 2 GL3276A 3 4
8 7 6 5
IN+ INCD GND
Block Diagram
4 3
f0
VCC2 RS
1
VCC1
20
BPF Initial Stage amplifier Limiter + TRAP
Waveform shaper
IN+
Detector
RL OUT
2
OUTPUT
ABLC
IN7
GND
5
CD
20
R1 C1
C2
1
GL3276A Absolute Maximum Ratings(Ta=25 ) E
SYMBOL VCC IOUT PD TOPR TSTG PARAMETER Supply voltage Output Current Allowable power dissipation Operating temperature Storage temperature VALUE 6.0 2.5 270 - 20 to +75 -40 to +125 UNIT V mA mW E E
Recommended Operating Condition
SYMBOL VCC fIN PARAMETER Supply voltage Input frequency MIN 4.5 30 TYP 5.0 38 MAX 5.5 80 UNIT V KHz
Electrical characteristics (VCC = 5.0V, Ta = 2.5 ) E
SYMBOL ICC VIN AV FBW rIN tPW1 Output pulse width tPW2 VOL VOH Note 1 : rIN = Low Level output voltage Low Level output voltage
47 ( VIN VX ) 1
PARAMETER Supply current Input voltage Voltage gain BPF bandwidth Input impedance
TEST CONDITION
MIN
TYP 1.2
MAX 2.8 3.1 1.7 80 3.0 160 770 770
UNIT mA V dB KHz K U
S
REMARK
IIN = 0A IIN=-330 A fIN=38kHz VIN=30 VP-P -3dB Bandwidth VIN=30 VP-P fIN=38kHz CW VIN=0.2 VP-P fIN=38kHz burstwave VIN=500 VP-P fIN=38kHz burstwave VIN=50mVP-P
2.0 0.6 70 2.0 80 440 440
2.5 0.8 76 2.5 110
note
*
1
note
S
*
1
0.2 4.8 5.0
0.4
V V
K Uwhere VIN=input level, VX=test value) (
2 : input burst wave form output pulse
600 S 600 S
38KHz Carrier
2
GL3276A Pin Description
NO. 1 3 5 SYMBOL VCC1 VCC2 GND Power input Power output Ground PIN FUNCTION * Apply a voltage of 5V 3/410 % to pin 1. As the power is output to pin 3 through the internal power filter resistance, connect an electrolytic capacitor to pin 3. * With an internal impedance of 110 K U(typ.) pin 8 can accept a PIN photodiode directly. An automatic bias level control (ABLC) circuit prevents the input from being saturated by external light, assuring bias level stability for the input pin. * Initial amplifier differential inverted output. Its gain can be set up with an external impedance. * The central frequency of the band-pass filter can be varied with an external resistance. A built-in trap circuit prevents malfunctions associated with a highfrequency lighting fluorescent lamp. * Pin to which a detection capacitor is connected. * Open collector output with pull-up resistance. Its capability to drive a CMOS or TTL makes for easy connection with a receiving microcomputer. The GL3276A has an active low output.
8
IN +
Input
7
IN -
Initial amplifier Gain setup BPF frequency setup Detection capacitor Output
4
fo
6
CD
2
OUT
Sample Application Circuits 8 Pin Plastic SOP
C1 1500pF 0 to 1k 7 IN 6 CD 5 GND 0.01F
Photo diode
8 IN +
R1
GL3276A
VCC1 1 OUT 2 VCC2 3 f0 4
Power supply Output
130 k UR2) ( 47 F
3
GL3276A Typical Characteristics (TA = 25 E )
Supply Current vs. Supply Voltage
Frequency vs. Resistance (R2) Vcc=5V
2.5
90 80
ICC-Supply Current-mA
2 1.5
fo - Frequency-kHz
2.5 3 3.5 4 4.5 5 5.5 6.5
70 60 50 40
1 0.5
30 20 40 60 80 100 120 140 160 180 200
VCC-Supply Voltage
R2-Resistance-k U
Voltage Gain vs. Input Frequency 82 90 80
VCC=5V
Gain vs. Capacitance(C1)
Gain -dB
70 60 50 40 30 20 10 0 25 30 35 40 45 50
AV-Voltage Gain -dB
R2=130k U Vi=30 Vp-p i
78
74
V-Voltage
70
66
1000
2000
3000
4000
5000
fIN-Input Frequency
CI-Capacitance-pF Frequency
4


▲Up To Search▲   

 
Price & Availability of GL3276A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X