Part Number Hot Search : 
A3930 M4A20 CTA41AC6 15000 A3930 BZV80TRL EV0042 1N626
Product Description
Full Text Search
 

To Download FIN1102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FIN1102 LVDS 2 Port High Speed Repeater
January 2002 Revised February 2002
FIN1102 LVDS 2 Port High Speed Repeater
General Description
This 2 port repeater is designed for high speed interconnects utilizing Low Voltage Differential Signaling (LVDS) technology. The FIN1102 accepts and outputs LVDS levels with a typical differential output swing of 330 mV which provides low EMI at ultra low power dissipation even at high frequencies. The FIN1102 provides a VBB reference for AC coupling on the inputs. In addition the FIN1102 can also directly accept LVPECL, HSTL, and SSTL-2 for translation to LVDS.
Features
s Greater than 800 Mbps full differential path s 3.3V power supply operation s 3.5 ps maximum random jitter and 135 ps maximum deterministic jitter s Wide rail-to-rail common mode range s LVDS receiver inputs accept LVPECL, HSTL, and SSTL-2 directly s Ultra low power consumption s 20 ps typical channel-to-channel skew s Power off protection s > 7 kV HBM ESD Protection s Meets or exceeds the TIA/EIA-644-A LVDS standard s 14-lead TSSOP package saves space s Open circuit fail safe protection s VBB reference output
Ordering Code:
Order Number FIN1102MTC Package Number MTC14 Package Description 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Devices also available in Tape and Reel. Specify by appending suffix letter "X" to the ordering code.
Pin Descriptions
Pin Name RIN1+, RIN2+ RIN1-, RIN2- Description Non-inverting LVDS Input Inverting LVDS Input
Connection Diagram
DOUT1+, DOUT2+ Non-inverting Driver Output DOUT1-, DOUT2- Inverting Driver Output EN VCC GND VBB Driver Enable Pin for All Output Power Supply Ground Reference Voltage Output
Function Table
Inputs EN H H H L
H = HIGH Logic Level L = LOW Logic Level X = Don't Care Z = High Impedance
Outputs DIN- L H X DOUT+ H L H Z DOUT- L H L Z
Functional Diagram
DIN+ H L X
Fail Safe Case
(c) 2002 Fairchild Semiconductor Corporation
DS500657
www.fairchildsemi.com
FIN1102
Absolute Maximum Ratings(Note 1)
Supply Voltage (VCC) LVDS DC Input Voltage (VIN) LVDS DC Output Voltage (VOUT) Driver Short Circuit Current (IOSD) Storage Temperature Range (TSTG) Max Junction Temperature (TJ) Lead Temperature (TL) (Soldering, 10 seconds) ESD (Human Body Model) ESD (Machine Model) 260C 7000V 300V
-0.5V to +4.6V -0.5V to +4.6V -0.5V to +4.6V
Continuous 10 mA
Recommended Operating Conditions
Supply Voltage (VCC) Magnitude of Differential Voltage (|VID|) Common Mode Voltage Range (VIC) Operating Temperature (TA) (0V + |VID|/2) to (VCC - |VID|/2) 100 mV to VCC 3.0V to 3.6V
-65C to +150C
150C
-40C to +85C
Note 1: The "Absolute Maximum Ratings": are those values beyond which damage to the device may occur. The databook specifications should be met, without exception, to ensure that the system design is reliable over its power supply, temperature and output/input loading variables. Fairchild does not recommend operation of circuits outside databook specification.
DC Electrical Characteristics
Symbol VTH VTL VIH VIL VOD VOD VOS VOS IOS Parameter Test Conditions Min Typ (Note 2) 100 -100 2.0 GND 250 RL = 100 , Driver Enabled, See Figure 2 1.125 1.23 330 VCC 0.8 450 25 1.375 25 DOUT+ = 0V and DOUT- = 0V, Driver Enabled VOD = 0V, Driver Enabled IIN IOFF ICCZ ICC IOZ VIC CIN COUT VBB Input Current (EN, DINx+, DINx-) VIN = 0V to VCC, Other Input = V CC or 0V (for Differential Inputs) Power Off Input or Output Current VCC = 0V, VIN or VOUT = 0V to 3.6V Disabled Power Supply Current Power Supply Current Drivers Disabled Drivers Enabled, Any Valid Input Condition DOUT- = 0V to 3.6V Common Mode Voltage Range Input Capacitance Output Capacitance Output Reference Voltage VCC = 3.3V, IBB = 0 to -275 A 1.125 |VID| = 100 mV to VCC Enable Input LVDS Input 0V + |VID|/2 2.5 2.1 2.8 1.2 1.375 4 16.7 -3.4 3.4 -6 6 20 20 7 23 20 VCC - (|VID|/2) Max Units mV mV V V mV mV V mV mA mA A A mA mA A V pF pF V Differential Input Threshold HIGH See Figure 1; VIC = +0.05V, +1.2V, or VCC - 0.05V Differential Input Threshold LOW Input HIGH Voltage (EN) Input LOW Voltage (EN) Output Differential Voltage VOD Magnitude Change from Differential LOW-to-HIGH Offset Voltage Offset Magnitude Change from Differential LOW-to-HIGH Short Circuit Output Current See Figure 1; VIC = +0.05V, +1.2V, or VCC - 0.05V
Disabled Output Leakage Current Driver Disabled, DOUT+ = 0V to 3.6V or
Note 2: All typical values are at TA = 25C and with VCC = 3.3V.
www.fairchildsemi.com
2
FIN1102
AC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified
Symbol tPLHD tPHLD tTLHD tTHLD tSK(P) tSK(LH), tSK(HL) tSK(PP) fMAX tPZHD tPZLD tPHZD tPLZD tDJ tRJ Parameter Differential Output Propagation Delay LOW-to-HIGH Differential Output Propagation Delay HIGH-to-LOW Differential Output Fall Time (80% to 20%) Pulse Skew |tPLH - tPHL| Channel-to-Channel Skew (Note 4) Part-to-Part Skew (Note 5) Maximum Frequency (Note 6)(Note 7) Differential Output Enable Time from Z to HIGH Differential Output Enable Time from Z to LOW Differential Output Disable Time from HIGH to Z Differential Output Disable Time from LOW to Z LVDS Data Jitter, Deterministic LVDS Clock Jitter, Random (RMS) |VID| = 300 mV, PRBS = 223 - 1, VIC = 1.2V at 800 Mbps |VID| = 300 mV, VIC = 1.2V at 400 MHz RL = 100 , CL = 5 pF, See Figure 5 and Figure 6 400 800 2.3 2.5 1.6 1.9 85 2.1 5 5 5 5 135 3.5 RL = 100 , CL = 5 pF, VIC = |VID|/2 to VCC - (|VID|/2), Duty Cycle = 50%, See Figure 3 and Figure 4 Differential Output Rise Time (20% to 80%) |VID| = 200 mV to 450 mV, Test Conditions Min Typ (Note 3) 0.75 0.75 0.29 0.29 1.1 1.1 0.4 0.4 0.02 0.02 0.02 1.75 1.75 0.58 0.58 0.2 0.15 0.5 Max Units ns ns ns ns ns ns ns MHz ns ns ns ns ps ps
Note 3: All typical values are at TA = 25C and with VCC = 3.3V, VID = 300 mV, VIC = 1.2V, unless otherwise specified. Note 4: tSK(LH), tSK(HL) is the skew between specified outputs of a single device when the outputs have identical loads and are switching in the same direction. Note 5: tSK(PP) is the magnitude of the difference in differential propagation delay times between identical channels of two devices switching in the same direction (either Low-to-HIGH or HIGH-to-LOW) when both devices operate with the same supply voltage, same temperature, and have identical test circuits. Note 6: Passing criteria for maximum frequency is the output VOD > 200 mV and the duty cycle is 45% to 55% with all channels switching. Note 7: Output loading is transmission line environment only; CL is < 1 pF of stray test fixture capacitance.
FIGURE 1. Differential Receiver Voltage Definitions and Propagation and Transition Time Test Circuit
Note A: All LVDS input pulses have frequency = 10 MHz, tR or tF < = 0.5 ns Note B: CL includes all probe and test fixture capacitances
FIGURE 2. Differential Driver DC Test Circuit
FIGURE 3. Differential Driver Propagation Delay and Transition Time Test Circuit
3
www.fairchildsemi.com
FIN1102
FIGURE 4. AC Waveform
Note A: All input pulses have frequency = 10MHz, tR or tF < = 2 ns Note B: CL includes all probe and test fixture capacitances
FIGURE 5. Differential Driver Enable and Disable Circuit
FIGURE 6. Enable and Disable AC Waveforms
www.fairchildsemi.com
4
FIN1102 LVDS 2 Port High Speed Repeater
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC14
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 5 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FIN1102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X