Part Number Hot Search : 
LS7216 PIC33EP MC13190D 4AVC16 N431K M6FHS ELECTRON 74484
Product Description
Full Text Search
 

To Download DS21354DK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DS21354DK T1 Single-Chip Transceiver Design Kit Daughter Card
www.maxim-ic.com
GENERAL DESCRIPTION
The DS21354 design kit is an evaluation board for the DS21354. The DS21354DK is intended to be used as a daughter card with either the DK2000 or the DK101 motherboards. The board is complete with a single-chip transceiver (SCT), transformers, termination resistors, configuration switches, line protection circuitry, network connectors, and an interface to the motherboard.
FEATURES
Expedites New Designs by Eliminating First-Pass Prototyping Interfaces Directly to the DK101 or DK2000 Motherboards Demonstrates Key Functions of the DS21354 High-Level Software Provides Visual Access to Registers Software Controlled (Register Mapped) Configuration Switches to Facilitate Clock and Signal Routing BNC Connections for 75W E1 Bantam and RJ48 Connectors for 120W T1 Multitap Transformer to Facilitate True Impedance Matching for 75W and 100W/120W Paths Network Interface Protection for Overvoltage and Overcurrent Events Testpoints and Prototype Area Available for Further Customization
ORDERING INFORMATION
PART DS21354DK DESCRIPTION DS21354 Design Kit Daughter Card
1 of 20
REV: 060303
DS21354DK T1 Single-Chip Transceiver Design Kit Daughter Card
TABLE OF CONTENTS
COMPONENT LIST.....................................................................................................................3 BASIC OPERATION....................................................................................................................4
HARDWARE CONFIGURATION .................................................................................................................. 4 QUICK SETUP (DEMO MODE) .................................................................................................................. 4 QUICK SETUP (REGISTER VIEW) ............................................................................................................. 4
REGISTER MAP..........................................................................................................................5
CPLD REGISTER MAP ........................................................................................................................... 5
DS21354 INFORMATION............................................................................................................7 DS21354DK INFORMATION.......................................................................................................7 TECHNICAL SUPPORT ..............................................................................................................7 SCHEMATICS .............................................................................................................................7
LIST OF TABLES
Table 1. Daughter Card Address Map .........................................................................................5 Table 2. CPLD Register Map .......................................................................................................5
2 of 20
DS21354DK T1 Single-Chip Transceiver Design Kit Daughter Card
COMPONENT LIST
DESIGNATION C1-C5, C8-C12, C15-C19, C21, C22, C29-C34 C7, C36 C13, C14 C23 C24-C27 C35 DS1, DS4-DS18 DS2, DS3 F1-F6 J1, J2 J3, J4 J5, J6 J7-J9 JT10 L1 R1, R14, R21 R2, R3, R58, R59 R4, R5, R60 R6, R9, R10, R13, R15-R19, R22, R23, R25-R29, R32, R37, R38, R44, R47-R49, R61 R7, R8, R11, R12, R30, R31, R35, R36, R39-R43, R45, R50-R53 R24 R33, R34 R46 R54, R55 R56, R57 RJ1 SW1 T1 U1-U4, U6 U5 U7-U10 U11 Z1, Z6-Z8 Z2, Z3 Z4, Z5 Z9, Z10 QTY 23 2 2 1 4 1 16 2 6 2 2 2 3 1 1 3 4 3 24 DESCRIPTION 0.1mF 10%, 16V ceramic capacitors (0603) 1mF 10%, 16V ceramic capacitors (1206) 0.1mF 10%, 16V ceramic capacitors (0805) 0.1mF 10%, 25V ceramic capacitor (1206) 0.22mF, 50V ceramic capacitors 10mF 20%, 16V tantalum capacitor (B case) LED, green, SMD LED, red, SMD 250V, 1.25A fuse, SMT Male 0.1, SMD, 50-pin, dual-row vertical Bantam connectors Connector BNC RA 5-pin Socket, SMD, 50-pin, dual-row vertical Connector, 10-pin, dual-row vertical Choke, dual 4-line 24mH, 8-pin SO 51.1W 1%, 1/8W resistors (1206) 0W 5%, 1/8W resistors (1206) 51.1W 1%, 1/10W resistors (0805) 10kW 1%, 1/10W resistors (0805) SUPPLIER Digi-Key Digi-Key Digi-Key Digi-Key Digi-Key Digi-Key Digi-Key Digi-Key Teccor Electronics Samtec SWK Kruvand Samtec Digi-Key Pulse Engineering Digi-Key Digi-Key Digi-Key Digi-Key PART 311-1088-1-ND PCC1882CT-ND 311-1142-1-ND PCC1883CT-ND UNK PCS3106CT-ND P501CT-ND P500CT-ND F1250T TSM-125-01-T-DV RTT34B02 UCBJR220 TFM-125-02-S-DLC S2012-05-ND PE-65857 P51.1FCT-ND P0.0ETR-ND P51.1CCT-ND P10.0KCCT-ND
18 1 2 1 2 2 1 1 1 5 1 4 1 4 2 2 2
330W 0.1%, 1/10W MF resistors (0805) 1.0kW 1%, 1/10W resistor (0805) NOPOP 4.7kW 1%, 1/8W resistor (0805) 61.9W 1%, 1/8W resistors (1206) 49.9W 1%, 1/8W resistors (1206) RJ48 connector Switch DPDT slide 6-pin TH XFMR 16-pin SMT BBUS switch 10-bit CMOS, 150-mil, 24-pin SO 144-pin macrocell CPLD Quad bus switch, 150-mil, 16-pin SO T1/E1/J1 XCVR 100-pin QFP, 0C to +70C 160V, 500A Sidactor 58V, 500A Sidactor 6V, 50A Sidactor 25V, 500A Sidactor
Digi-Key Digi-Key -- Digi-Key Digi-Key Digi-Key Molex Avnet Pulse Engineering IDT Avnet IDT Dallas Semiconductor Teccor Electronics Teccor Electronics Teccor Electronics Teccor Electronics
P330ZCT-ND P1.00KCCT-ND NOPOP 9C08052A4701FK HFT P61.9FCT-ND P49.9FCT-ND 43223 SSA22 TX1099 IDTQS3R861Q XC95144XL10TQ100C IDTQS3125Q DS2156L P1800SCMC P0640SCMC P0080SAMC P0300SCMC
3 of 20
DS21354DK T1 Single-Chip Transceiver Design Kit Daughter Card
BASIC OPERATION
This design kit relies upon several supporting files, which can be downloaded from our website at www.maximic.com/DS21354DK.
Hardware Configuration
Using the DK101 processor board: * Connect the daughter card to the DK101 processor board. * Supply 3.3V to the banana-plug receptacles marked GND and VCC_3.3V. (The external 5V connector and the TIM 5V supply headers are unused.) * All processor board DIP switch settings should be in the ON position with exception for the flash programming switch, which should be OFF. * From the Programs menu launch the host application named ChipView.exe. Run the ChipView application. If the default installation options were used, click the Start button on the Windows toolbar and select Programs(R)ChipView(R)ChipView. Using the DK2000 processor board: * Connect the daughter card to the DK2000 processor board. * Connect J1 to the power supply that is delivered with the kit. Alternately, a PC power supply can be connected to connector J2. * From the Programs menu launch the host application named ChipView.exe. Run the ChipView application. If the default installation options were used, click the Start button on the Windows toolbar and select Programs(R)ChipView(R)ChipView. General: * Upon power-up the RLOS LED is lit, as well as the MCLK-2.048MHz and TCLK-2.048MHz LEDs. * Due to the dual winding transformer, only the 120W line build-out configuration setting is needed to cover 75W E1 and 120W E1.
Quick Setup (Demo Mode)
* * * The PC loads the program, offering a choice among Demo Mode, Register View, and Terminal Mode. Select Demo Mode. The program requests a configuration file, then select DS21354_E1_DSNCOM_DRVR.cfg. The Demo Mode screen appears. Upon external loopback, the LOS and OOF indicators extinguish.
Quick Setup (Register View)
* * * * The PC loads the program, offering a choice among Demo Mode, Register View, and Terminal Mode. Select Register View. The program requests a definition file, then select DS21354.def. The Register View screen appears, showing the register names, acronyms, and values. Note: During the definition file load process, all registers are initialized according to the init value filed in the definition file (because the SETUP field in the .def file is turned on). Predefined register settings for several functions are available as initialization files. 3/4 INI files are loaded by selecting the menu File(R)Reg Ini File(R)Load Ini File. 3/4 Load the INI file DS21354e1_fas_crc4_cas.ini. 3/4 After loading the INI file the following may be observed: The RLOS LED extinguishes upon external loopback. The device is now configured for E1 FAS with CRC4 and CAS.
Miscellaneous: * Clock frequencies and certain pin bias levels are provided by a register-mapped CPLD, which is on the DS21354 daughter card. * The definition file for this CPLD is named DS215x_35x_CPLD_V2.def. See the CPLD Register Map section for definitions. * All files referenced above are available for download in the section marked "File Locations." 4 of 20
DS21354DK T1 Single-Chip Transceiver Design Kit Daughter Card
REGISTER MAP
The DK101 daughter card address space begins at 0x81000000. The DK2000 daughter card address space begins at: 0x30000000 for slot 0 0x40000000 for slot 1 0x50000000 for slot 2 0x60000000 for slot 3 All offsets given in Table 1 are relative to the beginning of the daughter card address space.
Table 1. Daughter Card Address Map
OFFSET 0X0000 to 0X0015 0X1000 to 0X10ff DEVICE CPLD Single-Chip Transceiver DESCRIPTION Board identification and clock/signal routing Board is populated with one of the following: DS2155, DS2156, DS21352, or DS21354. Please see the data sheet(s) for details.
Registers in the CPLD can be easily modified using ChipView.exe, a host-based user interface software, along with the definition file named DS215x_35x_CPLD_V2.def. Definition files for the SCT are named DS2155.def, DS21352.def, or DS21354.def, depending on the board population option.
CPLD Register Map Table 2. CPLD Register Map
OFFSET 0X0000 0X0002 0X0003 0X0004 0X0005 0X0006 0X0007 0X0011 0X0012 0X0013 0X0014 0X0015 NAME BID XBIDH XBIDM XBIDL BREV AREV PREV SWITCH1 SWITCH2 SWITCH3 SWITCH4 LEVELS TYPE Read-Only Read-Only Read-Only Read-Only Read-Only Read-Only Read-Only Read-Write Read-Write Read-Write Read-Write Read-Write DESCRIPTION Board ID High-Nibble Extended Board ID Middle-Nibble Extended Board ID Low-Nibble Extended Board ID Board FAB Revision Board Assembly Revision PLD Revision Pin to 1.544MHz Pin to 2.048MHz Pin-to-Pin Connect Pin-to-Pin Connect Set Level On Pin 1 = 3.3V
ID Registers
OFFSET 0X0000 0X0002 0X0003 0X0004 0X0005 0X0006 0X0007 NAME BID XBIDH XBIDM XBIDL BREV AREV PREV TYPE Read-Only Read-Only Read-Only Read-Only Read-Only Read-Only Read-Only VALUE DESCRIPTION
0xD 0x0 0x0 0x5 Displays current FAB revision Displays current assembly revision Displays current PLD firmware revision
Board ID
High-Nibble Extended Board ID Middle-Nibble Extended Board ID Low-Nibble Extended Board ID Board FAB Revision Board Assembly Revision PLD Revision
5 of 20
DS21354DK T1 Single-Chip Transceiver Design Kit Daughter Card
Control Registers
The control registers are used primarily to control several banks of FET switches that route clocks and backplane signals. Please note that certain register settings cause line contention, e.g., setting SWITCH1.4 and SWITCH2.4 both to 0 would drive MCLK with both 1.544MHz and 2.048MHz. SWITCH1: PIN TO 1.544MHz (OFFSET = 0x0011) INITIAL VALUE = 0xF (MSB) -- NAME MCLK TCLK RSYSCLK TSYSCLK (LSB) TSYSCLK
--
--
--
MCLK
TCLK
RSYSCLK
POSITION SWITCH1.3 SWITCH1.2 SWITCH1.1 SWITCH1.0
FUNCTION 0 = Connect MCLK to the 1.544MHz clock 1 = Open Switch 1.4 0 = Connect TCLK to the 1.544MHz clock 1 = Open Switch 1.3 0 = Connect RSYSCLK to the 1.544MHz clock 1 = Open Switch 1.2 0 = Connect TSYSCLK to the 1.544MHz clock 1 = Open Switch 1.1
SWITCH2: PIN TO 2.048MHz (Offset = 0X0012) INITIAL VALUE = 0x3 (MSB) -- NAME MCLK TCLK RSYSCLK TSYSCLK (LSB) TSYSCLK
--
--
--
MCLK
TCLK
RSYSCLK
POSITION SWITCH2.3 SWITCH2.2 SWITCH2.1 SWITCH2.0
FUNCTION 0 = Connect MCLK to the 2.048MHz clock 1 = Open Switch 2.4 0 = Connect TCLK to the 2.048MHz clock 1 = Open Switch 2.3 0 = Connect RSYSCLK to the 2.048MHz clock 1 = Open Switch 2.2 0 = Connect TSYSCLK to the 2.048MHz clock 1 = Open Switch 2.1
SWITCH3: PIN-TO-PIN CONNECT (Offset = 0X0013) INITIAL VALUE = 0xF (MSB) -- NAME TSS_RS TCL_RC RSY_RC TSY_RC (LSB) TSY_RC
--
-- POSITION
--
TSS_RS
TCL_RC
RSY_RC
SWITCH3.3 SWITCH3.2 SWITCH3.1 SWITCH3.0
FUNCTION 0 = Connect TSSYNC to RSYNC 1 = Open Switch 3.4 0 = Connect TCLK to RCLK 1 = Open Switch 3.3 0 = Connect RSYSCLK to RCLK 1 = Open Switch 3.2 0 = Connect TSYSCLK to RCLK 1 = Open Switch 3.1
6 of 20
DS21354DK T1 Single-Chip Transceiver Design Kit Daughter Card
SWITCH4: PIN-TO-PIN CONNECT (Offset = 0X0014) INITIAL VALUE = 0x3 (MSB) -- NAME URCLK_2048 UTCLK_2048 RSER_TSER RSYNC_TSYNC (LSB) -- -- --
URCLK_2048 UTCLK_2048 RSER_TSER RSYNC_TSYNC
POSITION SWITCH4.3 SWITCH4.2 SWITCH4.1 SWITCH4.0
FUNCTION 0 = Connect UR_CLK (TSSYNC) to 2.048MHz 1 = Open Switch 4.4 0 = Connect UT_CLK (TCHCLK) to 2.048MHz 1 = Open Switch 4.3 0 = Connect RER to TSER 1 = Open Switch 4.2 0 = Connect RSYNC to TSYNC 1 = Open Switch 4.1
LEVELS: SET LEVEL ON PIN (Offset = 0X0015) INITIAL VALUE = 0x6 (MSB) -- NAME -- BP_EN PPCTDM_EN TUSEL (LSB) TUSEL
--
-- POSITION LEVELS1.3 LEVELS1.2 LEVELS1.1 LEVELS1.0 --
--
--
BP_EN
PPCTDM_EN
FUNCTION
0 = Enable IDT switches that connect the UTOPIA bus to daughter card header 0 = Enable IDT switches that connect the TDM bus to the daughter card header 0 = Set DS2156.TUSEL to enable TDM backplane 1 = Set DS2156.TUSEL to enable UTOPIA backplane
Note (DS2156 only): When the UTOPIA backplane is enabled (LEVELS.TUSEL = 1) there is a possibility for contention between the UTOPIA bus master and TSYSCLK, TSER, and RSER. To avoid this, the following switches should be opened when the UTOPIA backplane is enabled: SWITCH1.0, SWITCH2.0, SWITCH3.0, and SWITCH4.1
DS21354 INFORMATION
For more information about the DS21354, please consult the DS21354 data sheet available on our website at www.maxim-ic.com/DS21354. Software downloads are also available for this design kit.
DS21354DK INFORMATION
For more information about the DS21354DK, including software downloads, please consult the DS21354DK data sheet available on our website at www.maxim-ic.com/DS21354DK.
TECHNICAL SUPPORT
For additional technical support, please e-mail your questions to telecom.support@dalsemi.com.
SCHEMATICS
The DS21354DK schematics are featured in the following 13 pages.
7 of 20


▲Up To Search▲   

 
Price & Availability of DS21354DK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X