Part Number Hot Search : 
HFA5253 W523S20 F051601 PA1280NL 084V3T1 MC100LV VTE1285 F2002
Product Description
Full Text Search
 

To Download DG5043 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DG5043
Vishay Siliconix
Monolithic General-Purpose CMOS Analog Switch
FEATURES
D D D D "15-V Input Range On-Resistance: <50 W Break-Before-Make Switching TTL and CMOS Compatible
BENEFITS
D D D D Improved Signal Headroom Reduced Switching Errors No Shorting of Inputs Simple Interfacing
APPLICATIONS
D Audio Switching D Instrumentation D Battery Powered Systems
DESCRIPTION
The DG5043 solid state analog switch is recommended for general purpose applications in instrumentation, and process control. Built on the Vishay Siliconix PLUS-40 high voltage CMOS process, this device provides ease-of-use and performance advantages to the system designer. Key performance features of the DG5043 are 1-ms switching, low power supply requirements, and break-before-make switching. Each switch conducts equally well in either direction, when on, and blocks up to 30 V peak-to-peak when off. Off leakage current is 1-nA maximum. An epitaxial layer prevents latch up. For new designs, DG403 is recommended.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
Dual-In-Line
D1 NC D3 S3 S4 D4 NC D2
1 2 3 4 5 6 7 8
16 15 14 13 12 11 10 9
S1 IN1 V- GND VL V+ IN2 S2
TRUTH TABLE
Logic
0 1
SW1, SW2
OFF ON Logic "0" = v 0.8 V Logic "1" = w 2 V
SW3, SW4
ON OFF
ORDERING INFORMATION
Temp Range
0 to 70_C
Package
16-Pin Plastic DIP
Part Number
DG5043CJ
Top View
ABSOLUTE MAXIMUM RATINGS
V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44 V GND to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 V VL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (GND - 0.3 V) to 44 V Digital Inputsa VS, VD . . . . . . . . . . . . . . . . . . . . . . . (V-) -2 V to (V+ plus 2 V) or 30 mA, whichever occurs first Current (Any Terminal) Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 mA Current, S or D (Pulsed 1 ms 10% duty) . . . . . . . . . . . . . . . . . . . . . . . 100 mA Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to 125_C Notes: a. Signals on SX, DX, or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings. b. All leads welded or soldered to PC Board. c. Derate 6 mW/_C above 75_C Power Dissipation (Package)b 16-Pin Plastic DIPc . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 470 mW
Document Number: 70059 S-52880--Rev. B, 28-Apr-97
www.vishay.com S FaxBack 408-970-5600
4-1
DG5043
Vishay Siliconix
SPECIFICATIONS
Test Conditions Unless Otherwise Specified Parameter Analog Switch
Analog Signal Ranged Drain-Source On-Resistance VANALOG rDS(on) IS = -10 mA, VD = "10 V VS = VD = 14 V Switch Off Leakage Current IS(off) VS = VD = -14 V VS = VD = 14 V Channel On Leakage Current ID(on) VS = VD = -14 V Full Room Full Room Full Room Full Room Full Room Full -2 -200 -1 -100 -1 -100 -15 15 50 75 1 100 1 100 nA A 2 200 V W
C Suffix
0 to 70_C
Symbol
V+ = 15 V, V- = -15 V VL = 5 V, VIN = 2 V, 0.8 Ve
Tempa
Minc
Typb
Maxc
Unit
Digital Control
Input Current with VIN Low Input Current with VIN High IIL IIH VIN Under Test = 0.8 V VIN Under Test = 2 V Full Full -1 -1 1 1 mA
Dynamic Characteristics
Turn-On Time Turn-Off Time Charge Injectiond Off Isolationd Crosstalk (Channel-to-Channel)d Source Off Capacitance Drain Off Capacitanced Channel On Capacitanced tON tOFF Q OIRR XTALK CS(off) CD(off) CD(on) VD = VS = 0 V, f = 1 MHz V MH VS = "10 V, RL = 1 kW , CL = 35 p , pF See Figure 1 S Fi CL = 10 nF, Vgen = 0 V, Rgen = 0 W RL = 75 W , CL = 5 pF, f = 1 MHz RL = 75 W , VS = 2 VP-P, f = 1 MHz Room Room Room Room Room Room Room Room 30 75 dB 89 15 17 45 pF F 1200 ns 700 pC
Power Supplies
Positive Supply Current Negative Supply Current Logic Supply Current Ground Current I+ I- IL IGND VIN = 0 or 2.4 V Full Full Full VIN = 0 or 2.4 V Full -300 -300 300 300 mA A
Notes: a. Room = 25_C, Full = as determined by the operating temperature suffix. b. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing. c. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet. d. Guaranteed by design, not subject to production test. e. VIN = input voltage to perform proper function.
www.vishay.com S FaxBack 408-970-5600
4-2
Document Number: 70059 S-52880--Rev. B, 28-Apr-97
DG5043
Vishay Siliconix
TEST CIRCUITS
+5 V
+15 V
VL VS1 VS2 S1 S2 IN GND
V+ D1 D2 VO2 VO1 Logic Input 3V IN1 Logic "0" = SW On
tr <20 ns tf <20 ns 50%
RL1 V- RL2 CL2
CL1
Switch Output Switch Output
tOFF VS
90% VO 0 tON
-15 V CL (includes fixture and stray capacitance)
FIGURE 1. Switching Time
+5 V
+15 V
Rg
VL S IN
V+ D CL 10 nF V- VO VO INX OFF ON OFF DVO
Vg 3V
GND
Q = CL DVO -15 V
FIGURE 2. Charge Injection
Document Number: 70059 S-52880--Rev. B, 28-Apr-97
www.vishay.com S FaxBack 408-970-5600
4-3


▲Up To Search▲   

 
Price & Availability of DG5043

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X