Part Number Hot Search : 
DUY14A2 BH7673 DTC144 PM73487 MPC564 84134081 ACHL1 LLB04
Product Description
Full Text Search
 

To Download DF10SC9 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
Schottky Rectifiers (SBD)
Dual
DF10SC9
90V 10A
FEATURES
*oe SMT
OUTLINE DIMENSIONS
Case : STO-220 Unit : mm
*oe Tj150*Z *oe PRRSM avalanche guaranteed *oe High current capacity with Small Package APPLICATION *oe Switching power supply *oe DC/DC converter *oe Home Appliances, Office Equipment *oe Telecommunication
RATINGS
*oeAbsolute Maximum Ratings (If not specified Tc=25*Z) Item Symbol Conditions Ratings Unit Storage Temperature Tstg -55*150 *Z Operating Junction Temperature Tj 150 *Z Maximum Reverse Voltage VRM 90 V Repetitive Peak Surge Reverse VRRSM Voltageulse width 0.5ms, duty 1/40 P 100 V Average Rectified Forward Current 50Hz sine wave, R-load, Rating for each diode Io/2, Tc=131*Z IO 10 A Peak Surge Forward Current IFSM50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=125*Z 150 A Repetitive Peak Surge Reverse PRRSM Power ulse width 10Es, Rating of per diode, Tj=25*Z 330 P W *oeElectrical Characteristics (If not specified Tc=25*Z) Item Symbol Conditions Ratings Unit Forward Voltage VF I =5A, F Pulse measurement, Rating of per diodeMax.0.75 V IR V =V , Pulse measurement, Rating of per diode Max.3 mA Reverse Current R RM Junction Capacitance =10V, Rating of per diode Cj f=1MHz, R V Typ.185 pF Thermal Resistance AEjc junction to case Max.1.2 *Z/W
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
DF10SC9
Forward Voltage
10
Forward Current IF [A]
1
Tc=150C [MAX] Tc=150C [TYP] Tc=25C [MAX] Tc=25C [TYP]
Pulse measurement per diode
0.1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Forward Voltage VF [V]
DF10SC9
Junction Capacitance
f=1MHz Tc=25C TYP per diode
1000
Junction Capacitance Cj [pF]
100
1
10
100
Reverse Voltage VR [V]
DF10SC9
1000
Reverse Current
Tc=150C [MAX]
100
Tc=150C [TYP]
Tc=125C [TYP]
Reverse Current IR [mA]
10 Tc=100C [TYP]
1
Tc=75C [TYP]
0.1
Pulse measurement per diode
0.01
0
20
40
60
80
100
Reverse Voltage VR [V]
DF10SC9
60
Reverse Power Dissipation
Reverse Power Dissipation PR [W]
50
DC D=0.05 0.1 0.2
40
0.3
30 0.5 20 SIN 0.8
10
0
0
20
40
60
80
100
120
Reverse Voltage VR [V]
Tj = 150C
0 VR tp D=tp /T T
DF10SC9
16 14
Forward Power Dissipation
Forward Power Dissipation PF [W]
12 10 0.2 8 6 4 2 0 0.05 0.1 SIN 0.5
D=0.8 0.3
DC
0
2
4
6
8
10
12
14
16
Average Rectified Forward Current IO [A]
Tj = 150C 0 tp D=tp /T T
IO
DF10SC9
20
Derating Curve
Average Rectified Forward Current IO [A]
DC 15 D=0.8
10
0.5 SIN 0.3 0.2
5
0.1 0.05
0
0
20
40
60
80
100
120
140
160
Case Temperature Tc [C]
VR = 45V 0 0
IO
VR tp D=tp /T T
DF10SC9
200
Peak Surge Forward Capability
IFSM
10ms 10ms
1 cycle
Peak Surge Forward Current IFSM [A]
150
non-repetitive, sine wave, Tj=125C before surge current is applied
100
50
0
1
2
5
10
20
50
100
Number of Cycles [cycles]
SBD
120
Repetitive Surge Reverse Power Derating Curve
100
PRRSM Derating [%]
80
60
40
20
0
0
50
100
150
Junction Temperature Tj [C]
IRP IR 0.5IRP 0 tp PRRSM = IRP x VRP VR VRP
SBD
10
Repetitive Surge Reverse Power Capability
PRRSM p) / PRRSM p=10s) Ratio (t (t
1
0.1
1
10
100
Pulse Width t p [s]
IRP IR 0.5IRP 0 tp PRRSM = IRP x VRP VR VRP


▲Up To Search▲   

 
Price & Availability of DF10SC9

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X