Part Number Hot Search : 
B2100 HBTXXX IRG4B MAX1586 TICP107 PL4V3Z 2SC2902 S3C2410
Product Description
Full Text Search
 

To Download CS5541 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CS5541 Low-Power, Low-Voltage, 24-Bit ADC
Features
l
Description
The CS5541 is a 24-bit low-power and low-voltage analog-to-digital converter (ADC). It is optimized to convert analog signals in DC measurement applications, such as temperature and pressure measurement, and various portable devices where low-power consumption is required. To accommodate these applications, the ADC integrates analog input and reference buffers for increased input impedance and includes a two-channel multiplexer. Absolute accuracy is achieved via one-time or continuous calibration modes. The device draws less than 330A. The CS5541 includes two digital filters. The first filter, which achieves simultaneous rejection of 50/60 Hz, provides single conversion settling at 13.4 SPS throughput or four conversion settling at 53.7 SPS throughput. The second filter, which achieves 16-bit performance, provides single conversion settling at 64.8 SPS throughput or four conversion settling at 260 SPS throughput. Low-power, low-voltage operation and an easy-to-configure serial interface reduces time-to-market and makes the CS5541 an ideal device for low-cost, power-conscious DC measurement applications. ORDERING INFORMATION CS5541-BS-40 C - +85 C 16-Pin SSOP
Analog-to-Digital Converter
- Linearity Error: 0.0015% FS - RMS Noise: 2 V
l Two
Channel Differential MUX l Buffered, Fully Differential Analog and Voltage Reference Inputs l Scalable VREF Input: 0.1 V to Analog Supply l Absolute Accuracy via Calibration l Flexible Digital Filters
- Single Conversion Settling at 13.4 SPS or 4 Conversion Settling at 53.7 SPS with Simultaneous 50/60 Hz Rejection - Single Conversion Settling at 64.8 SPS or Four Conversion Settling at 260 SPS with 16-bit Resolution
l Simple
TM
3-Wire Serial Interface
- SPI and MicrowireTM Compatible - Schmitt Trigger on Serial Clock (SCLK)
l Low
Power
- Single +3.0 V Supply - 330 A Operating; 10 A Sleep Current
VA+
VREF+
VREF-
OSC1 OSC2
VD+
X1
X1
Clock Generator
Serial Interface CS
AIN1+ AIN1AIN2+ AIN2Input Mux
X1
Differential 4th Order
Modulator X1
Digital Filter
Calibration Register
SDI SDO
Output Register
SCLK
VA-
DGND
Preliminary Product Information
P.O. Box 17847, Austin, Texas 78760 (512) 445 7222 FAX: (512) 445 7581 http://www.cirrus.com
This document contains information for a new product. Cirrus Logic reserves the right to modify this product without notice.
Copyright Cirrus Logic, Inc. 2000 (All Rights Reserved)
JUN `01 DS500PP1 1
CS5541
TABLE OF CONTENTS
1. CHARACTERISTICS AND SPECIFICATIONS ........................................................................ 4 2. GENERAL DESCRIPTION ..................................................................................................... 10 2.1 Analog Input ..................................................................................................................... 10 2.1.1 Analog Input Model ............................................................................................. 10 2.2 Voltage Reference Input .................................................................................................. 11 2.2.1 Voltage Reference Input Model ........................................................................... 11 2.3 Power Supply Arrangements ........................................................................................... 12 2.4 Clock Generator ............................................................................................................... 12 2.5 Serial Port Interface ......................................................................................................... 12 2.6 Serial Port ........................................................................................................................ 13 2.7 Serial Port Initialization Sequence ................................................................................... 14 2.8 Command Register Quick Reference ............................................................................. 15 2.9 Performing Conversions/Calibrations .............................................................................. 16 2.9.1 Continuous Calibrations and Conversions (reduced output rate) ....................... 16 2.9.2 One Time Calibration followed by Continuous Conversions ............................... 17 2.9.3 Continuous Conversions with Default Calibration Coefficients ........................... 17 2.9.4 Continuous Conversions with Existing Calibration Coefficients .......................... 17 2.9.5 System Calibration .............................................................................................. 17 2.9.6 Reading Conversions .......................................................................................... 17 2.9.7 Output Coding ..................................................................................................... 18 2.9.8 Digital Filter ......................................................................................................... 18 2.10 Sleep and Standby Modes ............................................................................................. 20 2.11 Power-Up Sequence and Initialization ........................................................................... 20 2.12 PCB Layout .................................................................................................................... 20 3. PIN DESCRIPTIONS .............................................................................................................. 22 4. SPECIFICATION DEFINITIONS ............................................................................................. 24
Contacting Cirrus Logic Support
For a complete listing of Direct Sales, Distributor, and Sales Representative contacts, visit the Cirrus Logic web site at: http://www.cirrus.com/corporate/contacts/
SPI is a trademark of Motorola Inc. Microwire is a trademark of National Semiconductor Corp. Preliminary product information describes products which are in production, but for which full characterization data is not yet available. Advance product information describes products which are in development and subject to development changes. Cirrus Logic, Inc. has made best efforts to ensure that the information contained in this document is accurate and reliable. However, the information is subject to change without notice and is provided "AS IS" without warranty of any kind (express or implied). No responsibility is assumed by Cirrus Logic, Inc. for the use of this information, nor for infringements of patents or other rights of third parties. This document is the property of Cirrus Logic, Inc. and implies no license under patents, copyrights, trademarks, or trade secrets. No part of this publication may be copied, reproduced, stored in a retrieval system, or transmitted, in any form or by any means (electronic, mechanical, photographic, or otherwise) without the prior written consent of Cirrus Logic, Inc. Items from any Cirrus Logic website or disk may be printed for use by the user. However, no part of the printout or electronic files may be copied, reproduced, stored in a retrieval system, or transmitted, in any form or by any means (electronic, mechanical, photographic, or otherwise) without the prior written consent of Cirrus Logic, Inc.Furthermore, no part of this publication may be used as a basis for manufacture or sale of any items without the prior written consent of Cirrus Logic, Inc. The names of products of Cirrus Logic, Inc. or other vendors and suppliers appearing in this document may be trademarks or service marks of their respective owners which may be registered in some jurisdictions. A list of Cirrus Logic, Inc. trademarks and service marks can be found at http://www.cirrus.com.
2
DS500PP1
CS5541
LIST OF FIGURES
Figure 1. Continuous Running SCLK Timing (Not to Scale) ................................ 9 Figure 2. SDI Write Timing (Not to Scale) ............................................................ 9 Figure 3. SDO Read Timing (Not to Scale) .......................................................... 9 Figure 4. Multiplexer Configuration. ................................................................... 10 Figure 5. Input model for AIN+ and AIN- pins. ................................................... 10 Figure 6. Resolution vs. Voltage Reference ....................................................... 11 Figure 7. Resolution vs. Voltage Reference ....................................................... 11 Figure 8. Input model for VREF+ and VREF- pins. ............................................ 11 Figure 9. CS5541 Configured with +3.0 V Analog Supply. ................................ 12 Figure 10. CS5541 Register Diagram. ............................................................... 13 Figure 11. Command and Data Word Timing. ................................................... 13 Figure 12. Self Calibration of Offset. .................................................................. 16 Figure 13. Self Calibration of Gain. .................................................................... 16 Figure 14. Digital Filter 1 Response ................................................................... 19 Figure 15. Filter 2 Response (MCLK = 32.768 kHz) .......................................... 19
LIST OF TABLES
Table 1. Filter Output Word Rates ................................................................................................ 14 Table 2. Output Conversion Data Register Description (24 bits + flags) ...................................... 18 Table 3. CS5541 24-Bit Output Coding......................................................................................... 19
DS500PP1
3
CS5541
1. CHARACTERISTICS AND SPECIFICATIONS
ANALOG CHARACTERISTICS (TA = 25 C; VA+ = +3 V 5%, VA- = 0 V, VD+ = +3.0 V 5%, DGND = 0 V, VREF+ = 2.5 V, VREF- = 0 V, MCLK = 32.768 kHz, OWR (Output Word Rate) = 53.7 SPS, Bipolar Mode, Input Range = 2.5 V Differential, Vcm=1.25 V.) (See Notes 1 and 2.)
Parameter Accuracy Linearity Error No Missing Codes Bipolar Offset Unipolar Offset Offset Drift Bipolar Full Scale Error Unipolar Full Scale Error Full Scale Drift (Note 4) (Note 3) (Note 3) (Notes 3 and 4) 24 0.0015 16 32 20 8 16 1 0.003 TBD TBD 31 62 %FS Bits LSB24 LSB24 nV/C ppm ppm ppm/C Min Typ Max Units
Noise (Notes 5, 6, and 7) Filter Type Single Conversion Settling with 50/60 Hz Rejection Four Conversion Settling with 50/60 Hz Rejection Fast Filter with Single Conversion Settling Fast Filter with Four Conversion Settling Output Word Rate (SPS) -3 dB Filter Frequency (Hz) 13.4 53.7 64.8 260 11.96 11.96 56.91 56.91 RMS Noise (V) 2 2 35 35
Notes: 1. Applies after a one-time self-calibration at any temperature within -40 C ~ +85 C. 2. Specifications guaranteed by design, characterization, and/or test. 3. Specification applies to the device only and does not include any effects by external parasitic thermocouples. 4. Drift over specified temperature range after calibration at power-up at 25 C. 5. Wideband noise aliased into the baseband. Referred to the input. Typical values shown for 25 C. 6. For peak-to-peak noise multiply by 6.6 for all ranges and output rates. 7. RMS noise numbers assume continuous calibration mode is not used. In continuous calibration mode the noise increases by a factor of two. * Specifications are subject to change without notice.
4
DS500PP1
CS5541
ANALOG CHARACTERISTICS (Continued)
Parameter Analog Inputs Common Mode + Signal on AIN+ or AINSingle Supply Dual Supply CVF Current on AIN+, AINInput Leakage for MUX when off Common Mode Rejection Input Capacitance Voltage Reference Inputs Range (VREF+) - (VREF-) (Note 10) (Note 9) 0.1 (Note 11) 1/OWR 4/OWR 1/OWR 4/OWR s s s s 2.5 20 120 120 12 MCLK/2 (VA+) (VA-) V nA dB dB pF Hz dc 50, 60Hz (Bipolar/Unipolar Mode) 0.0 VA(Note 8) 12 10 120 120 8 VA+ VA+ V V nA pA dB dB pF Min Typ Max Units
CVF Current on VREF+ and VREFCommon Mode Rejection Input Capacitance Dynamic Characteristics Modulator Sampling Frequency Filter Settling to 1/2 LSB (Full Scale Step) 13.4 SPS OWR 53.7 SPS OWR 64.8 SPS OWR 260 SPS OWR Power Supplies DC Power Supply Currents (Normal Mode) IA+ ID+ Normal Mode Standby Mode Sleep Mode dc Positive Supplies dc Negative Supply dc 50, 60 Hz
(Note 12) -
225 25 750 75 30 80 80
280 36 1000 -
A A W W W dB dB
Power Consumption
Power Supply Rejection
Notes: 8. See Section 2.1,
"Analog Input". 9. See Section 2.2, "Voltage Reference Input".
10. VREF must be less than or equal to supply voltages. 11. The CS5541 includes two digital filters. The first filter, which achieves simultaneous rejection of 50/60 Hz, provides single conversion settling at 13.4 SPS throughput or four conversion settling at 53.7 SPS throughput. The second filter, which achieves 16-bit performance, provides single conversion settling at 64.8 SPS throughput or four conversion settling at 260 SPS throughput. 12. All outputs unloaded. All digital inputs at CMOS levels.
DS500PP1
5
CS5541
3 V DIGITAL CHARACTERISTICS (TA = 25 C; VA+ = 3.0 V
DGND = 0 V.)(See Notes 2 and 13.) Parameter High-Level Input Voltage: All Pins Except OSC1, SCLK OSC1 SCLK OSC1, SCLK OSC1 SCLK Iout = -1.0 mA Iout = 1.0 mA Symbol VIH VIH VIH VIL VIL VIL VOH VOL Iin IOZ Cout Min 0.6VD+ TBD (VD+)-0.45 (VD+)-0.25 Typ 1 9 Max 0.16VD+ TBD 0.6 0.2 10 10 Units V V V V V V V V A A pF 5%, VA- = 0 V, VD+ = 3.0 V 5%,
Low-Level Input Voltage:
All Pins Except
High-Level Output Voltage: Low-Level Output Voltage: Input Leakage Current 3-State Leakage Current
(SDO pin) (SDO pin)
Digital Output Pin Capacitance Notes: 13. All measurements performed under static conditions.
6
DS500PP1
CS5541
ABSOLUTE MAXIMUM RATINGS (DGND = 0 V) (See Note 14.)
Parameter DC Power Supplies (Notes 15 and 16) Positive Digital Positive Analog Negative Analog (Notes 17 and 18) (Note 19) AIN and VREF pins Symbol VD+ VA+ VAIIN IOUT PDN VINA VIND TA Tstg Min -0.3 -0.3 -0.3 (VA-) + (-0.3) -0.3 -40 -65 Typ Max +4.0 +4.0 +0.3 10 25 500 (VA+)+0.3 (VD+)+0.3 +85 +150 Units V V V mA mA mW V V C C
Input Current, Any Pin Except Supplies Output Current Power Dissipation Analog Input Voltage Digital Input Voltage Ambient Operating Temperature Storage Temperature
Notes: 14. All voltages measured with respect to digital ground (DGND). 15. VA+ and VA- must satisfy {(VA+) - (VA-)} +4.0 V. 16. VD+ and VA- must satisfy {(VD+) - (VA-)} +4.0 V. 17. Applies to all pins including continuous overvoltage conditions at the analog input (AIN) pins. 18. Transient currents up to 100 mA will not cause SCR latch-up. Maximum input current for a power supply pin is 50 mA. 19. Total power dissipation, including all input currents and output currents. WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal operation is not guaranteed at these extremes.
DS500PP1
7
CS5541
SWITCHING CHARACTERISTICS (TA = 25 C; VA+ = +3.0 V 5% VA- = 0 V, VD+ = 3.0 V 5%,
DGND = 0 V; Input Levels: Logic 0 = 0 V, Logic 1 = VD+; CL = 50 pF) Parameter Master Clock Frequency: Master Clock Duty Cycle Rise Times (Note 21) Any Digital Input Except SCLK SCLK Any Digital Output (Note 21) Any Digital Input Except SCLK SCLK Any Digital Output XTAL = 32.768 kHz (Note 22) trise trise tost tpor 50 500 490 1.0 100 s s ns ms MCLK cycles MHz ns ns ns ns ns ns ns ns ns 50 1.0 100 s s ns Symbol External Clock MCLK Internal Oscillator (Note 20) Min 5 40 Typ 32.768 Max 40 60 Units kHz %
Fall Times
Start-up Oscillator Start-up Time Power-on-Reset Period Serial Port Timing Serial Clock Frequency Serial Clock SDI Write Timing CS Enable to SCLK Rising Data Set-up Time prior to SCLK rising Data Hold Time After SCLK Rising SCLK Falling Prior to CS Disable SDO Read Timing CS to Data Valid SCLK Falling to New Data Bit CS Rising to SDO Hi-Z t7 t8 t9 150 150 150 t3 t4 t5 t6 50 50 100 100 Pulse Width High Pulse Width Low SCLK t1 t2 0 250 250 2 -
Notes: 20. Device parameters are specified with 32.768 kHz clock; however, clocks up to 40 kHz can be used for increased throughput. 21. Specified using 10% and 90% points on waveform of interest. Output loaded with 50 pF. 22. Oscillator start-up time varies with crystal parameters. This specification does not apply when using an external clock source.
8
DS500PP1
CS5541
CS
t3
t1
t6
SCLK
t2
Figure 1. Continuous Running SCLK Timing (Not to Scale)
CS
t3
SDI
MSB
MSB-1
t4 t5 t1 t2
LSB
t6
SCLK
Figure 2. SDI Write Timing (Not to Scale)
CS
t7 t9
SDO
MSB
t8
MSB-1
t2
LSB
SCLK
t1
Figure 3. SDO Read Timing (Not to Scale)
DS500PP1
9
CS5541
2. GENERAL DESCRIPTION
The CS5541 is a 24-bit, low-power and low-voltage - analog-to-digital converter (ADC). It is optimized to convert analog signals in DC measurement applications such as temperature and pressure measurement, and various portable devices where low power consumption is required. To accommodate these applications, the ADC integrates analog input and reference buffers for increased input impedance and includes a two-channel multiplexer. Absolute accuracy is achieved via one-time or continuous calibration modes. The device also operates with a variety of supply configurations while drawing less than 330 A. The CS5541 includes two digital filters. The first filter which achieves simultaneous rejection of 50/60 Hz provides single conversion settling at 13.4 SPS throughput or four conversion settling at 53.7 SPS throughput. The second filter which achieves 16-bit performance provides single conversion settling at 64.8 SPS throughput or four conversion settling at 260 SPS throughput. (Either filter's output word rates can be increased by using a faster master clock, up to 40 kHz). To ease communication between the ADCs and a microcontroller, the converters include a simple three-wire serial interface which is SPI and MiVREF+ VREFX1 X1
crowire compatible. A Schmitt Trigger input is provided on the serial clock (SCLK) input.
2.1 Analog Input
Figure 4 illustrates a block diagram of the CS5541. The device consists of a multiplexer, a unity gain coarse/fine charge input buffer, a fourth order - modulator, and a digital filter.
2.1.1 Analog Input Model
Figure 5 illustrates the input models for the AIN pins. The model includes a coarse/fine charge buffer which reduces the dynamic current demand on the analog input signal. The buffer is designed to accommodate rail to rail (common-mode plus signal) input voltages. Typical CVF (sampling) current is about 12 nA (MCLK = 32.768 kHz). Application Note 30, "Switched-Capacitor A/D Input Structures", details various input architectures.
1 Fine in = CV os f AIN Vos 25mV 2 Coarse C = 8 pF f = 2*MCLK = 65.536 kHz
Figure 5. Input model for AIN+ and AIN- pins.
AIN1+ X1 AIN1AIN2+ AIN2M U X X1 Differential 4 th Order
CS Sinc Digital Filter
4
Serial Port
SDI SDO SCLK
Modulator
Figure 4. Multiplexer Configuration. 10 DS500PP1
CS5541
2.2 Voltage Reference Input
The differential voltage between VREF+ and VREF- sets the nominal full scale input range of the converter. For a single-ended reference voltage, the reference output is connected to the VREF+ pin of the CS5541 and the ground reference is connected to the VREF- pin. Note that the differential reference voltage can be from 0.1 V to ((VA+)(VA-)). The noise-free resolution of a single sample from the ADC is directly proportional to the voltage reference as depicted in Figures 6 and 7.
Note: When a lower reference voltage is used, the resulting code widths are smaller. Since the output codes exhibit more changing codes for a fixed amount of noise, the converter appears noisier.
2.2.1 Voltage Reference Input Model
Figure 8 illustrates the input models for the VREF pins. It includes a coarse/fine charge buffer which reduces the dynamic current demand on the external reference. The reference's buffer is designed to accommodate rail-to-rail (common-mode plus signal) input voltages. Typical CVF (sampling) current is about 20 nA (MCLK = 32.768 kHz; see Figure 8).
1 Fine in = CV os f VREF Vos 25mV 2 Coarse C = 12 pF f = 2*MCLK = 65.536 kHz
Figure 8. Input model for VREF+ and VREF- pins.
20 Noise-Free Resolution (Bits) 19 18 17 16 15 14 0 0.5 1 1.5 VREF (V) 2 2.5 3
Figure 6. Typical Noise-Free Resolution vs. Voltage Reference One-Time Cal, 4 Cycle Settling, 50/60 Hz Reject Noise-Free Res. = log2 (Bipolar Span/6.6*RMS Noise)
19 Noise-Free Resolution (Bits) 18 17 16 15 14 13 0 0.5 1 1.5 VREF (V) 2 2.5 3
Figure 7. Typical Noise-Free Resolution vs. Voltage Reference Continuous Cal, 1Cycle Settling, 50/60 Hz Reject Noise-Free Res. = log2 (Bipolar Span/6.6*RMS Noise)
DS500PP1
11
CS5541
2.3 Power Supply Arrangements
The CS5541 is designed to operate with a total supply voltage of 3.0 V 5%. For maximum flexibility separate pins are provided for VA+, VA-, VD+, and DGND, which is especially useful with ground referenced input signals. Figure 9 illustrates the CS5541 connected with a single +3.0 V supply for both the analog and digital sections. patible) clock applied at OSC1 with frequencies up to 40 kHz.
2.5 Serial Port Interface
The CS5541's serial interface consists of four control lines: CS, SDI, SDO, and SCLK. CS, Chip Select, is the control line which enables access to the serial port. If the CS pin is tied to logic 0, the port will function as a three wire interface. SDI, Serial Data In, is the data signal used to transfer data to the converters. SDO, Serial Data Out, is the data signal used to transfer output data from the converters. The SDO output will be held at high impedance any time CS is at logic 1. SCLK, Serial Clock, is the serial bit-clock which controls the shifting of data to or from the ADC's serial port. The CS pin must be held at logic 0 before SCLK transitions can be recognized by the port logic. To accommodate opto-isolators SCLK is designed with a Schmitt-trigger input.
2.4 Clock Generator
The CS5541 includes an oscillator circuit which can be connected with an external crystal to provide the master clock for the chip. The chip is designed to operate using a low-cost 32.768 kHz "tuning fork" type crystal. One lead of the crystal should be connected to OSC1 and the other to OSC2. A 10 Megohm resistor should be connected in parallel with the crystal. Lead lengths should be minimized to reduce stray capacitance. The converter will operate with an external (CMOS com-
+3.0 V Analog
10 0.1 F 0.1 F
Supply
4 VA+ 14 Voltage Reference + 13 VREF+ VREF-
11 VD+ 9 OSC2 8 5 7 10 6
5 kHz ~ 40 kHz
10 M
OSC1
CS5541
1 AIN1+ AIN1AIN2+ AIN2VA3 DGND 12 CS SDI SDO SCLK
Optional Clock Source
Analog Signal Sources
2 16 15
Serial Data Interface
Figure 9. CS5541 Configured with +3.0 V Analog Supply.
12
DS500PP1
CS5541
2.6 Serial Port
The CS5541 includes a state machine with an 8-bit command register, which instructs the ADC to perform conversions, and a 24-bit conversion data register (read only) to store conversion results. Figure 10 illustrates a block diagram of the internal registers. pin falls at the end of a conversion and the user may read the conversion data by providing 32 serial clocks (SCLKs), as shown in Figure 11 . The first 8 SCLKs are needed to clear the SDO flag and to read the status flags. During the next 24 SCLKs, the conversion data is shifted out of the serial port. To continue performing the conversions, SDI must be kept low during the status read time. A new command can be issued any time other than during the data read. If the command happens to be a power save command, the serial port goes back to the command mode. Otherwise, the conversions will stop in progress and start new conversions based on the information in the command byte, and the serial port will remain in the data mode. Section 2.8, "Command Register Quick Reference", lists all valid commands.
Read Only
Conversion Data Register (1x24)
CS Serial Interface Write Only SDI SDO SCLK
2.7 Serial Port Initialization Sequence
Command Register (1 x 8)
Figure 10. CS5541 Register Diagram.
After power is applied to the ADC (the ADC includes a power-on reset circuit) or after the user transmits the serial port initialization sequence, the serial port is set to the command mode. The converter stays in this mode until a valid 8-bit command is received (the first 8 bits into the serial port). Once a valid 8-bit data mode command is received and interpreted by the ADC's command register, the serial port enters the data mode and continuous conversions are performed. The SDO
SCLK
To initialize the serial port of the ADC to the command mode, the user can transmit the serial port initialization sequence. The port initialization sequence involves clocking seven (or more) SYNC1 command bytes (0xFF) followed by one SYNC0 command byte (0xFE). Note that this sequence places the ADC's serial port in the command mode where it waits until a valid command is received. This sequence does not reset the internal registers to their default settings. Further note that the sequence can be issued at any time and aids significantly in initial code development.
SDI 1st Command Time 8 SCLKs SDO td *
0
SDI set low while reading status & data to *
1 1 1 1 CH OD OF MSB LSB
8 SCLKs to read status * td, to - Refer to Table 1. for output timing.
Data Time 24 SCLKs
Figure 11. Command and Data Word Timing.
DS500PP1
13
CS5541
2.8 Command Register Quick Reference
D7(MSB) CB BIT D7 D6 D5 D4 D3-D2 D6 CH D5 PS NAME Command Bit, CB Channel Select, CH Power Save, PS Notes 23, 24 Unipolar/Bipolar, U/B Filter Select, FS1-FS0 Note 25 D4 U/B D3 FS1 VALUE 0 1 0 1 0 1 0 1 00 01 10 11 00 01 10 11 D2 FS0 D1 C1 D0 C0 FUNCTION Reserved Logic 1 for executable commands Activate AIN1 for conversion Activate AIN2 for conversion Data Mode Power Save Mode (Standby or Sleep) Bipolar Conversion Mode Unipolar Conversion Mode Single Cycle Settling, 50/60 Hz Reject Single Cycle Settling, No 50/60 Hz Reject Four Cycle Settling, 50/60 Hz Reject Four Cycle Settling, No 50/60 Hz Reject Calibrate prior to each point Perform a one time calibration Use default calibration coefficients for conversions Use existing calibration coefficients for conversion
D1-D0
Conversion Calibration Select, C1-C0
Notes: 23. After entering a Power Save Mode, the user must wait a minimum of 2 system clocks before issuing a convert command. 24. A Power Save Mode cannot be entered by selectively setting the D5 bit. 0xAX must be written to the command register before the Sleep Mode will be enabled. Similarly, 0xBX must be written to the command register before the Standby Mode will be enabled. 25. If Four Cycle Settling is selected (D3 = '1'), the part will perform a one-time calibration when continuous calibration is chosen.
14
DS500PP1
CS5541
2.9 Performing Conversions/Calibrations
The CS5541 offers four conversion/self-calibration modes (if a user requires system calibration, this can be accommodated in the system microcontroller). The first mode allows the user to calibrate continuously between each conversion. The second mode allows the user to calibrate once after the command is issued and then continuously convert on the channel selected using the calibration result. The third mode allows the user to skip calibration; however, it performs conversions with the default calibration coefficients. The final mode allows the user to use the previous calibration coefficients to perform continuous conversions on the channel selected. The sections that follow detail the differences between the conversion modes. The sections also explain how to decode the conversion word into the respective flag and data bits.
internally ties the inputs of the modulator together and routes them to the VREF- pin as shown in Figure 12. VREF- must be tied to a fixed voltage between VA+ and VA-. For self-calibration of gain, the differential inputs of the modulator are connected to VREF+ and VREF- as shown in Figure 13. Further note that each calibration step (offset or gain) takes one conversion cycle to complete. However, after the ADC is reset, it is functional and can perform measurements without being calibrated (see Perform Continuous Conversions with Default Calibration Coefficients section for details). In this case, the converter will utilize the initialized values of the on-chip registers (Offset = 0, Gain = 1.0) to calculate output words. Any initial offset and gain errors in the internal circuitry of the chip will remain.
AIN+
+
2.9.1 Continuous Calibrations and Conversions (reduced output rate)
This mode performs an offset and gain calibration prior to each conversion. Note that the effective throughput in this mode is reduced by two as a calibration is performed prior to each conversion. Nevertheless, after the first command instructing the ADC to enter this mode is given, an offset calibration is performed followed by a gain calibration. Then the first data conversion is performed. Subsequent conversions are offset calibration followed by data conversion. Then, a gain calibration is performed followed by a data conversion. The ADC repetitively steps through this sequence until a new command is issued.
Note: The CS5541 offers self calibration where the ADC calibrates out offset and gain errors due to the ADC itself. Calibration in the CS5541 is used to set the zero and gain slope of the ADC's transfer function. For the self-calibration of offset, the converter
AINVREF-
-
Figure 12. Self Calibration of Offset.
AIN+
+
AINVREF+ Reference + VREF-
-
Figure 13. Self Calibration of Gain.
DS500PP1
15
CS5541
2.9.2 One Time Calibration followed by Continuous Conversions
After the first command instructing the ADC to enter this mode is given, an offset calibration is performed followed by a gain calibration. Then the first data conversion is performed. Subsequent conversions do not include new calibrations. This allows the ADC to provide maximum throughput for the filter rate selected.
2.9.4 Continuous Conversions with Existing Calibration Coefficients
After the command instructing the ADC to enter this mode is given, the ADC will use the coefficients from the previous calibration to calculate conversions. If no prior calibration has been performed since power-up, the ADC will use the default calibration coefficients (Offset = 0, Gain = 1). The ADC performs conversions at the maximum throughput for the filter rate selected.
2.9.3 Continuous Conversions with Default Calibration Coefficients
After the command instructing the ADC to enter this mode is given, the ADC will utilize the initialized values of the on-chip calibration registers (Offset = 0, Gain = 1.0) for all conversions. This allows the ADC to provide maximum throughput for the filter rate selected. This mode is recommended when the user is performing a system calibration.
2.9.5 Output Word Timing
Table 1 describes the output word timing of the CS5541. D3-D0 are the last four bits of the command word issued, as described in Section 2.8. Both td and to are represented graphically in Figure 11. td represents the amount of time for a conversion to be completed, once a valid command is received. to is the time required for all subsequent conversions, before a new command is received. "Throughput" is the rate at which those subsequent conversions are output.
Note 27
D3-D0 0000 0001 001x 0100 0101 011x 100x 101x 110x 111x
td - First Output (cycles) t - Subsequent Outputs (cycles) Throughput (SPS) o
Note 26 7358 7358 2474 1550 1550 538 7358 2474 1550 538 4884 2442 2442 1012 506 506 610 610 126 126 Table 1. Filter Output Word Rates 6.7093 13.418 13.418 32.379 64.759 64.759 53.718 53.718 260.06 260.06
Notes: 26. td can be off by one MCLK cycle if SCLK is asynchronous to MCLK. 27. Throughput calculations assume that MCLK = 32.768 kHz.
16
DS500PP1
CS5541
2.9.6 System Calibration
If a system level calibration is to be performed using a system microcontroller, it is best to put the converter in the Continuous Conversions with Default Calibration Coefficients mode. The user would configure the system with a zero-level input and store the resulting conversion for system offset correction. Then the user would configure the system with a full-scale input level and store the resulting conversion for system full-scale correction. Correction of converter data is then performed using the system microcontroller. required: After SDO falls, read the status flags (keeping SDI low, 8 SCLKs), followed by the conversion data (24 SCLKs). Then follow it up with the new command at SDI (8 SCLKs). If the command happens to be a power save command, the serial port goes back to the command mode. Otherwise, the conversion will stop in progress and start new conversions based on the information in the command byte, and the serial port remains in the data mode.
Note: 1) If the user begins to clear the SDO end-ofconversion flag and read the conversion data, this action must be finished before the conversion cycle which is occurring in the background is complete if the user wants to be able to read the new conversion data. 2) If a new conversion command is issued to the converter while it is performing a conversion, the filter will stop the current conversion and start a new convolution cycle to perform a new conversion. 3) If a new conversion command is issued when SDO is low, SDO will output 01111, then CH, OD, and OF. Afterwards, SDO will remain high until one MCLK cycle before the new data is ready, then fall to indicate that the conversion is completed.
2.9.7 Reading Conversions
At the completion of a conversion, SDO will fall to logic 0 to indicate that the conversion is complete. If calibration modes are used they will be transparent to user and only affect the effective throughput of the ADC. Nevertheless, to read a conversion word, the user must issue 8 SCLKs (SDI = logic 0 for the NULL command and remain in this mode or SDI can be used to clock in a new command) to clear the SDO flag and read the status flags. Upon the falling edge of the 8th SCLK, the SDO pin will present the first bit (MSB) of the conversion word. 24 SCLKs (high, then low) are then required to read the conversion word from the port. Upon the falling edge of the 32nd SCLK, SDO will return high, waiting till the next conversion is complete before it falls again. When operating in any of the conversion modes, the user need not read every conversion. If the user chooses not to read a conversion after SDO falls, SDO will rise one MCLK clock cycle before the next conversion is completed and then fall to signal that another conversion word is available. To exit the particular conversion mode, the user must issue any valid command, other than the NULL command, to the SDI input. The new command can be issued anytime other than during the data read. If the user wants to read the last conversion data and issue the new command, the following protocol is
DS500PP1
2.9.8 Output Coding
The CS5541 outputs 24-bit data conversion words. To read a conversion word the user must read the conversion data register. The conversion data register is 24 bits long and outputs the data word MSB first. Once a conversion is complete, SDO falls and 32 SCLK's are required to read the results. The first 8 SCLKs are used to clear the SDO flag and clock out the status flags. The Channel Indicator (CH) bit keeps track of which input channel was converted. The Oscillation Detect (OD) bit is set to a logic 1 any time that an oscillatory condition is detected in the modulator. This does not occur under normal operating conditions, but may occur whenever the input to the converter is extremely overranged. If the OD bit is set, the conversion data bits can be completely
17
CS5541
erroneous. The OD flag bit will be cleared to logic 0 when the modulator becomes stable. The Overrange Flag (OF) bit is set to a logic 1 any time the input signal is: 1) more positive than positive full scale, 2) more negative than zero (unipolar mode), 3) more negative than negative full scale (bipolar mode). It is cleared back to logic 0 whenever a conversion word occurs which is not overranged. The last 24 SCLKs are used to clock data out of the conversion data register. Table 2 and Table 3 illustrate the output coding for the CS5541. Unipolar conversions are output in binary format and bipolar conversions are output in two's complement format. 13.4 SPS throughput or four conversion settling at 53.7 SPS throughput. The second filter which achieves 16-bit performance provides single conversion settling at 64.8 SPS throughput or four conversion settling at 260 SPS throughput. The first filter (13.4 SPS and 53.7 SPS throughput) is optimized to yield better than 80 dB rejection between 47 Hz to 63 Hz (i.e. 80 dB minimum rejection for both 50 Hz and 60 Hz) when the master clock is 32.768 kHz. The filter has a response as shown in Figure 14. The second filter is optimized for higher throughput, and does not provide 50 Hz or 60 Hz rejection. It has a frequency response that is shown in Figure 15. To ease code development, each filter (13.4 SPS or 64.8 SPS throughput) has a mode that only outputs fully settled output conversions (every 4th convolution).
2.9.9 Digital Filter
The CS5541 includes two digital filters. The first filter which achieves simultaneous rejection of 50/60 Hz provides single conversion settling at
D31 0 D19 19 D7 7 D30 1 D18 18 D6 6
D23 MSB D11 11
D22 22 D10 10
D21 21 D9 9
D20 20 D8 8
D29 1 D17 17 D5 5
D28 1 D16 16 D4 4
D27 1 D15 15 D3 3
D26 CH D14 14 D2 2
D25 OD D13 13 D1 1
D24 OF D12 12 D0 LSB
Table 2. Output Conversion Data Register Description (24 bits + flags)
Unipolar Input Voltage >(VFS-1.5 LSB) VFS-1.5 LSB Offset Binary FFFFFF FFFFFF ----FFFFFE 800000 ----7FFFFF 000001 ----000000 000000 Bipolar Input Voltage >(VFS-1.5 LSB) VFS-1.5 LSB Two's Complement 7FFFFF 7FFFFF ----7FFFFE 000000 ----FFFFFF 800001 ----800000 800000
VFS/2-0.5 LSB
-0.5 LSB
+0.5 LSB <(+0.5 LSB)
-VFS+0.5 LSB <(-VFS+0.5 LSB)
Table 3. CS5541 24-Bit Output Coding Note: VFS in the table equals the voltage between ground and full scale for the unipolar mode, or the voltage between full scale for the bipolar mode. See text about error flags under overrange conditions.
18
DS500PP1
CS5541
0 -20 -40
-60 -80 -100
47 Hz
-120 -140 0 20 40 60
63 Hz
a data mode command. Since the sleep mode disables the oscillator, approximately a 500 ms crystal oscillator start-up delay period is required before the ADC returns to the normal power consumption mode. Note that if an external clock is used, the ADC will return to normal power mode within 3 milliseconds.
100 120
Magnitude (dB)
80
Frequency (Hz)
Figure 14. Filter 1 Response (MCLK = 32.768 kHz)
0 -20 Magnitude (dB) -40 -60 -80 -100 -120 -140 0 100 200 300 Frequency (Hz) 400 500
The Standby Mode is entered by writing 0xBX to the part. The Standby Mode performs the same function as the Sleep Mode except that the oscillator is not powered down. This eliminates the crystal oscillator start-up time, with a return to normal power within 3 milliseconds. Again, to exit standby (i.e. to return to normal power consumption mode), the user must transmit a data mode command. The power during Standby will be around 75 W.
2.11 Power-Up Sequence and Initialization
Care must be taken to assure that no pins are ever taken below the negative analog supply (VA-) potential. The analog and digital supplies should be applied simultaneously to assure that the power-on reset circuit will automatically reset the ADC when both supplies are at acceptable levels. Commands should not be sent to the ADC until a stable clock is present. If a 32.768 kHz crystal is being used, it will take approximately 500 ms for the oscillator to stabilize after power has been applied to the converter. If a CMOS compatible source with no start-up delay is used, then the ADC is immediately ready for a command. After a valid reset, the ADC is placed into the command state where it waits for a valid command to execute. Once a valid conversion command has been received, conversions will begin and data can be read using the serial port.
Note: The CS5541 includes an on-chip power-on reset circuit to automatically reset the ADC shortly after power-up. When power to the CS5541 is applied, the ADC is held in a reset condition until the master clock has started and a counter-timer elapses (i.e. the counter-timer counts 490 MCLK cycles to 19
Figure 15. Filter 2 Response (MCLK = 32.768 kHz)
To accommodate higher throughput requirements, each filter has a mode (53.7 SPS or 260 SPS throughput) that outputs every single convolution. This allows users to see input signal trends at higher update rates.
Note: The converter's digital filter characteristics linearly scale with MCLK.
2.10 Sleep and Standby Modes
The CS5541 accommodates three power consumption modes: normal, sleep, and standby. The normal power consumption mode is entered by default after a power-on-reset. In this mode, the CS5541 typically consumes 750 W. The Sleep Mode is entered whenever the sleep command, 0xAX, is issued to the serial port. The ADC immediately enters sleep after the command is issued, reducing the consumed power to around 30 W. During sleep, most of the analog portion of the chip is powered down and filter convolutions are halted. To exit sleep (i.e. to return to normal power consumption mode), the user must transmit
DS500PP1
CS5541
make sure the oscillator is fully stable). In normal start-up conditions, this power on reset circuit should reset the chip when power is applied. If your application could experience abnormal power start-up conditions, it is recommended that the serial port reinitialization sequence, followed by a power save command, be performed to guarantee that the converter begins proper operation.
See the CDB5540/41 data sheet for suggested layout details and Applications Note 18 for more detailed layout guidelines. Applications Engineering provides a free and confidential Schematic Review Service.
2.12 PCB Layout
The CS5541 should be placed entirely over an analog ground plane with the DGND pin of the device connected to the analog ground plane. Place the analog-digital plane split immediately adjacent to the digital portion of the chip
20
DS500PP1
CS5541
3. PIN DESCRIPTIONS
AIN1+ AIN1VAVA+ CS SCLK SDI OSC1
1 2 3 4 5 6 7 8
16 15 14 13 12 11 10 9
AIN2+ AIN2VREF+ VREFDGND VD+ SDO OSC2
Clock Generator OSC1; OSC2 - Master Clock. An inverting amplifier inside the chip is connected between these pins and can be used with a crystal to provide the master clock for the device. Alternatively, an external (CMOS compatible) clock (powered relative to VD+) can be supplied into the OSC1 pin to provide the master clock for the device. Control Pins and Serial Data I/O CS - Chip Select. When active low, the port will recognize SCLK. When high the SDO pin will output a high impedance state. CS should be changed when SCLK = 0. SDI - Serial Data Input. SDI is the input pin of the serial input port. Data will be input at a rate determined by SCLK. SDO - Serial Data Output. SDO is the serial data output. It will output a high impedance state if CS = 1. SCLK - Serial Clock Input. A clock signal on this pin determines the input/output rate of the data for the SDI/SDO pins respectively. This input is a Schmitt trigger to allow for slow rise time signals. The SCLK pin will recognize clocks only when CS is low.
DS500PP1
CS5541
21
CS5541
Measurement and Reference Inputs AIN1+, AIN1-, AIN2+, AIN2- - Differential Analog Input. Differential input pins into the device. VREF+, VREF- - Voltage Reference Input. Fully differential inputs which establish the voltage reference for the on-chip modulator. Power Supply Connections VA+ - Positive Analog Power. Positive analog supply voltage. VA- - Negative Analog Power. Negative analog supply voltage. VD+ - Positive Digital Power. Positive digital supply voltage. DGND - Digital Ground. Digital Ground.
22
DS500PP1
CS5541
4. SPECIFICATION DEFINITIONS
Linearity Error The deviation of a code from a straight line which connects the two end points of the A/D Converter transfer function. One end point is located 1/2 LSB below the first code transition and the other end point is located 1/2 LSB beyond the code transition to all ones. Units in percent of full-scale. Differential Nonlinearity The deviation of a code's width from the ideal width. Units in LSBs. Full Scale Error The deviation of the last code transition from the ideal [{(VREF+) - (VREF-)} - 3/2 LSB]. Units are in LSBs. Unipolar Offset The deviation of the first code transition from the ideal (1/2 LSB above the voltage on the AIN- pin). When in unipolar mode (U/B bit = 1). Units are in LSBs. Bipolar Offset The deviation of the mid-scale transition (111...111 to 000...000) from the ideal (1/2 LSB below the voltage on the AIN- pin). When in bipolar mode (U/B bit = 0). Units are in LSBs.
DS500PP1
23
CS5541
16L SSOP PACKAGE DRAWING
N
D
E11 A2 A1
L
E
A
e b2 SIDE VIEW
123
END VIEW
SEATING PLANE
TOP VIEW
INCHES DIM A A1 A2 b D E E1 e L MIN -0.002 0.064 0.009 0.232 0.291 0.197 0.022 0.025 0 NOM -0.005 0.069 0.012 0.244 0.307 0.209 0.026 0.0295 4 MAX 0.084 0.010 0.074 0.015 0.256 0.323 0.220 0.030 0.041 8 MIN -0.05 1.68 0.22 5.90 7.40 5.00 0.55 0.63 0
MILLIMETERS NOM -0.13 1.75 -6.20 7.80 5.30 0.65 0.75 4 MAX 2.13 0.25 1.88 0.38 6.50 8.20 5.60 0.75 1.03 8
NOTE
2,3 1 1
JEDEC #: MO-150 Notes: 1. "D" and "E1" are reference datums and do not included mold flash or protrusions, but do include mold mismatch and are measured at the parting line, mold flash or protrusions shall not exceed 0.20 mm per side. 2. Dimension "b" does not include dambar protrusion/intrusion. Allowable dambar protrusion shall be 0.13 mm total in excess of "b" dimension at maximum material condition. Dambar intrusion shall not reduce dimension "b" by more than 0.07 mm at least material condition. 3. These dimensions apply to the flat section of the lead between 0.10 and 0.25 mm from lead tips.
24
DS500PP1
* Notes *


▲Up To Search▲   

 
Price & Availability of CS5541

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X