Part Number Hot Search : 
5150M MC10H1 UPD70 MMA0204 01701 C74HC40 SM1010 TPS54
Product Description
Full Text Search
 

To Download CD54AC245 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
CD54AC245/3A CD54ACT245/3A
Octal-Bus Transceiver Three-State, Non-Inverting
Functional Diagram
A0 A1 A2 A3 A4 A5 A6 2 3 4 5 6 7 8 9 1 18 17 16 15 14 13 12 11 B0 B1 B2 B3 B4 B5 B6 B7
June 1997
COMPLETE DATA SHEET COMING SOON!
Description
The CD54AC245/3A and CD54ACT245/3A are octal-bus transceivers that utilize the Harris Advanced CMOS Logic technology. They are non-inverting three-state bidirectional tranceiver-buffers intended for two-way transmission from "A" bus to "B" bus or "B" bus to "A" bus. The logic level present on the direction input (DIR) determines the data direction. When the output enable input (OE) is HIGH, the outputs are in the high-impedance state.) The CD54AC245/3A and CD54ACT245/3A are supplied in 20 lead dual-in-line ceramic packages (F suffix).
ACT INPUT LOAD TABLE
A7
INPUT An, Bn OE DIR NOTE:
UNIT LOAD (NOTE 1) 0.83 0.64 0.15
DIR OE 19
1. Unit load is ICC limit specified in DC Electrical Specifications Table, e.g., 2.4mA Max at +25oC.
Absolute Maximum Ratings
DC Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6V DC Input Diode Current, IIK For VI < -0.5V or VI > VCC + 0.5V . . . . . . . . . . . . . . . . . . . . . .20mA DC Output Diode Current, IOK For VO < -0.5V or VO > VCC + 0.5V . . . . . . . . . . . . . . . . . . . . .50mA DC Output Source or Sink Current, Per Output Pin, IO For VO > -0.5V or VO < VCC + 0.5V . . . . . . . . . . . . . . . . . . . . .50mA DC VCC or GND Current, ICC or IGND For Up to 4 Outputs Per Device, Add 25mA For Each Additional Output . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .100mA Power Dissipation Per Package, PD TA = -55oC to +100oC (Package F) . . . . . . . . . . . . . . . . . . 500mW TA = +100oC to +125oC (Package F) . . . . . . . . Derate Linearly at 8mW/ oC to 300mW Operating Temperature Range, TA Package Type F . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC Storage Temperature, TSTG . . . . . . . . . . . . . . . . . . -65oC to +150oC Lead Temperature (During Soldering) At Distance 1/16in. 1/32in. (1.59mm 0.79mm) From Case For 10s Max . . . . . . . . . . . . . . . . . . . . . . . . . . +265oC Unit Inserted Into a PC Board (Min Thickness 1/16in., 1.59mm) With Solder Contacting Lead Tips Only. . . . . . . . . . . . . . . +300oC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Recommended Operating Conditions
Supply Voltage Range, VCC Unless Otherwise Specified, All Voltages Referenced to GND TA = Full Package Temperature Range CD54AC Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.5V to 5.5V CD54ACT Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 5.5V DC Input or Output Voltage, VI, VO . . . . . . . . . . . . . . . . . . 0V to VCC Operating Temperature, TA . . . . . . . . . . . . . . . . . . . -55oC to +125oC Input Rise and Fall Slew Rate, dt/dv at 1.5V to 3V (AC Types) . . . . . . . . . . . . . . . . . . . 0ns/V to 50ns/V at 3.6V to 5.5V (AC Types) . . . . . . . . . . . . . . . . . 0ns/V to 20ns/V at 4.5V to 5.5V (AC Types) . . . . . . . . . . . . . . . . . 0ns/V to 10ns/V
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper I.C. Handling Procedures. Copyright
(c) Harris Corporation 1994
File Number
3901
1


▲Up To Search▲   

 
Price & Availability of CD54AC245

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X