Part Number Hot Search : 
LCLPB MANG254C CRCW0402 MO86751A WT8048N1 VBO105 C82020S R2905Z
Product Description
Full Text Search
 

To Download BSM400GB60DN2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BSM 400 GB 60 DN2
IGBT Power Module Preliminary data * Half-bridge * Including fast free-wheeling diodes * Package with insulated metal base plate
Type BSM 400 GB 60 DN2 Maximum Ratings Parameter Collector-emitter voltage Collector-gate voltage
VCE
600V
IC
475A
Package HALF-BRIDGE 2
Ordering Code C67070-A2120-A67
Symbol
Values 600 600
Unit V
VCE VCGR VGE IC
RGE = 20 k
Gate-emitter voltage DC collector current
20 A 475 400
TC = 25 C TC = 60 C
Pulsed collector current, tp = 1 ms
ICpuls
950 800
TC = 25 C TC = 60 C
Power dissipation per IGBT
Ptot
1400
W + 150 -40 ... + 125 0.09 0.18 2500 20 11 F 40 / 125 / 56 sec Vac mm K/W C
TC = 25 C
Chip temperature Storage temperature Thermal resistance, chip case Diode thermal resistance, chip case Insulation test voltage, t = 1min. Creepage distance Clearance DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1
Tj Tstg RthJC RthJCD Vis
-
Semiconductor Group
1
Apr-25-1997
BSM 400 GB 60 DN2
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Symbol min. Static Characteristics Gate threshold voltage Values typ. max. Unit
VGE(th)
4.5 5.5 6.5
V
VGE = VCE, IC = 9 mA
Collector-emitter saturation voltage
VCE(sat)
VGE = 15 V IC = 400 A Tj = 25 C Tj = 125 C
Zero gate voltage collector current 2.1 2.2 5 25 2.55 2.65 mA A 1
ICES
VCE = 600 V, VGE = 0 V, Tj = 25 C VCE = 600 V, VGE = 0 V, Tj = 125 C
Gate-emitter leakage current
IGES
VGE = 20 V, VCE = 0 V
AC Characteristics Transconductance
gfs
100 22 2.5 1.5 -
S nF -
VCE = 20 V, IC = 400 A
Input capacitance
Ciss Coss
-
VCE = 25 V, VGE = 0 V, f = 1 MHz
Output capacitance
VCE = 25 V, VGE = 0 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VCE = 25 V, VGE = 0 V, f = 1 MHz
Semiconductor Group
2
Apr-25-1997
BSM 400 GB 60 DN2
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Symbol min. Switching Characteristics, Inductive Load at Tj = 125 C Turn-on delay time Values typ. max. Unit
td(on)
200 -
ns
VCC = 300 V, VGE = 15 V, IC = 400 A RGon = 4.7
Rise time
tr
190 -
VCC = 300 V, VGE = 15 V, IC = 400 A RGon = 4.7
Turn-off delay time
td(off)
680 -
VCC = 300 V, VGE = -15 V, IC = 400 A RGoff = 4.7
Fall time
tf
510 -
VCC = 300 V, VGE = -15 V, IC = 400 A RGoff = 4.7
Free-Wheel Diode Diode forward voltage
VF
1.9 1.7 2.4 -
V
IF = 400 A, VGE = 0 V, Tj = 25 C IF = 400 A, VGE = 0 V, Tj = 125 C
Reverse recovery time
trr
170 -
ns
IF = 400 A, VR = -300 V, VGE = 0 V diF/dt = -2000 A/s, Tj = 125 C
Reverse recovery charge
Qrr
15 -
C
IF = 400 A, VR = -300 V, VGE = 0 V diF/dt = -2000 A/s, Tj = 125 C
Semiconductor Group
3
Apr-25-1997
BSM 400 GB 60 DN2
Power dissipation Ptot = (TC) parameter: Tj 150 C
1500 W 1300
Safe operating area IC = (VCE) parameter: D = 0, TC = 25C , Tj 150 C
10 4
A
Ptot
1200 1100 1000 900 800 700 600 500 400 300 200 100 0 0
IC
10 3
tp = 60.0s
100 s
10 2
1 ms
10 1
10 ms
DC 10 20 40 60 80 100 120 C 160
0
10
0
10
1
10
2
V 10
3
TC
VCE
Collector current IC = (TC) parameter: VGE 15 V , Tj 150 C
500 A
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 0 K/W 10 -1
IGBT
IC
400 350 300 250 200 150 100 50 0 0
ZthJC
10 -2
D = 0.50 10
-3
0.20 0.10 0.05
10 -4
0.02 single pulse 0.01
20
40
60
80
100
120
C
160
10 -5 -5 10
10
-4
10
-3
10
-2
10
-1
s 10
0
TC
tp
Semiconductor Group
4
Apr-25-1997
BSM 400 GB 60 DN2
Typ. output characteristics
Typ. output characteristics
IC = f (VCE)
parameter: tp = 250 s, Tj = 25 C
800
IC = f (VCE)
parameter: tp = 250 s, Tj = 125 C
800
A
IC
600
17V 15V 13V 11V 9V 7V
A
IC
600
17V 15V 13V 11V 9V 7V
500
500
400
400
300
300
200
200
100 0 0
100 0 0
1
2
3
V
5
1
2
3
V
5
VCE
VCE
Typ. transfer characteristics
IC = f (VGE)
parameter: tp = 250 s, VCE = 20 V
800
A
IC
600
500
400
300
200
100 0 0
2
4
6
8
10
V 14 VGE
Semiconductor Group
5
Apr-25-1997
BSM 400 GB 60 DN2
Typ. gate charge VGE = (QGate) parameter: IC puls = 400 A
20 V
Typ. capacitances
C = f (VCE)
parameter: VGE = 0 V, f = 1 MHz
10 2
nF
VGE
16 14 12 10
C
Ciss 10 1
100 V
300 V
Coss 8 10 0 6 4 2 0 0.0 10 -1 0 Crss
0.4
0.8
1.2
1.6
2.0
2.4
C
3.2
5
10
15
20
25
30
QGate
V 40 VCE
Reverse biased safe operating area
Short circuit safe operating area
ICpuls = f(VCE) , Tj = 150C parameter: VGE = 15 V
2.5
ICsc = f(VCE) , Tj = 150C parameter: VGE = 15 V, tSC 10 s, L < 25 nH
12
ICpuls/IC
ICsc/IC
8 1.5 6 1.0 4 allowed numbers of short circuit: <1000 time between short 2 circuit: >1s di/dt = 500A/s 1500A/s 2500A/s
0.5
0.0 0 100 200 300 400 500 600 V 800 VCE
0 0 100 200 300 400 500 600 V 800 VCE
Semiconductor Group
6
Apr-25-1997
BSM 400 GB 60 DN2
Typ. switching time
Typ. switching time
I = f (IC) , inductive load , Tj = 125C
par.: VCE = 300 V, VGE = 15 V, RG = 4.7
10 4
t = f (RG) , inductive load , Tj = 125C
par.: VCE = 300 V, VGE = 15 V, IC = 400 A
10 4
ns t 10 3 tdoff tf tr tdon 10 2 t
ns tdoff 10 3 tf tr tdon
10 2
10 1 0
200
400
600
A
1000
10 1 0
10
IC
30
RG
Typ. switching losses
Typ. switching losses
E = f (IC) , inductive load , Tj = 125C
par.: VCE = 300 V, VGE = 15 V, RG = 4.7
120 Eoff mWs E
E = f (RG) , inductive load , Tj = 125C
par.: VCE = 300V, VGE = 15 V, IC = 400 A
120
mWs E
80
80
60
60
Eoff Eon
40 Eon 20
40
20
0 0
200
400
600
A
1000
0 0
10
IC
30
RG
Semiconductor Group
7
Apr-25-1997
BSM 400 GB 60 DN2
Forward characteristics of fast recovery reverse diode IF = f(VF) parameter: Tj
800
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 0
Diode
A
K/W
IF
600
ZthJC
10 -1
500 10 -2 D = 0.50
400
Tj=125C
300
0.20 0.10
200
Tj=25C
10 -3 single pulse
0.05 0.02 0.01
100 0 0.0 10 -4 -5 10
0.5
1.0
1.5
2.0
V
3.0
10
-4
10
-3
10
-2
10
-1
s 10
0
VF
tp
Semiconductor Group
8
Apr-25-1997
BSM 400 GB 60 DN2
Circuit Diagram
Package Outlines Dimensions in mm Weight: 420 g
Semiconductor Group
9
Apr-25-1997


▲Up To Search▲   

 
Price & Availability of BSM400GB60DN2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X