Part Number Hot Search : 
LM78L05F MAX3232 DTQS3 74AHC1 RF216306 SPLBG98 00505 OP484
Product Description
Full Text Search
 

To Download BSC052N03S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BSC052N03S
OptiMOS(R)2 Power-Transistor
Features * Fast switching MOSFET for SMPS * Optimized technology for notebook DC/DC converters * Qualified according to JEDEC for target applications * N-channel * Logic level * Excellent gate charge x R DS(on) product (FOM) * Very low on-resistance R DS(on) * Superior thermal resistance * Avalanche rated * dv /dt rated Type BSC052N03S Package P-TDSON-8 Ordering Code Q67042-S4221
1
Product Summary V DS R DS(on),max ID 30 5.2 50 V m A
P-TDSON-8
Marking 52N03S
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current Symbol Conditions ID T C=25 C T C=100 C T A=25 C, R thJA=45 K/W 2) Pulsed drain current Avalanche energy, single pulse Reverse diode dv /dt Gate source voltage Power dissipation I D,pulse E AS dv /dt V GS P tot T C=25 C T A=25 C, R thJA=45 K/W 2) Operating and storage temperature IEC climatic category; DIN IEC 68-1 Rev. 1.2 page 1 T j, T stg T C=25 C3) I D=50 A, R GS=25 I D=50 A, V DS=24 V, di /dt =200 A/s, T j,max=150 C Value 50 50 18 200 168 6 20 54 2.8 -55 ... 150 55/150/56 2004-04-13 C mJ kV/s V W Unit A
BSC052N03S
Parameter Symbol Conditions min. Thermal characteristics Thermal resistance, junction - case Thermal resistance, junction - ambient R thJC R thJA minimal footprint 6 cm2 cooling area2) 2.3 62 45 K/W Values typ. max. Unit
Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current V (BR)DSS V GS=0 V, I D=1 mA V GS(th) I DSS V DS=V GS, I D=40 A V DS=30 V, V GS=0 V, T j=25 C V DS=30 V, V GS=0 V, T j=125 C Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=20 V, V DS=0 V V GS=4.5 V, I D=50 A V GS=10 V, I D=50 A Gate resistance Transconductance RG g fs |V DS|>2|I D|R DS(on)max, I D=50 A 30 1.2 1.6 0.1 2 1 A V
43
10 10 6.6 4.3 0.9 86
100 100 8.2 5.2 S nA m
1) 2)
J-STD20 and JESD22
Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm 2 (one layer, 70 m thick) copper area for drain connection. PCB is vertical in still air.
3)
See figure 3
Rev. 1.2
page 2
2004-04-13
BSC052N03S
Parameter Symbol Conditions min. Dynamic characteristics Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics4) Gate to source charge Gate charge at threshold Gate to drain charge Switching charge Gate charge total Gate plateau voltage Gate charge total, sync. FET Output charge Reverse Diode Diode continous forward current Diode pulse current Diode forward voltage IS I S,pulse V SD T C=25 C V GS=0 V, I F=50 A, T j=25 C V R=15 V, I F=I S, di F/dt =400 A/s 0.86 50 200 1.1 V A Q gs Q g(th) Q gd Q sw Qg V plateau Q g(sync) Q oss V DS=0.1 V, V GS=0 to 5 V V DD=15 V, V GS=0 V V DD=15 V, I D=25 A, V GS=0 to 5 V 6.6 3.4 4.2 7.4 16 3.1 14 18 8.8 4.5 6.3 11 22 19 24 V nC nC C iss C oss Crss t d(on) tr t d(off) tf V DD=15 V, V GS=10 V, I D=25 A, R G=2.7 V GS=0 V, V DS=15 V, f =1 MHz 2120 760 98 5.9 5.0 23 4.0 2820 1010 147 8.9 7.5 34 6.0 ns pF Values typ. max. Unit
Reverse recovery charge
Q rr
-
-
10
nC
4)
See figure 16 for gate charge parameter definition
Rev. 1.2
page 3
2004-04-13
BSC052N03S
1 Power dissipation P tot=f(T C) 2 Drain current I D=f(T C); V GS10 V
60
60
50
40
40
P tot [W]
30
20
I D [A]
20 0 0 40 80 120 160 0 40 80 120 160
10
0
T C [C]
T C [C]
3 Safe operation area I D=f(V DS); T C=25 C; D =0 parameter: t p
103
1000
4 Max. transient thermal impedance Z thJC=f(t p) parameter: D =t p/T
101
10
limited by on-state resistance 1 s 10 s
100
102
100 s
100
0.5
1
Z thJC [K/W]
DC
0.2
I D [A]
101
10
1 ms
0.1 0.05
-1
0.1
10 ms
10
100
0.02
1
0.01 single pulse
10-1
0.1 0.1 1 10 100
10-2
2
0.01 0 0 0 0 0 0
10
-1
10
0
V DS [V]
10
1
10
t p [s]
Rev. 1.2
page 4
2004-04-13
BSC052N03S
5 Typ. output characteristics I D=f(V DS); T j=25 C parameter: V GS
120
10 V 4.5 V 3.4 V 3.7 V 4V
6 Typ. drain-source on resistance R DS(on)=f(I D); T j=25 C parameter: V GS
25
100
4V
20
3.2 V 3V
80
3.7 V
60
R DS(on) [m]
15
I D [A]
10
4.5 V
40
3.4 V
3.2 V
20
5
3V 2.8 V
10 V
0 0 1 2 3
0 0 20 40 60 80 100
V DS [V]
I D [A]
7 Typ. transfer characteristics I D=f(V GS); |V DS|>2|I D|R DS(on)max parameter: T j
160 140
8 Typ. forward transconductance g fs=f(I D); T j=25 C
120
100 120 100 80 60 40 40 20 0 0 1 2 3 4 5
150 C 25 C
80
g fs [S]
I D [A]
60
20
0 0 10 20 30 40 50 60
V GS [V]
I D [A]
Rev. 1.2
page 5
2004-04-13
BSC052N03S
9 Drain-source on-state resistance R DS(on)=f(T j); I D=50 A; V GS=10 V 10 Typ. gate threshold voltage V GS(th)=f(T j); V GS=V DS parameter: I D
9 8 7 6 2
400 A 98 %
2.5
R DS(on) [m]
5
typ
V GS(th) [V]
1.5
40 A
4 3 2 1 0 -60 -20 20 60 100 140 180
1
0.5
0 -60 -20 20 60 100 140 180
T j [C]
T j [C]
11 Typ. capacitances C =f(V DS); V GS=0 V; f =1 MHz
12 Forward characteristics of reverse diode I F=f(V SD) parameter: T j
104
10000
103
150 C 25 C 150C, 98%
102
Ciss 25C, 98%
10
3
1000
Coss
101
C [pF]
I F [A]
102
Crss
100
100
10-1
101
10
10-2 10 20 30 0 0.5 1 1.5 2
0
V DS [V]
V SD [V]
Rev. 1.2
page 6
2004-04-13
BSC052N03S
13 Avalanche characteristics I AS=f(t AV); R GS=25 parameter: T j(start)
100
14 Typ. gate charge V GS=f(Q gate); I D=25 A pulsed parameter: V DD
12
15 V 100 C 125 C 25 C
10
6V 24 V
8
10
V GS [V]
1 10 100 1000
I AV [A]
6
4
2
1
0 0 10 20 30 40
t AV [s]
Q gate [nC]
15 Drain-source breakdown voltage V BR(DSS)=f(T j); I D=1 mA
16 Gate charge waveforms
36
V GS
34 32 30
Qg
V BR(DSS) [V]
28 26 24 22 20 -60 -20 20 60 100 140 180
V g s(th)
Q g (th) Q gs
Q sw Q gd
Q gate
T j [C]
Rev. 1.2
page 7
2004-04-13
BSC052N03S
Package Outline P-TDSON-8: Outline
Footprint Dimensions in mm Rev. 1.2 page 8 2004-04-13
BSC052N03S
Package Outline P-TDSON-8: Tape
Dimensions in mm Rev. 1.2 page 9 2004-04-13
BSC052N03S
Published by Infineon Technologies AG Bereich Kommunikation St.-Martin-Strae 53 D-81541 Munchen (c) Infineon Technologies AG 1999 All Rights Reserved. Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices, please contact your nearest Infineon Technologies office in Germany or our Infineon Technologies representatives worldwide (see address list). Warnings Due to technical requirements, components may contain dangerous substances. For information on the types in question, please contact your nearest Infineon Technologies office. Infineon Technologies' components may only be used in life-support devices or systems with the expressed written approval of Infineon Technologies if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 1.2
page 10
2004-04-13


▲Up To Search▲   

 
Price & Availability of BSC052N03S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X