Part Number Hot Search : 
ZMM5235B 26000 MSB32XA EML5243 BDV65A MA01503D IN16C01 FCH47N60
Product Description
Full Text Search
 

To Download BS616LV4018 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BSI
FEATURES
Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616LV4018
* Vcc operation voltage : 4.5V ~ 5.5V * Very low power consumption : Vcc = 5.0V C-grade: 63mA (@55ns) operating current I -grade: 65mA (@55ns) operating current C-grade: 53mA (@70ns) operating current I -grade: 55mA (@70ns) operating current 2.0uA (Typ.) CMOS standby current * High speed access time : -55 55ns -70 70ns * Automatic power down when chip is deselected * Three state outputs and TTL compatible * Fully static operation * Data retention supply voltage as low as 1.5V
* Easy expansion with CE and OE options * I/O Configuration x8/x16 selectable by LB and UB pin
DESCRIPTION
The BS616LV4018 is a high performance, very low power CMOS Static Random Access Memory organized as 262,144 words by 16 bits and operates from a range of 4.5V to 5.5V supply voltage. Advanced CMOS technology and circuit techniques provide both high speed and low power features with a typical CMOS standby current of 2.0uA at 5.0V/25oC and maximum access time of 55ns at 5.0V/85oC. Easy memory expansion is provided by an active LOW chip enable (CE) ,active LOW output enable(OE) and three-state output drivers. The BS616LV4018 has an automatic power down feature, reducing the power consumption significantly when chip is deselected. The BS616LV4018 is available in DICE form , JEDEC standard 44-pin TSOP Type II package and 48-ball BGA package.
PRODUCT FAMILY
PRODUCT FAMILY BS616LV4018DC BS616LV4018EC BS616LV4018AC BS616LV4018DI BS616LV4018EI BS616LV4018AI
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22
OPERATING TEMPERATURE
Vcc RANGE
SPEED ( ns )
55ns:4.5~5.5V 70ns:4.5~5.5V
( I CCSB1 , Max )
POWER DISSIPATION Operating STANDBY
( I CC , Max )
Vcc = 5.0V
Vcc = 5.0V 55ns
Vcc = 5.0V 70ns
PKG TYPE DICE
+0 C to +70 C
O
O
4.5V ~ 5.5V
55 / 70
30uA
63mA
53mA
-40 C to +85 C
O
O
4.5V ~ 5.5V
55 / 70
60uA
65mA
55mA
TSOP2-44 BGA-48-0608 DICE TSOP2-44 BGA-48-0608
PIN CONFIGURATIONS
A4 A3 A2 A1 A0 CE DQ0 DQ1 DQ2 DQ3 VCC GND DQ4 DQ5 DQ6 DQ7 WE A17 A16 A15 A14 A13 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 A5 A6 A7 OE UB LB DQ15 DQ14 DQ13 DQ12 GND VCC DQ11 DQ10 DQ9 DQ8 NC A8 A9 A10 A11 A12
BLOCK DIAGRAM
A4 A3 A2 A1 A0 A17 A16 A15 A14 A13 A12 Address Input Buffer 22 Row Decoder 2048 Memory Array 2048 x 2048
BS616LV4018EC BS616LV4018EI
2048 DQ0 16 Data Input Buffer 16 Column I/O
. . . .
DQ15
. . . .
Write Driver
Sense Amp 128 Column Decoder
16
Data Output
16
Buffer
CE WE OE UB LB Vcc Gnd Control
14 Address Input Buffer
A11 A10 A9 A8 A7 A6 A5
Brilliance Semiconductor, Inc. reserves the right to modify document contents without notice.
R0201-BS616LV4018
1
Revision 2.1 Jan. 2004
BSI
PIN DESCRIPTIONS
BS616LV4018
Name
A0-A17 Address Input CE Chip Enable Input
Function
These 18 address inputs select one of the 262,144 x 16-bit words in the RAM. CE is active LOW. Chip enables must be active when data read from or write to the device. if chip enable is not active, the device is deselected and is in a standby power mode. The DQ pins will be in the high impedance state when the device is deselected.
WE Write Enable Input
The write enable input is active LOW and controls read and write operations. With the chip selected, when WE is HIGH and OE is LOW, output data will be present on the DQ pins; when WE is LOW, the data present on the DQ pins will be written into the selected memory location.
OE Output Enable Input
The output enable input is active LOW. If the output enable is active while the chip is selected and the write enable is inactive, data will be present on the DQ pins and they will be enabled. The DQ pins will be in the high impedance state when OE is inactive.
LB and UB Data Byte Control Input DQ0 - DQ15 Data Input/Output Ports Vcc Gnd
Lower byte and upper byte data input/output control pins. These 16 bi-directional ports are used to read data from or write data into the RAM. Power Supply Ground
TRUTH TABLE
MODE Not selected (Power Down) Output Disabled CE H X L L L WE X X X H H OE X X X H L LB X H H X L Read H L L Write L L X H L UB X H H X L L H L L H D0~D7 High Z High Z High Z High Z Dout High Z Dout Din X Din D8~D15 High Z High Z High Z High Z Dout Dout High Z Din Din X Vcc CURRENT ICCSB , ICCSB1 ICCSB , ICCSB1 ICC ICC ICC ICC ICC ICC ICC ICC
R0201-BS616LV4018
2
Revision 2.1 Jan. 2004
BSI
ABSOLUTE MAXIMUM RATINGS(1)
SYMBOL VTERM TBIAS TSTG PT IOUT PARAMETER
Terminal Voltage Respect to GND with
BS616LV4018
OPERATING RANGE
UNITS
V
O O
RATING
-0.5 to Vcc+0.5 -40 to +85 -60 to +150 1.0 20
RANGE
Commercial Industrial
AMBIENT TEMPERATURE
0
O
Vcc
4.5V ~ 5.5V 4.5V ~ 5.5V
C to +70 C to +85
O
C
Temperature Under Bias Storage Temperature Power Dissipation DC Output Current
C C
-40
O
OC
W mA
CAPACITANCE (1) (TA = 25oC, f = 1.0 MHz)
SYMBOL
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
CIN CDQ
PARAMETER Input Capacitance Input/Output Capacitance
CONDITIONS
MAX.
UNIT
VIN=0V VI/O=0V
6 8
pF pF
1. This parameter is guaranteed and not 100% tested.
DC ELECTRICAL CHARACTERISTICS ( TA = -40 to + 85oC ) PARAMETER NAME
VIL
PARAMETER
Guaranteed Input Low Voltage (2) Guaranteed Input High Voltage (2) Input Leakage Current Output Leakage Current Output Low Voltage
TEST CONDITIONS
Vcc=5.0V
MIN. TYP.(1) MAX.
-0.5 -0.8
UNITS V
VIH IIL ILO VOL
Vcc=5.0V
2.2 ----
-----
Vcc+0.3
V uA uA V
Vcc = Max, VIN = 0V to Vcc Vcc = Max, CE = V IH , or OE,= V IH VI/O = 0V to Vcc Vcc = Max, I OL = 2.0mA
Vcc=5.0V
1 1 0.4
VOH
(5)
Output High Voltage Operating Power Supply Current Standby Current-TTL
(4)
Vcc = Min, IOH = -1.0mA CE=VIL ,IDQ= 0mA, F=Fmax
(3)
Vcc=5.0V
2.4
--
-55 65 1.0
V
ICC
70ns Vcc=5.0V 55ns
--
--
mA
ICCSB
CE = V IH, I
DQ=
0mA
Vcc=5.0V
--
--
mA
ICCSB1
Standby Current-CMOS
CE Vcc-0.2V, VIN Vcc - 0.2V or VIN 0.2V
Vcc=5.0V
--
2.0
60
uA
1. Typical characteristics are at TA = 25oC. 2. These are absolute values with respect to device ground and all overshoots due to system or tester notice are included. 3. Fmax = 1/tRC . 4. IccSB1_max. is 30uA at Vcc=5.0V and TA=70oC. 5. Icc_Max. is 63mA(@55ns) / 53mA(@70ns) at Vcc=5.0V/TA=0~70oC.
R0201-BS616LV4018
3
Revision 2.1 Jan. 2004
BSI
DATA RETENTION CHARACTERISTICS ( TA = -40 to + 85oC )
SYMBOL
VDR ICCDR tCDR tR
(3)
BS616LV4018
TEST CONDITIONS
CE Vcc - 0.2V VIN Vcc - 0.2V or VIN 0.2V CE Vcc - 0.2V VIN Vcc - 0.2V or VIN 0.2V See Retention Waveform
PARAMETER
Vcc for Data Retention Data Retention Current Chip Deselect to Data Retention Time Operation Recovery Time
MIN. TYP.
1.5 -0 TRC (2) --
(1)
MAX.
-1.3 ---
UNITS
V uA ns ns
0.3 ---
1. Vcc = 1.5V, TA = + 25OC 2. tRC = Read Cycle Time 3. IccDR(Max.) is 0.8uA at TA=70OC.
LOW VCC DATA RETENTION WAVEFORM ( CE Controlled )
Data Retention Mode
Vcc
VIH
Vcc
VDR 1.5V
Vcc
t CDR
CE Vcc - 0.2V
tR
VIH
CE
R0201-BS616LV4018
4
Revision 2.1 Jan. 2004
BSI
AC TEST CONDITIONS
(Test Load and Input/Output Reference)
BS616LV4018
KEY TO SWITCHING WAVEFORMS
Vcc / 0V
WAVEFORM INPUTS MUST BE STEADY MAY CHANGE FROM H TO L MAY CHANGE FROM L TO H DON T CARE: ANY CHANGE PERMITTED DOES NOT APPLY OUTPUTS MUST BE STEADY WILL BE CHANGE FROM H TO L WILL BE CHANGE FROM L TO H CHANGE : STATE UNKNOWN CENTER LINE IS HIGH IMPEDANCE "OFF "STATE
Input Pulse Levels Input Rise and Fall Times Input and Output Timing Reference Level Output Load
1V/ns 0.5Vcc CL = 30pF+1TTL CL = 100pF+1TTL
,
AC ELECTRICAL CHARACTERISTICS ( TA = -40 to + 85oC )
READ CYCLE
JEDEC PARAMETER NAME PARAMETER NAME
CYCLE TIME : 55ns CYCLE TIME : 70ns
(Vcc = 4.5~5.5V)
DESCRIPTION
Read Cycle Time Address Access Time Chip Select Access Time Data Byte Control Access Time Output Enable to Output Valid Chip Select to Output Low Z Data Byte Control to Output Low Z Output Enable to Output in Low Z Chip Deselect to Output in High Z Data Byte Control to Output High Z Output Disable to Output in High Z Data Hold from Address Change
(Vcc = 4.5~5.5V)
MIN. TYP. MAX.
UNIT -ns ns ns ns ns ns ns ns ns ns ns ns
MIN. TYP. MAX.
tAVAX tAVQV tELQV tBA tGLQV t E1LQX tBE tGLQX tEHQZ tBDO tGHQZ tAXOX
NOTE :
tRC tAA tACS tBA (1) tOE tCLZ tBE tOLZ tCHZ tBDO tOHZ tOH
55 --(LB,UB) --10 (LB,UB) 5 5 -(LB,UB) --10
-------------
-55 55 30 30 ---30 30 25 --
70 ----10 5 5 ---10
-------------
70 70 35 35 ---35 35 30 --
1. tBA is 30ns/35ns (@speed=55ns/70ns) with address toggle. ; tBA is 55ns/70ns (@speed=55ns/70ns) without address toggle.
R0201-BS616LV4018
5
Revision 2.1 Jan. 2004
BSI
SWITCHING WAVEFORMS (READ CYCLE)
READ CYCLE1
(1,2,4)
BS616LV4018
t RC
ADDRESS
t
D OUT
t
OH
AA
t OH
READ CYCLE2
(1,3,4)
CE
t ACS t BA
LB,UB
t BE
D OUT
t
(5)
CLZ
t BDO
t
CHZ
(5)
READ CYCLE3
(1,4)
t RC
ADDRESS
t
OE
AA
t OE
CE
t OH
t OLZ t CLZ
(5)
t
ACS
t OHZ (5) (1,5) t CHZ t BA
LB,UB
t BE
D OUT NOTES: 1. WE is high in read Cycle. 2. Device is continuously selected when CE = VIL. 3. Address valid prior to or coincident with CE transition low. 4. OE = VIL . 5. The parameter is guaranteed but not 100% tested. R0201-BS616LV4018
t BDO
6
Revision 2.1 Jan. 2004
BSI
AC ELECTRICAL CHARACTERISTICS ( TA = -40 to + 85oC )
WRITE CYCLE
JEDEC PARAMETER NAME PARAMETER NAME
CYCLE TIME : 55ns
BS616LV4018
CYCLE TIME : 70ns
(Vcc = 4.5~5.5V)
DESCRIPTION
Write Cycle Time Chip Select to End of Write Address Setup Time Address Valid to End of Write Write Pulse Width Write recovery Time Date Byte Control to End of Write Write to Output in High Z Data to Write Time Overlap Data Hold from Write Time Output Disable to Output in High Z End of Write to Output Active
(Vcc = 4.5~5.5V)
MIN. TYP. MAX.
MIN. TYP. MAX.
UNIT ns ns ns ns ns ns ns ns ns ns ns ns
tAVAX tE1LWH tAVWL tAVWH tWLWH tWHAX tBW tWLQZ tDVWH tWHDX tGHQZ tWHOX
t WC t CW t AS t AW t WP t WR t BW (1) t WHZ t DW t DH t OHZ t OW
55 55 0 55 30 (CE,WE) (LB,UB) 0 25 -25 0 -5
-------------
-------25 --25 --
70 70 0 70 35 0 30 -30 0 -5
-------------
-------30 --30 --
NOTE : 1. tBW is 25ns/30ns (@speed=55ns/70ns) with address toggle. ; tBW is 55ns/70ns (@speed=55ns/70ns) without address toggle.
SWITCHING WAVEFORMS (WRITE CYCLE)
WRITE CYCLE1 (1)
t WC
ADDRESS
t WR
OE
(3)
t CW
CE
(5)
(10)
t BW
LB,UB
t AW
WE
(3)
t AS
(4,11)
t WP
(2)
t OHZ
D OUT
t t DW
DH
D IN
R0201-BS616LV4018
7
Revision 2.1 Jan. 2004
BSI
WRITE CYCLE2 (1,6)
BS616LV4018
t WC
ADDRESS
t CW
CE
(5)
(10)
t BW
LB,UB
t AW
WE
t WR t WP
(2)
(3)
t AS
(4,11)
t WHZ
D OUT
t OW t DW t
DH
(8,9)
(7)
(8)
D IN
NOTES: 1. WE must be high during address transitions. 2. The internal write time of the memory is defined by the overlap of CE and WE low. All signals must be active to initiate a write and any one signal can terminate a write by going inactive. The data input setup and hold timing should be referenced to the second transition edge of the signal that terminates the write. 3. TWR is measured from the earlier of CE or WE going high at the end of write cycle. 4. During this period, DQ pins are in the output state so that the input signals of opposite phase to the outputs must not be applied. 5. If the CE low transition occurs simultaneously with the WE low transitions or after the WE transition, output remain in a high impedance state. 6. OE is continuously low (OE = VIL ). 7. DOUT is the same phase of write data of this write cycle. 8. DOUT is the read data of next address. 9. If CE is low during this period, DQ pins are in the output state. Then the data input signals of opposite phase to the outputs must not be applied to them. 10. TCW is measured from the later of CE going low to the end of write. 11. The parameter is guaranteed but not 100% tested.
R0201-BS616LV4018
8
Revision 2.1 Jan. 2004
BSI
ORDERING INFORMATION
BS616LV4018
BS616LV4018 X X
Z
YY
SPEED 55: 55ns 70: 70ns PKG MATERIAL -: Normal G: Green P: Pb free GRADE C: +0oC ~ +70oC I: -40oC ~ +85oC PACKAGE E: TSOP2-44 A: BGA-48-0608 D: DICE
Note: BSI (Brilliance Semiconductor Inc.) assumes no responsibility for the application or use of any product or circuit described herein. BSI does not authorize its products for use as critical components in any application in which the failure of the BSI product may be expected to result in significant injury or death, including life-support systems and critical medical instruments.
PACKAGE DIMENSIONS
TSOP2-44
R0201-BS616LV4018
9
Revision 2.1 Jan. 2004
BSI
PACKAGE DIMENSIONS (continued)
0.25 0.05
NOTES:
BS616LV4018
1: CONTROLLING DIMENSIONS ARE IN MILLIMETERS. 2: PIN#1 DOT MARKING BY LASER OR PAD PRINT. 3: SYMBOL "N" IS THE NUMBER OF SOLDER BALLS.
1.4 Max.
SIDE VIEW
D 0.1 D1
N 48 D 8.0 E 6.0 D1 5.25 E1 3.75
SOLDER BALL
0.35 0.05
e
VIEW A
48 mini-BGA (6 x 8mm)
E 0.1
E1
R0201-BS616LV4018
10
Revision 2.1 Jan. 2004


▲Up To Search▲   

 
Price & Availability of BS616LV4018

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X