Part Number Hot Search : 
E43CA 2SC5091 SHA394A LT111 MS6714G A1803 08852 BD744C
Product Description
Full Text Search
 

To Download BLV862 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
M3D091
BLV862 UHF linear push-pull power transistor
Product specification Supersedes data of 1997 Oct 14 1999 Jun 25
Philips Semiconductors
Product specification
UHF linear push-pull power transistor
FEATURES * Double stage internal input and output matching networks for an optimum wideband capability and high gain * Polysilicon emitter ballasting resistors for an optimum temperature profile * Gold metallization ensures excellent reliability. APPLICATIONS * Common emitter class-AB operation in output stages in bands 4 and 5 (470 to 860 MHz) television transmitter amplifiers (vision or sound). DESCRIPTION NPN silicon planar epitaxial transistor with two sections in push-pull configuration. The device is encapsulated in a SOT262B 4-lead rectangular flange package, with two ceramic caps.
5 3
Top view
MAM031
BLV862
PINNING PIN 1 2 3 4 5 Notes 1. Collectors 1 and 2 are connected together internally. 2. Common emitters are connected to the flange. SYMBOL c1 c2 b1 b2 e DESCRIPTION collector 1; note 1 collector 2; note 1 base 1 base 2 common emitter; note 2
handbook, halfpage
c1
1
2
b1 e
5 4
b2
c2
Fig.1 Simplified outline (SOT262B) and symbol.
QUICK REFERENCE DATA RF performance at Th = 25 C in a common emitter push-pull test circuit. MODE OF OPERATION CW class-AB f (MHz) 860 VCE (V) 28 PL (W) 150 Gp (dB) 8 typ. 9 C (%) 45 typ. 52 Gp (dB) 1
WARNING Product and environmental safety - toxic materials This product contains beryllium oxide. The product is entirely safe provided that the BeO discs are not damaged. All persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of the user. It must never be thrown out with the general or domestic waste.
1999 Jun 25
2
Philips Semiconductors
Product specification
UHF linear push-pull power transistor
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VCBO VCEO VEBO IC Ptot Tstg Tj PARAMETER collector-base voltage collector-emitter voltage emitter-base voltage collector current (DC) total power dissipation storage temperature operating junction temperature Tmb = 25 C CONDITIONS open emitter open base open collector - - - - - -65 - MIN.
BLV862
MAX. 65 30 3 25 350 +150 200 V V V A
UNIT
W C C
THERMAL CHARACTERISTICS SYMBOL Rth j-mb Rth mb-h Note 1. Thermal resistance is determined under specified RF operating conditions. PARAMETER thermal resistance from junction to mounting base thermal resistance from mounting base to heatsink note 1 CONDITIONS Ptot = 350 W; note 1 VALUE 0.5 0.15 UNIT K/W K/W
102 handbook, halfpage
MBK231
handbook, halfpage
400
MGD528
IC (A)
Ptot (W) 300
(2) (1)
10
(2)
200
(1)
100
1
1
10
VCE (V)
102
0 0 40 80 120 Th (C) 160
Total device; both sections equally loaded. (1) Tmb = 25 C. (2) Th = 70 C.
Total device; both sections equally loaded. (1) Continuous operation. (2) Short time operation during mismatch.
Fig.2 DC SOAR.
Fig.3 Power derating curves.
1999 Jun 25
3
Philips Semiconductors
Product specification
UHF linear push-pull power transistor
CHARACTERISTICS Values apply to either transistor section; Tj = 25 C unless otherwise specified. SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO ICBO hFE hFE Cc Note 1. The value of Cc is that of the die only, it is not measurable because of the internal matching network. APPLICATION INFORMATION RF performance at Th = 25 C in a common emitter push-pull class-AB test circuit; note 1. MODE OF OPERATION CW class-AB Note 1. See application note "AN98014 in handbook SC19b." Ruggedness in class-AB operation f (MHz) 860 VCE (V) 28 ICQ (A) 0.8 PL (W) 150 Gp (dB) 8 typ. 9 C (%) 45 typ. 52 PARAMETER collector-base breakdown voltage collector-emitter breakdown voltage emitter-base breakdown voltage collector-base leakage current DC current gain DC current gain ratio of both sections collector capacitance CONDITIONS IE = 0; IC = 60 mA IB = 0; IC = 150 mA IE = 3 mA; IC = 0 VCB = 28 V IC = 4.5 A; VCE = 10 V IC = 4.5 A; VCE = 10 V IE = ie= 0; VCE = 28 V; f = 1 MHz; note 1 MIN. 65 30 3 - 30 0.67 - - - - - - - 75 TYP.
BLV862
MAX. - - - 5 140 1.5 -
UNIT V V V mA - - pF
Gp (dB) 1
The BLV862 is capable of withstanding a load mismatch corresponding to VSWR = 2 : 1 through all phases under the conditions: Th = 25 C; f = 860 MHz; VCE = 28 V; ICQ = 0.8 A; PL = 150 W; Rth mb-h = 0.15 K/W.
1999 Jun 25
4
Philips Semiconductors
Product specification
UHF linear push-pull power transistor
BLV862
handbook, halfpage
12
MGD529
MGD530
60 C (%)
handbook, halfpage
240
Gp (dB)
Gp
PL (W) 160
8 C
40
4
20
80
0 0 40 80 120
0 160 200 PL (W)
0 0 10 20 PD (W) 30
Th = 25 C; f = 860 MHz; VCE = 28 V; ICQ = 0.8 A.
Th = 25 C; f = 860 MHz; VCE = 28 V; ICQ = 0.8 A.
Fig.4
Power gain and collector efficiency as functions of load power; typical values.
Fig.5
Load power as a function of drive power; typical values.
handbook, halfpage
-20
MGG812
handbook, halfpage
-20
MGG813
dim (dB) -30
dim (dB) -30
-40
-40
-50
-50
-60 0 100 200 300 400 500 Po sync (W)
-60 0 100 200 300 400 Po sync (W)
Th = 25 C; VCE = 28 V; ICQ = 0.8 A; 2-tone: fvision = 855.25 MHz (-8 dB); fsideband = 859.68 MHz (-16 dB).
Th = 25 C; VCE = 28 V; ICQ = 0.8 A; 3-tone: fvision = 855.25 MHz (-8 dB); fsideband = 859.68 MHz (-16 dB); fsound = 860.75 MHz (-10 dB).
Fig.6
Intermodulation distortion as a function of output power; typical values.
Fig.7
Intermodulation distortion as a function of output power; typical values.
1999 Jun 25
5
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... 1999 Jun 25
R8 T2 P1 R7 R9 T1 C4 C19 C20 C15 R1 R2 L9 R3 C1 B1 C5 R4 B2 L2 R5 R6 C3 L4 L6 L8 L10 L14 L16 C13 L12 C17
MGG811
Philips Semiconductors
pagewidth
UHF linear push-pull power transistor
+VCC = 28 V
C2
L11
C11
DUT
L13 L15 C16 L17 L19
L7 L1 L3 L5
50 input
6
C6 C7
C8
C9
C10
C12
C14 C18 L18 L20 50 output
Product specification
BLV862
Fig.8 Class-AB test circuit at f = 860 MHz.
Philips Semiconductors
Product specification
UHF linear push-pull power transistor
BLV862
handbook, full pagewidth
102
56
R7 R8 R9
X1
T1
C19 P1 C20
T2 C11
X2
B2 50 input C1 C3 C2 C16 R1 R2 R3 R4 R5 R6 C5,C6 C7,C8 C10 C9 BLV862 B1 C12 C13 C14 C15 C17 C18 50 output
C4
MBH775
Dimensions in mm. The components are situated on one side of the copper-clad PTFE-glass board (TLX8) from Taconic, the other side is unetched and serves as a ground plane. Earth connections from the component side to the ground plane are made by through metallization.
Fig.9 Printed-circuit board and component lay-out for the 860 MHz class-AB test circuit.
1999 Jun 25
7
Philips Semiconductors
Product specification
UHF linear push-pull power transistor
List of components COMPONENT C1 C2. C3 C4 C5, C7 C6, C8 C9, C10 C11, C13 C12 C14 C15 C16, C17 C18 C19 C20 L1, L2 L3, L4 L5, L6 L7, L8 L9, L10 L11, L12 L13, L14 L15, L16 L17, L18 L19, L20 B1 B2 R1, R6 R7 R9 P1 X1, X2 T1, T2 Notes 1. American Technical Ceramics type 100A or capacitor of same quality. 2. American Technical Ceramics type 100B or capacitor of same quality. 3. American Technical Ceramics type 180R or capacitor of same quality. DESCRIPTION multilayer ceramic chip capacitor solid aluminium capacitor Tekelec trimmer 1 nF 220 F; 16 V 1 to 5 pF VALUE
BLV862
DIMENSIONS CATALOGUE No. 2222 852 47102 2222 031 35221
multilayer ceramic chip capacitor; note 1 10 pF
multilayer ceramic chip capacitor; note 2 6.8 pF multilayer ceramic chip capacitor; note 3 10 pF multilayer ceramic chip capacitor; note 1 100 pF multilayer ceramic chip capacitor; note 1 8.2 pF multilayer ceramic chip capacitor; note 2 3.9 pF solid aluminium capacitor multilayer ceramic chip capacitor 100 F; 40 V 100 nF 2222 031 37101 2222 852 47104
multilayer ceramic chip capacitor; note 1 22 pF multilayer ceramic chip capacitor; note 1 100 pF multilayer ceramic chip capacitor stripline; note 4 stripline; note 4 stripline; note 4 stripline; note 4 stripline; note 4 stripline; note 4 stripline; note 4 stripline; note 4 stripline; note 4 stripline; note 4 semi rigid coax balun UT70-25 semi rigid coax balun UT70-25 SMD resistor SMD resistor SMD resistor potentiometer copper ribbon hairpin NPN transistor BD139 9330 912 20112 15 nF 47 x 1.8 mm 2 x 5 mm 4 x 6 mm 4 x 8 mm 8.1 x 10 mm 15 x 2 mm 5 x 10 mm 10 x 8 mm 12.9 x 5 mm 48.7 x 1.8 mm Z = 25 1.5 47 mm Z = 25 1.5 48.7 mm 100 1 47 1.2 k 4.7 k 0805 0805 0805 0805 2122 118 03881 2122 118 04562 2122 118 04598 2122 118 04579 2222 852 47153
R2, R3, R4, R5, R8 SMD resistor
4. The striplines are on a double copper-clad printed-circuit board: PTFE-glass material (TLX8) from Taconic (r = 2.55); thickness 0.5 mm.
1999 Jun 25
8
Philips Semiconductors
Product specification
UHF linear push-pull power transistor
BLV862
handbook, halfpage
4
MGG814
Zi
handbook, halfpage
3
MGG815
() 3
ZL () 2 xi 2 ri 1 1 0 0 XL RL
-1 400
500
600
700
800 900 f (MHz)
-1 400
500
600
700
800 900 f (MHz)
Th = 25 C; VCE = 28 V; ICQ = 0.8 A; PL = 150 W (total device).
Th = 25 C; VCE = 28 V; ICQ = 0.8 A; PL = 150 W (total device).
Fig.10 Input impedance (per section) as function of frequency (series components); typical values.
Fig.11 Load impedance (per section) as function of frequency (series components); typical values.
handbook, halfpage
16
MGG816
Gp (dB) 12
handbook, halfpage
8
Zi ZL
MBA451
4
0 400
500
600
700
800 900 f (MHz)
Th = 25 C; VCE = 28 V; ICQ = 0.8 A; PL = 150 W (total device).
Fig.12 Power gain as a function of frequency; typical values.
Fig.13 Definition of transistor impedance.
1999 Jun 25
9
Philips Semiconductors
Product specification
UHF linear push-pull power transistor
PACKAGE OUTLINE Flanged double-ended ceramic package; 2 mounting holes; 4 leads
BLV862
SOT262B
D
A F D1
U1 q H1 C w2 M C M
B
c
1
2
H
U2
p
E1
E
5
A
3
b e
4
w3 M
w1 M A M B M Q
0
5 scale
10 mm
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions) UNIT mm inches A 5.39 4.62 b 8.51 8.25 c 0.16 0.10 D D1 e E E1 F 1.78 1.52 H H1 p 3.28 3.02 Q 2.47 2.20 q 27.94 U1 34.17 33.90 U2 9.91 9.65 w1 0.25 w2 0.51 w3 0.25
22.17 21.98 10.27 10.29 11.05 21.46 21.71 10.05 10.03
15.49 19.69 14.99 19.17 0.61 0.59
0.212 0.335 0.006 0.873 0.865 0.404 0.405 0.070 0.435 0.182 0.325 0.004 0.845 0.855 0.396 0.396 0.060
0.775 0.129 0.097 1.345 0.390 1.100 0.010 0.020 0.010 0.755 0.119 0.087 1.335 0.380
OUTLINE VERSION SOT262B
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 99-03-29
1999 Jun 25
10
Philips Semiconductors
Product specification
UHF linear push-pull power transistor
DEFINITIONS Data Sheet Status Objective specification Preliminary specification Product specification Limiting values
BLV862
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
1999 Jun 25
11
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. +61 2 9805 4455, Fax. +61 2 9805 4466 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 1 60 101 1248, Fax. +43 1 60 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 20 0733, Fax. +375 172 20 0773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 68 9211, Fax. +359 2 68 9102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381, Fax. +1 800 943 0087 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Sydhavnsgade 23, 1780 COPENHAGEN V, Tel. +45 33 29 3333, Fax. +45 33 29 3905 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615 800, Fax. +358 9 6158 0920 France: 51 Rue Carnot, BP317, 92156 SURESNES Cedex, Tel. +33 1 4099 6161, Fax. +33 1 4099 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 2353 60, Fax. +49 40 2353 6300 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: PT Philips Development Corporation, Semiconductors Division, Gedung Philips, Jl. Buncit Raya Kav.99-100, JAKARTA 12510, Tel. +62 21 794 0040 ext. 2501, Fax. +62 21 794 0080 Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Piazza IV Novembre 3, 20124 MILANO, Tel. +39 02 67 52 2531, Fax. +39 02 67 52 2557 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108-8507, Tel. +81 3 3740 5130, Fax. +81 3 3740 5057 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381, Fax +9-5 800 943 0087 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Pakistan: see Singapore Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 319762, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 58088 Newville 2114, Tel. +27 11 471 5401, Fax. +27 11 471 5398 South America: Al. Vicente Pinzon, 173, 6th floor, 04547-130 SAO PAULO, SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 821 2382 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 93 301 6312, Fax. +34 93 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 5985 2000, Fax. +46 8 5985 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2741 Fax. +41 1 488 3263 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2886, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Yukari Dudullu, Org. San. Blg., 2.Cad. Nr. 28 81260 Umraniye, ISTANBUL, Tel. +90 216 522 1500, Fax. +90 216 522 1813 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 208 730 5000, Fax. +44 208 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381, Fax. +1 800 943 0087 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 62 5344, Fax.+381 11 63 5777
For all other countries apply to: Philips Semiconductors, International Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1999
Internet: http://www.semiconductors.philips.com
SCA 66
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
125002/05/pp12
Date of release: 1999 Jun 25
Document order number:
9397 750 05708


▲Up To Search▲   

 
Price & Availability of BLV862

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X