Part Number Hot Search : 
PCF85 RX301 STK3042 90BAI BR358L C0411 DBB0410 S2305
Product Description
Full Text Search
 

To Download BCW70LT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCW70LT1 General Purpose Transistors
PNP Silicon
http://onsemi.com MAXIMUM RATINGS
Rating Collector-Emitter Voltage Emitter-Base Voltage Collector Current -- Continuous Symbol VCEO VEBO IC Value -45 -5.0 -100 Unit Vdc Vdc mAdc 2 EMITTER Symbol PD Max 225 1.8 RJA PD 556 300 2.4 RJA TJ, Tstg 417 - 55 to +150 Unit mW 3 mW/C C/W mW mW/C C/W C SOT-23 (TO-236AB) CASE 318 STYLE 6 1 2 1 BASE
COLLECTOR 3
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR-5 Board (1) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate, (2) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Junction and Storage Temperature
DEVICE MARKING
1. FR-5 = 1.0 x 0.75 x 0.062 in. 2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina
H2x
x = Monthly Date Code
ORDERING INFORMATION
Device BCW70LT1 Package SOT-23 Shipping 3000 Units/Reel
Preferred devices are recommended choices for future use and best overall value.
(c) Semiconductor Components Industries, LLC, 1999
1
December, 1999 - Rev. 0
Publication Order Number: BCW70LT1/D
BCW70LT1
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic Symbol Min Max Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage (IC = -2.0 mAdc, IB = 0) Collector-Emitter Breakdown Voltage (IC = -100 Adc, VEB = 0) Emitter-Base Breakdown Voltage (IE = -10 Adc, IC = 0) Collector Cutoff Current (VCB = -20 Vdc, IE = 0) (VCB = -20 Vdc, IE = 0, TA = 100C) V(BR)CEO V(BR)CES V(BR)EBO ICBO -- -- -100 -10 nAdc Adc -45 -50 -5.0 -- -- -- Vdc Vdc Vdc
ON CHARACTERISTICS
DC Current Gain (IC = -2.0 mAdc, VCE = -5.0 Vdc) Collector-Emitter Saturation Voltage (IC = -10 mAdc, IB = -0.5 mAdc) Base-Emitter On Voltage (IC = -2.0 mAdc, VCE = -5.0 Vdc) hFE VCE(sat) VBE(on) 215 -- -0.6 500 -0.3 -0.75 -- Vdc Vdc
SMALL-SIGNAL CHARACTERISTICS
Output Capacitance (IE = 0, VCB = -10 Vdc, f = 1.0 MHz) Noise Figure (IC = -0.2 mAdc, VCE = -5.0 Vdc, RS = 2.0 k, f = 1.0 kHz, BW = 200 Hz) Cobo NF -- -- 7.0 10 pF dB
http://onsemi.com
2
BCW70LT1
TYPICAL NOISE CHARACTERISTICS
(VCE = - 5.0 Vdc, TA = 25C)
10 7.0 en, NOISE VOLTAGE (nV) 5.0 IC = 10 A 30 A 3.0 2.0 1.0 mA 100 A 300 A BANDWIDTH = 1.0 Hz RS 0 In, NOISE CURRENT (pA) 1.0 7.0 5.0 3.0 2.0 1.0 0.7 0.5 0.3 0.2 1.0 10 20 50 100 200 500 1.0 k f, FREQUENCY (Hz) 2.0 k 5.0 k 10 k 0.1 10 20 50 100 200 500 1.0 k 2.0 k f, FREQUENCY (Hz) 5.0 k 10 k 300 A 100 A 30 A 10 A IC = 1.0 mA BANDWIDTH = 1.0 Hz RS
Figure 1. Noise Voltage
Figure 2. Noise Current
NOISE FIGURE CONTOURS
(VCE = - 5.0 Vdc, TA = 25C)
1.0 M 500 k 200 k 100 k 50 k 20 k 10 k 5.0 k 2.0 k 1.0 k 500 200 100 10 20 30 50 70 100 200 300 IC, COLLECTOR CURRENT (A) 0.5 dB 1.0 dB 2.0 dB 3.0 dB 5.0 dB 500 700 1.0 k BANDWIDTH = 1.0 Hz RS , SOURCE RESISTANCE (OHMS) 1.0 M 500 k 200 k 100 k 50 k 20 k 10 k 5.0 k 2.0 k 1.0 k 500 200 100 10 20 30 50 70 100 200 300 IC, COLLECTOR CURRENT (A) BANDWIDTH = 1.0 Hz
RS , SOURCE RESISTANCE (OHMS)
0.5 dB 1.0 dB 2.0 dB 3.0 dB 5.0 dB 500 700 1.0 k
Figure 3. Narrow Band, 100 Hz
Figure 4. Narrow Band, 1.0 kHz
RS , SOURCE RESISTANCE (OHMS)
1.0 M 500 k 200 k 100 k 50 k 20 k 10 k 5.0 k 2.0 k 1.0 k 500 200 100 10 20 30 50 70 100
10 Hz to 15.7 kHz
Noise Figure is Defined as: NF 0.5 dB 1.0 dB 2.0 dB 3.0 dB 5.0 dB 200 300 500 700 1.0 k IC, COLLECTOR CURRENT (A)
+ 20 log10
en2
) 4KTRS ) In 2RS2 1 2
4KTRS
en = Noise Voltage of the Transistor referred to the input. (Figure 3) I = Noise Current of the Transistor referred to the input. n (Figure 4) K = Boltzman's Constant (1.38 x 10-23 j/K) T = Temperature of the Source Resistance (K) R = Source Resistance (Ohms) S
Figure 5. Wideband
http://onsemi.com
3
BCW70LT1
TYPICAL STATIC CHARACTERISTICS
VCE , COLLECTOR-EMITTER VOLTAGE (VOLTS) 1.0 TA = 25C 0.8 IC = 1.0 mA 10 mA 50 mA 100 mA IC, COLLECTOR CURRENT (mA) 100
TA = 25C PULSE WIDTH = 300 s 80 DUTY CYCLE 2.0% 300 A 60
IB = 400 A 350 A 250 A 200 A 150 A
0.6
0.4
40
100 A 50 A
0.2
20
0 0.002 0.005 0.01 0.02 0.05 0.1 0.2 0.5 1.0 2.0 IB, BASE CURRENT (mA)
0 5.0 10 20 0 5.0 10 15 20 25 30 35 VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS) 40
Figure 6. Collector Saturation Region
Figure 7. Collector Characteristics
TJ = 25C 1.2 V, VOLTAGE (VOLTS) 1.0 0.8 VBE(sat) @ IC/IB = 10 0.6 VBE(on) @ VCE = 1.0 V 0.4 0.2 VCE(sat) @ IC/IB = 10 0 0.1 0.2 0.5 1.0 2.0 5.0 10 20 IC, COLLECTOR CURRENT (mA) 50 100
V, TEMPERATURE COEFFICIENTS (mV/C)
1.4
1.6 *APPLIES for IC/IB hFE/2 0.8 *qVC for VCE(sat) 0 - 55C to 25C 0.8 25C to 125C 1.6 25C to 125C
qVB for VBE
0.2
- 55C to 25C
2.4 0.1
0.5 1.0 2.0 5.0 10 20 IC, COLLECTOR CURRENT (mA)
50
100
Figure 8. "On" Voltages
Figure 9. Temperature Coefficients
http://onsemi.com
4
BCW70LT1
TYPICAL DYNAMIC CHARACTERISTICS
500 300 200 100 70 50 30 20 td @ VBE(off) = 0.5 V 10 7.0 5.0 1.0 tr VCC = 3.0 V IC/IB = 10 TJ = 25C t, TIME (ns) 1000 700 500 300 200 100 70 50 30 20 10 -1.0 ts
VCC = - 3.0 V IC/IB = 10 IB1 = IB2 TJ = 25C
t, TIME (ns)
tf
2.0
3.0
20 30 5.0 7.0 10 IC, COLLECTOR CURRENT (mA)
50 70
100
- 2.0 - 3.0 - 5.0 - 7.0 -10 - 20 - 30 IC, COLLECTOR CURRENT (mA)
- 50 - 70 -100
Figure 10. Turn-On Time
f T, CURRENT-GAIN -- BANDWIDTH PRODUCT (MHz)
Figure 11. Turn-Off Time
500 TJ = 25C 300 200 VCE = 20 V 5.0 V C, CAPACITANCE (pF)
10 TJ = 25C 7.0 Cib 5.0
3.0 2.0 Cob
100 70 50 0.5 0.7 1.0
2.0
3.0
5.0 7.0
10
20
30
50
1.0 0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
IC, COLLECTOR CURRENT (mA)
VR, REVERSE VOLTAGE (VOLTS)
Figure 12. Current-Gain -- Bandwidth Product
Figure 13. Capacitance
r(t) TRANSIENT THERMAL RESISTANCE (NORMALIZED)
1.0 0.7 0.5 0.3 0.2 0.1 0.07 0.05 0.03 0.02
D = 0.5
0.2 0.1 0.05 0.02 0.01 SINGLE PULSE P(pk) t1 t2 2.0 5.0 10 20 50 t, TIME (ms) 100 200 500 1.0 k 2.0 k 5.0 k 10 k 20 k 50 k 100 FIGURE 16
DUTY CYCLE, D = t1/t2 D CURVES APPLY FOR POWER PULSE TRAIN SHOWN READ TIME AT t1 (SEE AN-569) ZJA(t) = r(t) * RJA TJ(pk) - TA = P(pk) ZJA(t)
0.01 0.01 0.02
0.05
0.1
0.2
0.5
1.0
Figure 14. Thermal Response
http://onsemi.com
5
BCW70LT1
104 VCC = 30 V IC, COLLECTOR CURRENT (nA) 103 102 101 100 10-1 10-2 ICEO
DESIGN NOTE: USE OF THERMAL RESPONSE DATA
A train of periodical power pulses can be represented by the model as shown in Figure 16. Using the model and the device thermal response the normalized effective transient thermal resistance of Figure 14 was calculated for various duty cycles. To find ZJA(t), multiply the value obtained from Figure 14 by the steady state value RJA. Example: Dissipating 2.0 watts peak under the following conditions: t1 = 1.0 ms, t2 = 5.0 ms (D = 0.2) Using Figure 14 at a pulse width of 1.0 ms and D = 0.2, the reading of r(t) is 0.22. The peak rise in junction temperature is therefore T = r(t) x P(pk) x RJA = 0.22 x 2.0 x 200 = 88C. For more information, see AN-569.
ICBO AND ICEX @ VBE(off) = 3.0 V
-4 0
-2 0
0
+ 20 + 40 + 60 + 80 + 100 + 120 + 140 + 160 TJ, JUNCTION TEMPERATURE (C)
Figure 15. Typical Collector Leakage Current
http://onsemi.com
6
BCW70LT1 INFORMATION FOR USING THE SOT-23 SURFACE MOUNT PACKAGE
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS Surface mount board layout is a critical portion of the total design. The footprint for the semiconductor packages must be the correct size to insure proper solder connection
0.037 0.95
interface between the board and the package. With the correct pad geometry, the packages will self align when subjected to a solder reflow process.
0.037 0.95
0.079 2.0 0.035 0.9 0.031 0.8
inches mm
SOT-23 SOT-23 POWER DISSIPATION The power dissipation of the SOT-23 is a function of the pad size. This can vary from the minimum pad size for soldering to a pad size given for maximum power dissipation. Power dissipation for a surface mount device is determined by TJ(max), the maximum rated junction temperature of the die, RJA, the thermal resistance from the device junction to ambient, and the operating temperature, TA. Using the values provided on the data sheet for the SOT-23 package, PD can be calculated as follows:
PD = TJ(max) - TA RJA
SOLDERING PRECAUTIONS The melting temperature of solder is higher than the rated temperature of the device. When the entire device is heated to a high temperature, failure to complete soldering within a short time could result in device failure. Therefore, the following items should always be observed in order to minimize the thermal stress to which the devices are subjected. * Always preheat the device. * The delta temperature between the preheat and soldering should be 100C or less.* * When preheating and soldering, the temperature of the leads and the case must not exceed the maximum temperature ratings as shown on the data sheet. When using infrared heating with the reflow soldering method, the difference shall be a maximum of 10C. * The soldering temperature and time shall not exceed 260C for more than 10 seconds. * When shifting from preheating to soldering, the maximum temperature gradient shall be 5C or less. * After soldering has been completed, the device should be allowed to cool naturally for at least three minutes. Gradual cooling should be used as the use of forced cooling will increase the temperature gradient and result in latent failure due to mechanical stress. * Mechanical stress or shock should not be applied during cooling. * Soldering a device without preheating can cause excessive thermal shock and stress which can result in damage to the device.
The values for the equation are found in the maximum ratings table on the data sheet. Substituting these values into the equation for an ambient temperature TA of 25C, one can calculate the power dissipation of the device which in this case is 225 milliwatts.
PD = 150C - 25C 556C/W = 225 milliwatts
The 556C/W for the SOT-23 package assumes the use of the recommended footprint on a glass epoxy printed circuit board to achieve a power dissipation of 225 milliwatts. There are other alternatives to achieving higher power dissipation from the SOT-23 package. Another alternative would be to use a ceramic substrate or an aluminum core board such as Thermal CladTM. Using a board material such as Thermal Clad, an aluminum core board, the power dissipation can be doubled using the same footprint.
http://onsemi.com
7
BCW70LT1
PACKAGE DIMENSIONS SOT-23 (TO-236AB) CASE 318-08 ISSUE AF
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL.
A L
3
BS
1 2
V
G C D H K J
DIM A B C D G H J K L S V
INCHES MIN MAX 0.1102 0.1197 0.0472 0.0551 0.0350 0.0440 0.0150 0.0200 0.0701 0.0807 0.0005 0.0040 0.0034 0.0070 0.0140 0.0285 0.0350 0.0401 0.0830 0.1039 0.0177 0.0236
MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.89 1.11 0.37 0.50 1.78 2.04 0.013 0.100 0.085 0.177 0.35 0.69 0.89 1.02 2.10 2.64 0.45 0.60
STYLE 6: PIN 1. BASE 2. EMITTER 3. COLLECTOR
Thermal Clad is a trademark of the Bergquist Company
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
North America Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada EUROPE: LDC for ON Semiconductor - European Support German Phone: (+1) 303-308-7140 (M-F 2:30pm to 5:00pm Munich Time) Email: ONlit-german@hibbertco.com French Phone: (+1) 303-308-7141 (M-F 2:30pm to 5:00pm Toulouse Time) Email: ONlit-french@hibbertco.com English Phone: (+1) 303-308-7142 (M-F 1:30pm to 5:00pm UK Time) Email: ONlit@hibbertco.com ASIA/PACIFIC: LDC for ON Semiconductor - Asia Support Phone: 303-675-2121 (Tue-Fri 9:00am to 1:00pm, Hong Kong Time) Toll Free from Hong Kong 800-4422-3781 Email: ONlit-asia@hibbertco.com JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-8549 Phone: 81-3-5487-8345 Email: r14153@onsemi.com Fax Response Line: 303-675-2167 800-344-3810 Toll Free USA/Canada ON Semiconductor Website: http://onsemi.com For additional information, please contact your local Sales Representative.
http://onsemi.com
8
BCW70LT1/D


▲Up To Search▲   

 
Price & Availability of BCW70LT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X