Part Number Hot Search : 
IRKD5608 BTA31 GNTRP AP1534 GT15Q102 HV7022 BUT12 05201033
Product Description
Full Text Search
 

To Download AQZ262 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UL
CSA
Pending Pending
POWER PhotoMOS RELAYS (High capacity type)
PhotoMOS RELAYS
5. Low-level off state leakage current In contrast to the SSR with an off state leakage current of several milliamps, the PhotoMOS relay features a very small off state leakage current of only 10mA even at the rated load voltage. 6. Controls low-level analog signals The triac, photocoupler, or SSR cannot be used to control signals of less than several hundred mV. The high capacity type power PhotoMOS relay feature extremely low closed-circuit offset voltage to enable control of low-level analog signals without distortion.
FEATURES
Max. 9.0 .354 Max. 43.0 1.693 Max. 32.0 1.260
mm inch
1. High capacity type power photoMOS relay. Can switch a wide range of currents and voltages. Can control various types of loads, from very small loads to a maximum 6A AC/DC current for sequencers, motors, and lamps. 2. Low ON resistance and high sensitivity. Low ON resistance of less than 50 mW on a par with mechanical relays (AQZ262). High sensitivity LED operate current of 3 mA (at 25C 77F ). 3. AC/DC dual use Bi-directional control is possible. There is no need to differentiate depending on the load as was necessary with the conventional SSR. 4. 4-pin SIL type. 4-pin SIL type of (L) 43.0 mm x (W) 9.0 mm x (H) 32.0 mm (L) 1.693 inchx (W) .354 inchx (H) 1.260 inch.
TYPICAL APPLICATIONS
* Mercury relay replacement * Railroad, traffic signals * Compact motors, lamps, heaters * OA equipment * Measurement instruments
TYPES
AC/DC type
Output rating* Load voltage 60 V 400 V Load current 6.0 A 1.0 A Part No. AQZ262 AQZ264 Packing quantity Inner carton 20 pcs Outer carton 200 pcs
* Indicate the peak AC and DC values.
RATING
1) Absolute maximum ratings (Ambient temperature: 25C 77F)
Item LED forward current LED reverse voltage Input Peak forward current Power dissipation Load voltage (Peak AC) Continuous load current (Peak AC) Output Peak load current Power dissipation Total power dissipation I/O isolation voltage Operating Temperature limits Storage Symbol IF VR IFP Pin VL IL Ipeak Pout PT Viso Topr Tstg AQZ262 50 mA 3V 1A 75 mA 60 V 6.0 A 10.0 A 400 V 1.0 A 3.0 A AQZ264 Remarks
f = 100Hz, Duty factor = 0.1%
100 ms (1shot), VL = DC
3.0 W 3.0 W 1,500 V AC -40C to +85C -40F to 185F -40C to +100C -40F to 212F
Non-condensing at low temperatures
626
AQZ262, 264
2) Electrical characteristics (Ambient temperature: 25C 77F)
Item LED operate current Input LED turn off current LED dropout voltage On resistance Output Off state leakage current Turn on time* Maximum Switching speed Typical Turn off time* Transfer characteristics Maximum I/O capacitance Initial I/O isolation resistance Maximum operating frequency Typical Maximum Minimum Maximum Ciso Riso -- Toff 3.0 ms 2.0 pF 4.0 pF 1,000 M 0.5 cps 0.32 ms 0.14 ms Maximum Maximum Typical Ton 10 ms ILeak 5 ms Typical Maximum Minimum Typical Typical Maximum Typical Ron Symbol IFon IFoff VF AQZ262 AQZ264 1.0 mA 3.0 mA 0.4 mA 0.9 mA 1.25 V (1.16 V at IF = 10 mA) 1.5 V 1.0 1.4 10 A 4 ms Remarks IL = 100 mA VL = 10 V IL = 100 mA VL = 10 V IF = 50 mA IF = 10 mA IL = max. Within 1 s on time IF = 0 VL = max. IF = 10 mA IL = 100 mA VL = 10 V IF = 10 mA IL = 100 mA VL = 10 V f = 1 MHz VB = 0 500 V DC IF = 10 mA Duty factor = 50% IL = Max., VL = Max.
0.036 0.05
Note: Recommendable LED forward current IF = 5 to 10 mA. *Turn on/off time
Input 90% Output Ton Toff 10%
s For Dimensions, see Page 442. s For Schematic and Wiring Diagrams, see Page 448. s For Cautions for Use, see Page 453.
REFERENCE DATA
1. Load current vs. ambient temperature
characteristics
Allowable ambient temperature: -40C to +85C -40F to +185F
7 6 Load current, A 5 4 3 2 1 0 -40 -20 AQZ264 AQZ262
2. Load current vs. ambient temperature characteristics in adjacent mounting
IL: Load current; IL (max.): Maximum continuous load current
120 100 IL/IL(max.)x100, %
3. On resistance vs. ambient temperature characteristics
LED current: 10 mA; Continuous load current: 6A (DC)(AQZ262) 1A (DC)(AQZ264)
2
On resistance,
80 60 40
=20mm .787 inch =10mm .394 inch
1.5 AQZ264 1
0.5 20 0 -40 -20
=Adjacent mounting pitch
AQZ262 0 20 40 60 8085 100 Ambient temperature, C 0 80 85 100 20 40 60 Ambient temperature, C 0 -40 -20 0 20 40 60 80 85 Ambient temperature, C
627
AQZ262, 264
4. Turn on time vs. ambient temperature characteristics
LED current: 10 mA; Load voltage: 10 V (DC); Continuous load current: 100 mA (DC)
10
5. Turn off time vs. ambient temperature characteristics
LED current: 10 mA; Load voltage: 10 V (DC); Continuous load current: 100 mA (DC)
1
6. LED operate vs. ambient temperature characteristics
Load voltage: 10 V (DC); Continuous load current: 100 mA (DC)
5 LED operate current, mA
Turn on time, ms
6 AQZ262 4 AQZ264
Turn off time, ms
8
0.8
4
0.6 AQZ262 0.4 AQZ264
3
2
AQZ264 AQZ262
2
0.2
1
0
-40 -20
80 85 0 20 40 60 Ambient temperature, C
0
-40 -20
0 20 40 60 80 85 Ambient temperature, C
0
-40 -20
0 20 40 60 80 85 Ambient temperature, C
7. LED turn off current vs. ambient temperature characteristics
Load voltage: 10 V (DC); Continuous load current: 100 mA (DC)
5 LED turn off current, mA
8. LED dropout voltage vs. ambient temperature characteristics
Sample: all types; LED current: 5 to 50 mA
1.5
9. Voltage vs. current characteristics of output at MOS portion
Ambient temperature: 25C 77F
8.0 Current, A 6.0 4.0 2.0 -2.0 -1.5 -1.0 -0.5 AQZ264 0.5 1.0 1.5 -2.0 -4.0 -6.0 Voltage, V 2.0 AQZ262
LED dropout voltage, V
4
1.4 1.3 1.2 1.1 1.0 0 50mA 30mA 20mA 10mA 5mA
3 AQZ264 2
1 AQZ262 0 -40 -20 8085 0 20 40 60 Ambient temperature, C
-40 -20
0 20 40 60 80 85 100 Ambient temperature, C
-8.0
10. Off state leakage current
Ambient temperature: 25C 77F
11. LED forward current vs. turn on time characteristics
Load voltage: 10 V (DC); Continuous load current: 100 mA (DC); Ambient temperature: 25C 77F
50
12. LED forward current vs. turn off time characteristics
Load voltage: 10 V (DC); Continuous load current: 100 mA (DC); Ambient temperature: 25C 77F
0.6 0.5 Turn off time, ms 0.4 0.3 0.2 0.1 0 AQZ264 AQZ262
Off state leakage current, A
10-3 Turn on time, ms 40
10-6 AQZ262 10-9 AQZ264 10-12 0 50 Load voltage, V 100
30
20 AQZ262 AQZ264
10
0
0
10
20 30 40 50 LED forward current, mA
0
10
20 30 40 50 LED forward current, mA
13. Maximum operating frequency vs. load voltage/current characteristics
LED current: 10 mA; Ambient temperature: 25C 77F
Maximum operating frequency, time/s 10
14. Applied voltage vs. output capacitance characteristics
Frequency: 10 KHz; Ambient temperature: 25C 77F
5000 Output capacitance, pF
15.-(1) On resistance distribution
Sample: AQZ262 LED current: 10 mA; Continuous load current: 6 A (DC): Quantity. n=100; Ambient temperature: 25C 77F
80 70
9 8 7 6 5 4 3 2 1 0 0 50 100 150 200 250 300 350 400 450 Load voltage, V xload current, A duty = 50%
4000 60 Quantity AQZ262 AQZ264 0 0 20 40 60 80 Applied voltage, V 100 3000 50 40 30 20 10 0 0 26.5 27.5 28.5 29.5 On resistance, m 30.5
2000
1000
628
AQZ262, 264
15.-(2) On resistance distribution
Sample: AQZ264 LED current: 10 mA; Continuous load current: 1 A (DC); Quantity, n=100; Ambient temperature: 25C 77F
80 70 60 Quantity Quantity 50 40 30 20 10 0 0 0.9 1.1 1 1.2 On resistance, 1.3
16.-(1) Turn on time distribution
Sample: AQZ262 Load voltage: 10 V (DC); Continuous load current: 100 mA (DC); Quantity, n=100; Ambient temperature: 25C 77F
80 70 60
16.-(2) Turn on time distribution
Sample: AQZ264 Load voltage: 10 V (DC); Continuous load current: 100 mA (DC); Quantity, n=100; Ambient temperature: 25C 77F
80 70 60 Quantity 50 40 30 20 10
50 40 30 20 10 0 0 3 4 5 6 Turn on time, ms 7
0
0
2
4 3 5 Turn on time, ms
6
17.-(1) Turn off time distribution
Sample: AQZ262 Load voltage: 10 V (DC); Continuous load current: 100 mA (DC); Quantity, n=100; Ambient temperature: 25C 77F
80 70 60 Quantity
17.-(2) Turn off time distribution
Sample: AQZ264 Load voltage: 10 V (DC); Continuous load current: 100 mA (DC); Quantity, n=100; Ambient temperature: 25C 77F
80 70 60 Quantity
18.-(1) LED operate current distribution
Sample: AQZ262 Load voltage: 10 V (DC); Continuous load current: 100 mA (DC); Quantity, n=100; Ambient temperature: 25C 77F
80 70 60 Quantity 50 40 30 20 10
50 40 30 20 10 0 0 0.32 0.4 0.36 0.44 Turn off time, ms 0.48
50 40 30 20 10 0 0 0.1 0.18 0.14 0.22 Turn off time, ms 0.26
0
0
0.7
0.9 1.1 1.3 1.5 LED operate current, mA
18.-(2) LED operate current distribution
Sample: AQZ264 Load voltage: 10 V (DC); Continuous load current: 100 mA (DC); Quantity, n=100; Ambient temperature: 25C 77F
80 70 60 Quantity
19.-(1) LED turn off current distribution
Sample: AQZ262 Load voltage: 10 V (DC); Continuous load current: 100 mA (DC); Quantity, n=100; Ambient temperature: 25C 77F
80 70 60 Quantity 50 40 30 20 80
19.-(2) LED turn off current distribution
Sample: AQZ264 Load voltage: 10 V (DC); Continuous load current: 100 mA (DC); Quantity, n=100; Ambient temperature: 25C 77F
80 70 60 Quantity 50 40 30 20 10
50 40 30 20 10 0 0 0.7 1.1 0.9 1.3 1.5 LED operate current, mA
0
0
0.7
0.9 1.1 1.3 LED turn off current, mA
1.5
0
0
0.7
1.1 0.9 1.3 LED turn off current, mA
1.5
20.-(1) LED dropout voltage distribution
Sample: AQZ262 LED current: 50 mA; Quantity, n=100; Ambient temperature: 25C 77F
100
20.-(2) LED dropout voltage distribution
Sample: AQZ264 LED current: 50 mA; Quantity, n=100; Ambient temperature: 25C 77F
100
21.-(1) Bias test at high temperature and high humidity (change of turn on time)
Quantity, n=10; Ambient temperature: 85C 185F Humidity: 85%, VL=Max. x 0.8
AQZ262 AQZ264
Turn on time, ms
80 Quantity Quantity
80
10 8 6 4
60
60
40
40
20
20
2 0
0 0
1.24
1.28 1.26 1.3 1.32 LED dropout voltage, V
0
0
1.24
1.28 1.26 1.3 1.32 LED dropout voltage, V
1
10
102 Test time, h
103
629
AQZ262, 264
21.-(2) Bias test at high temperature and high humidity (change of on resistance)
Quantity, n=10; Ambient temperature: 85 C 185F Humidity: 85%, VL=Max. x 0.8
22.-(1) Low temperature storage test (change of turn on time)
Quantity, n=10; Ambient temperature: -40C -40F
22.-(2) Low temperature storage test (change of on resistance)
Quantity, n=10; Ambient temperature: -40C -40F
2 On resistance, 1.6 1.2 0.8 0.4 0
Turn on time, ms
8 6 4 2 0
On resistance,
AQZ262 AQZ264
10
AQZ262 AQZ264
2 1.6 1.2 0.8 0.4 0
AQZ262 AQZ264
1
10
102 Test time, h
103
1
10
102 Test time, h
103
1
10
102 Test time, h
103
23.-(1) High temperature storage test (change of turn on time)
Quantity, n=10; Ambient temperature: 100C 212F
23.-(2) High temperature storage test (change of on resistance)
Quantity, n=10; Ambient temperature: 100C 212F
10 Turn on time, ms 8 6 4 2 0
On resistance,
AQZ262 AQZ264
2 1.6 1.2 0.8 0.4 0
AQZ262 AQZ264
1
10
10 Test time, h
2
103
1
10
10 Test time, h
2
103
630 9/1/2000
All Rights Reserved, (c) Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog


▲Up To Search▲   

 
Price & Availability of AQZ262

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X