Part Number Hot Search : 
F75339P T45DB SS413 SPC1016 TK73227M STRLPBF DP501 039880
Product Description
Full Text Search
 

To Download AHV1001A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AHV1001A
SILICON HYPERABRUPT TUNING VARACTOR
PACKAGE STYLE SOT-23 DESCRIPTION:
The ASI AHV1001A is a Silicon Hyperabrupt Tuning Varactor in a SOT-23 package.
MAXIMUM RATINGS
IR PDISS TJ TSGT 100 nA @ VR = 20 V 250 mW @ TC = 25 C -65 C to +150 C -65 C to +150 C
O O O O O
Lead Configuration: 1 = Anode 2 = N.C. 3 = Cathode
CHARACTERISTICS
SYMBOL
CT CT TR Q f VR = 4.0 V VR = 20 V CT4V/CT20V VR = 4.0 V
TC = 25 C
O
TEST CONDITIONS
f = 1.0 MHz f = 1.0 MHz
MINIMUM TYPICAL MAXIMUM
4.3 0.8 4.0 f = 50 MHz 400 2000 5.3 1.2
UNITS
pF pF
UPPER FREQUENCY LIMIT
MHz
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of AHV1001A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X