Part Number Hot Search : 
51010 A5800836 SU169 EPC1075P 2620QK1 SND551 1N4753AP MRB48D
Product Description
Full Text Search
 

To Download 74ALVCH16373 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74ALVCH16373 Low Voltage 16-Bit Transparent Latch with Bushold
October 2001 Revised February 2002
74ALVCH16373 Low Voltage 16-Bit Transparent Latch with Bushold
General Description
The ALVCH16373 contains sixteen non-inverting latches with 3-STATE outputs and is intended for bus oriented applications. The device is byte controlled. The flip-flops appear to be transparent to the data when the Latch Enable (LE) is HIGH. When LE is LOW, the data that meets the setup time is latched. Data appears on the bus when the Output Enable (OE) is LOW. When OE is HIGH, the outputs are in a high impedance state. The ALVCH16373 data inputs include active bushold circuitry, eliminating the need for external pull-up resistors to hold unused or floating data inputs at a valid logic level. The 74ALVCH16373 is designed for low voltage (1.65V to 3.6V) VCC applications with output compatibility up to 3.6V. The 74ALVCH16373 is fabricated with an advanced CMOS technology to achieve high speed operation while maintaining low CMOS power dissipation.
Features
s 1.65V to 3.6V VCC supply operation s 3.6V tolerant control inputs and outputs s Bushold on data inputs eliminates the need for external pull-up/pull-down resistors s tPD (In to On) 3.6 ns max for 3.0V to 3.6V VCC 4.5 ns max for 2.3V to 2.7V VCC 6.8 ns max for 1.65V to 1.95V VCC s Uses patented noise/EMI reduction circuitry s Latch-up conforms to JEDEC JED78 s ESD performance: Human body model > 2000V Machine model > 200V
Ordering Code:
Order Number 74ALVCH16373T Package Number MTD48 Package Description 48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Devices also available in Tape and Reel. Specify by appending suffix letter "X" to the ordering code.
Logic Symbol
(c) 2002 Fairchild Semiconductor Corporation
DS500631
www.fairchildsemi.com
74ALVCH16373
Connection Diagram
Pin Descriptions
Pin Names OEn LEn I0-I15 O0-O15 NC Description Output Enable Input (Active LOW) Latch Enable Input Bushold Inputs Outputs No Connect
Truth Tables
Inputs LE1 X H H L OE1 H L L L Inputs LE2 X H H L OE2 H L L L I8-I15 X L H X I0-I7 X L H X Outputs O0-O7 Z L H O0 Outputs O8-O15 Z L H O0
H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial (HIGH or LOW, control inputs may not float) Z = High Impedance O0 = Previous O0 before HIGH-to-LOW of Latch Enable
www.fairchildsemi.com
2
74ALVCH16373
Functional Description
The 74ALVCH16373 contains sixteen edge D-type latches with 3-STATE outputs. The device is byte controlled with each byte functioning identically, but independent of the other. Control pins can be shorted together to obtain full 16-bit operation. The following description applies to each byte. When the Latch Enable (LEn) input is HIGH, data on the In enters the latches. In this condition the latches are transparent, i.e., a latch output will change state each time its I input changes. When LEn is LOW, the latches store information that was present on the I inputs a setup time preceding the HIGH-to-LOW transition on LEn. The 3-STATE outputs are controlled by the Output Enable (OEn) input. When OEn is LOW the standard outputs are in the 2-state mode. When OEn is HIGH, the standard outputs are in the high impedance mode but this does not interfere with entering new data into the latches.
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
3
www.fairchildsemi.com
74ALVCH16373
Absolute Maximum Ratings(Note 1)
Supply Voltage (VCC) DC Input Voltage (VI) Output Voltage (VO) (Note 2) DC Input Diode Current (IIK) VI < 0V DC Output Diode Current (IOK) VO < 0V DC Output Source/Sink Current (IOH/IOL) DC VCC or GND Current per Supply Pin (I CC or GND) Storage Temperature Range (TSTG)
-0.5V to +4.6V -0.5V to 4.6V -0.5V to VCC +0.5V -50 mA -50 mA 50 mA 100 mA -65C to +150C
Recommended Operating Conditions (Note 3)
Power Supply Operating Input Voltage (VI) Output Voltage (VO) Free Air Operating Temperature (TA) Minimum Input Edge Rate (t/V) VIN = 0.8V to 2.0V, VCC = 3.0V 10 ns/V
Note 1: The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the Absolute Maximum Ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation. Note 2: IO Absolute Maximum Rating must be observed. Note 3: Floating or unused inputs must be held HIGH or LOW.
1.65V to 3.6V 0V to VCC 0V to VCC
-40C to +85C
DC Electrical Characteristics
Symbol VIH Parameter HIGH Level Input Voltage Conditions VCC (V) 1.65 -1.95 2.3 - 2.7 2.7 - 3.6 VIL LOW Level Input Voltage 1.65 -1.95 2.3 - 2.7 2.7 - 3.6 VOH HIGH Level Output Voltage IOH = -100 A IOH = -4 mA IOH = -6 mA IOH = -12 mA 1.65 - 3.6 1.65 2.3 2.3 2.7 3.0 IOH = -24 mA VOL LOW Level Output Voltage IOL = 100 A IOL = 4 mA IOL = 6 mA IOL = 12mA IOL = 24 mA II II(HOLD) Input Leakage Current Bushold Input Minimum Drive Hold Current 0 VI 3.6V VIN = 0.58V VIN = 1.07V VIN = 0.7V VIN = 1.7V VIN = 0.8V VIN = 2.0V 0 < VO 3.6V IOZ ICC ICC 3-STATE Output Leakage Quiescent Supply Current Increase in ICC per Input 0 VO 3.6V VI = VCC or GND, IO = 0 VIH = VCC - 0.6V 3.0 1.65 - 3.6 1.65 2.3 2.3 2.7 3 3.6 1.65 1.65 2.3 2.3 3.0 3.0 3.6 3.6 3.6 3 -3.6 25 -25 45 -45 75 -75 500 10 40 750 A A A A VCC - 0.2 1.2 2 1.7 2.2 2.4 2 0.2 0.45 0.4 0.7 0.4 0.55 5.0 A V V Min 0.65 x VCC 1.7 2.0 0.35 x VCC 0.7 0.8 V V Max Units
www.fairchildsemi.com
4
74ALVCH16373
AC Electrical Characteristics
T A = -40C to +85C, RL = 500 Symbol Parameter CL = 50 pF V CC = 3.3V 0.3V Min tW tS tH tPHL, tPLH tPHL, tPLH tPZL, tPZH tPLZ, tPHZ Pulse Width Setup Time Hold Time Propagation Delay In to On Propagation Delay LE to On Output Enable Time Output Disable Time 3.3 1.1 1.4 1.1 1 1.0 1.4 3.6 3.9 4.7 4.1 Max V CC = 2.7V Min 3.3 1 1.7 4.3 4.6 5.7 4.5 Max CL = 30 pF V CC = 2.5V 0.2V Min 3.3 1 1.5 1 1 1.0 1.2 4.5 4.9 6.0 5.1 Max V CC = 1.8V 0.15V Min 4.0 2.5 1.0 1.5 1.5 1.5 1.5 6.8 7.8 9.2 6.8 Max ns ns ns ns ns ns ns Units
Capacitance
Symbol CIN COUT CPD Input Capacitance Output Capacitance Power Dissipation Capacitance Parameter Control Data VI = 0V or VCC VI = 0V or VCC VI = 0V or VCC Outputs Enabled f = 10 MHz, CL = 50 pF Outputs Disabled f = 10 MHz, CL = 50 pF Conditions TA = +25C VCC 3.3 3.3 3.3 3.3 2.5 3.3 2.5 Typical 3 6 7 22 19 5 4 pF Units
pF pF
5
www.fairchildsemi.com
74ALVCH16373
AC Loading and Waveforms
TABLE 1. Values for Figure 1 TEST tPLH, tPHL tPZL, tPLZ tPZH, tPHZ SWITCH Open VL GND
FIGURE 1. AC Test Circuit TABLE 2. Variable Matrix (Input Characteristics: f = 1MHz; tr = tf = 2ns; Z0 = 50) Symbol Vmi Vmo VX VY VL VCC 3.3V 0.3V 1.5V 1.5V VOL + 0.3V VOH - 0.3V 6V 2.7V 1.5V 1.5V VOL + 0.3V VOH - 0.3V 6V 2.5V 0.2V VCC/2 VCC/2 VOL + 0.15V VOH - 0.15V VCC*2 1.8V 0.15V VCC/2 VCC/2 VOL + 0.15V VOH - 0.15V VCC*2
FIGURE 2. Waveform for Inverting and Non-Inverting Functions
FIGURE 3. 3-STATE Output HIGH Enable and Disable Times for Low Voltage Logic
FIGURE 4. 3-STATE Output LOW Enable and Disable Times for Low Voltage Logic
FIGURE 5. Propagation Delay, Pulse Width and tREC Waveforms
FIGURE 6. Setup Time, Hold Time and Recovery Time for Low Voltage Logic
www.fairchildsemi.com
6
74ALVCH16373 Low Voltage 16-Bit Transparent Latch with Bushold
Physical Dimensions inches (millimeters) unless otherwise noted
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide Package Number MTD48 Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 7 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74ALVCH16373

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X