|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Bulletin I2039 rev. C 03/03 300U(R) SERIES STANDARD RECOVERY DIODES Stud Version Features Alloy diode Popular series for rough service Stud cathode and stud anode version 300A Typical Applications Welders Power supplies Motor controls Battery chargers General industrial current rectification Major Ratings and Characteristics Parameters IF(AV) @ TC IFSM @ 50Hz @ 60Hz I2t @ 50Hz @ 60Hz VRRM range TJ 300U 300 150 6550 6850 214 195 100 to 600 -65 to 200 Units A C A A KA2s KA2s V C case style DO-205AB (DO-9) www.irf.com 1 300U(R) Series Bulletin I2039 rev. C 03/03 ELECTRICAL SPECIFICATIONS Voltage Ratings Voltage Type number Code 10 20 300U 30 40 60 VRRM , maximum repetitive peak reverse voltage V 100 200 300 400 600 VRSM , maximum nonrepetitive peak rev. voltage V 200 300 400 500 700 IRRM max. TJ = 175C mA 40 Forward Conduction Parameter I F(AV) I FSM Max. average forward current @ Case temperature Max. peak, one-cycle forward, non-repetitive surge current 300U 300 130 6550 6850 5500 5750 Units A C Conditions 180 conduction, half sine wave t = 10ms A t = 8.3ms t = 10ms t = 8.3ms t = 10ms KA2s t = 8.3ms t = 10ms t = 8.3ms KA2s V TJ = 200C m V No voltage reapplied 100% VRRM reapplied No voltage reapplied 100% VRRM reapplied Sinusoidal half wave, Initial TJ = TJ max. I 2t Maximum I2t for fusing 214 195 151 138 I 2 t Maximum I2t for fusing 2140 0.610 0.751 1.40 t = 0.1 to 10ms, no voltage reapplied V F(TO) Max. value of threshold voltage Max. value of forward slope rf resistance V FM Max. peak forward voltage Ipeak = 942A, TJ = 25C Thermal and Mechanical Specifications Parameter TJ Tstg RthJC RthCS T Max. junction operating temperature range Max. storage temperature range Max. thermal resistance, junction to case Max. thermal resistance, case to heatsink Max. allowed mounting torque +0 -20% 300U(R) -65 to 200 -65 to 200 0.18 0.08 37 28 Units C Conditions DC operation K/W Nm g JEDEC (See Outline Table) Mounting surface, smooth, flat and greased Not lubricated threads Lubricated threads wt Approximate weight Case style 250 DO-205AB (DO-9)** ** 302U-A uses IR case style B-26 2 www.irf.com 300U(R) Series Bulletin I2039 rev. C 03/03 RthJC Conduction (The following table shows the increment of thermal resistence RthJC when devices operate at different conduction angles than DC) Conduction angle 180 120 90 60 30 Sinusoidal conduction Rectangular conduction Units 0.020 0.024 0.031 0.045 0.077 0.015 0.025 0.034 0.047 0.077 K/W Conditions TJ = TJ max. Ordering Information Table Device Code 300 1 U 2 R 3 060 4 A 5 1 2 3 4 5 - 300 302 U R None = Standard 300U device = 300U Top Threaded version = Essential Part Number = Stud Reverse Polarity (Anode to Stud) = Stud Normal Polarity (Cathode to Stud) Voltage code: Code x 10 = VRRM (See Voltage Ratings table) A = Essential Part Number NOTE: For Metric Device M16 x 1.5 Contact Factory www.irf.com 3 300U(R) Series Bulletin I2039 rev. C 03/03 Outline Table 300U-A Series Conforms to JEDEC DO-205AB (DO-9) All dimensions in millimeters (inches) * FOR METRIC DEVICE: M16 X 1.5 CONTACT FACTORY 9.50 (0.374) MAX. DIA. 3/8"-24UNF-2A 16.51 (0.65) 14.99 (0.59) 18.29 (0.72) 16.76 (0.66) ACROSS FLATS 58.67 (2.31) 55.63 (2.19) 27.94 (1.10) DIA. MAX. 28.45 (1.12) MAX. 9.27 (0.365) 3/4"-16UNF-2A 19.02 (0.749) DIA. MAX. 302U-A Series IR Case Style B26 All dimensions in millimeters (inches) 3.18 (0.125) MAX. 21.03 (0.828) 20.14 (0.793) 31.75 (1.250) max. ACROSS FLATS 7.87 (0.310) 4 www.irf.com 300U(R) Series Bulletin I2039 rev. C 03/03 Maximum Allowable Case T emperature (C) 300U(R) S eries RthJC (DC) = 0.18 K/ W Maximum Allowable Case T emperature (C) 200 200 190 180 170 160 150 140 300U(R) S eries RthJC (DC) = 0.18 K/ W 180 Conduction Angle Conduc tion Period 160 140 30 120 0 50 100 150 60 90 120 180 200 250 300 350 30 130 120 110 0 100 60 90 120 180 200 300 DC 400 500 Average Forward Current (A) Fig. 1 - Current Ratings Characteristics Average Forward Current (A) Fig. 2 - Current Ratings Characteristics Maximum Average F orward Power Los (W) s 400 350 300 250 180 120 90 60 30 R Limit MS Rt 0. 2 0. 3 A hS K/ W = 1 0. 200 150 Conduc tion Angle K/ W 0. 4K /W 0.5 K/ W 0.7 K/ W W K/ ta el -D R 1K /W 1.5 K / W 100 50 0 300U(R S ) eries T = 200C J 0 50 100 150 200 250 300 3 K/ W 350 25 50 75 100 125 150 175 200 Average Forward Current (A) Maximum Allowable Ambient T emperature (C) Fig. 3 - Forward Power Loss Characteristics Maximum Average F orward Power L s (W) os 500 450 400 350 300 250 200 150 100 Conduction Period DC 180 120 90 60 30 R Limit MS 0. 2 0. 3 0.5 K/ W 0.7 K/ W 1 K/ W 50 0 0 100 200 300U(R) S eries T = 200C J 1.5 K/ W 3 K/ W Rt K/ W K/ W A hS = 1 0. W K/ ta el -D R 300 400 500 25 50 75 100 125 150 175 200 Average Forward Current (A) Maximum Allowable Ambient T emperature (C) Fig. 4 - Forward Power Loss Characteristics www.irf.com 5 300U(R) Series Bulletin I2039 rev. C 03/03 Pea k Ha lf S Wave F ine orward Current (A) At Any Rated Load Condition And With Rated VRRM Applied F ollowing S urge. Peak Ha lf S Wave F ine orward Current (A) 6000 5500 5000 4500 4000 3500 3000 2500 2000 1500 1 7000 6500 6000 5500 5000 4500 4000 3500 3000 2500 2000 Initial T = 200C J @60 Hz 0.0083 s @50 Hz 0.0100 s Maximum Non Repetitive S urge Current Versus Pulse T rain Duration. Initial T = 200C J No Voltage Reapplied Rated VRRM Reapplied 300U(R) S eries 10 100 300U(R) S eries 0.1 Pulse T rain Duration (s) 1 1500 0.01 Number Of Equa l Amplitude Ha lf Cyc le Current Pulses (N) Fig. 5 - Maximum Non-Repetitive Surge Current Fig. 6 - Maximum Non-Repetitive Surge Current 10000 Ins tantaneous F orward Current (A) 1000 T = 25C J 100 T = 200C J 300U(R S ) eries 10 0 0.5 1 1.5 2 2.5 3 Instantaneous Forward Voltage (V) Fig. 7 - Forward Voltage Drop Characteristics Transient Thermal Impedance ZthJC (K/W) 1 Steady State Value RthJC = 0.18 K/W (DC Operation) 0.1 0.01 300U(R) Series 0.001 0.0001 0.001 0.01 0.1 1 10 Square Wave Pulse Duration (s) Fig. 8 - Thermal Impedance ZthJC Characteristic 6 www.irf.com 300U(R) Series Bulletin I2039 rev. C 03/03 Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 03/03 www.irf.com 7 |
Price & Availability of 302U010A |