Part Number Hot Search : 
IBAADS WRB4805 AP09N90W 5071A SKDT115 UM36541S ICS8547 SDA803C
Product Description
Full Text Search
 

To Download 2SK2349 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : EN5315A
N-Channel Silicon MOSFET
2SK2349
High-Voltage, High-Speed Switching Applications
Features
* Low ON resistance, ultrahigh-speed switching. * High reliability (Adoption of HVP process).
Package Dimensions
unit: mm 2131-TO-3JML
[2SK2349]
Specifications Absolute Maximum Ratings at Ta=25C
Parameter Drain-to-Source Voltage Gate-to-Source Voltage Drain Current (DC) Drain Current (pulse) Allowable Power Dissipation Channel Temperature Storage temperature Symbol VDSS VGSS ID IDP PD Tch Tstg Conditions
1 : Gate 2 : Drain 3 : Source SANYO: TO-3JML
PW10s, duty cycle1% Tc=25C
Ratings 1500 30 10 20 4.6 160 150 -55 to +150
Unit V V A A W W C C
Electrical Characteristics at Ta=25C
Parameter D-S Breakdown Voltage Zero-Gate Voltage Drain Current Gate-to Source Leak Current Cutoff Voltage Forward Transfer Admittance Static Drain-to-Source ON-State Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Symbol V(BR)DSS IDSS IGSS VGS(off) |yfs| RDS(on) Ciss Coss Crss Conditions ID=1mA, VGS=0 VDS=1500V, VGS=0 VGS=30V, VDS=0 VDS=10V, ID=1mA VDS=20V, ID=5A ID=5A, VGS=10V VDS=20V, f=1MHz VDS=20V, f=1MHz VDS=20V, f=1MHz Ratings min 1500 typ max 1.0 100 3.5 4.0 1.5 2900 400 200 2.5 Unit V mA nA V S pF pF pF
1.5 2.0
Continued on next page.
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN 72597TS (KOTO) TA-1033 No.5315-1/4
2SK2349
Continued from preceding page.
Parameter Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Diode Forward Voltage Reverse Recovery Time Symbol td(on) tr td(off) tf VSD trr Conditions Ratings min typ 45 150 800 200 1.0 max Unit ns ns ns ns V s
ID=5A, VGS=10V, VDD=200V, RGS=50 IS=10A, VGS=0 IS=10A, di/dt=100A/s
1.5 2.0
Switching Time Test Circuit
10
I D - VDS
6V
5V 4.5V
20
I D - VDS
S VG
=1
0V
6V
8
16
Drain Current, I D - A
6
VG
S
=
V 10
Drain Current, I D - A
12
5V
4V
4
8
2
3.5V
4V
4
3V
0 0 4 8 12 16 20 0 0 10 20 30 40
3V
50
16
Drain-to-Source Voltage, VDS - V I D - VGS
VDS =20V
20
Drain-to-Source Voltage, VDS - V I D - Tc
VG S =10V
Tc=-25C
16
Drain Current, I D - A
25C
Drain Current, I D - A
12
75C
8
12
VD
8
S =2
0V
4
10V
4
0 0
2
4
6
8
10
12
14
0 -80
-40
Gate-to-Source Voltage, VGS - V
Case Temperature, Tc - C
0
40
80
120
160
No.5315-2/4
2SK2349
3.6 3.2
VGS(off) - Tc
VDS =10V ID =1mA
3 2
SW Time - I D
VDD =200V VGS =10V P.W.= 1s D.C.0.5%
Switching Time, SW Time - ns
Cutoff Voltage, VGS(off) - V
2.8 2.4 2.0 1.6 1.2 0.8 0.4 0 -80 -40 0 40 80 120 160
1000 7 5 3 2 100 7 5 3 2 7 0.1 2 3 5 7 1.0
t d(off)
tf
tr
t d(on)
2
3
5
7 10
2
2.6
Case Temperature, Tc - C R DS(on) - VGS
ID =5A Tc=25C
4.0
Drain Current, ID - A R DS(on) - Tc
ID =5A
Static Drain-to-Source ON-State Resistance, RDS (on) -
Static Drain-to-Source ON-State Resistance, RDS (on) -
3.6 3.2 2.8 2.4 2.0 1.6 1.2 0.8 0.4 0 -80 -40 0 40 80 120 160
S
2.2
1.8
=1
0V
20 V
VD
1.4
1.0 0
2
4
6
8
10
12
14
Gate-to-Source Voltage, VGS - V
3
Case Temperature, Tc - C
| yf s | - I D
Forward Transfer Admittance, | yfs | - S
Tc =25C
2 10 7 5 3 2
| yf s | - I D
VD S =20V VG S =10V
25C
Forward Transfer Admittance, | yfs | - S
2 10 7 5
VDS =10V
20V
Tc=
C -25
75 C
3 2 1.0 7 5 3 2 7 0.1 2 3 5 7 1.0 2 3
1.0 7 5 3 2 7 0.1 2 3 5 7 1.0 2 3 5 7 10 2
5
7 10
2
3
Drain Current, ID - A
2 10000 7
Drain Current, ID - A
VG S =0 f= 1MHz
5
Ciss,Coss,Crss - VDS
ASO
10s
Ciss,Coss,Crss - pF
5 3 2 1000 7 5 3 2 100
Drain Current, ID - A
Ciss
,,,,,,,,, ,,,,,,,,, ID 10,,,,,,,,, ,,,,,,,,, 7 ,,,,,,,,, 5 ,,,,,,,,, 3
3I DP 2 2 1.0 Operation in this area 7 is limited by RDS(on). 5 3 2 0.1 Tc =25C 7 Single pulse 5 2 3 10
10
1m 10 ms s
0
s
DC
op
10 0m
er ati on
s
Coss
Crss
0 4 8 12 16 20 24 28 32
5
7 100
2
3
5
7 1000
2
Drain-to-Source Voltage, VDS - V
Drain-to-Source Voltage, VDS - V
No.5315-3/4
2SK2349
5
P D - Ta
Allowable Power Dissipation, PD - W
200
P D - Tc
Allowable Power Dissipation, PD - W
4.6 4
160
3
No
he
at
120
sin
k
2
80
1
40
0 0
20
40
60
80
100
120
140
160
0 0
20
40
60
80
100
120
140
160
Ambient Temperature, Ta - C
Case Temperature, Ta - C
No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or indirectly cause injury, death or property lose. Anyone purchasing any products described or contained herein for an above-mentioned use shall: Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and expenses associated with such use: Not impose any responsibilty for any fault or negligence which may be cited in any such claim or litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of July, 1997. Specifications and information herein are subject to change without notice.
No.5315-4/4


▲Up To Search▲   

 
Price & Availability of 2SK2349

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X