Part Number Hot Search : 
CM48MB BR254 CS5334EB 110MB ABR1000 0459846 CQ10A06 EZA050
Product Description
Full Text Search
 

To Download 2SK2203 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK2203
Silicon N Channel MOS FET
Application
High speed power switching
TO-3PFM
Features
* * * * Low on-resistance High speed switching Low drive current 4 V gate drive device can be driven from 5 V cource * Suitable for Switching regulator, DC - DC converter
2
1
1
3
2 3
1. Gate 2. Drain 3. Source
Table 1 Absolute Maximum Ratings (Ta = 25C)
Item Drain to source voltage Gate to source voltage Drain current Drain peak current Body-drain diode reverse drain current Avalanche current Avalanche energy Channel dissipation Channel temperature Storage temperature Symbol VDSS VGSS ID ID(pulse)* IDR IAP*** EAR*** Pch** Tch Tstg Ratings 60 20 50 200 50 50 214 60 150 -55 to +150 Unit V V A A A A mJ W C C
-------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- * PW 10 s, duty cycle 1 % ** Value at Tc = 25 C *** Value at Tch = 25 C, Rg 50
2SK2203
Table 2 Electrical Characteristics (Ta = 25C)
Item Drain to source breakdown voltage Gate to source breakdown voltage Gate to source leak current Zero gate voltage drain current Gate to source cutoff voltage Static drain to source on state resistance Symbol V(BR)DSS V(BR)GSS IGSS IDSS VGS(off) RDS(on) Min 60 Typ -- Max -- Unit V Test conditions ID = 10 mA, VGS = 0 IG = 100 A, VDS = 0 VGS = 16 V, VDS = 0 VDS = 25 V, VGS = 0 ID = 1 mA, VDS = 10 V ID = 25 A VGS = 10 V * ID = 25 A VGS = 4 V * ID = 25 A VDS = 10 V * VDS = 10 V VGS = 0 f = 1 MHz ID = 25 A VGS = 10 V RL = 1.2
-------------------------------------------------------------------------------------- --------------------------------------------------------------------------------------
20 -- -- V
--------------------------------------------------------------------------------------
-- -- 1.0 -- -- -- -- 0.007 10 250 2.25 0.01 A A V
-------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- ------------------------------------------------
-- 0.009 0.013
--------------------------------------------------------------------------------------
Forward transfer admittance |yfs| Ciss Coss Crss td(on) tr td(off) tf VDF trr 40 65 -- S
--------------------------------------------------------------------------------------
Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Body-drain diode forward voltage Body-drain diode reverse recovery time * Pulse Test -- -- -- -- -- -- -- -- 8330 3500 550 50 270 1400 560 0.95 -- -- -- -- -- -- -- -- pF pF pF ns ns ns ns V IF = 50 A, VGS = 0 IF = 50 A, VGS = 0, diF / dt = 50 A / s
---------------------------------------------------------------- ---------------------------------------------------------------- -------------------------------------------------------------------------------------- ---------------------------------------------------------------- ---------------------------------------------------------------- ---------------------------------------------------------------- -------------------------------------------------------------------------------------- --------------------------------------------------------------------------------------
-- 150 -- ns
-------------------------------------------------------------------------------------- See characteristic curves of 2SK2121.


▲Up To Search▲   

 
Price & Availability of 2SK2203

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X