Part Number Hot Search : 
TOR009 XFTPR UM7010 BCM207 MBRF50 B270010 BP11KE LC6543F
Product Description
Full Text Search
 

To Download 2SK2202 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK2202
Silicon N Channel MOS FET
Application
TO-220FM
High speed power switching
Features
* * * * Low on-resistance High speed switching Low drive current 4 V gate drive device can be driven from 5 V source * Suitable for Switching regulator, DC - DC converter
2
12
1
3 1. Gate 2. Drain 3. Source
3
Table 1 Absolute Maximum Ratings (Ta = 25C)
Item Drain to source voltage Gate to source voltage Drain current Drain peak current Body-drain diode reverse drain current Channel dissipation Channel temperature Storage temperature Symbol VDSS VGSS ID ID(pulse)* IDR Pch** Tch Tstg Ratings 120 20 7 14 7 20 150 -55 to +150 Unit V V A A A W C C
-------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- * PW 10 s, duty cycle 1 % ** Value at Tc = 25 C
2SK2202
Table 2 Electrical Characteristics (Ta = 25C)
Item Drain to source breakdown voltage Gate to source breakdown voltage Gate to source leak current Zero gate voltage drain current Gate to source cutoff voltage Static drain to source on state resistance Symbol V(BR)DSS V(BR)GSS IGSS IDSS VGS(off) RDS(on) Min 120 Typ -- Max -- Unit V Test conditions ID = 10 mA, VGS = 0 IG = 100 A, VDS = 0 VGS = 16 V, VDS = 0 VDS = 100 V, VGS = 0 ID = 1 mA, VDS = 10 V ID = 4 A VGS = 10 V * ID = 4 A VGS = 4 V * ID = 4 A VDS = 10 V * VDS = 10 V VGS = 0 f = 1 MHz ID = 4 A VGS = 10 V RL = 7.5
-------------------------------------------------------------------------------------- --------------------------------------------------------------------------------------
20 -- -- V
--------------------------------------------------------------------------------------
-- -- 1.0 -- -- -- -- 0.3 10 250 2.0 0.4 A A V
-------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- ------------------------------------------------
-- 0.35 0.55
--------------------------------------------------------------------------------------
Forward transfer admittance |yfs| Ciss Coss Crss td(on) tr td(off) tf VDF trr 3.0 5.0 -- S
--------------------------------------------------------------------------------------
Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Body-drain diode forward voltage Body-drain diode reverse recovery time * Pulse Test -- -- -- -- -- -- -- -- 420 140 35 9 50 140 65 1.35 -- -- -- -- -- -- -- -- pF pF pF ns ns ns ns V IF = 7 A, VGS = 0 IF = 7 A, VGS = 0, diF / dt = 50 A / s
---------------------------------------------------------------- ---------------------------------------------------------------- -------------------------------------------------------------------------------------- ---------------------------------------------------------------- ---------------------------------------------------------------- ---------------------------------------------------------------- -------------------------------------------------------------------------------------- --------------------------------------------------------------------------------------
-- 320 -- ns
--------------------------------------------------------------------------------------
2SK2202
Power vs. Temperature Derating 40 Pch (W) I D (A) 20 10 5 2 1 0.5 0.2 0.1 0 50 100 150 Tc (C) 200 2 Case Temperature
Maximum Safe Operation Area
10 s 10 0 s
m s
30
DC
PW
1
= 10 m s
O
pe
Channel Dissipation
Drain Current
ra
20
(T Operation in c = this area is 25 limited by R DS(on)
tio
n
(1
sh
ot
)
C)
10
Ta = 25 C 5 10 20 50 100 200 Drain to Source Voltage V DS (V)
Typical Output Characteristics 10 10 V I D (A) 8 6V 4V 3.5 V 6 3V (A) 8 Pulse Test 10
Typical Transfer Characteristics
V DS = 10 V Pulse Test
ID Drain Current
Drain Current
6
4
4 Tc = -25 C 25 C 75 C 1 2 3 Gate to Source Voltage 4 5 V GS (V)
2
VGS = 2.5 V
2
0
2 4 6 Drain to Source Voltage
8 10 V DS (V)
0
2SK2202
Drain to Source Saturation Voltage vs. Gate to Source Voltage Drain to Source Saturation Voltage V DS(on) (V) Pulse Test I D= 5 A Drain to Source On State Resistance R DS(on) ( ) 2.0 5
Static Drain to Source State Resistance vs. Drain Current
1.6
2 1 0.5
Pulse Test
1.2
0.8 2A 0.4 1A
V GS = 4 V 10 V
0.2 0.1 0.1 0.2
0
4 8 12 Gate to Source Voltage
16 V GS (V)
20
0.5 1 2 5 10 Drain Current I D (A)
20
Static Drain to Source on State Resistance R DS(on) ( )
Forward Transfer Admittance |yfs| (S)
Static Drain to Source on State Resistance vs. Temperature 1.0 Pulse Test ID=5A 2A 1A V GS = 4 V 5A 1, 2 A
Forward Transfer Admittance vs. Drain Current 10 5 V DS = 10 V Pulse Test Tc = 75 C 25 C -25 C
0.8
2 1 0.5
0.6
0.4
0.2 0 -40
10 V
0.2 0.1 0.1
0 40 80 120 160 Case Temperature Tc (C)
0.2
0.5
1
2
5
10
Drain Current I D (A)
2SK2202
Body-Drain Diode Reverse Recovery Time 1000 Reverse Recovery Time trr (ns) Capacitance C (pF) 500
Typical Capacitance vs. Drain to Source Voltage 2000 1000 500 200 100 50 20 10 0 10 20 Crss Coss VGS = 0 f = 1 MHz Ciss
200 100 50 20 10 0.1 di / dt = 50 A / s, V GS = 0 Ta = 25 C, Pulse Test 0.2 0.5 1 2 5 10 Reverse Drain Current I DR (A)
30
40
50
Drain to Source Voltage V DS (V)
Dynamic Input Characteristics V DS (V) VGS 160 I D= 7 A 120 VDS 12 V DD = 100 V 50 V 25 V V DD = 100 V 50 V 25 V 8 16 24 32 Gate Charge Qg (nc) 16 V GS (V) 200 20
500 200 Switching Time t (ns) 100 50 20 10 5 3 0.1
Switching Characteristics
t d(off) tf V GS = 10 V V DD = 30 V PW = 2 s duty < 1 % tr
Drain to Source Voltage
80
8
40
4 0 40
Gate to Source Voltage
t d(on)
0
0.2
0.5 1 Drain Current
2 5 I D (A)
10
2SK2202
Reverse Drain Current vs. Source to Drain Voltage 10 Reverse Drain Current I DR (A) Pulse Test
8
6
4 10 V 2
5V V GS = 0, -5 V
0
0.4
0.8
1.2
1.6
2.0
Source to Drain Voltage
V SD (V)
Normalized Transient Thermal Impedance vs. Pulse Width 3 Normalized Transient Thermal Impedance s (t) Tc = 25C 1 D=1 0.5
0.3
0.2
0.1
0.1
0.05
0.02 1 0.0
ch - c(t) = s (t) * ch - c ch - c = 6.25 C/W, Tc = 25 C
PDM
0.03
D=
PW T
PW T
0.01 10
1s
t ho
pu
lse
100
1m
10 m Pulse Width
100 m PW (S)
1
10
2SK2202
Switching Time Test Circuit Vin Monitor D.U.T. RL Vin Vin 10 V 50 V DD = 30 V Vout 10% 10% Vout Monitor
Waveform
90%
10% 90% td(off) tf
90% td(on) tr


▲Up To Search▲   

 
Price & Availability of 2SK2202

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X