Part Number Hot Search : 
MH88511 1392B 11201 SAA1027 KRC401 F2003T MMBZ5231 60A273C
Product Description
Full Text Search
 

To Download 2SB1658 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
SILICON TRANSISTOR
2SB1658
AUDIO FREQUENCY AMPLIFIER, SWITCHING PNP SILICON EPITAXIAL TRANSISTORS
FEATURES
* Low VCE(sat) VCE(sat) = -0.15 V Max (@lC/lB = 1.0 A/50 mA)
3.8 0.2 (0.149)
PACKAGE DIMENSIONS in millimeters (inches) 8.5 MAX. 2.8 MAX. (0.334 MAX.) (0.110 MAX.) 3.2 0.2 ( 0.126)
12.0 MAX. (0.472 MAX.)
* High DC Current Gain hEF = 150 to 600 (@VCE = -2.0 V, lC = -1.0 A)
ABSOLUTE MAXIMUM RATINGS
Maximum Voltage and Current (TA = 25 C) Collector to Base Voltage Collector to Emitter Voltage Emitter to Base Voltage Collector Current (DC) Collector Current (Pulse)* Base Current (DC) * PW 10ms, Duty Cycle 10 % Maximum Power Dissipation Total Power Dissipation (TC = 25 C) Total Power Dissipation (TA = 25 C) Maximum Temperature Junction Temperature Storage Temperature PT PT Tj Tstg 10 W 1.0 W 150 C -55 to 150 C VCB0 VCE0 VEB0 IC(DC) IC(Pulse) IB(DC) -30 V -30 V -6.0 V -5.0 A -10 A -2.0 A
123
2.5 0.2 (0.098) 13.0 MIN. (0.512 MIN.)
1.2 (0.047)
0.55+0.08 -0.05 (0.021)
0.8 +0.08 -0.05 (0.031) 2.3 2.3 (0.090) (0.090)
1.2 (0.047)
1. Emitter 2. Collector connected to mounting plane 3. Base
ELECTRICAL CHARACTERISTICS (TA = 25 C)
PARAMETER Collector Cutoff Currnet Emitter Cutoff Current DC Current Gain DC Current Gain Collector Saturation Voltage Collector Saturation Voltage Collector Saturation Voltage Base Saturation Voltage Gain Bandwidth Product Output Capacitance SYMBOL ICB0 IEB0 hFE1 hFE2 VCE(sat)1 VCE(sat)2 VCE(sat)3 VBE(sat) fT Cob TEST CONDITIONS VCB = -30 V, IE = 0 VEB = -6.0 V, IC = 0 VCE = -2.0 V, IC = -1.0 A VCE = -2.0 V, IC = -4.0 A IC = -1.0 A, IB = -50 mA IC = -2.0 A, IB = -0.1 A IC = -4.0 A, IB = -0.2 A IC = -1.0 A, IB = -0.1 A VCE = -10 V, IE = -50 mA VCB = -10 V, IE = 0, f = 1 MHz 150 50 -0.09 -0.17 -0.32 -0.87 95 100 -0.15 -0.25 -0.50 -1.50 MIN. TYP. MAX. -100 -100 600 UNIT nA nA - - V V V V MHz pF
The information in this document is subject to change without notice. Document No. D10630EJ1V0DS00 (1st edition) Date Published June 1996 P Printed in Japan
(c)
3.2 0.2 ( 0.126)
1996
2SB1658
DERATING FACTOR OF FORWARD BIAS SAFE OPERATING AREA
dT - Percentage of Rated Power - %
100
80
S/b Lim ite d
60
Di ss ip at io
40
n
Li
m
ite
d
20
0
20
40
60
80
100
120
140
160
TC -Case Temperature - C
TOTAL POWER DISSIPATION vs. CASE TENPERATURE 14
12
PT - Total Power Dissipation - W
10
8
6
4
2
0
20
40
60
80
100
120
140
160
TC -Case Temperature - C
2
2SB1658
FORWARD BIAS SAFE OPERATING AREA -100
IC - Collector Current - A
IC(pulse) -10
1
10
PW
m
=
0.
1
m
s
s
IC(DC)
Po
m
s
we
rD
10
iss ipa tio
0
m
s
-1
n
Lim
ite
d
S/
TC = 25 C Single Pulse -0.1 -0.1 -1
b
Li
m
ite
d
-10
-100
VCE - Collector to Emitter Voltage - V
3
2SB1658
Collector to Emitter Voltage vs Collector Current -4.0 -16 mA
IC - Collector Current - A
-3.0
-12 mA
-8mA -2.0
IB = -4 mA -1.0
0
-1
-2
-3
-4
-5
-6
VCE - Collector to Emitter Voltage - V
DC Current Gain vs Collector Current 1000 VC E = -2 V
hFE - DC Current Gain
100
10
-1 m
-10 m
-100 m IC - Collector Current - A
-1
-10
4
2SB1658
COLLECTOR SATURATION VOLTAGE vs COLLECTOR CURRENT -10 IC/IB = 20
VCE(sat) - Collector Saturation Voltage - V
-1
-0.1
-0.01 -0.01
-0.1
-1
-10
IC - Collector Current - A
BASE SATURATION VOLTAGE vs COLLECTOR CURRENT -10 IC/IB = 20
VBE(sat) - Base Saturation Voltage - V
-1
-0.1
-0.01 -0.01
-0.1
-1
-10
IC - Collector Current - A
5
2SB1658
OUTPUT CAPACITANCE vs COLLECTOR TO BASE VOLTAGE 1000
Cob - Output Capacitance - pF
100
10
1.0 -0.1
-1
-10
-100
VCB - Collector to Base Voltage - V
6
2SB1658
REFERENCE
Document Name NEC semiconductor device reliability/quality control system Quality grade on NEC semiconductor devices Semiconductor device mounting technology manual Semiconductor device package manual Guide to quality assurance for semiconductor devices Semiconductor selection guide Document No. TEI-1202 IEI-1209 C10535E C10943X MEI-1202 X10679E
7
2SB1658
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance. Anti-radioactive design is not implemented in this product.
M4 96.5


▲Up To Search▲   

 
Price & Availability of 2SB1658

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X