Part Number Hot Search : 
SA30A 2SA1689 SF10A400 IN4045R 13130 2SA1689 NTE21 LT450BW
Product Description
Full Text Search
 

To Download 2SA1907 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SA1907
Silicon PNP Epitaxial Planar Transistor (Complement to type 2SC5099) sAbsolute maximum ratings
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SA1907 -80 -80 -6 -6 -3 60(Tc=25C) 150 -55 to +150 (Ta=25C) Unit V V V A A W C C
Application : Audio and General Purpose
(Ta=25C) 2SA1907 -10max -10max -80min 50min -0.5max 20typ 150typ V MHz
16.2
sElectrical Characteristics
Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) fT COB Conditions VCB=-80V VEB=-6V IC=-50mA VCE=-4V, IC=-2A IC=-12A, IB=-0.2A VCE=-12V, IE=0.5A VCB=-10V, f=1MHz
External Dimensions FM100(TO3PF)
0.80.2 15.60.2 5.50.2 3.45 0.2 5.5 o3.30.2 1.6
Unit
A
23.00.3
V
9.50.2
A
a b
pF
1.75 2.15 1.05 +0.2 -0.1 5.450.1 1.5 4.4 5.450.1 1.5 0.65 +0.2 -0.1
3.3
0.8
hFE Rank O(50 to 100), P(70 to 140), Y(90 to 180)
sTypical Switching Characteristics (Common Emitter)
VCC (V) -30 RL () 10 IC (A) -3 VBB1 (V) -10 VBB2 (V) 5 IB1 (A) -0.3 IB2 (A) 0.3 ton (s) 0.18typ tstg (s) 1.10typ tf (s) 0.21typ
3.35
B
C
E
Weight : Approx 6.5g a. Type No. b. Lot No.
IC - VCE Characteristics (Typical)
-6
-2 0 0m
m 50
VCE( sa t ) - I B Characteristics (Typical)
-3 Collector-Emitter Saturation Voltage V C E (s at)( V )
IC - VBE Temperature Characteristics (Typical)
-6 (V CE= -4V)
A
-1
A
-1 00 m
A
-5 Collector Current I C( A)
-8 0m A
Collector Current I C( A)
-4
-50mA
-2
-4
-3
-30mA
p)
Tem
se
(Ca
se T
-2
-1 IC=-6A -4A -2A 0 0 -0.5 -1.0 -1.5
-2
C
I B= -10mA
-1
125
(Ca
0
0
-1
-2
-3
-4
0
0
-30C
25C
(Cas
-1 Base-Emittor Voltage V B E( V)
e Te
-20mA
emp
mp)
)
3.0
-1.5
Collector-Emitter Voltage V C E( V)
Base Current I B( A)
(V C E= -4V) 300 DC Curr ent Gain h F E DC Cur rent Gain h FE 300 125C 25C 100 -30C
(V C E= -4V)
j-a(C/W)
hFE - I C Characteristics (Typical)
h FE - IC Temperature Characteristics (Typical)
j-a - t Characteristics
5
Typ
100
Transient Thermal Resistance
1
50
50
0.5 0.3
30 -0.02
-0.1
-0.5
-1
-5 -6
30 -0.02
-0.1
-0.5
-1
-5 -6
1
10
100 Time t(ms)
1000 2000
Collector Current I C( A)
Collector Current I C( A)
fT - IE Characteristics (Typical)
(VCE=-12V) 30 -20 -10
Safe Operating Area (Single Pulse)
60
P c - T a Derating
Typ
Cu t-of f Fr eque ncy f T( MH Z) Collecto r Cur rent I C( A)
-5
DC
10
10
s
0m
ms
Ma xim um Powe r Dissipation P C( W)
1m
W ith
s
20
40
In fin ite he at si nk
-1 -0.5 Without Heatsink Natural Cooling
10
20
Without Heatsink 0 0.02 0.05 0.1 0.5 1 56 -0.1 -5 -10 -50 -100 3.5 0 0 25 50 75 100 125 150
Emitter Current I E( A)
Collector-Emitter Voltage V C E( V)
Ambient Temperature Ta(C)
35


▲Up To Search▲   

 
Price & Availability of 2SA1907

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X