Part Number Hot Search : 
000GX VP2009 1H683 1N5229 CB2518 TFS550 VFT3060C MJE2102
Product Description
Full Text Search
 

To Download 2N3960 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet No. 2N3960
Type 2N3960
Geometry 0003 Polarity NPN Qual Level: JAN - JANTXV
Features: * * * * General-purpose low-power NPN silicon transistor. Housed in TO-18 case. Also available in chip form using the 0003 chip geometry. The Min and Max limits shown are per MIL-PRF-19500/399 which Semicoa meets in all cases.
Generic Part Number: 2N3960
REF: MIL-PRF-19500/399
TO-18
Maximum Ratings
TC = 25oC unless otherwise specified
Rating
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Power Dissipation, TA = 25 C Derate above 25oC Operating Junction Temperature Storage Temperature
o
Symbol
VCEO VCBO VEBO PT
Rating
12 20 4.5 400 2.3
Unit
V V V mW mW/oC
o
TJ TSTG
-65 to +200 -65 to +200
C C
o
Data Sheet No. 2N3960
Electrical Characteristics
TC = 25oC unless otherwise specified
OFF Characteristics
Collector-Base Breakdown Voltage IC = 10 A Collector-Emitter Breakdown Voltage IC = 10 mA Emitter-Base Breakdown Voltage IC = 10 A Collector-Emitter Cutoff Current VCE = 10 V, VBE = 0.4 V VCE = 10 V, VEB = 2.0 V VCE = 10 V, VEB = 2.0 V, TA = 150 C
o
Symbol
V(BR)CBO V(BR)CEO V(BR)EBO ICEX1 ICEX2 ICEX3
Min
20 12 4.5 -------
Max
------1.0 5.0 5.0
Unit
V V V A nA A
ON Characteristics
Forward Current Transfer Ratio IC = 1.0 mA, VCE = 1 V IC = 10 mA, VCE = 1 V, pulsed IC = 30 mA, VCE = 1 V, pulsed IC = 10 mA, VCE = 1.0 V, TC = -55oC Base-Emitter Saturation Voltage VCE 1.0 V, IC = 1.0 mA VCE 1.0 V, IC = 30 mA Collector-Emitter Saturation Voltage IC = 1.0 mA, IB = 0.1 mA IC = 30 mA, IB = 3.0 mA
Symbol
hFE1 hFE2 hFE3 hFE4 VBE1 VBE2 VCE(sat)1 VCE(sat)2
Min
40 60 30 30 ---------
Max
--300 ----0.8 1.0 0.2 0.3
Unit
-------
V dc V dc V dc V dc
Small Signal Characteristics
Magnitude of Common Emitter, Small Signal, Short Circuit
Symbol
|hFE1| |hFE2| |hFE3| COBO CIBO
Min
13 14 12 -----
Max
------2.5 2.5
Unit
------pF pF
Forward Current Transfer Ratio VCE = 4 V, IC = 5.0 mA, f = 100 MHz VCE = 4 V, IC = 10 mA, f = 100 MHz VCE = 4 V, IC = 30 mA, f = 100 MHz Open Circuit Output Capacitance VCB = 4 V, IE = 0, 100 kHz < f < 1 MHz Input Capacitance, Output Open Circuited VEB = 0.5 V, IC = 0, 100 kHz < f < 1 MHz


▲Up To Search▲   

 
Price & Availability of 2N3960

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X