Part Number Hot Search : 
HD74LS55 D120LC40 LM144 91J4K5E EL5724 ENA0963A SA101 BAT43WS
Product Description
Full Text Search
 

To Download 24IML10-03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IML 10 Series
10 Watt DC-DC Converters
Wide input voltage ranges up to 75 V DC 1 or 2 outputs up to 30 V DC 1500 V DC I/O electric strength test voltage
LGA
* Magnetic feedback for single output models * Short circuit protection * Industry standard 2" x 1" case with 10.5 mm profile
Selection chart
Output 1 Output 2 Input voltage Type
1
Options1
Uo nom
Io nom
Uo nom
Io nom
Ui
[V DC] 18...36 36...75 18...36 36...75 18...36 36...75 18...36 36...75 36...75 18...36 36...75 18...36 36...75 24 IML 10-03-3 48 IML 10-03-3 24 IML 10-05-3 48 IML 10-05-3 24 IML 10-12-3C 48 IML 10-12-3C 24 IML 10-15-3C 48 IML 10-15-3C 48 IML 10-0503-3 24 IML 10-12-12-3 48 IML 10-12-12-3 24 IML 10-15-15-3 48 IML 10-15-15-3 C, C, C, C, Z Z Z Z
[V DC] [A] [V DC] [A] 3.3 2 3.3 2 5 1.9 5 1.9 12 0.9 12 0.9 15 0.7 15 0.7 5.1 1 3.3 1 12 0.45 12 0.45 12 0.45 12 0.45 15 0.35 15 0.35 15 0.35 15 0.35 1 For availability contact Power-One.
C, Z C, Z C, Z C, Z C, Z
www.power-one.com
Edition 4/04.2001
1
Board Mountable
Input
Input voltage range 24 IML 10 48 IML 10
IML 10 Series
18...36 V DC 36...75 V DC
Output
Output voltage setting accuracy Ui nom , 50% lo nom, single output models 1.5% Uo nom Ui nom, 50% lo nom, double outp., main/aux. outp.1.5%/1.5% Uo nom Minimum load recommended 10% lo nom Line/load regulation Ui min...Ui max, 50% lo nom, single output models 3% Uo nom Line regulation Ui nom , 50% lo nom, double output models, main output 1% Uo nom Load regulation Ui nom , 10...100% lo nom, double outp. mod., main outp. 3% Uo nom tracking output 3% Uo nom Output voltage switching noise Ui nom , 0...100% lo nom , peak-peak, total max. 1.5% Uo nom Efficiency Ui nom, lo nom up to 84%
Control and protection
Input protection Overload protection No-load protection
Ui min...Ui max, any load
none fully protected, hiccup mode yes
Safety and EMC
Electric strength test voltage Electromagnetic interference I/O 1500 V DC class A
Environmental
Operating ambient temperature Ui nom, lo nom Storage temperature non operational Relative humidity non condensing -25...60C -40...100C 93%
Options
Open version without housing C-pinout Z C
Accessories
DIN and chassis mounting bracket
www.power-one.com
Edition 4/04.2001
2
IML 10 Series
Mechanical data
Tolerances 0.3 mm (0.012") unless otherwise indicated.
10 Watt DC-DC Converters
European Projection
IML 10
S09030
50.8 (2") 3.4 (0.13") 3.81(0.15")
0.8 x 1.2 (0.03 x 0.05") Pins 1.6 (0.06) PCB holes
3 x 5.08 (0.2")
3.81(0.15")
4 3.81(0.15")
10
4.6 (0.18") Measuring point of case temperature TC
45.7 (1.8")
PT 2.2 self tapping screws
0.8 (0.3")
1.27 (0.05")
IML 10 (option Z)
S90002
48 (1.9") 1
0.8 x 1.2 (0.03 x 0.05") Pins 1.6 (0.06) PCB holes
23 (0.9")
3 x 5.08 (0.2")
4 3.5 (0.14") 43.2 (1.7")
10
0.8 (0.3")
IML 10 (option C)
09032
8.25 (0.32")
5 x 3.81 (0.15")
14
50.8 (2") 35.5 (1.4") 0.5(0.02") 15.2 (0.6")
1 (0.04") Pins 1.2 (0.05") PCB holes
1(0.04")
1 2
4 5
20.3 (0.8")
25.4 (1")
5.8 (0.2")
3
12.5 (0.49")
Measuring point of case temperature TC
3.4 (0.13")
25.4 (1")
1
20.3 (0.8")
5 x 3.81 (0.15")
14
www.power-one.com
Edition 4/04.2001
3
Board Mountable
Pin allocation IML 10
Pin 1 2 3 4 10 11 12 13 14 Single output Vi+ Vi- n.c. n.c. Vo- Vo+ Vo- n.c. n.c. 0503 types Vi+ Vi- n.c. n.c. Go Vo1+ Go Vo2+ n.c. Double output Vi+ Vi- n.c. n.c. Vo1- Vo1+ Vo2- Vo2+ n.c.
IML 10 Series
C pinout (option C)
Pin 1 2 3 4 5 Single output Vi+ Vi- Vo+ no pin Vo- Dual output Vi+ Vi- Vo+ Go Vo-
www.power-one.com
Edition 4/04.2001
4


▲Up To Search▲   

 
Price & Availability of 24IML10-03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X