Part Number Hot Search : 
100LVE 93C46 82C51 CM1500W KA2902 2N5445 TC372 4805D
Product Description
Full Text Search
 

To Download 2001523 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary
32 Link Inverse Multiplexer for ATM (IMA) / UNI PHY
FEATURES
IMA
* Supports up to 32 T1, E1, G.SHDSL or unchannelized links and up to 32 IMA groups with 1 to 32 links/group. * Link and Group State Machines implemented on-chip requiring no real time software in the data path. * Fully compliant with the ATM Forum Inverse Multiplexer for ATM (IMA) 1.1 specification and backward compatible to IMA 1.0. * Supports both independent transmit clock (ITC) and common transmit clock (CTC) modes. * Supports all IMA Group Symmetry modes: Symmetric/Asymmetric configuration and operation. * Differential delay tolerance of 279 ms (for T1 links) and 226 ms (for E1 links). * Performs IMA differential delay calculation and synchronization. * Provides programmable limit on allowable differential delay and minimum number of links per group. * Performs ICP and stuff-cell insertion and removal. * Supports IMA frame length (M) equal to 32, 64, 128, or 256. * Provides IMA layer statistic counts and alarms for support of IMA Performance and Failure Alarm Monitoring and MIB support. * Provides per link counters for statistics and performance monitoring.
PM7342 S/UNI(R)-IMA-32
LINE INTERFACE
* 32 T1, E1, G.SHDSL or unchannelized links via 2-pin line interfaces. * Supports a 19.44 MHz Scalable Bandwidth Interconnect (SBI) bus interface for seamless interconnect to the PM8315 TEMUX and PM8316 TEMUX-84. * SBI supports two Synchronous Payload Envelopes (SPE). Each SPE can carry up to 16 T1s or 16 E1s.
UNI
* Each link is software configurable as either a UNI or part of an IMA group. * Performs receive cell Header Error Check (HEC) checking and transmit cell HEC generation. * Optionally supports receive cell payload unscrambling and transmit cell payload scrambling. * Provides TC layer statistics counts and alarms for MIB support.
UTOPIA / ANY-PHY INTERFACE
* Supports 8- and 16-bit UTOPIA L2 and Any-PHY cell interfaces at clock rates up to 52 MHz. * Any-PHY transmit slave appears as a 32 port multi-PHY. The PHY-ID of each cell is identified using in-band addressing. * Any-PHY receive slave appears as a single device. The PHY-ID of each cell is identified using in-band addressing. * UTOPIA L2 transmit and receive slave appears as a 31-port multi-PHY. * UTOPIA L2 receive slave can also appear as a single port with the logical port provided as a prepend.
TCK TMS TDI TRSTB TDO
ATM OVER FRACTIONAL T1/E1
* Supports ATM over Fractional T1/E1 compliant with the ATM Forum AF-PHY-0130.00 specification.
REFCLK SYSCLK
SBI Add Bus I/F
AC1FP ADATA[7:0] ADP APL AV5 AJUST_REQ AACTIVE ADETECT
32 Clk/Data
RSTB
OE
D[15:0] A[10:1] ALE WRB RDB CSB INTB
BLOCK DIAGRAM
DLL INSBI Null Framer (SDFR32) 32-chan x 7 cell FIFO (MCFD)
MicroProcess I/F
JTAG
Tx Slave ATM I/F
TC Layer (TTTC32) TCAS
Tx IMA Processor (TIMA)
32-chan x 3 cell FIFO
Any-PHY/ UTOPIA Tx Slave (TXAPS)
TSCLK[31:0] TSDATA[31:0] CTSCLK
TCLK TPA TENB TADR[10:0] TCSB TSOP TSX TDAT[15:0] TPRTY
IDCC
Internal Bus
IDCC 32 Clk/Data
Rx IMA Protocol Processor (RIPP)
Rx Slave ATM I/F
RSCLK[31:0] RSDATA[31:0]
SBI Drop Bus I/F
RCAS TC Layer (RTTC32)
DeFramer (SDDF32)
DC1FP DDATA[7:0] DDP DPL DV5
32-chan x 2 cell FIFO
Rx IMA Data Processor (RDAT)
Cell Writer Cell Reader
31 chan 4 cell FIFO
Any-PHY/ UTOPIA Rx Slave (RXAPS)
EXSBI
RCLK RPA RENB RADR[4:0] RCSB RSOP RSX RDAT[15:0] RPRTY
Memory Interface (MEMI)
PMC-2001523 (p5)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS' INTERNAL USE
CBCSB CBRASB CBCASB CBWEB CBA[11:0] CBBS[1:0] CBDQM CBDQ[15:0]
(c) Copyright PMC-Sierra, Inc. 2002
Preliminary PM7342 S/UNI(R)-IMA-32
32 Link Inverse Multiplexer for ATM (IMA) / UNI PHY
LOOPBACK AND DIAGNOSTICS
* Supports UTOPIA Side Loopback. * Supports Line Side Loopback. * Supports per group ICP cell trace capability. * Software wrappers are used for RTOSrelated functions making the S/UNIIMA device driver portable to any Real Time Operating System (RTOS) environment. * Low-power 1.8 V CMOS with TTLcompatible I/O. * 416-pin plastic ball grid array (PBGA) package.
SOFTWARE
* The S/UNI-IMA device driver, written in ANSI C, provides a well-defined Application Programming Interface (API) and low level utility functions for diagnostics and debugging purposes.
GENERAL
* 16-bit interface for 1M x 16 SDRAM. * Provides a 16-bit microprocessor interface for configuration, statistics gathering and Link and Unit Management. * Provides a standard 5-pin P1149 JTAG port.
APPLICATIONS
* * * * * Multiservice Switches. Optical Access Switches. DSLAMs. Wireless Basestation Controllers. Access Concentrators.
TYPICAL APPLICATIONS
DSLAM WITH IMA OVER DSL
UTOPIA L2/ Any-PHY xN PM7326 S/UNI-APEX UTOPIA L2 / Any-PHY x32 (x31 with UL2) PM7342 S/UNI-IMA-32 xDSL MODEM 32 Clock/Data PM7350 S/UNI-DUPLEX LVDS PM7351 S/UNI-VORTEX PM7324 S/UNI-ATLAS PM7346 S/UNI-QJET UTOPIA L2
WIRELESS BASESTATION CONTROLLER
DS-3 Packet Card
L2 Address Resolution and SAR RM7000 uP
DS3 LIU
PM4328 TECT3
PM7381 FREEDM32A672 HMVIP
PM7329 S/UNI-APEX1K800
32-port T1/E1 ATM Card
PM7328 S/UNI-ATLAS1K800 PM4332 TE-32 PM7342 S/UNI-IMA-32
PM4319 OCTLIU SBI Bus
AAL2 Processing UTOPIA L2/ Any-PHY UTOPIA Bus
SBI Bus
Head Office: PMC-Sierra, Inc. 8555 Baxter Place Burnaby, B.C. V5A 4V7 Canada Tel: +1.604.415.6000 Fax: +1.604.415.6200
To order documentation, send email to: document@pmc-sierra.com or contact the head office, Attn: Document Coordinator
All product documentation is available on our web site at: http://www.pmc-sierra.com For corporate information, send email to: info@pmc-sierra.com
PMC-2001523 (p5) (c) Copyright PMC-Sierra, Inc. 2002. All rights reserved. February 2002. S/UNI is a registered trademark of PMC-Sierra, Inc. SBI, AAL1gator, FREEDM, SPECTRA, COMET-QUAD, VORTEX, TEMUX, Any-PHY and PMCSierra are trademarks of PMC-Sierra, Inc.
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS' INTERNAL USE


▲Up To Search▲   

 
Price & Availability of 2001523

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X