Part Number Hot Search : 
1N2383A MBR101 02780279 HTZ110A C8051 BDX36 TMEGA1 126SFL
Product Description
Full Text Search
 

To Download 100307 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 100307 Low Power Quint Exclusive OR/NOR Gate
August 1989 Revised August 2000
100307 Low Power Quint Exclusive OR/NOR Gate
General Description
The 100307 is monolithic quint exclusive-OR/NOR gate. The Function output is the wire-OR of all five exclusive-OR outputs. All inputs have 50 k pull-down resistors.
Features
s Low Power Operation s 2000V ESD protection s Pin/function compatible with 100107 s Voltage compensated operating range = -4.2V to -5.7V s Available to industrial grade temperature range (PLCC package only)
Ordering Code:
Order Number 1000307PC 1000307QC 1000307QI Package Number N24E V28A V28A Package Description 24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-010, 0.400 Wide 28-Lead Plastic Lead Chip Carrier (PLCC), JEDEC MO-047, 0.450 Square 28-Lead Plastic Lead Chip Carrier (PLCC), JEDEC MO-047, 0.450 Square Industrial Temperature Range (-40C to +85C)
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Logic Symbol
Connection Diagrams
24-Pin DIP
Pin Descriptions
Pin Names Dna-Dne F Oa-Oe Oa-Oe Description Data Inputs Function Output Data Outputs Complementary Data Outputs 28-Pin PLCC
Logic Equation
F = (D1a D2a) + (D1b D2b) + (D1c D2c) + (D1d D2d) + (D1e D2e).
(c) 2000 Fairchild Semiconductor Corporation
DS010582
www.fairchildsemi.com
100307
Absolute Maximum Ratings(Note 1)
Storage Temperature (TSTG) Maximum Junction Temperature (TJ) VEE Pin Potential to Ground Pin Input Voltage (DC) Output Current (DC Output HIGH) ESD (Note 2)
-65C to +150C +150C -7.0V to +0.5V
VEE to +0.5V
Recommended Operating Conditions
Case Temperature (TC) Commercial Industrial Supply Voltage (VEE) 0C to +85C
-40C to +85C -5.7V to -4.2V
-50 mA 2000V
Note 1: The "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. the parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum rating. The "Recommended Operating Conditions" table will define the conditions for actual device operation. Note 2: ESD testing conforms to MIL-STD-883, Method 3015.
Commercial Version DC Electrical Characteristics (Note 3)
VEE = -4.2V to -5.7V, VCC = VCCA = GND, TC = 0C to +85C Symbol VOH VOL VOHC VOLC VIH VIL IIL IIH Parameter Output HIGH Voltage Output LOW Voltage Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input LOW Current Input HIGH Current D2a-D2e D1a-D1e IEE Power Supply Current -69 -43 250 350 -30 mA Inputs Open A VIN = VIH (Max) -1165 -1830 0.50 Min -1025 -1830 -1035 -1610 -870 -1475 Typ -955 -1705 Max -870 -1620 Units mV mV mV mV mV mV A VIN =VIH (Max) or VIL (Min) VIN = VIH (Min) or VIL (Max) Guaranteed HIGH Signal for All Inputs Guaranteed LOW Signal for All Inputs VIN = VIL (Min) Conditions Loading with 50 to -2.0V Loading with 50 to -2.0V
Note 3: The specified limits represent the "worst case" value for the parameter. Since these values normally occur at the temperature extremes, additional noise immunity and guardbanding can be achieved by decreasing the allowable system operating ranges. Conditions for testing shown in the tables are chosen to guarantee operation under "worst case" conditions.
DIP AC Electrical Characteristics
VEE = -4.2V to -5.7V, VCC = VCCA = GND Symbol tPLH tPHL tPLH tPHL tPLH tPHL tTLH tTHL Parameter Propagation Delay D2a-D2e to O, O Propagation Delay D1a-D1e to O, O Propagation Delay Data to F Transition Time 20% to 80%, 80% to 20% TC = 0C Min 0.55 0.55 1.15 0.35 Max 1.90 1.70 2.75 1.20 TC = +25C Min 0.55 0.55 1.15 0.35 Max 1.80 1.60 2.75 1.20 TC = +85C Min 0.55 0.55 1.15 0.35 Max 1.90 1.70 3.00 1.20 Units ns ns ns ns Conditions
Figures 1, 2
www.fairchildsemi.com
2
100307
Commercial Version (Continued) PLCC AC Electrical Characteristics
VEE = -4.2V to -5.7V, VCC = VCCA = GND Symbol tPLH tPHL tPLH tPHL tPLH tPHL tTLH tTHL Parameter Propagation Delay D2a-D2e to O, O Propagation Delay D1a-D1e to O, O Propagation Delay Data to F Transition Time 20% to 80%, 80% to 20% TC = 0C Min 0.55 0.55 1.15 0.35 Max 1.70 1.50 2.55 1.10 TC = +25C Min 0.55 0.55 1.15 0.35 Max 1.60 1.40 2.55 1.10 TC = +85C Min 0.55 0.55 1.15 0.35 Max 1.70 1.50 2.80 1.10 Units ns ns Figures 1, 2 ns ns Conditions
Industrial Version PLCC DC Electrical Characteristics (Note 4)
VEE = -4.2V to -5.7V, VCC = VCCA = GND, TC = -40C to +85C
Symbol VOH VOL VOHC VOLC VIH VIL IIL IIH Parameter Output HIGH Voltage Output LOW Voltage Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input LOW Current Input HIGH Current D2a-D2e D1a-D1e IEE Power Supply Current -69 250 350 -30 -69 250 350 -30 mA Inputs Open A VIN = VIH(Max) -1170 -1830 0.50 TC = -40C Min -1085 -1830 -1095 -1565 -870 -1480 -1165 -1830 0.50 Max -870 -1575 TC = 0C to +85C Min -1025 -1830 -1035 -1610 -870 -1475 Max -870 -1620 Units mV mV mV mV mV mV A VIN = VIH(Max) or VIL(Min) VIN = VIH(Min) or VIL(Max) Conditions Loading with 50 to -2.0V Loading with 50 to -2.0V
Guaranteed HIGH Signal for All Inputs Guaranteed LOW Signal for All Inputs VIN = VIL(Min)
Note 4: The specified limits represent the "worst case" value for the parameter. Since these values normally occur at the temperature extremes, additional noise immunity and guardbanding can be achieved by decreasing the allowable system operating ranges. Conditions for testing shown in the tables are chosen to guarantee operation under "worst case" conditions.
PLCC AC Electrical Characteristics
VEE = -4.2V to -5.7V, VCC = VCCA = GND Symbol tPLH tPHL tPLH tPHL tPLH tPHL tTLH tTHL Parameter Propagation Delay D2a-D2e to O, O Propagation Delay D1a-D1e to O, O Propagation Delay Data to F Transition Time 20% to 80%, 80% to 20% TC = -40C Min 0.45 0.45 1.05 0.35 Max 1.70 1.50 2.55 1.10 TC = +25C Min 0.55 0.55 1.15 0.35 Max 1.60 1.40 2.55 1.10 TC = +85C Min 0.55 0.55 1.15 0.35 Max 1.70 1.50 2.80 1.10 ns ns Figures 1, 2 ns ns Units Conditions
3
www.fairchildsemi.com
100307
Test Circuitry
Notes: VCC, VCCA = +2V, VEE = -2.5V L1 and L2 = equal length 50 impedance lines RT = 50 terminator internal to scope Decoupling 0.1 F from GND to VCC and VEE All unused outputs are loaded with 50 to GND CL = Fixture and stray capacitance 3 pF
FIGURE 1. AC Test Circuit
Switching Waveforms
FIGURE 2. Propagation Delay and Transition Times
www.fairchildsemi.com
4
100307
Physical Dimensions inches (millimeters) unless otherwise noted
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-010, 0.400 Wide Package Number N24E
5
www.fairchildsemi.com
100307 Low Power Quint Exclusive OR/NOR Gate
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
28-Lead Plastic Lead Chip Carrier (PLCC), JEDEC MO-047, 0.450 Square Package Number V28A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 6 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 100307

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X