Part Number Hot Search : 
LT3513 A1102 S24023SB MAZ2300 UPRA2C9P MKW3023 LLST33 M37643F8
Product Description
Full Text Search
 

To Download ZR36762 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Vaddis (R) 6E
Integrated DVD SoC with Progressive Scan (2-Channel Audio)
DVD Digital Camera
Driving the Digital Lifestyle
Digital TV Imaging IP Cores
ZR36762 Product Brief
Benefits Overview
Zoran Corporation 1390 Kifer Road Sunnyvale, CA 94086-5305
Te l 408.523.6500 Fax 408.523.6501 www.zoran.com
Zoran's Vaddis 6E (ZR36762) is targeted at entry-level DVD and convergence products that require only 2-channel audio output. The Vaddis 6E is built upon the Vaddis 5E (integrated Turbo 186 CPU, video and audio decoder) and integrates the main DVD front-end components (servo, read-channel). This integration further reduces the system cost by component reduction and minimizing PCB size. The ZR36762 includes high quality progressive scan analog video output, support for DVD-RW and DVD+RW playback, and WMA decoding. The front-end component integration combined with the CPU and superior back-end functionality makes the ZR36762 the ideal choice for DVD standalone players, DVD-receivers, DVD+VCR combos, DVD+TV combos, DVD mini-component and portable systems. DIGITAL FRONT-END ARCHITECTURE The Vaddis 6E includes fully-digital front-end processing. The main components of this front-end are the read-channel for data retrieval (through an RF amplifier) from the optical pick-up unit (OPU) and the servo, which enables precise tracking of the optical media. This architecture allows for flexibility in choice of OPUs and mechanisms. It also allows for high performance in error handling of scratched and fingerprinted media.
TURBO 186 CPU, FLASH INTERFACE AND GPIOs The Vaddis 6E contains the same CPU, flash and GPIO interfaces that are found in the Vaddis 5E, allowing for easy migration from Vaddis 5E to Vaddis 6E designs. The Turbo 186 CPU core provides interrupts, DMA & UART services and has an architecture familiar to many. This CPU is superior in performance to a standard 186 processor and supports execution of large programs. The system software is stored on external flash or ROM and is accessed via the flash/ROM interface. Peripherals such as USB controllers can be connected to the flash/ROM interface for open-system designs. The GPIOs can be used to control front panels, including inputs via remote control, or other devices per a system's needs. MULTI-FUNCTION PLAYER The Vaddis 6E contains the video and audio processing power to handle playback of all of the disc types listed in "Features". The Vaddis 6E is designed with Zoran's StandardsPlusTM methodology, which means that the device is capable of supporting existing standards with some desirable enhancements including HDCD, MP3, JPEG and WMA file playback. The programmable nature of the Vaddis 6E makes it ready for future standards and enhancements.
Features
* DVD SoC with Digital Front-End * MVPTM Progressive Scan Video Output * Supports: DVD-Video, DVD-RW, DVD+RW, CVD, SuperVCD, VideoCD, DVCD, Audio CD, Kodak PictureCD * Dolby Digital, DTS, HDCD, WMA Audio Decoding * ZoranZoomTM and Panning * Image Enhancement: Sharpness and Brightness Adjustments * 2-Channel and S/PDIF Audio Outputs * Virtual Surround Sound, 3D Headphones, Music Modes * Enhanced Karaoke * Flexible Support for OPUs and Mechanisms * * * * * * * * * * Embedded NTSC/PAL Encoder w/four 10-bit Video DACs CPPM/CPRM Decryption Software Compatible with Vaddis Family Turbo 186 CPU On-Screen Display (OSD) Processor with up to 256 entries of 24-bit YUV color palette and 3-bit transparency Interfaces for Front Panel and IR Remote I/O External Flash/ROM/Peripheral Interfaces Supports 32-, 64- and 128-Mbit SDRAM Configurations 208-pin PQFP Package 1.4W power consumption for typical application
Features Description
STREAM PARSING The Vaddis 6E can process disc sectors of the disc types listed previously. The bitstreams from these sectors are typically separated into video and audio for further processing, although other data types can be supported (e.g. VMGI, VTSI, sub-pictures). Included in this parsing is any necessary authentication and decryption (e.g. CSS, CPPM, CPRM) for DVD-Video, DVD-RW or DVD+RW. VIDEO DECODING The Vaddis 6E supports video decoding of the various MPEG formats and picture sizes supported by DVD, SuperVCD, CVD, VideoCD and DVCD. Frame rates and sizes can be converted between NTSC and PAL. JPEG decoding is supported for PictureCD viewing and JPEG file viewing.
7/16/04-TS
AUDIO DECODING The Vaddis 6E includes a 67 MIPS audio decode processor (ADP) capable of supporting the latest advanced audio algorithms including Dolby Digital, DTS, MPEG Layer II, LPCM, CD-DA, MP3 and WMA. ZORANZOOM AND IMAGE ENHANCEMENT FILTERS The Vaddis 6E incorporates ZoranZoom, Zoran's proprietary scaling algorithm and several filtering functions for enhancing the image quality. ZoranZoom is the built-in zoom and pan function which provides a crisp image for the resulting enlarged view. The Vaddis 6E supports user picture controls including sharpness (edge enhancement), and brightness adjustments for optimizing the image quality.
ZR36762-PB-2.0
Vaddis (R) 6E
Integrated DVD SoC with Progressive Scan (2-Channel Audio)
Driving the Digital Lifestyle
ZR36762 Product Brief
Features Description (cont.)
OSD, SUB-PICTURE AND CLOSED-CAPTION INSERTION The On-Screen Display (OSD) unit allows for overlay of custom graphics on the video. The OSD can be frame- or field-based with selectable 4- or 8-bit OSD overlays for menus, icons, animations, etc.: Up to 256 entries of 24-bit YUV color palette and 3-bit transparency, on-screen and off-screen memory regions for animation support. The Vaddis 6E supports sub-picture decoding with button highlighting and closed-caption insertion in the vertical blanking region. ANALOG VIDEO OUTPUT WITH PROGRESSIVE SCAN The Vaddis 6E includes an advanced video encoder core capable of outputting YPbPr, RGB, Composite, or S-Video via four high quality 54MHz 10-bit video DACs. The video encoder supports programmable chroma and notch filters to optimize the picture quality, even when displaying on lower quality TVs. The encoder also supports progressive scan video output, with Zoran's proprietary Multi-angle Video Processing (MVP) for excellent progressive scan image quality. AUDIO ENHANCEMENT ALGORITHMS Beyond the decoding of DVD or compressed audio, post-decoding algorithms from Zoran's SiliconSoftware(R) library can be applied to enhance the listening experience. Such algorithms include Virtual Surround Sound, 3D Headphones, Graphic Equalization and Karaoke. Virtual Surround Sound gives the listener a multichannel effect through only two speakers. Likewise, 3D Headphones gives the sensation that the listener is surrounded by a theater speaker system, when the audio is actually delivered via the two speakers on the headphones. Graphic Equalization allows the listener to amplify or attenuate various frequency bands of the audio. Karaoke allows mixing of digitized microphone(s) input with playback of the audio with audio effects applied such as echo, voice cancellation and key shift.
DVD Player Application using the Vaddis ZR36762
16, 32 or 128 Mbits SDRAM
Optical Pickup
Main Board
Video Out Progressive or Interlaced
ZR36707 RF Amp Vaddis 6E ZR36762 DVD SoC
Actuator/Motor Driver Control
2-Channel Audio DAC
2 ch. Out
S/PDIF Out TOS Link
2-Channel Audio ADC
2 ch. In (Karaoke)
1 MB FLASH
Front Panel (Keypad, Display, Remote Interface)
(c) Copyright 2004 Zoran Corporation. Zoran, the Zoran logo, MVP, SiliconSoftware, StandardsPlus, Vaddis, and ZoranZoom are registered trademarks of Zoran Corp. All other trademarks are property of their respective owners. Vaddis 6E incorporates Macrovision and CSS Technologies. To obtain Vaddis 6E, the recipient must have the appropriate licenses with these entities. Due to the programmability of the Vaddis 6E, other licenses may be required. The information in this document is believed to be reliable, however, Zoran Corporation makes no guarantee or warranty concerning the accuracy of said information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon it. Zoran Corporation does not guarantee that the use of any information contained herein will not infringe upon patent, trademark, copyright, or rights of third parties. Zoran Corporation reserves the right to make changes in the product and/or specifications, or both, presented in this publication at any time without notice.
For more information, contact Zoran's Sunnyvale office or the office nearest you:
Canada Zoran Toronto Lab Te l : (416) 690-3356 Fax: (416) 690-3363 China Zoran China Office Tel: 86-755-83993777 Fax: 86-755-83220889 Hong Kong Zoran Asia Pacific Ltd. Tel: +852-2-620-5838 Fax: +852-2-620-5238 Israel Zoran Microelectronics Ltd. Te l : +972-4-8545-777 Fax: +972-4-8551-551 Japan Zoran Japan Office Te l : +81-03-5475-1051 Fax: +81-03-5475-1053 Korea Zoran Korea Office Tel: +82-2-761-7471 Fax: +82-2-761-7472 Taiwan Zoran Taiwan Office Te l : +886-2-2659-9797 Fax: +886-2-2659-9595
7/16/04-TS
ZR36762-PB-2.0


▲Up To Search▲   

 
Price & Availability of ZR36762

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X