Part Number Hot Search : 
MR83C TFS315 1N4006G BC849CW BXMP1033 010011 C102G2 BAW000
Product Description
Full Text Search
 

To Download UGF10D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UGF10A THRU UGF10K
SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER Reverse Voltage - 50 to 800 Volts Forward Current - 1.0 Ampere
D TENTE PA
0.115(2.92) 0.090(2.28)
DO-214AC
FEATURES
0.064(1.63) 0.050(1.27) 0.181(4.60) 0.157(4.00)
0.016(0.40) 0.006(0.15) 0.102(2.60) 0.079(2.00) 0.050(1.27) 0.030(0.76) 0.220(5.60) 0.190(4.83)
GPRC (Glass Passivated Rectifier Chip) inside Glass passivated cavity-free junction Ideal for surface mount automotive applications Ultrafast recovery time for high efficiency Built-in strain relief Easy pick and place o High temperature soldering guaranteed: 260 C/10 seconds, at terminals * Plastic package has Underwriters Laboratory Flammability Classification 94V-0
* * * * * * *
MECHANICAL DATA
Case : JEDEC DO-214AC molded plastic over passivated chip Terminals : Solder plated , solderable per MIL-STD-750, Method 2026 Polarity : Color band denotes cathode end Mounting Position : Any Weight : 0.002 ounes , 0.064 gram
*Dimensions in inches and (millimeters)
TM
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature SYMBOLS unless otherwise specified. Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current TA=55 C
o o
UGF10 A B 100 70 100 D
200 140 200
UNITS G
400 280 400
F
300 210 300
J
600 420 600
K
800 560 800
VRRM VRMS VDC I (AV)
50 35 50
Volts Volts Volts Amps
1.0
Peak forward surge current 8.3ms single half sine-wave superimposed on rated load Maximum instantaneous forward voltage at 1.0 A Maximum DC reverse current at rated DC blocking voltage Maximum reverse recovery time (NOTE 1) Typical junction capacitance (NOTE 2) Typical thermal resistance (NOTE 3) Operating junction and storage temperature range TA=25 C TA=125 C
o o
IFSM
30
25
Amps
VF
0.95 5
1.25
1.7
2.2
Volts
IR
50 35 10 34 -55 to +150
o
uA
trr CJ R
JA
nS pF C/W
o
TJ,TSTG
C
NOTES : (1) Reverse recovery test condition : IF 0.5A, IR=1.0A, Irr=0.25A (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts (3) Thermal resistance from junction to ambient and from junction to lead P.C.B. mounted on 0.2 x 0.2" (5.0 x 5.0mm) copper pad areas.
REV. : 0
Zowie Technology Corporation
RATINGS AND CHARACTERISTIC CURVES UGF10A THRU UGF10K
FIG.1 - FORWARD CURRENT DERATING CURVE 1.0 AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
RESISTIVE OR INDUCTIVE LOAD
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT 30 PEAK FORWARD SURGE CURRENT, AMPERES 25 20
UGF10A~UGF10G
TJ=TJ max. 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
0.5
15
UGF10J~UGF10K
10 5 0
0 0 25 50 75 100 125
o
150
175
1
10 NUMBER OF CYCLES AT 60Hz
100
AMBIENT TEMPERATURE, C
FIG.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 10.00 IINSTANTANEOUS FORWARD CURRENT, AMPERES INSTANTANEOUS REVERSE LEAKAGE CURRENT, MICROAMPERES
PULSE WIDTH=300uS 1% DUTY CYCLE
FIG.4 - TYPICAL REVERSE CHARACTERISTICS 100
0G
1 0J UG F
0F~ UG F1
UG F1 0K
UGF 10
A~UG
UG F1
1.00
F10D
10
0.10
1
TJ=100 C TJ=125 C
o
o
0.1 0.01 0.2 0 0.6 1.0 1.4 1.8 2.2 20 40 60 80 100 110 PERCENT OF RATED PEAK REVERSE VOLTAGE,%
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.5 - TYPICAL JUNCTION CAPACITANCE
200
JUNCTION CAPACITANCE, pF
TJ = 25 C
o
100 60 40
20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 40 100 REVERSE VOLTAGE, VOLTS
REV. : 0
Zowie Technology Corporation


▲Up To Search▲   

 
Price & Availability of UGF10D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X