Part Number Hot Search : 
TR3000 G240C COM90 245DGG 27C010 SR20150 057391 1117AG
Product Description
Full Text Search
 

To Download TP0101K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Specification Comparison
Vishay Siliconix
TP0101K vs. TP0101T
Description: Package: Pin Out: P-Channel,20-V (D-S) MOSFET, Low Threshold SOT-23 Identical
Part Number Replacements: TP0101K-T1-E3 Replaces TP0101T-T1-E3 TP0101K-T1-E3 Replaces TP0101T-T1
Summary of Performance: The TP0101K is a technology upgrade with ESD protection to the original TP0101T. The ESD protection diodes on the gate increases Gate-Body Leakage; otherwise, there is little variation regarding performance. ABSOLUTE MAXIMUM RATINGS (TA = 25oC UNLESS OTHERWISE NOTED) Parameter Symbol TP0101K TP0101T Unit
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Pulsed Drain Current Continuous Source Current (MOSFET Diode Conduction) Power Dissipation TA = 25C TA = 70C Operating Junction & Storage Temperature Range Maximum Junction-to-Ambient TA = 25C TA = 70C VDS VGS ID IDM IS PD Tj & Tstg RthJA -20 +8 -0.58 -0.46 -2 -0.3 0.35 0.22 -55 to 150 357 -20 +8 -0.6 -0.48 -3 -0.6 0.35 0.22 -55 to 150 357 W C C/W A V
SPECIFICATIONS (TJ = 25OC UNLESS OTHERWISE NOTED)
Parameter Static
Gate-Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Current VGS = -4.5 V VGS = -2.5 V VGS= -4.5 V VGS = -2.5 V VGS(th) IGSS IDSS -1.2 ID(on) -0.5 0.42 rDS(on) gfs VSD Qg Qgs Qgd Rg 0.64 1300 -0.9 1400 300 250 150 25 30 55 38 -1.2 2200 0.65 0.85 -0.5 -0.7 -1.0 +5000 -1 -2.5 -0.5 0.45 0.69 1300 -0.9 2020 180 720 NS 7 25 19 9 -1.2 3000 nC 12 35 30 15 ns 0.65 0.85 A S V -0.5 -0.9 -1.5 +100 -1 V nA A
Symbol
Min
TP0101K Typ
Max
Min
TP0101T Typ
Max
Unit
Drain-Source On-Resistance Forward Transconductance Diode Forward Voltage
Dynamic
Total Gate Charge Gate-Source Charge Gate-Drain Charge Gate Resistance
Switchinga
Turn-On Time td(on) tr td(off) tf 35 45 85 60
Turn-Off Time NS denotes not specified in original datasheet
Document Number 74071 11-May-05
www.vishay.com


▲Up To Search▲   

 
Price & Availability of TP0101K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X