Part Number Hot Search : 
KB826AB 2G102K ENA0342A 2SB806 VCO3072 015477 88E1543 BPJR04
Product Description
Full Text Search
 

To Download TIP120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TIP120, TIP121, TIP122 NPN
Version 2004-06-21
Darlington Transistors Si-Epitaxial PlanarTransistors Si-Epitaxial PlanarTransistoren NPN
Collector current - Kollektorstrom Plastic case Kunststoffgehause Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert
1 = B1 2 = C2 3 = E2
5A TO-220AB 2.2 g
Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
Maximum ratings (TA = 25C) TIP120 Collector-Emitter-voltage Collector-Base-voltage Emitter-Base-voltage B open E open C open VCE0 VCB0 VEB0 Ptot Ptot IC ICM IB Tj TS 60 V 60 V
Grenzwerte (TA = 25C) TIP121 80 V 80 V 50 V 2 W 1) 65 W 5A 8A 120 mA - 65...+ 150C - 65...+ 150C TIP122 100 V 100 V
Power dissipation - Verlustleistung without cooling - ohne Kuhlung with cooling - mit Kuhlung TC = 25C Collector current - Kollektorstrom (dc) Peak Collector current - Kollektor-Spitzenstrom Base current - Basisstrom (dc) Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
Characteristics (Tj = 25C) Min. Collector-Emitter cutoff current - Kollektorreststrom IB = 0, VCE = 30 V IB = 0, VCE = 40 V IB = 0, VCE = 50 V IE = 0, VCB = 60 V IE = 0, VCB = 80 V IE = 0, VCB = 100 V
1
Kennwerte (Tj = 25C) Typ. - - - - - - Max. 500 nA 500 nA 500 nA 200 nA 200 nA 200 nA
TIP120 TIP121 TIP123 TIP120 TIP121 TIP122
ICE0 ICE0 ICE0 ICB0 ICB0 ICB0
- - - - - -
Collector-Base cutoff current - Kollektorreststrom
) Valid, if leads are kept at ambient temperature at a distance of 5 mm from case Gultig, wenn die Anschludrahte in 5 mm Abstand von Gehause auf Umgebungstemperatur gehalten werden
1
Darlington Transistors
TIP120, TIP121, TIP122
Characteristics (Tj = 25C) Min. Emitter-Base cutoff current - Emitterreststrom IC = 0, VEB = 5 V IC = 3 A, IB = 12 mA IC = 5 A, IB = 20 mA IC = 3 A, VCE = 3 V VCE = 3 V, IC = 0.5 A VCE = 3 V, IC = 3 A VCE = 4 V, IC = 3 A, f = 1 MHz VCB = 10 V, IE = ie = 0, f = 100 kHz Thermal resistance - Warmewiderstand junction to ambient air - Sperrschicht zu umgebender Luft junction to case - Sperrschicht zu Gehause Admissible torque for mounting Zulassiges Anzugsdrehmoment Recommended complementary PNP transistors Empfohlene komplementare PNP-Transistoren Equivalent Circuit - Ersatzschaltbild IEB0 VCEsat VCEsat VBEon hFE hFE hfe CCB0 - - - - 1000 1000 4 -
Kennwerte (Tj = 25C) Typ. - - - - - - - - RthA RthC M4 Max. 2 mA 2V 4V 2.5 V - - - 200 pF 62.5 K/W 2) 2 K/W 9 10% lb.in. 1 10% Nm
Collector saturation voltage - Kollektor-Sattigungsspg. 1)
Base-Emitter on-voltage - Basis-Emitter-Spannung 1) DC current gain - Kollektor-Basis-Stromverhaltnis 1)
Small signal current gain - Kleinsignal-Stromverstarkung Collector-Base Capacitance - Kollektor-Basis-Kapazitat
TIP125, TIP126, TIP127
C2
T2
B1
T1
E2
1 2
) Tested with pulses tp = 300 s, duty cycle 2% - Gemessen mit Impulsen tp = 300 s, Schaltverhaltnis 2% ) Valid, if leads are kept at ambient temperature at a distance of 5 mm from case Gultig, wenn die Anschludrahte in 5 mm Abstand von Gehause auf Umgebungstemperatur gehalten werden
2


▲Up To Search▲   

 
Price & Availability of TIP120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X