![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Tri pat h Tec hnol og y, I nc. - Te c hni cal I nf orm at ion TDA2075A STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING T M TECHNOLOGY Preliminary Information Revision 0.9 - October 2005 GENERAL DESCRIPTION The TDA2075A is a two-channel, amplifier driver, that uses Tripath's proprietary Digital Power Processing (DPPTM) technology. The TDA2075A offers higher integration over previous Tripath amplifiers driver chipsets while providing exceptional audio performance for real world applications. Class-T amplifiers offer both the audio fidelity of Class-AB and the power efficiency of Class-D amplifiers. The TDA2075A is typically configured as a split-supply, single-ended, stereo amplifier. The TDA2075A can also be configured single-supply, single-ended, stereo amplifier, via external component choice. For applications that require bridged output drive, please refer to the TDA1400. Applications Powered DVD Players Mini-Compo Systems Audio/Video Amplifiers & Receivers Multimedia Speakers Features Class-T architecture with proprietary DPP "Audiophile" Sound Quality Full Audio Bandwidth, 20Hz to 20kHz High Efficiency Supports wide range of output power levels and output loads by changing supply voltage and external Mosfets Compatible with unregulated power supplies Output over-current protection Over- and under-voltage protection Over-temperature protection 48-Pin LQFP Package Benefits Reduced system cost with smaller/less expensive power supply and heat sink Signal fidelity equal to high quality Class-AB amplifiers High dynamic range compatible with digital media such as CD and DVD 1 TDA2075A - Rev. 0.9/KLi/10.05 Tri pat h Tec hnol og y, I nc. - Te c hni cal I nf orm at ion Absolute Maximum Ratings (Note 1) SYMBOL V5 Vlogic V10 TSTORE VPP, VNN TA TJ ESDHB ESDMM 5V Power Supply Input logic level 10V Power Supply Storage Temperature Range Supply Voltage (Note 5) Operating Free-air Temperature Range Junction Temperature ESD Susceptibility - Human Body Model (Note 2) All pins ESD Susceptibility - Machine Model (Note 3) All pins PARAMETER Value 6 V5 + 0.3 12 -55 to 150 +/-70 -40 to 85 150 2000 200 UNITS V V V C V C C V V Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. See the table below for Operating Conditions. Note 2: Human body model, 100pF discharged through a 1.5K resistor. Note 3: Machine model, 220pF - 240pF discharged through all pins. Operating Conditions (Note 4) SYMBOL V5 V10 TA VPP VNN 5V Power Supply 10V Power Supply Operating Temperature Range Positive Supply Voltage (note 5) Negative Supply Voltage (note 5) PARAMETER MIN. 4.5 9 -40 15 -15 TYP. 5 10 25 MAX. 5.5 11 85 65 -65 UNITS V V C V V Note 4: Recommended Operating Conditions indicate conditions for which the device is functional. See Electrical Characteristics for guaranteed specific performance limits. Note 5: The supply limitation is based on the internal over-current detection circuit. This limitation is subject to additional characterization. In addition, depending on feedback configuration, the TDA2075A can be used in single-supply applications, in which case, the negative supply, VNN, is not needed. Thermal Characteristics SYMBOL JA PARAMETER Junction-to-ambient Thermal Resistance (still air) Value TBD UNITS C/W 2 TDA2075A - Rev. 0.9/KLi/10.05 Tri pat h Tec hnol og y, I nc. - Te c hni cal I nf orm at ion Electrical Characteristics TDA2075A (Note 6) TA = 25 C. See Application/Test Circuit on page 7. Unless otherwise noted, the supply voltages are V5=5V, V10=10V, and VPP=|VNN|=40V. SYMBOL I5Q I10Q IVPPQ IVNNQ I5MUTE VTOC IVPPSENSE PARAMETER Quiescent Current (Mute = 0V) Quiescent Current (Mute = 0V) Quiescent Current (Mute = 0V) Quiescent Current (Mute = 0V) Mute Supply Current (Mute = 5V) Over Current Sense Voltage Threshold VPPSENSE Threshold Currents CONDITIONS MIN. TYP. 50 FETs: FQP13N10, FQP12P10 RBBM = 20.0k FETs: FQP13N10, FQP12P10 RBBM = 20.0k FETs: FQP13N10, FQP12P10 RBBM = 20.0k +/-5V Common Mode Voltage +/-40V Common Mode Voltage Over-voltage turn on (muted) Over-voltage turn off (mute off) Under-voltage turn off (mute off) Under-voltage turn on (muted) Over-voltage turn on (muted) Over-voltage turn off (mute off) Under-voltage turn off (mute off) Under-voltage turn on (muted) Over-voltage turn on (muted) Over-voltage turn off (mute off) Under-voltage turn off (mute off) Under-voltage turn on (muted) Over-voltage turn on (muted) Over-voltage turn off (mute off) Under-voltage turn off (mute off) Under-voltage turn on (muted) TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD 60 40 40 50 0.55 0.55 138 135 55 52 55.5 54.3 22.1 20.9 138 135 51 48 55.5 54.3 20.5 19.3 TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD MAX. UNITS mA mA mA mA mA V A A A A V V V V A A A A V V V V VVPPSENSE Threshold Voltages with RVPP1 = RVPP2 = 402K (Note 7) IVNNSENSE VNNSENSE Threshold Currents VVNNSENSE Threshold Voltages with RVNN1 = 402K RVNN2 = 1.2M (Note 7) Note 6: Minimum and maximum limits are guaranteed but may not be 100% tested. Note 7: These supply voltages are calculated using the IVPPSENSE and IVNNSENSE values shown in the Electrical Characteristics table. The typical voltage values shown are calculated using a RVPP and RVNN values without any tolerance variation. The minimum and maximum voltage limits shown include either a +1% or -1% (+1% for Over-voltage turn on and Under-voltage turn off, -1% for Over-voltage turn off and Under-voltage turn on) variation of RVPP or RVNN off the nominal 402kohm and 1.2Mohm values. These voltage specifications are examples to show both typical and worst case voltage ranges for the given RVPP and RVNN resistor values. Please refer to the Application Information section for a more detailed description of how to calculate the over and under voltage trip voltages for a given resistor value. 3 TDA2075A - Rev. 0.9/KLi/10.05 Tri pat h Tec hnol og y, I nc. - Te c hni cal I nf orm at ion Performance Characteristics TA = 25 C. Unless otherwise noted, the supply voltages are V5 = 5V, V10 = 10V, and VPP = |VNN| = 40V, the input frequency is 1kHz and the measurement bandwidth is 20kHz. See Application/Test Circuit. SYMBOL POUT PARAMETER Output Power (continuous output) CONDITIONS THD+N = 0.1%, RL = 4 THD+N = 1%, RL = 4 THD+N = 10%, RL = 4 THD+N = 0.1%, RL = 6 THD+N = 1%, RL = 6 THD+N = 10%, RL = 6 THD+N = 0.1%, RL = 8 THD+N = 1%, RL = 8 THD+N = 10%, RL = 8 POUT = 60W, RL = 8 19kHz, 20kHz, 1:1 (IHF), RL = 8 POUT = 25W/Channel A Weighted, RL = 4, POUT = 200W/Channel POUT = 115W/Channel, RL = 8 POUT = 10W/Channel, RL = 8 See Application / Test Circuit POUT = 10W/Channel, RL = 8 See Application / Test Circuit A-Weighted, input shorted RFBC = 10k, RFBB = 1.1k, and RFBA = 1.0k No Load, Mute = Logic Low 1% RFBA, RFBB and RFBC resistors MIN. TYP. 145 160 200 105 115 150 80 90 115 0.01 0.03 104.4 92 20.09 0.5 170 MAX. UNITS W W W W W W W W W % % dB % V/V dB V 1.0 V THD + N IHF-IM SNR AV AVERROR eNOUT Total Harmonic Distortion Plus Noise IHF Intermodulation Distortion Signal-to-Noise Ratio Power Efficiency Amplifier Gain Channel to Channel Gain Error Output Noise Voltage VOFFSET Output Offset Voltage -1.0 4 TDA2075A - Rev. 0.9/KLi/10.05 Tri pat h Tec hnol og y, I nc. - Te c hni cal I nf orm at ion TDA2075A Pinout 48-pin LQFP (Top V iew) FBGN D 2 FBOU T2 OC SN 2 OC SP2 FAU LT OC D 1 OC D 2 SU B R EF 36 35 34 33 32 31 30 29 28 27 26 25 NC VN N SEN SE OVR LD B VPPSEN SE AGN D AGN D V5 V5 OAOU T1 IN V1 M U TE NC 37 38 39 40 41 42 43 44 45 46 47 48 1 2 3 4 5 6 78 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 PGN D NC H O2 NC L02 NC NC LO1 NC H O1 NC PGN D DCM P FBGN D 1 OC SN 1 AGN D BIASC AP 5 GATEOFF OAOU T2 BBM SET FBOU T1 V5 OC SP1 IN V2 V10 NC V5 TDA2075A - Rev. 0.9/KLi/10.05 Tri pat h Tec hnol og y, I nc. - Te c hni cal I nf orm at ion Pin Description Pin 1 2 3 4 5 6 7 8 9, 10 11 12 13 15 17 20 22 24 25 26 27 28, 29 30 32 33 34 35 36 38 39 40 41 42 43 44 45 46 47 14,16,18, 19,21,23, 31,37,48 Function OAOUT2 INV2 BIASCAP DCMP AGND V5 BBMSET GATEOFF OCSP1, OCSN1 FBKGND1 FBKOUT1 PGND HO1 L01 LO2 HO2 PGND V10 FBKGND2 FBKOUT2 OCSN2, OCSP2 FAULT V5 OCD2 REF OCD1 SUB VNNSENSE OVRLDB VPPSENSE AGND AGND V5 V5 OAOUT1 INV1 MUTE NC Description Output of inverting-input stage (Channel 2) Negative input of inverting op-amp with 2.5VDC of bias (Channel 2) Bandgap reference times two (typically 2.5VDC). Used to set the common mode voltage for the input op amps. This pin is not capable of driving external circuitry. Internal mode selection. This pin must be connected to 0V or 5V for proper device operation. Typically, this pin is connected to V5. Analog Ground 5 Volt power supply input. Break-before-make timing control to prevent shoot-through in the output MOSFETs. Please refer to the Application Information for additional information. 10V under-voltage fault pin (requires pull-up resistor) Over-current detect pins (Channel 1) Ground Kelvin feedback (Channel 1) Negative switching feedback (Channel 1) Power Ground High side gate drive output (Channel 1) Low side gate drive output (Channel 1) Low side gate drive output (Channel 2) High side gate drive output (Channel 2) Power Ground 10 Volt power supply input. Used for gate drive circuitry. Ground Kelvin feedback (Channel 2) Negative switching feedback (Channel 2) Over-current detect pins (Channel 2) A logic high output indicates an under-voltage (5V or 10V), over-current or over-temperature condition (requires pull-down resistor). 5 Volt power supply input. Over-Current Detect pin (Channel 2). This pin must be connected to AGND for proper device operation. Internal bandgap reference voltage; approximately 1.0 VDC. Over-Current Detect pin (Channel 1). This pin must be connected to AGND for proper device operation. Substrate (connect to AGND) Negative supply voltage sense input. This pin is used for both over and under voltage sensing for the VNN supply. A logic low output indicates the input signal has overloaded the amplifier. Positive supply voltage sense input. This pin is used for both over and under voltage sensing for the VPP supply. Analog Ground Analog Ground 5 Volt power supply input. 5 Volt power supply input. Output of inverting-input stage (Channel 1) Negative input of inverting op-amp with 2.5VDC of bias (Channel 1) When set to logic high, both channels are in idle mode. When low (grounded), both channels are fully operational (connect to FAULT pin). Not Connected internally. These pins may be grounded or left floating on the PCB layout. 6 TDA2075A - Rev. 0.9/KLi/10.05 Tri pat h Tec hnol og y, I nc. - Te c hni cal I nf orm at ion Application / Test Circuit TDA2075A C ISA OAOUT1 45 R ISB ** D_IS R ISA CKT 4.7K DBIAS Q ISP RGS 150K RG QP V10 15 HO1 CG 1.0uF1.0K CHBR 0.1uF D DS QN + CHBR 33uF LO 11uH CS 0.1uF + CS 220uF VPP CI 2.2uF + RI RF 20K 20K ROFB 470K INV1 46 V5 + V10 17 LO1 FET controller S_SUP 1.0uF CKT ** S_SUP CG CKT 1.0uF CISA 1.0uF R ISB ** G_OFF CKT DG DG RG DBIAS RGS 150K RS CO 0.22uF R Z AGND D DS 10,2W CZ 0.22uF RL 4 - 8 V5 ROFA 50K Offset Trim Circuit ROFB 470K COF 0.1uF AGND CA 0.1uF BIASCAP 3 OCD2 33 OCD1 35 5V V5 V5 2.5V MUTE 1.0K ** D_IS R ISA CKT 4.7K Q ISN V5 12 FBKOUT1 CFB 150pF R FBA 1K *RFBC 10K, 1% *R FBB 1.1K V5 R FBA *R FBC 1K 10K, 1% *R FBB 1.1K 11 FBKGND1 Processing & Modulation 8 GATEOFF 43, 44 41, 42 36 CS 0.1uF AGND SUB 6, 32 V5 5 5V CS 0.1uF OAOUT2 1 V5 AGND 10V CS 0.1uF CI 2.2uF + 25 V10 + RI RF 20K 20K ROFB 470K INV2 2 13,24 V10 PGND CG C ISA 1.0uF R ISB 1.0K ** D_IS R ISA CKT 4.7K DBIAS Q ISP RGS 150K RG QP CHBR 0.1uF + CHBR 33uF LO 11uH CS 0.1uF AGND 22 HO2 V5 ROFA 50K Offset Trim Circuit ROFB 470K COF AGND V5 RREF 8.25K, 1% RBBMSET 20K, 1% *R VNN1 DCMP 4 REF 34 MUTE BBMSET V10 20 LO2 FET controller S_SUP 1.0uF CKT ** S_SUP CG CKT 1.0uF C ISA R ISB ** G_OFF CKT DG DG RG DBIAS RGS 150K QN D DS RS CO 0.22uF R Z D DS V5 ** R ISA 1.0uF1.0K D_IS 4.7K CKT Q ISN 7 27 FBKOUT2 CFB 220pF V5 R FBA 1K *RFBC 10K, 1% VNN VNNSENSE 38 *R VNN2 V5 *RFBB 1.1K V5 R FBA *R FBC 1K 10K, 1% *R FBB 1.1K *RVPP1 VPP 26 FBKGND2 VPPSENSE 40 *R VPP2 V5 0 R FLT MUTE V5 Analog Ground Power Ground 14,16,18,19, 21, 23, 37, 48 NC 47 30 FAULT 10K * The values of these components must be adjusted based on supply voltage range. See Application Information. ** Refer to the RB-TDA2075A document for a detailed description of these optional circuits. 7 TDA2075A - Rev. 0.9/KLi/10.05 + 29 OCSP2 28 OCSN2 CS 0.1uF + + 9 OCSP1 10 OCSN1 CS 0.1uF CS 220uF VNN CS 220uF VPP 10,2W CZ 0.22uF RL 4 - 8 CS 220uF VNN Tri pat h Tec hnol og y, I nc. - Te c hni cal I nf orm at ion External Components Description (Refer to the Application/Test Circuit) Components RI RF CI RFBA Description Inverting input resistance to provide AC gain in conjunction with RF. This input is biased at the BIASCAP voltage (approximately 2.5VDC). Feedback resistor to set AC gain in conjunction with RI. Please refer to the Amplifier Gain paragraph, in the Application Information section. AC input coupling capacitor which, in conjunction with RI, forms a high-pass filter at fC = 1 (2RICI ) . Feedback divider resistor connected to V5. This value of this resistor depends on the supply voltage setting and helps set the TDA2075A gain in conjunction with RI, RF, RFBA, and RFBC. Please see the Modulator Feedback Design paragraphs in the Application Information Section. Feedback divider resistor connected to AGND. This value of this resistor depends on the supply voltage setting and helps set the TDA2075A gain in conjunction with RI, RF, RFBA, and RFBC. Please see the Modulator Feedback Design paragraphs in the Application Information Section. Feedback resistor connected from either the OUT1 (OUT2) to FBKOUT1 (FBKOUT2) or PGND1 (PGND2) to FBKGND1 (FBKGND2). The value of this resistor depends on the supply voltage setting and helps set the TDA2075A gain in conjunction with RI, RF, RFBA,, and RFBB. It should be noted that RFBC must have a power rating of greater than PDISS = VPP2 (2RFBC) . Please see the Modulator Feedback Design paragraphs in the Application Information Section. Feedback delay capacitor that both lowers the idle switching frequency and filters very high frequency noise from the feedback signal, which improves amplifier performance. The value of CFB should be different for channel 1 and channel 2 to minimize noise coupling between the channels. Please refer to the Application / Test Circuit. Potentiometer used to manually trim the DC offset on the output of the TDA2075A. Resistor that limits the DC offset trim range and allows for precise adjustment. Capacitor that filters the manual DC offset trim voltage. Bias resistor. Locate close to pin 34 and ground to plane with a low impedance connection to pins 41 and 42. Bias current setting resistor for the BBM setting. Locate close to pin 7 and ground directly to pin 5. See Application Information on how to determine the value for RBBM. BIASCAP decoupling capacitor. Locate close to pin 3 and ground to plane with a low impedance connection to pins 41 and 42. Supply decoupling capacitor for the power pins. For optimum performance, these components should be located close to the TDA2075A and returned to their respective ground as shown in the Application Circuit. Main overvoltage and undervoltage sense resistor for the negative supply (VNN). Please refer to the Electrical Characteristics Section for the trip points as well as the hysteresis band. Also, please refer to the Over / Under-voltage Protection section in the Application Information for a detailed discussion of the internal circuit operation and external component selection. When using a single power supply, this circuit can be defeated by connecting a 16K resistor to AGND. Secondary overvoltage and undervoltage sense resistor for the negative supply (VNN). This resistor accounts for the internal VNNSENSE bias of 1.25V. Nominal resistor value should be three times that of RVNN1. Please refer to the Over / Undervoltage Protection section in the Application Information for a detailed discussion of the internal circuit operation and external component selection. When using a single power supply, omit RVNN2. Main overvoltage and undervoltage sense resistor for the positive supply (VPP). Please refer to the Electrical Characteristics Section for the trip points as well as the hysteresis band. Also, please refer to the Over / Under-voltage Protection section in the Application Information for a detailed discussion of the internal circuit operation and external component selection. Secondary overvoltage and undervoltage sense resistor for the positive supply TDA2075A - Rev. 0.9/KLi/10.05 RFBB RFBC CFB ROFA ROFB COF RREF RBBMSET CA CS RVNN1 RVNN2 RVPP1 RVPP2 8 Tri pat h Tec hnol og y, I nc. - Te c hni cal I nf orm at ion RS CHBR RG DG DBIAS CG RISA, RISB CISA QISP QISN CZ QP QN RZ LO (VPP). This resistor accounts for the internal VPPSENSE bias of 2.5V. Nominal resistor value should be equal to that of RVPP1. Please refer to the Over / Undervoltage Protection section in the Application Information for a detailed discussion of the internal circuit operation and external component selection. Over-current sense resistor. Please refer to the section, Setting the Over-current Threshold, in the Application Information for a discussion of how to choose the value of RS to obtain a specific current limit trip point. Supply decoupling for the high current Half-bridge supply pins. These components must be located as close to the output MOSFETs as possible to minimize output ringing which causes power supply overshoot. By reducing overshoot, these capacitors maximize both the TDA2075A and output MOSFET reliability. These capacitors should have good high frequency performance including low ESR and low ESL. In addition, the capacitor rating must be twice the maximum VPP voltage. Panasonic EB capacitors are ideal for the bulk storage (nominally 33uF) due to their high ripple current and high frequency design. Gate resistor, which is used to control the MOSFET rise/ fall times. This resistor serves to dampen the parasitics at the MOSFET gates, which, in turn, minimizes ringing and output overshoots. The typical power rating is 1/2 watt. Gate diode, which adds additional BBM and serves to match the unequal rise and fall times of QN and QP. An ultra-fast diode with a current rating of at least 200mA should be used. Diode that keeps the gate capacitor biased at the proper voltage when the supply voltage decreases. Gate capacitor that ac-couples the TDA2075A from the high voltage MOSFETs. Bias resistors for the increasing supply circuits. Bias capacitor for the increasing supply circuits. P-channel bipolar transistor for the circuit which charges the high side gate capacitors, CG, to VPP, in the case where the VPP supply increases in magnitude. N-channel bipolar transistor for the circuit which charges the low side gate capacitors, CG, to VNN, in the case where the VNN supply increases in magnitude. Zobel capacitor, which in conjunction with RZ, terminates the output filter at high frequencies. Use a high quality film capacitor capable of sustaining the ripple current caused by the switching outputs. P-channel power-MOSFET of the output stage. N-channel power-MOSFET of the output stage. Zobel resistor, which in conjunction with CZ, terminates the output filter at high frequencies. The combination of RZ and CZ minimizes peaking of the output filter under both no load conditions or with real world loads, including loudspeakers which usually exhibit a rising impedance with increasing frequency. Depending on the program material, the power rating of RZ may need to be adjusted. The typical power rating is 2 watts. Output inductor, which in conjunction with CO, demodulates (filters) the switching waveform into an audio signal. Forms a second order filter with a cutoff frequency of f C = 1 ( 2 L O C O ) and a quality factor of Q = R L C O L O C O . Output capacitor, which, in conjunction with LO, demodulates (filters) the switching waveform into an audio signal. Forms a second order low-pass filter with a cutoff frequency of f C = 1 ( 2 L O C O ) and a quality factor of Q = R L C O 2 L O C O . Use a high quality film capacitor capable of sustaining the ripple current caused by the switching outputs. These diodes must be connected from either the drain of the p-channel MOSFET to the source of the n-channel MOSFET, or the source of the p-channel MOSFET to the drain of the n-channel MOSFET. This diode absorbs any high frequency overshoots caused by the output inductor LO during high output current conditions. In order for this diode to be effective it must be connected directly to the two MOSFETs. An ultra-fast recovery diode that can sustain the entire supply voltage should be used here. In most applications a 100V or greater diode must be used. Resistor that turns QN and QP off when no signal is present. Pull-down resistor for the open-drain Fault circuit. TDA2075A - Rev. 0.9/KLi/10.05 CO DDS RGS RFLT 9 Tri pat h Tec hnol og y, I nc. - Te c hni cal I nf orm at ion Typical Performance Characteristics THD+N versus Output Power RL = 4 VPP = |VNN| = 30V, 35V and 40V f = 1kHz BW = 22Hz - 20kHz(AES17) 10 10 THD+N versus Frequency RL = 4 Pout = 25W / Channel VPP = |VNN| = 40V BW = 22Hz-22kHz 1 0.1 % 0.1 % 0.01 0.01 0.001 1 2 5 10 W 20 50 100 200 300 0.001 10 20 50 100 200 500 Hz 1k 2k 5k 10k 20k 10 THD+N versus Output Power RL = 6 VPP = |VNN| = 30V, 35V and 40V f = 1kHz BW = 22Hz - 20kHz(AES17) THD+N versus Frequency 10 RL = 6 Pout = 25W / Channel VPP = |VNN| = 40V BW = 22Hz-22kHz 1 0.1 % 0.1 % 0.01 0.01 0.001 1 2 5 10 W 20 50 100 200 300 0.001 10 20 50 100 200 500 Hz 1k 2k 5k 10k 20k 10 THD+N versus Output Power RL = 8 VPP = |VNN| = 30V, 35V and 40V f = 1kHz BW = 22Hz - 20kHz(AES17) THD+N versus Frequency 10 RL = 8 Pout = 25W / Channel VPP = |VNN| = 40V BW = 22Hz-22kHz 1 0.1 % 0.1 % 0.01 0.01 0.001 1 2 5 10 W 20 50 100 200 300 0.001 10 20 50 100 200 500 Hz 1k 2k 5k 10k 20k 10 TDA2075A - Rev. 0.9/KLi/10.05 Tri pat h Tec hnol og y, I nc. - Te c hni cal I nf orm at ion Typical Performance Characteristics Efficiency and Power Dissipation versus OutputPower 90 80 70 Efficiency 45 40 35 30 25 20 Pow er Dissipation 30 20 10 0 0 25 50 VPP = |VNN| = 40V RL = 4 f= 1kHz BW = 22Hz - 20kHz(AES17) Efficiency(%) 60 50 40 15 10 5 0 Power Dissipation per channel (W) RL = 8 19kHz, 20kHz, 1:1 -20 0dBr = 12Vrms FFT size = 32k -40 FFTSR = 65kHz VPP = |VNN| = 40V d BW = 22Hz - 80kHz B -60 r -80 A -100 -120 -140 20 +0 Intermodulation Performance 150 75 100 125 Output Pow er per channel (W) 175 200 225 50 100 200 500 Hz 1k 2k 5k 10k 30k Efficiency and Power Dissipation versus OutputPower 100 90 80 70 Efficiency 20 18 -70 Noise Floor VPP = |VNN| = 40V FFT size = 32k FFTSR = 48kHz BW = 22Hz-20kHz(AES17) Power Dissipation per channel (W) 16 14 12 10 Pow er Dissipation 8 6 VPP = |VNN| = 40V RL= 6 f= 1kHz BW = 22Hz - 20kHz(AES17) -80 Efficiency(%) 60 50 40 30 20 10 0 0 25 50 75 100 Output Pow er per channel (W) -90 d B V -100 4 2 0 -110 125 150 175 -120 20 50 100 200 500 1k Hz 2k 5k 10k 20k 100 90 80 70 Efficiency and Power Dissipation versus OutputPower 20 +0 Channel Separation versus Frequency T T T Power Dissipation per channel (W) 18 16 Efficiency 14 12 10 8 Pow er Dissipation VPP = |VNN| = 40V RL = 8 f= 1kHz BW = 22Hz - 20kHz(AES17) 0dBr = 12Vrms VPP = |VNN| = 40V BW = 22Hz - 20kHz -20 Efficiency(%) 60 50 40 30 20 10 0 0 25 50 75 Output Pow er per channel (W) 100 d -40 B r A -60 6 4 2 0 -80 125 -100 20 50 100 200 500 1k Hz 2k 5k 10k 20k 11 TDA2075A - Rev. 0.9/KLi/10.05 Tri pat h Tec hnol og y, I nc. - Te c hni cal I nf orm at ion Application Information Figure 1 is a simplified diagram of one channel (Channel 1) of a TDA2075A amplifier to assist in understanding its operation. TDA2075A OVER CURRENT DETECTION V5 V10 10 OCSN1 CS VPP OAOUT1 45 9 OCSP1 CG RG QP C HBR CI + RI RF INV1 46 + 15 HO1 Y1B IN1 R OFB V5 ROFA Offset Trim Circuit AGND C OF CA BIASCAP 3 2.5V Processing & Modulation FET CONTROLLER RS V10 17 LO1 CG RG QN OUTPUT FILTER RL VNN 25 13,24 6 REF 34 V10 10V CS CS PGND V5 5V CS R REF R VNN1 VNN VNNSENSE 38 VPPSENSE 40 5 V5 AGND R VPP1 VPP R VNN2 V5 OVER/ UNDER VOLTAGE DETECTION R FBA R VPP2 V5 5V V5 32,43,44 AGND 41,42 12 FBKOUT1 11 FBKGND1 C FB R FBA R FBC R FBC R FBB R FBB CS Analog Ground Power Ground Figure 1: Simplified TDA2075A Amplifier TDA2075A Basic Amplifier Operation The audio input signal is fed to the processor internal to the TDA2075A, where a switching pattern is generated. The average idle (no input) switching frequency is approximately 700kHz. With an input signal, the pattern is spread spectrum and varies between approximately 200kHz and 1.5MHz depending on input signal level and frequency. These switching patterns are inputted to a MOSFET driver and then outputted to HO1 and LO1 which are ac-coupled to a complementary pair of power MOSFETs. The output of the MOSFETs is a power-amplified version of the switching pattern that switches between VPP and VNN. This signal is then low-pass filtered to obtain an amplified reproduction of the audio input signal. The processor is operated from a 5-volt supply while the FET driver is operated from a 10-volt supply. The FET driver inserts a "break-before-make" dead time between the turn-off of one transistor and the turn-on of the other in order to minimize shoot-through currents in the external MOSFETs. The dead time can be programmed by adjusting RBBMSET. Feedback information from the output of the complementary FETs is supplied to the processor via FBKOUT1. Additional feedback information to account for ground bounce is supplied via FBKGND1. Complementary MOSFETs are used to formulate a half-bridge configuration for the power stage of the amplifier. The gate capacitors, CG, are used to ac-couple the FET driver to the complementary MOSFETs. The gate resistors, RG, are used to control MOSFET slew rate and thereby minimize voltage overshoots. 12 TDA2075A - Rev. 0.9/KLi/10.05 Tri pat h Tec hnol og y, I nc. - Te c hni cal I nf orm at ion Circuit Board Layout The TDA2075A is a power (high current) amplifier that operates at relatively high switching frequencies. The output of the amplifier switches between VPP and VNN at high speeds while driving large currents. This high-frequency digital signal is passed through an LC low-pass filter to recover the amplified audio signal. Since the amplifier must drive the inductive LC output filter and speaker loads, the amplifier outputs can be pulled above the supply voltage and below ground by the energy in the output inductance. To avoid subjecting the TDA2075A and the complementary MOSFETs to potentially damaging voltage stress, it is critical to have a good printed circuit board layout. It is recommended that Tripath's layout and application circuit be used for all applications and only be deviated from after careful analysis of the effects of any changes. Please refer to the TDA2075A reference board document, RB-TDA2075A, available on the Tripath website, at www.tripath.com. The trace that connects the drain of the p-channel output MOSFET to the drain of the n-channel output MOSFET is very important. This connection should be as wide and short as possible. A jumper wire of 16 gauge or more can be used in parallel with the trace to reduce any trace resistance or inductance. Any resistance or inductance on this trace can cause the switching output to over/undershoot potentially causing damage to both the TDA2075A and the output MOSFETs. The following components are important to place near the TDA2075A or output MOSFET pins. The recommendations are ranked in order of layout importance, either for proper device operation or performance considerations. The capacitors, CHBR, provide high frequency bypassing of the amplifier power supplies and will serve to reduce spikes across the supply rails. Please note that both MOSFET half-bridges must be decoupled separately. In addition, the voltage rating for CHBR should be at least 150V as this capacitor is exposed to the full supply range, VPP-VNN. CFB removes very high frequency components from the amplifier feedback signals and lowers the output switching frequency by delaying the feedback signals. In addition, the value of CFB is different for channel 1 and channel 2 to keep the average switching frequency difference greater than 40kHz. This minimizes in-band audio noise. The capacitors, CFB, should be surface mount types, located on the "solder" side of the board as close to their respective TDA2075A pins as possible. DDS should be placed as close to the drain and source of the output MOSFETs as possible with direct routing either from the drain of the p-channel MOSFET to the source of the n-channel MOSFET or from the source of the p-channel MOSFET to the drain of the n-channel MOSFET. The output over/undershoots are very high-speed transients. If these diodes are placed too far away from the MOSFETs, they will be ineffective. To minimize noise pickup and minimize THD+N, RFBA, RFBB, and RFBC should be located as close to the TDA2075A as possible. Make sure that the routing of the high voltage feedback lines is kept far away from the input op amps or significant noise coupling may occur. It is best to shield the high voltage feedback lines by using a ground plane around these traces as well as the input section. The feedback and feedback ground traces should be routed together in parallel. The main supply decoupling capacitors, CS, should be located close to the output devices, QN and QP. These will absorb energy when DSD and DDS conduct. Also, the bulk decoupling capacitors, CS, will shunt energy generated by the main supply lead trace inductance. - - - - Some components are not sensitive to location but are very sensitive to layout and trace routing. For proper over-current detection, the sense lines connected to RS must be kelvin connected directly from the terminals of RS back to OCSP1 (OCSP2) and OCSN1 (OCSN2). The traces should be run in parallel back to the TDA2075A pins without deviation. Improper layout with respect to RS will result in premature over-current detection due to additional IR losses. 13 TDA2075A - Rev. 0.9/KLi/10.05 Tri pat h Tec hnol og y, I nc. - Te c hni cal I nf orm at ion - To maximize the damping factor and reduce distortion and noise, the modulator feedback connections should be routed directly to the pins of the output inductors. LO. The output filter capacitor, CO, and zobel capacitor, CZ, should be star connected with the load return. The output ground feedback signal should be taken from this star point. The modulator feedback resistors, RFBA and RFBB, should all be grounded and attached to 5V together. These connections will serve to minimize common mode noise via the differential feedback. The feedback signals that come directly from the output inductors are high voltage and high frequency in nature. If they are routed close to the input nodes, INV1 and INV2, the high impedance inverting op-amp pins will pick up noise. This coupling will result in significant background noise, especially when the input is AC coupled to ground, or an external source such as a CD player or signal generator is connected. Thus, care should be taken such that the feedback lines are not routed near any of the input section. To minimize the possibility of any noise pickup, the trace lengths of INV1 and INV2 should be kept as short as possible. This is most easily accomplished by locating the input resistors, RI and the input stage feedback resistors, RF as close to the TDA2075A as possible. In addition, the offset trim resistor, ROFB, which connects to either INV1, or INV2, should be located close to the TDA2075A input section. - - TDA2075A Grounding Proper grounding techniques are required to maximize TDA2075A functionality and performance. Parametric parameters such as THD+N, Noise Floor and Crosstalk can be adversely affected if proper grounding techniques are not implemented on the PCB layout. The following discussion highlights some recommendations about grounding both with respect to the TDA2075A as well as general "audio system" design rules. The TDA2075A is divided into three sections: the input processor section, the FET driver section, and the complementary output MOSFETs (high voltage) section. On the TDA2075A evaluation board, the ground is also divided into distinct sections, Analog Ground (AGND) and Power Ground (PGND). To minimize ground loops and keep the audio noise floor as low as possible, the two grounds must be only connected at a single point. The ground for the 5V supply is referred to as the analog ground and must be connected to pins 5, 41, and 42 on the TDA2075A. Additionally, any external input circuitry such as preamps, or active filters, should be referenced to the analog ground. The substrate, pin 36, should also be connected to the analog ground. For the power section, Tripath has traditionally used a "star" grounding scheme. Thus, the load ground returns and the power supply decoupling traces are routed separately back to the power supply. In addition, any type of shield or chassis connection would be connected directly to the ground star located at the power supply. These precautions will both minimize audible noise and enhance the crosstalk performance of the TDA2075A. It is possible to use a low impedance ground plane for PGND as well. But the ground plane must be contiguous or ground currents from each channel can create crosstalk issues. To minimize these issues, the FBKOUT1 (FBKOUT2) lines should be routed directly from the PGND side of the load. The TDA2075A incorporates a differential feedback system to minimize the effects of ground bounce and cancel out common mode ground noise. Therefore, the feedback from the output ground for each channel needs to be properly sensed. This can be accomplished by connecting the output ground "sensing" trace directly to the star formed by the output ground return, output capacitor, CO, and the zobel capacitor, CZ. Refer to the Application / Test Circuit for a schematic description. 14 TDA2075A - Rev. 0.9/KLi/10.05 Tri pat h Tec hnol og y, I nc. - Te c hni cal I nf orm at ion TDA2075A Amplifier Gain The gain of the TDA2075A is the product of the input stage gain and the modulator gain for the TDA2075A. Please refer to the sections, Input Stage Design, and Modulator Feedback Design, for a complete explanation of how to determine the external component values. AV AV TDA2075A = AV - INPUTSTAGE *AV MODULATOR TDA2075A RF RI R FBC * (R FBA + R FBB ) + 1 R FBA * R FBB For example, using a TDA2075A with the following external components, RI = 20k RF = 20k RFBA = 1k RFBB = 1.1k RFBC = 10.0k AV TDA2075A - 20k 10.0k * (1.0k + 1.1k ) V + 1 = - 20.09 20k 1.0k * 1.1k V Input Stage Design The TDA2075A input stage is configured as an inverting amplifier, allowing the system designer flexibility in setting the input stage gain and frequency response. Figure 2 shows a typical application where the input stage is a constant gain inverting amplifier. The input stage gain should be set so that the maximum input signal level will drive the input stage output to 4Vpp. The gain of the input stage, above the low frequency high pass filter point, is that of a simple inverting amplifier: A VINPUTSTAG E =- RF RI TDA2075A OAOUT1 45 CI + RI RF V5 INV1 46 INPUT1 + AGND BIASCAP V5 CI + RI INV2 1 + AGND INPUT2 RF OAOUT2 2 Figure 2: TDA2075A Input Stage 15 TDA2075A - Rev. 0.9/KLi/10.05 Tri pat h Tec hnol og y, I nc. - Te c hni cal I nf orm at ion Input Capacitor Selection CI can be calculated once a value for RI has been determined. CI and RI determine the input lowfrequency pole. Typically this pole is set below 10Hz to minimize attenuation at 20Hz. CIN is calculated according to: CI = 1 / (2 x FP x RI) where: RI = Input resistor value in ohms (typically 20k) FP = Input low frequency pole (typically 3.6Hz) Modulator Feedback Design The modulator converts the signal from the input stage to the high-voltage output signal. The optimum gain of the modulator is determined from the maximum allowable feedback level for the modulator and maximum supply voltages for the power stage. Depending on the maximum supply voltage, the feedback ratio will need to be adjusted to maximize performance. The values of RFBA, RFBB and RFBC (see explanation below) define the gain of the modulator. Once these values are chosen, based on the maximum supply voltage, the gain of the modulator will be fixed. For the best signal-to-noise ratio and lowest distortion, the maximum modulator feedback voltage should be approximately 4Vpp. The modulator feedback resistor RFBC should be adjusted so that the modulator feedback voltage is approximately 4Vpp. This will keep the gain of the modulator as low as possible and still allow headroom so that the feedback signal does not clip the modulator feedback stage. Increasing the value of RFBC will increase the modulator gain. Sometimes increasing the value of RFBC may be necessary to achieve full power for the amplifier since the input stage will clip at approximately 4Vpp. This will ensure that the input stage doesn't clip before the output stage. Figure 3 shows how the feedback from the output of the amplifier is returned to the input of the modulator. The input to the modulator (FBKOUT1/FBKGND1 for channel 1) can be viewed as inputs to an inverting differential amplifier. RFBA and RFBB bias the feedback signal to approximately 2.5V and RFBC scales the large OUT1/OUT2 signal to down to 4Vpp. 1/2 TDA2075A V5 RFBA RFBA RFBC OUT1 OUT1 GROUND RFBC RFBB RFBB Processing & Modulation FBKOUT1 FBKGND1 AGND Figure 3: Modulator Feedback 16 TDA2075A - Rev. 0.9/KLi/10.05 Tri pat h Tec hnol og y, I nc. - Te c hni cal I nf orm at ion For SPLIT-SUPPLY operation: The modulator feedback resistors are: RFBA = User specified, typically 1K R FBA * VPP R FBB = (VPP - 4) R FBA * VPP R FBC = 4 R FBC * (R FBA + R FBB ) A V - MODULATOR +1 R FBA * R FBB The above equations assume that VPP=|VNN|. For example, in a system with a SPLIT-SUPPLY of VPPMAX=40V and VNNMAX=-40V, RFBA = 1k, 1% RFBB = 1.111k, use 1.1k, 1% RFBC = 10.0k, use 10.0k, 1% The resultant modulator gain is: A V - MODULATOR 10.0k * (1.0k + 1.1k ) + 1 = 20.09V/V 1.0k * 1.1k For SINGLE-SUPPLY operation: The modulator feedback resistors are: R FBB = User specified, typically 1K R FBC = 350 * VPP - 1000 2333.33 * R FBC (1000 + R FBC ) R FBC * (R FBA + R FBB ) A V - MODULATOR +1 R FBA * R FBB R FBB = For example, in a system with a SINGLE-SUPPLY of VPPMAX = 40V, RFBA = 2.17k, use 2.15k, 1% RFBB = 1k, 1% RFBC = 13.0k, use 13.0k, 1% The resultant modulator gain is: A V - MODULATOR 13.0k * (1.0k + 2.15k ) + 1 = 20.05V/V 1.0k * 2.15k 17 TDA2075A - Rev. 0.9/KLi/10.05 Tri pat h Tec hnol og y, I nc. - Te c hni cal I nf orm at ion DC Offset While the DC offset voltages that appear at the speaker terminals of a TDA2075A amplifier are typically small, Tripath recommends that all offsets be removed with the circuit shown in Figure 4. It should be noted that the DC voltage on the output of a muted TDA2075A with no load is approximately 2.5V. This offset does not need to be nulled. The output impedance of the amplifier in mute mode is approximately 10K thus explaining why the DC voltage drops to essentially zero when a typical load is connected. 2.2uF, 25V + CI V5 470k 10k 0.1uF, 50V 20.0k Input to TDA2075A RI 470k (DC Bias ~2.5V) Figure 4: Offset Adjustment Mute When a logic high signal is supplied to MUTE, both amplifier channels are muted (complementary MOSFETs are turned off). When a logic level low is supplied to MUTE, both amplifiers are fully operational. There is a delay of approximately 240 milliseconds between the de-assertion of MUTE and the un-muting of the TDA2075A. Turn-on & Turn-off Noise If turn-on or turn-off noise is present in a TDA2075A amplifier, the cause is frequently due to other circuitry external to the TDA2075A. The TDA2075A has additional circuitry, as compared to previous Tripath amplifiers, which virtually eliminate any transients during power up and power down. While the TDA2075A has sophisticated circuitry to suppress turn-on and turn-off transients, the combination of the power supply and other audio circuitry with the TDA2075A in a particular application may exhibit audible transients. It is recommended that MUTE is active (pulled high) during power up and power down to minimize any audible transients caused by audio circuitry that precedes the TDA2075A. Over-current Protection The TDA2075A has over-current protection circuitry to protect itself and the output transistors from shortcircuit conditions. The TDA2075A senses the voltage across resistor RS to detect an over-current condition. Resistor RS is in series with the load just after the low pass filter. The voltage is measured via OCSP1 and OCSN1 for channel 1 and OCSP2 and OCSN2 for channel 2. The OCS* pins must be Kelvin connected for proper operation. See "Circuit Board Layout" in Application Information for details. When the voltage across RS becomes greater than VTOC (typically 0.5V), the TDA2075A will shut off the output stages of its amplifiers. The occurrence of an over-current condition also causes the TDA2075A Fault pin (pin 30) to go high. It is recommended that the Fault pin be connected externally to the mute pin to mute the processor during an over-current condition. The Fault circuitry is an open drain configuration and requires a pull-down resistor. The removal of the over-current condition returns the amplifier to normal operation. 18 TDA2075A - Rev. 0.9/KLi/10.05 Tri pat h Tec hnol og y, I nc. - Te c hni cal I nf orm at ion Setting Over-current Threshold RS determines the value of the over-current threshold, ISC: ISC = VTOC/RS where RS is in 's VTOC = Over-current sense threshold voltage (See Electrical Characteristics Table) = 0.55V typically For example, to set an ISC of 11A, RS will be 50m. Over- and Under-Voltage Protection The TDA2075A senses the power rails through external resistor networks connected to VNNSENSE and VPPSENSE. The over- and under-voltage limits are determined by the values of the resistors in the networks, as described in the table "Test/Application Circuit Component Values". If the supply voltage falls outside the upper and lower limits determined by the resistor networks, the TDA2075A shuts off the output stages of the amplifiers. The removal of the over-voltage or under-voltage condition returns the TDA2075A to normal operation. Please note that trip points specified in the Electrical Characteristics table are at 25C and may change over temperature. The TDA2075A has built-in over and under voltage protection for both the VPP and VNN supply rails. The nominal operating voltage will typically be chosen as the supply "center point." This allows the supply voltage to fluctuate, both above and below, the nominal supply voltage. VPPSENSE (pin 40) performs the over and undervoltage sensing for the positive supply, VPP. VNNSENSE (pin 38) performs the same function for the negative supply, VNN. When the current through VPPSENSE (or VNNSENSE) goes below or above the values shown in the Electrical Characteristics section (caused by changing the power supply voltage), the TDA2075A will be muted. VPPSENSE is internally biased at 2.5V and VNNSENSE is biased at 1.25V. In a single-supply application, VNNSENSE should be disabled by connecting a 16K resistor for pin 38 to AGND. Once the supply comes back into the supply voltage operating range (as defined by the supply sense resistors), the TDA2075A will automatically be un-muted and will begin to amplify. There is a hysteresis range on both the VPPSENSE and VNNSENSE pins. If the amplifier is powered up in the hysteresis band, the amplifier will be muted. Therefore, the usable supply range is the difference between the overvoltage turn-off and under-voltage turn-off for both the VPP and VNN supplies. It should be noted that the supply voltage must be outside of the user defined supply range for greater than 200mS for the TDA2075A to be muted. Figure 5 shows the proper connection for the Over / Under voltage sense circuit for both the VPPSENSE and VNNSENSE pins. V5 VNN TDA2075A R VNN1 R VNN2 38 V5 VPP VNNSENSE R VPP2 R VPP1 40 VPPSENSE Figure 5: Over / Under voltage sense circuit 19 TDA2075A - Rev. 0.9/KLi/10.05 Tri pat h Tec hnol og y, I nc. - Te c hni cal I nf orm at ion The equation for calculating RVPP1 is as follows: R VPP1 = VPP I VPPSENSE Set R VPP2 = R VPP1 . The equation for calculating RVNNSENSE is as follows: R VNN1 = VNN I VNNSENSE Set R VNN2 = 3 x R VNN1 . IVPPSENSE or IVNNSENSE can be any of the currents shown in the Electrical Characteristics table for VPPSENSE and VNNSENSE, respectively. The two resistors, RVPP2 and RVNN2 compensate for the internal bias points. Thus, RVPP1 and RVNN1 can be used for the direct calculation of the actual VPP and VNN trip voltages without considering the effect of RVPP2 and RVNN2. Using the resistor values from above, the actual minimum over voltage turn off points will be: VPP MIN_OV_TUR VNN MIN_OV_TUR N_OFF = R VPP1 x I VPPSENSE (MIN_OV_TU RN_OFF) N_OFF = - ( R VNN1 x I VNNSENSE (MIN_OV_TU RN_OFF) ) The other three trip points can be calculated using the same formula but inserting the appropriate IVPPSENSE (or IVNNSENSE) current value. As stated earlier, the usable supply range is the difference between the minimum overvoltage turn off and maximum under voltage turn-off for both the VPP and VNN supplies. VPP RANGE = VPP MIN_OV_TUR N_OFF - VPP MAX_UV_TUR N_OFF VNN RANGE = VNN MIN_OV_TUR N_OFF - VNN MAX_UV_TUR N_OFF Output Transistor Selection The key parameters to consider when selecting what n-channel and p-channel MOSFETs to use with the TDA2075A are drain-source breakdown voltage (BVdss), gate charge (Qg), and on-resistance (RDS(ON)). The BVdss rating of the MOSFET needs to be selected to accommodate the voltage swing between VSPOS and VSNEG as well as any voltage peaks caused by voltage ringing due to switching transients. With a `good' circuit board layout, a BVdss that is 50% higher than the VPP to VNN voltage swing is a reasonable starting point. The BVdss rating should be verified by measuring the actual voltages experienced by the MOSFET in the final circuit. Ideally a low Qg (total gate charge) and low RDS(ON) are desired for the best amplifier performance. Unfortunately, these are conflicting requirements since RDS(ON) is inversely proportional to Qg for a typical MOSFET. The design trade-off is one of cost versus performance. A lower RDS(ON) means lower I2RDS(ON) losses but the associated higher Qg translates into higher switching losses (losses = Qg x 10 x 1.2MHz). A lower RDS(ON) also means a larger silicon die and higher cost. A higher RDS(ON) means lower cost and lower switching losses but higher I2RDSON losses. Gate Resistor Selection The gate resistors, RG, are used to control MOSFET switching rise/fall times and thereby minimize voltage overshoots. They also dissipate a portion of the power resulting from moving the gate charge 20 TDA2075A - Rev. 0.9/KLi/10.05 Tri pat h Tec hnol og y, I nc. - Te c hni cal I nf orm at ion each time the MOSFET is switched. If RG is too small, excessive heat can be generated in the driver. Large gate resistors lead to slower MOSFET switching edges which require a larger break-before-make (BBM) delay. Break-Before-Make (BBM) Timing Control The complementary half-bridge power MOSFETs require a deadtime between when one transistor is turned off and the other is turned on (break-before-make) in order to minimize shoot through currents. The TDA2075A has an analog input pin that controls the break-before-make timing of the output transistors. Connecting RBBM from the BBMSET pin (pin 7) to analog ground creates a current that defines the BBM setting by the following equation. where RBBM is in k's and 5k < RBBM* < 100k BBM (nsec) = 2 X RBBM + 7 * An RBBM of 0 will yield a BBM setting of 0nsec. There is tradeoff involved in making this setting. As the delay is reduced, distortion levels improve but shoot-through and power dissipation increase. All typical curves and performance information were done with using a RBBM. The actual amount of BBM required is dependent upon other component values and circuit board layout, the value selected should be verified in the actual application circuit/board. It should also be verified under maximum temperature and power conditions since shoot-through in the output MOSFETs can increase under these conditions, possibly requiring a higher BBM setting than at room temperature. Recommended MOSFETs The following devices are capable of achieving full performance, both in terms of distortion and efficiency, for the specified load impedance and voltage range. Additional devices will be added as subsequent characterization is completed. Device Information - Recommended MOSFETs Part Number Manufacturer BVDSS (V) ID (A) Qg (nC) RDS(on) () Package FQP13N10 FQP12P10 Fairchild Semiconductor Fairchild Semiconductor 100 -100 12.8 -11.5 12 21 0.142 0.240 TO220 TO220 Output Filter Design One advantage of Tripath amplifiers over PWM solutions is the ability to use higher-cutoff-frequency filters. This means load-dependent peaking/droop in the 20kHz audio band potentially caused by the filter can be made negligible. This is especially important for applications where the user may select a 6-Ohm or 8-Ohm speaker. Furthermore, speakers are not purely resistive loads and the impedance they present changes over frequency and from speaker model to speaker model. Tripath recommends designing the filter as a 2nd order LC filter. Tripath has obtained good results with LF = 11uH and CF = 0.22uF. The core material of the output filter inductor has an effect on the distortion levels produced by a TDA2075A amplifier. Tripath recommends low-mu type-2 iron powder cores because of their low loss and high linearity (available from Micrometals, www.micrometals.com). Please refer to the RBTDA2075A for the specific core used. Tripath also recommends that an RC damper be used after the LC low-pass filter. No-load operation of a TDA2075A amplifier can create significant peaking in the LC filter, which produces strong resonant currents that can overheat the output MOSFETs and/or other components. The RC dampens the peaking and prevents problems. Tripath has obtained good results with RZ = 20 and CZ = 0.22uF. 21 TDA2075A - Rev. 0.9/KLi/10.05 Tri pat h Tec hnol og y, I nc. - Te c hni cal I nf orm at ion Low-frequency Power Supply Pumping A potentially troublesome phenomenon in single-ended switching amplifiers is power supply pumping. This phenomenon is caused by current from the output filter inductor flowing into the power supply output filter capacitors in the opposite direction as a DC load would drain current from them. Under certain conditions (usually low-frequency input signals), this current can cause the supply voltage to "pump" (increase in magnitude) and eventually cause over-voltage/under-voltage shut down. Moreover, since over/under-voltage are not "latched" shutdowns, the effect would be an amplifier that oscillates between on and off states. If a DC offset on the order of 0.3V is allowed to develop on the output of the amplifier (see "DC Offset Adjust"), the supplies can be boosted to the point where the amplifier's over-voltage protection triggers. One solution to the pumping issue is to use large power supply capacitors to absorb the pumped supply current without significant voltage boost. The low-frequency pole used at the input to the amplifier determines the value of the capacitor required. This works for AC signals only. A no-cost solution to the pumping problem uses the fact that music has low frequency information that is correlated in both channels (it is in phase). This information can be used to eliminate boost by putting the two channels of a TDA2075A amplifier out of phase with each other. This works because each channel is pumping out of phase with the other, and the net effect is a cancellation of pumping currents in the power supply. The phase of the audio signals needs to be corrected by connecting one of the speakers in the opposite polarity as the other channel. Performance Measurements of a TDA2075A Amplifier Tripath amplifiers operate by modulating the input signal with a high-frequency switching pattern. This signal is sent through a low-pass filter (external to the TDA2075A) that demodulates it to recover an amplified version of the audio input. The frequency of the switching pattern is spread spectrum and typically varies between 200kHz and 1.5MHz, which is well above the 20Hz - 22kHz audio band. The pattern itself does not alter or distort the audio input signal but it does introduce some inaudible noise components. The measurements of certain performance parameters, particularly those that have anything to do with noise, like THD+N, are significantly affected by the design of the low-pass filter used on the output of the TDA2075A and also the bandwidth setting of the measurement instrument used. Unless the filter has a very sharp roll-off just past the audio band or the bandwidth of the measurement instrument ends there, some of the inaudible noise components introduced by the Tripath amplifier switching pattern will get integrated into the measurement, degrading it. Tripath amplifiers do not require large multi-pole filters to achieve excellent performance in listening tests, usually a more critical factor than performance measurements. Though using a multi-pole filter may remove high-frequency noise and improve THD+N type measurements (when they are made with widebandwidth measuring equipment), these same filters can increase distortion due to inductor non-linearity. Multi-pole filters require relatively large inductors, and inductor non-linearity increases with inductor value. 22 TDA2075A - Rev. 0.9/KLi/10.05 Tri pat h Tec hnol og y, I nc. - Te c hni cal I nf orm at ion Package Information 23 TDA2075A - Rev. 0.9/KLi/10.05 Tri pat h Tec hnol og y, I nc. - Te c hni cal I nf orm at ion PRELIMINARY INFORMATION - This product is still in development. Tripath Technology Inc. reserves the right to make any changes without further notice to improve reliability, function, or design. This data sheet contains the design specifications for a product in development. Specifications may change in any manner without notice. Tripath and Digital Power Processing are trademarks of Tripath Technology Inc. Other trademarks referenced in this document are owned by their respective companies. Tripath Technology Inc. reserves the right to make changes without further notice to any products herein to improve reliability, function or design. Tripath does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. TRIPATH'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN CONSENT OF THE PRESIDENT OF TRIPATH TECHNOLOGY INC. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in this labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. Contact Information TRIPATH TECHNOLOGY, INC 2560 Orchard Parkway, San Jose, CA 95131 408.750.3000 - P 408.750.3001 - F For more Sales Information, please visit us @ www.tripath.com/cont_s.htm For more Technical Information, please visit us @ www.tripath.com/data.htm 24 TDA2075A - Rev. 0.9/KLi/10.05 |
Price & Availability of TDA2075A
![]() |