Part Number Hot Search : 
MB151 SDA5650 M00000 CONTR ZEN056 764306 74ABT841 MSC82100
Product Description
Full Text Search
 

To Download SN5474LS151 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SN54/74LS151 8-INPUT MULTIPLEXER
The TTL / MSI SN54 / 74LS151 is a high speed 8-input Digital Multiplexer. It provides, in one package, the ability to select one bit of data from up to eight sources. The LS151 can be used as a universal function generator to generate any logic function of four variables. Both assertion and negation outputs are provided.
8-INPUT MULTIPLEXER
LOW POWER SCHOTTKY
* * * * *
Schottky Process for High Speed Multifunction Capability On-Chip Select Logic Decoding Fully Buffered Complementary Outputs Input Clamp Diodes Limit High Speed Termination Effects
J SUFFIX CERAMIC CASE 620-09
CONNECTION DIAGRAM DIP (TOP VIEW)
VCC 16 I4 15 I5 14 I6 13 I7 12 S0 11 S1 10 S2 9
16 1
16 1
N SUFFIX PLASTIC CASE 648-08
1 I3
2 I2
3 I1
4 I0
5 Z
6 Z
7 E
8 GND
16 1
D SUFFIX SOIC CASE 751B-03
ORDERING INFORMATION
SN54LSXXXJ SN74LSXXXN SN74LSXXXD Ceramic Plastic SOIC
PIN NAMES S0 - S2 E I0 - I7 Z Z Select Inputs Enable (Active LOW) Input Multiplexer Inputs Multiplexer Output (Note b) Complementary Multiplexer Output (Note b)
LOADING (Note a) HIGH 0.5 U.L. 0.5 U.L. 0.5 U.L. 10 U.L. 10 U.L. LOW 0.25 U.L. 0.25 U.L. 0.25 U.L. 5 (2.5) U.L. 5 (2.5) U.L.
LOGIC SYMBOL
7 4 3 2 1 15 14 13 12 E I0 I1 I2 I3 I4 I5 I6 I7 S0 S1 S2 Z Z 6 5
NOTES: a) 1 TTL Unit Load (U.L.) = 40 A HIGH/1.6 mA LOW. b) The Output LOW drive factor is 2.5 U.L. for Military (54) and 5 U.L. for Commercial (74) Temperature Ranges.
11 10 9
VCC = PIN 16 GND = PIN 8
FAST AND LS TTL DATA 5-1
SN54/74LS151
LOGIC DIAGRAM
S2 S1 S0 E
11 7 9 10
I0
4
I1
3
I2
2
I3
1
I4
15
I5
14
I6
13
I7
12
VCC = PIN 16 GND = PIN 8 = PIN NUMBERS
6
5
Z
Z
FUNCTIONAL DESCRIPTION The LS151 is a logical implementation of a single pole, 8-position switch with the switch position controlled by the state of three Select inputs, S0, S1, S2. Both assertion and negation outputs are provided. The Enable input (E) is active LOW. When it is not activated, the negation output is HIGH and the assertion output is LOW regardless of all other inputs. The logic function provided at the output is:
Z = E (I0 S0 S1 S2 + I1 S0 S1 S2 + I2 S0 S1 S2 + I3 S0 S1 S2 + I4 S0 S1 S2 + I5 S0 S1 S2 + I6 S0 S1 S2 + I7 S0 S1 S2). The LS151 provides the ability, in one package, to select from eight sources of data or control information. By proper manipulation of the inputs, the LS151 can provide any logic function of four variables and its negation.
TRUTH TABLE
E H L L L L L L L L L L L L L L L L S2 X L L L L L L L L H H H H H H H H S1 X L L L L H H H H L L L L H H H H S0 X L L H H L L H H L L H H L L H H I0 X L H X X X X X X X X X X X X X X I1 X X X L H X X X X X X X X X X X X I2 X X X X X L H X X X X X X X X X X I3 X X X X X X X L H X X X X X X X X I4 X X X X X X X X X L H X X X X X X I5 X X X X X X X X X X X L H X X X X I6 X X X X X X X X X X X X X L H X X I7 X X X X X X X X X X X X X X X L H Z H H L H L H L H L H L H L H L H L Z L L H L H L H L H L H L H L H L H
H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care
FAST AND LS TTL DATA 5-2
SN54/74LS151
GUARANTEED OPERATING RANGES
Symbol VCC TA IOH IOL Supply Voltage Operating Ambient Temperature Range Output Current -- High Output Current -- Low Parameter 54 74 54 74 54, 74 54 74 Min 4.5 4.75 - 55 0 Typ 5.0 5.0 25 25 Max 5.5 5.25 125 70 - 0.4 4.0 8.0 Unit V C mA mA
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits Symbol S bl VIH VIL VIK VOH Parameter P Input HIGH Voltage Input LOW Voltage Input Clamp Diode Voltage Output HIGH Voltage 54 74 54, 74 VOL Output LOW Voltage 74 Input HIGH Current Input LOW Current Short Circuit Current (Note 1) Power Supply Current - 20 0.35 0.5 20 0.1 - 0.4 - 100 10 V A mA mA mA mA 2.5 2.7 54 74 - 0.65 3.5 3.5 0.25 0.4 Min 2.0 0.7 0.8 - 1.5 Typ Max Unit Ui V V V V V V Test C di i Conditions T Guaranteed Input HIGH Voltage for All Inputs Guaranteed Input LOW Voltage for All Inputs VCC = MIN, IIN = - 18 mA VCC = MIN, IOH = MAX, VIN = VIH or VIL per Truth Table IOL = 4.0 mA IOL = 8.0 mA VCC = VCC MIN, VIN = VIL or VIH per Truth Table
IIH IIL IOS ICC
VCC = MAX, VIN = 2.7 V VCC = MAX, VIN = 7.0 V VCC = MAX, VIN = 0.4 V VCC = MAX VCC = MAX
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (TA = 25C)
Limits Symbol S bl tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL Parameter P Propagation Delay Select to Output Z Propagation Delay Select to Output Z Propagation Delay Enable to Output Z Propagation Delay Enable to Output Z Propagation Delay Data to Output Z Propagation Delay Data to Output Z Min Typ 27 18 14 20 26 20 15 18 20 16 13 12 Max 43 30 23 32 42 32 24 30 32 26 21 20 Unit Ui ns ns ns ns ns ns Test C di i Conditions T
VCC = 5.0 V 50 CL = 15 pF
AC WAVEFORMS
VIN 1.3 V tPHL VOUT 1.3 V 1.3 V tPLH 1.3 V VOUT VIN 1.3 V tPHL 1.3 V tPLH 1.3 V 1.3 V
Figure 1
Figure 2
FAST AND LS TTL DATA 5-3


▲Up To Search▲   

 
Price & Availability of SN5474LS151

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X